Part Number Hot Search : 
08783 D2NC60 TMBH8 473K1 41100 SK2545 ELECTRON E105CA
Product Description
Full Text Search
 

To Download CD0603-B0130L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cd0603/1005 schottky barrier chip diode series *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. features lead free as standard rohs compliant* leadless low stored charge applications cellular phones pdas desktop pcs and notebooks digital cameras mp3 players general information the markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop inc reasingly smaller electronic components. bourns offers small-signal high-speed schottky barrier diodes for switching and rectification applications, in compact chip pac kage 0603 and 1005 size format, which offer pcb real estate savings and are considerably smaller than most competitive parts. the schottky ba rrier diodes offer a forward current of 30 ma, 100 ma or 200 ma, a reverse voltage of 30 v and 40 v and also have a low forward voltage opti on. the diodes are lead free with cu/ni/au plated terminations and are compatible with lead free manufacturing processes, conforming to many industry and government regulations on lead free components. bourns chip diodes conform to jedec standards, easy to handle on standard pick and place equipment and their flat configuration makes roll away much more difficult. parameter symbol cdxxxx- cdxxxx- cdxxxx- cdxxxx- cdxxxx- cdxxxx- unit b00340 b0130l b0140l b0140r b0230 b0240 forward voltage (max.) v f 0.37 0.44 0.55 0.45 0.50 0.55 v (i f = 1 ma) (i f = 0.1 a) (i f = 0.1 a) (i f = 0.01 a) (i f = 0.2 a) (i f = 0.2 a) capacitance between 1.5 9 9 9 12 12 terminals (max.) c t (v r = 1 v) (v r = 10 v) (v r = 10 v) (v r = 10 v) (v r = 10 v) (v r = 10 v) pf (f = 1 mhz) reverse current (max.) i r 1 30 30 1 30 10 ? (v r = 40 v) (v r = 30 v) (v r = 10 v) (v r = 10 v) (v r = 30 v) (v r = 30 v) electrical characteristics (@ t a = 25 ? unless otherwise noted) how to order cd 0603 - b 01 30 l common code chip diode package ?0603 ?1005 model b = schottky barrier series average forward current (i o ) code 003 = 30 ma 01 = 100 ma 02 = 200 ma (code x 1000 ma = average forward current) reverse voltage (v r ) code 30 = 30 v 40 = 40 v forward voltage suffix l = low forward voltage v f (cdxxxx-b0130l) r = low reverse current v r (cdxxxx-b0140r) *rohs compliant
cd0603/1005 schottky barrier chip diode series specifications are subject to change without notice. customers should verify actual device performance in their specific applications. parameter symbol cd0603- cd0603- cd0603- cd0603- cd0603- cd0603- unit b00340 b0130l b0140l b0140r b0230 b0240 repetitive peak reverse voltage v rrm 45 35 45 45 35 45 v reverse voltage v r 40 30 40 40 30 40 v average forward current i o 30 100 100 100 200 200 ma forward current, surge peak i surge 500* 1000* 1000* 1000* 2000* 2000* ma power dissipation pd 150 mw storage temperature t stg -40 to +125 ? junction temperature t j -40 to +125 ? absolute ratings (@ t a = 25 ? unless otherwise noted) * condition: 8.3 ms single half sine-wave superimposed on rate load (jedec method). parameter symbol cd1005- cd1005- cd1005- cd1005- cd1005- cd1005- unit b00340 b0130l b0140l b0140r b0230 b0240 repetitive peak reverse voltage v rrm 45 35 45 45 35 45 v reverse voltage v r 40 30 40 40 30 40 v average forward current i o 30 100 100 100 200 200 ma forward current, surge peak i surge 500* 1000* 1000* 1000* 3000* 3000* ma power dissipation pd 200 250 250 250 250 250 mw storage temperature t stg -40 to +125 ? junction temperature t j -40 to +125 ?
cdxxxx-b00340 .............................................................................. b2 cdxxxx-b0130l .............................................................................. b3 cdxxxx-b0140l .............................................................................. b7 cdxxxx-b0140r.............................................................................. b8 cdxxxx-b0230 ................................................................................ b5 cdxxxx-b0240 ................................................................................ b9 specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cd0603/1005 schottky barrier chip diode series dimension 0603 1005 a 1.60 - 1.80 2.40 - 2.60 (0.063 - 0.071) (0.095 - 0.102) b 0.80 - 1.00 1.10 - 1.30 (0.031 - 0.039) (0.043 - 0.051) c 0.25 typ. 0.35 typ. (0.010) (0.014) d 0.70 - 0.85 0.70 - 0.90 (0.027 - 0.033) (0.027 - 0.035) e 0.35 typ. 0.35 typ. (0.014) (0.014) f 0.30 typ. 0.30 typ. (0.012) (0.012) product dimensions recommended pad layout physical specifications typical part marking case ....................................0603(1608) / 1005(2512) molded plastic terminals ......................solder plated, solderable per mil-std-750, method 2026 polarity ....................................................indicated by cathode band mounting position ........................................................................any weight ............................................0.000159 ounces / 0.0045 grams a c f e b d a c b mm (inches) dimensions: dimension 0603 1005 a (max.) 1.70 2.10 (0.067) (0.082) b (min.) 0.80 1.20 (0.031) (0.047) c (min.) 0.60 1.20 (0.024) (0.047) mm (inches) dimensions:
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cd0603/1005 schottky barrier chip diode series rating and characteristic curves: cdxxxx-b00340 derating curve capacitance between terminals forward characteristics reverse characteristics 10 1 0.1 0.01 forward current (mamps) 0.0 0.1 0.2 0.3 0.4 0.5 forward voltage (volts) 125 c 85 c -25 c 25 c 10 100 reverse current (na) 1000 10000 1000000 100000 010203040 reverse voltage (volts) 25 c 85 c 125 c 120 100 80 60 40 20 0 0 25 50 75 100 125 150 i 0 current (%) ambient temperature ( c) mounting on glass epoxy pcbs 16 8 10 12 14 6 4 2 0 0 5 10 15 20 25 30 capacitance between terminals (pf) reverse voltage (volts) f = 1 mhz ta = 25 c
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cd0603/1005 schottky barrier chip diode series rating and characteristic curves: cdxxxx-b0130l derating curve capacitance between terminals forward characteristics reverse characteristics 1000 100 1 forward current (mamps) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 forward voltage (volts) 10 125 c 85 c -25 c 25 c 10 100 reverse current (na) 1000000 1000 10000 100000 0 5 10 15 20 25 30 reverse voltage (volts) 25 c 85 c 125 c 120 100 80 60 40 20 0 0 25 50 75 100 125 150 i 0 current (%) ambient temperature ( c) mounting on glass epoxy pcbs 16 8 10 12 14 6 4 2 0 0 5 10 15 20 25 30 capacitance between terminals (pf) reverse voltage (volts) f = 1 mhz ta = 25 c
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cd0603/1005 schottky barrier chip diode series rating and characteristic curves: cdxxxx-b0140l derating curve capacitance between terminals forward characteristics reverse characteristics 1000 1 forward current (mamps) 0.0 0.2 0.3 0.5 0.4 forward voltage (volts) 0.1 0.6 0.7 10 100 125 c 75 c -25 c 25 c 1n 10n 100n 1u 10u 100u 1m 10m reverse current (a) 010203040 reverse voltage (volts) -25 c 25 c 75 c 120 100 80 60 40 20 0 0 25 50 75 100 125 150 i 0 current (%) ambient temperature ( c) mounting on glass epoxy pcbs 20 8 10 12 14 16 18 6 4 2 0 010 51520253035 capacitance between terminals (pf) reverse voltage (volts) f = 1 mhz ta = 25 c
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cd0603/1005 schottky barrier chip diode series rating and characteristic curves: cdxxxx-b0140r derating curve capacitance between terminals forward characteristics reverse characteristics 1000 0.1 1 forward current (mamps) 0.0 0.2 0.8 0.4 forward voltage (volts) 0.6 1.0 10 100 125 c 75 c -25 c 25 c 1n 10n 100n 1u 10u 100u 1m reverse current (a) 010203040 reverse voltage (volts) 25 c 125 c -25 c 75 c 120 100 80 60 40 20 0 0 25 50 75 100 125 150 i 0 current (%) ambient temperature ( c) mounting on glass epoxy pcbs 20 8 10 12 14 16 18 6 4 2 0 010 51520253035 capacitance between terminals (pf) reverse voltage (volts) f = 1 mhz ta = 25 c
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cd0603/1005 schottky barrier chip diode series rating and characteristic curves: cdxxxx-b0230 derating curve capacitance between terminals forward characteristics reverse characteristics 1000 1 forward current (mamps) 0.0 0.2 0.3 0.5 0.4 forward voltage (volts) 0.1 10 100 125 c 85 c -25 c 25 c 10 100 reverse current (na) 1000 10000 100000 1000000 10000000 0 5 10 15 20 25 30 35 reverse voltage (volts) 25 c 85 c 125 c 120 100 80 60 40 20 0 0 25 50 75 100 125 150 i 0 current (%) ambient temperature ( c) mounting on glass epoxy pcbs 100.0 40.0 50.0 60.0 70.0 80.0 90.0 30.0 20.0 10.0 0.0 010 51520253035 capacitance between terminals (pf) reverse voltage (volts) f = 1 mhz ta = 25 c
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cd0603/1005 schottky barrier chip diode series rating and characteristic curves: cdxxxx-b0240 derating curve capacitance between terminals forward characteristics reverse characteristics 1000 0.001 forward current (mamps) 0.0 0.2 0.3 0.5 0.4 forward voltage (volts) 0.1 0.6 0.7 0.1 1 0.01 10 100 125 c -25 c 25 c 75 c 1n 10n reverse current (a) 100n 1u 10u 100u 1m 10m 0 10 20 30 40 reverse voltage (volts) -25 c 25 c 125 c 75 c 120 100 80 60 40 20 0 0 25 50 75 100 125 150 i 0 current (%) ambient temperature ( c) mounting on glass epoxy pcbs 100 40 50 60 70 80 90 30 20 10 0 010 51520253035 capacitance between terminals (pf) reverse voltage (volts) f = 1 mhz ta = 25 c
cd0603/1005 schottky barrier chip diode series packaging information the product will be dispensed in tape and reel format (see diagram below). copyright? 2003, bourns, inc. litho in u.s.a. 10/03 e/ipa0303 ....... ....... ....... ....... ....... ....... ....... ....... p a f e t 120 d 2 d d 1 w 1 c index hole p 0 p 1 w b 10 pitches (min.) direction of feed 10 pitches (min.) end trailer device leader start d item symbol 0603 1005 carrier width a 1.00 0.10 1.55 0.10 (0.039 - 0.004) (0.061 - 0.004) carrier length b 1.85 0.10 2.65 0.10 (0.073 - 0.004) (0.104 - 0.004) carrier depth c 1.00 0.10 1.05 0.10 (0.039 - 0.004) (0.041 - 0.004) sprocket hole d 1.55 0.05 1.55 0.10 (0.061 - 0.002) (0.061 - 0.004) reel outside diameter d 178 178 (7.008) (7.008) reel inner diameter d 1 60.0 min. 60.0 min. (2.362) (2.362) feed hole diameter d 2 13.0 0.20 13.0 0.20 (0.512 - 0.008) (0.512 - 0.008) sprocket hole position e 1.75 0.10 1.75 0.10 (0.069 - 0.004) (0.069 - 0.004) punch hole position f 3.50 0.05 3.50 0.05 (0.138 - 0.002) (0.138 - 0.002) punch hole pitch p 4.00 0.10 4.00 0.10 (0.157 - 0.004) (0.157 - 0.004) sprocket hole pitch p 0 4.00 0.10 4.00 0.10 (0.157 - 0.004) (0.157 - 0.004) embossment center p 1 2.00 0.05 2.00 0.05 (0.079 - 0.002) (0.079 - 0.002) overall tape thickness t 0.20 0.05 0.25 0.05 (0.008 - 0.002) (0.010 - 0.002) tape width w 8.00 0.20 8.00 0.20 (0.315 - 0.008) (0.315 - 0.008) reel width w 1 13.5 max. 13.5 max. (0.531) (0.531) quantity per reel -- 4,000 4,000 devices are packed in accordance with eia standard rs-481-a and specifications shown here. mm (inches) dimensions: rev. 07/05 specifications are subject to change without notice. customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of CD0603-B0130L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X