Part Number Hot Search : 
V225N AC1501 100ML 35000 GOG94020 5KP75A EP314 102KA
Product Description
Full Text Search
 

To Download 74VCX16374DT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2004 november, 2004 ? rev. 5 1 publication order number: 74vcx16374/d 74vcx16374 low-voltage 1.8/2.5/3.3v 16-bit d-type flip-flop with 3.6 v?tolerant inputs and outputs (3?state, non?inverting) the 74vcx16374 is an advanced performance, non?inverting 16?bit d?type flip?flop. it is designed for very high?speed, very low?power operation in 1.8 v, 2.5 v or 3.3 v systems. the vcx16374 is byte controlled, with each byte functioning identically, but independently. each byte has separate output enable and clock pulse inputs. these control pins can be tied together for a full 16?bit operation. when operating at 2.5 v (or 1.8 v) the part is designed to tolerate voltages it may encounter on either inputs or outputs when interfacing to 3.3 v busses. it is guaranteed to be overvoltage tolerant to 3.6 v. the 74vcx16374 consists of 16 edge?triggered flip?flops with individual d?type inputs and 3.6 v?tolerant 3?state outputs. the clocks (cpn) and output enables (oen ) are common to all flip?flops within the respective byte. the flip?flops will store the state of individual d inputs that meet the setup and hold time requirements on the low?to?high clock (cp) transition. with the oe low, the contents of the flip?flops are available at the outputs. when the oe is high, the outputs go to the high impedance state. the oe input level does not affect the operation of the flip?flops. features ? designed for low voltage operation: v cc = 1.65 v ? 3.6 v ? 3.6 v tolerant inputs and outputs ? high speed operation: 3.0 ns max for 3.0 v to 3.6 v 3.9 ns max for 2.3 v to 2.7 v 7.8 ns max for 1.65 v to 1.95 v ? static drive: 24 ma drive at 3.0 v 18 ma drive at 2.3 v 6 ma drive at 1.65 v ? supports live insertion and withdrawal ? i off specification guarantees high impedance when v cc = 0 v ? near zero static supply current in all three logic states (20  a) substantially reduces system power requirements ? latchup performance exceeds 250 ma @ 125 c ? esd performance: human body model >2000 v machine model >200 v ? all devices in package tssop are inherently pb?free* *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. marking diagram a = assembly location wl = wafer lot yy = year ww = work week tssop?48 dt suffix case 1201 1 48 vcx16374 awlyyww 1 48 pin names function output enable inputs clock pulse inputs inputs outputs pins oen cpn d0?d15 o0?o15 device package shipping 2 ordering information 74VCX16374DT tssop (pb?free) 39 / rail 74VCX16374DTr tssop (pb?free) 2500 / reel 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d. http://onsemi.com
74vcx16374 http://onsemi.com 2 figure 1. 48?lead pinout (top view) figure 2. logic diagram 48 1 cp1 oe1 47 2 d0 o0 46 3 d1 o1 45 4 gnd gnd 44 5 d2 o2 43 6 d3 o3 42 7 v cc v cc 41 8 d4 o4 40 9 d5 o5 39 10 gnd gnd 38 11 d6 o6 37 12 d7 o7 36 13 d8 o8 35 14 d9 o9 34 15 gnd gnd 33 16 d10 o10 32 17 d11 o11 31 18 v cc v cc 30 19 d12 o12 29 20 d13 o13 28 21 gnd gnd 27 22 d14 o14 26 23 d15 o15 25 24 cp2 oe2 o0 d0 o1 d1 o2 d2 o3 d3 o4 d4 o5 d5 o6 d6 o7 d7 ncp q d ncp q d ncp q d ncp q d ncp q d ncp q d ncp q d ncp q d cp1 oe1 o8 d8 o9 d9 o10 d10 o11 d11 o12 d12 o13 d13 o14 d14 o15 d15 ncp q d ncp q d ncp q d ncp q d ncp q d ncp q d ncp q d ncp q d cp2 oe2 1 48 24 25 2 47 3 46 5 44 6 43 8 41 9 40 11 38 12 37 13 36 14 35 16 33 17 32 19 30 20 29 22 27 23 26 1 48 25 24 d0 47 d1 46 d2 44 d3 43 o0 2 en1 oe1 cp1 cp2 oe2 o1 3 o2 5 o3 6 en2 en3 en4 d4 41 d5 40 d6 38 d7 37 o4 8 o5 9 o6 11 o7 12 d8 36 d9 35 d10 33 d11 32 o8 13 o9 14 o10 16 o11 17 d12 30 d13 29 d14 27 d15 26 o12 19 o13 20 o14 22 o15 23 1 ? 2 ? 3 ? 4 ? 1 1 1 1 figure 3. iec logic diagram
74vcx16374 http://onsemi.com 3 truth table inputs outputs inputs outputs cp1 oe1 d0:7 o0:7 cp2 oe2 d8:15 o8:15 l h h l h h l l l l l l x l x o0 x l x o0 x h x z x h x z h = high voltage level l = low voltage level z = high impedance state = low?to?high transition x = high or low voltage level and transitions are acceptable, for i cc reasons, do not float inputs o0 = no change absolute maximum ratings symbol parameter value condition unit v cc dc supply voltage ?0.5 to +4.6 v v i dc input voltage ?0.5 v i +4.6 v v o dc output voltage ?0.5 v o +4.6 output in 3?state v ?0.5 v o v cc + 0.5 note 1; outputs active v i ik dc input diode current ?50 v i < gnd ma i ok dc output diode current ?50 v o < gnd ma +50 v o > v cc ma i o dc output source/sink current 50 ma i cc dc supply current per supply pin 100 ma i gnd dc ground current per ground pin 100 ma t stg storage temperature range ?65 to +150 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. 1. i o absolute maximum rating must be observed. recommended operating conditions symbol parameter min typ max unit v cc supply voltage operating data retention only 1.65 1.2 3.3 3.3 3.6 3.6 v v i input voltage ?0.3 3.6 v v o output voltage (active state) (3?state) 0 0 v cc 3.6 v i oh high level output current, v cc = 3.0 v ? 3.6 v ?24 ma i ol low level output current, v cc = 3.0 v ? 3.6 v 24 ma i oh high level output current, v cc = 2.3 v ? 2.7 v ?18 ma i ol low level output current, v cc = 2.3 v ? 2.7 v 18 ma i oh high level output current, v cc = 1.65 v ? 1.95 v ?6 ma i ol low level output current, v cc = 1.65 v ? 1.95 v 6 ma t a operating free?air temperature ?40 +85 c  t/  v input transition rise or fall rate, v in from 0.8 v to 2.0 v, v cc = 3.0 v 0 10 ns/v
74vcx16374 http://onsemi.com 4 dc electrical characteristics t a = ?40 c to +85 c symbol characteristic condition min max unit v ih high level input voltage (note 2) 1.65 v v cc < 2.3 v 0.65 x v cc v 2.3 v v cc 2.7 v 1.6 2.7 v < v cc 3.6 v 2.0 v il low level input voltage (note 2) 1.65 v v cc < 2.3 v 0.35 x v cc v 2.3 v v cc 2.7 v 0.7 2.7 v < v cc 3.6 v 0.8 v oh high level output voltage 1.65 v v cc 3.6 v; i oh = ?100  a v cc ? 0.2 v v cc = 1.65 v; i oh = ?6 ma 1.25 v cc = 2.3 v; i oh = ?6 ma 2.0 v cc = 2.3 v; i oh = ?12 ma 1.8 v cc = 2.3 v; i oh = ?18 ma 1.7 v cc = 2.7 v; i oh = ?12 ma 2.2 v cc = 3.0 v; i oh = ?18 ma 2.4 v cc = 3.0 v; i oh = ?24 ma 2.2 v ol low level output voltage 1.65 v v cc 3.6 v; i ol = 100  a 0.2 v v cc = 1.65 v; i ol = 6 ma 0.3 v cc = 2.3 v; i ol = 12 ma 0.4 v cc = 2.3 v; i ol = 18 ma 0.6 v cc = 2.7 v; i ol = 12 ma 0.4 v cc = 3.0 v; i ol = 18 ma 0.4 v cc = 3.0 v; i ol = 24 ma 0.55 i i input leakage current 1.65 v v cc 3.6 v; 0 v v i 3.6 v 5.0  a i oz 3?state output current 1.65 v v cc 3.6 v; 0 v v o 3.6 v; v i = v ih or v il 10  a i off power?off leakage current v cc = 0 v; v i or v o = 3.6 v 10  a i cc quiescent supply current (note 3) 1.65 v v cc 3.6 v; v i = gnd or v cc 20  a 1.65 v v cc 3.6 v; 3.6 v v i , v o 3.6 v 20  a  i cc increase in i cc per input 2.7 v < v cc 3.6 v; v ih = v cc ? 0.6 v 750  a 2. these values of v i are used to test dc electrical characteristics only. 3. outputs disabled or 3?state only.
74vcx16374 http://onsemi.com 5 ac characteristics (note 4; t r = t f = 2.0 ns; c l = 30 pf; r l = 500  ) t a = ?40 c to +85 c v cc = 3.0 v to 3.6 v v cc = 2.3 v to 2.7 v v cc = 1.65 v to 1.95 v symbol parameter waveform min max min max min max unit f max clock pulse frequency 1 250 200 100 mhz t plh t phl propagation delay cp?to?on 1 0.8 0.8 3.0 3.0 1.0 1.0 3.9 3.9 1.5 1.5 7.8 7.8 ns t pzh t pzl output enable time to high and low level 2 0.8 0.8 3.5 3.5 1.0 1.0 4.6 4.6 1.5 1.5 9.2 9.2 ns t phz t plz output disable time from high and low level 2 0.8 0.8 3.5 3.5 1.0 1.0 3.8 3.8 1.5 1.5 6.8 6.8 ns t s setup time, high or low dn?to?cp 3 1.5 1.5 2.5 ns t h hold time, high or low dn?to?cp 3 1.0 1.0 1.0 ns t w cp pulse width, high 3 1.5 1.5 4.0 ns t oshl t oslh output?to?output skew (note 5) 0.5 0.5 0.5 0.5 0.75 0.75 ns 4. for c l = 50 pf, add approximately 300 ps to the ac maximum specification. 5. skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same d evice. the specification applies to any outputs switching in the same direction, either high?to?low (t oshl ) or low?to?high (t oslh ); parameter guaranteed by design. ac characteristics (t r = t f = 2.0 ns; c l = 50 pf; r l = 500  ) t a = ?40 c to +85 c v cc = 3.0 v to 3.6 v v cc = 2.7 v symbol parameter waveform min max min max unit f max clock pulse frequency 4 150 150 mhz t plh t phl propagation delay cp?to?on 4 1.0 1.0 4.2 4.2 4.9 4.9 ns t pzh t pzl output enable time to high and low level 5 1.0 1.0 4.8 4.8 5.9 5.9 ns t phz t plz output disable time from high and low level 5 1.0 1.0 4.3 4.3 4.7 4.7 ns t oshl t oslh output?to?output skew (note 6) 0.5 0.5 0.5 0.5 ns 6. skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same d evice. the specification applies to any outputs switching in the same direction, either high?to?low (t oshl ) or low?to?high (t oslh ); parameter guaranteed by design.
74vcx16374 http://onsemi.com 6 dynamic switching characteristics t a = +25 c symbol characteristic condition typ unit v olp dynamic low peak voltage (n t 7) v cc = 1.8 v, c l = 30 pf, v ih = v cc , v il = 0 v 0.25 v olp yg (note 7) v cc = 2.5 v, c l = 30 pf, v ih = v cc , v il = 0 v 0.6 v cc = 3.3 v, c l = 30 pf, v ih = v cc , v il = 0 v 0.8 v olv dynamic low valley voltage (note 7) v cc = 1.8 v, c l = 30 pf, v ih = v cc , v il = 0 v ?0.25 v olv yyg (note 7) v cc = 2.5 v, c l = 30 pf, v ih = v cc , v il = 0 v ?0.6 v cc = 3.3 v, c l = 30 pf, v ih = v cc , v il = 0 v ?0.8 v ohv dynamic high valley voltage (note 8) v cc = 1.8 v, c l = 30 pf, v ih = v cc , v il = 0 v 1.5 v ohv yyg (note 8) v cc = 2.5 v, c l = 30 pf, v ih = v cc , v il = 0 v 1.9 v cc = 3.3 v, c l = 30 pf, v ih = v cc , v il = 0 v 2.2 7. number of outputs defined as ano. measured with an?1o outputs switching from high?to?low or low?to?high. the remaining output is measured in the low state. 8. number of outputs defined as ano. measured with an?1o outputs switching from high?to?low or low?to?high. the remaining output is measured in the high state. capacitive characteristics symbol parameter condition typical unit c in input capacitance note 9 6 pf c out output capacitance note 9 7 pf c pd power dissipation capacitance note 9, 10 mhz 20 pf 9. v cc = 1.8 v, 2.5 v or 3.3 v; v i = 0 v or v cc .
74vcx16374 http://onsemi.com 7 waveform 1 ? propagation delays, setup and hold times t r = t f = 2.0 ns, 10% to 90%; f = 1 mhz; t w = 500 ns v ih 0 v dn cpn vm on v ih 0 v v oh v ol t plh , t phl t h t s vm vm f max waveform 2 ? output enable and disable times t r = t f = 2.0 ns, 10% to 90%; f = 1 mhz; t w = 500 ns v ih 0 v 0 v oen on t pzh v cc t phz t pzl t plz on vm vm vm v oh vy vx v ol vm figure 4. ac waveforms vm vm waveform 3 ? pulse width t r = t f = 2.0 ns (or fast as required) from 10% to 90% v ih 0 v v ih 0 v vm vm t w vm vm t w cpn cpn figure 5. ac waveforms table 1. ac waveforms v cc symbol 3.3 v 0.3 v 2.5 v 0.2 v 1.8 v 0.15 v v ih 2.7 v v cc v cc v m 1.5 v v cc /2 v cc /2 v x v ol + 0.3 v v ol + 0.15 v v ol + 0.15 v v y v oh ? 0.3 v v oh ? 0.15 v v oh ? 0.15 v
74vcx16374 http://onsemi.com 8 open pulse generator r t dut v cc r l r l c l 6 v or v cc 2 gnd figure 6. test circuit table 2. test circuit test switch t plh , t phl open t pzl , t plz 6 v at v cc = 3.3 0.3 v; v cc 2 at v cc = 2.5 0.2 v; 1.8 0.15 v t pzh , t phz gnd c l = 30 pf or equivalent (includes jig and probe capacitance) r l = 500  or equivalent r t = z out of pulse generator (typically 50  )
74vcx16374 http://onsemi.com 9 waveform 4 ? propagation delays, setup and hold times t r = t f = 2.0 ns, 10% to 90%; f = 1 mhz; t w = 500 ns v ih 0 v dn cpn vm on v ih 0 v v oh v ol t plh , t phl t h t s vm vm f max waveform 5 ? output enable and disable times t r = t f = 2.0 ns, 10% to 90%; f = 1 mhz; t w = 500 ns v ih 0 v 0 v oen on t pzh v cc t phz t pzl t plz on vm vm vm v oh vy vx v ol vm figure 7. ac waveforms vm vm waveform 6 ? pulse width t r = t f = 2.0 ns (or fast as required) from 10% to 90% v ih 0 v v ih 0 v vm vm t w vm vm t w cpn cpn figure 8. ac waveforms table 3. ac waveforms v cc symbol 3.3 v 0.3 v 2.7 v v ih 2.7 v 2.7 v v m 1.5 v 1.5 v v x v ol + 0.3 v v ol + 0.3 v v y v oh ? 0.3 v v oh ? 0.3 v
74vcx16374 http://onsemi.com 10 open pulse generator r t dut v cc r l r l c l 6 v or v cc 2 gnd figure 9. test circuit table 4. test circuit test switch t plh , t phl open t pzl , t plz 6 v at v cc = 3.3 0.3 v; v cc 2 at v cc = 2.5 0.2 v; 1.8 0.15 v t pzh , t phz gnd c l = 50 pf or equivalent (includes jig and probe capacitance) r l = 500  or equivalent r t = z out of pulse generator (typically 50  )
74vcx16374 http://onsemi.com 11 package dimensions tssop dt suffix case 1201?01 issue a ??? ??? ??? s u m 0.12 (0.005) v s t s u m 0.254 (0.010) t ?v? b a l k ?u? 48x ref pin 1 ident. 124 25 48 0.076 (0.003) seating d ?t? plane dim min max min max inches millimeters a 12.40 12.60 0.488 0.496 b 6.00 6.20 0.236 0.244 c --- 1.10 --- 0.043 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.50 bsc 0.0197 bsc h 0.37 --- 0.015 --- j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.17 0.27 0.007 0.011 k1 0.17 0.23 0.007 0.009 l 7.95 8.25 0.313 0.325 m 0 8 0 8  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 5. terminal numbers are shown for reference only. 6. dimensions a and b are to be determined at datum plane -w-. c g h ?w? detail e j k1 k j1 section n?n m 0.25 (0.010) f detail e n n
74vcx16374 http://onsemi.com 12 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 74vcx16374/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of 74VCX16374DT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X