Part Number Hot Search : 
15514 GROKA P3N150 OM6228SS MUR824 JANTX1 JANTX1 LINEAR
Product Description
Full Text Search
 

To Download 610-3132-120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features / benefits 610 series led panel mount indicators for 10mm mounting hole dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com mdel610x001_a a roxboro group company applications dialight's 600 series of metric indicators are designed for a variety of applications such as: ? main and remote power indication ? status indication ? maintenance and warning indication ? instrumentation ...and many more! specifications part number color voltage current typ. intensity lens shape housing figure (vdc) (ma) (mcd) 610-3132-120 red 6 15 60 round polycarbonate 1 610-3232-120 green 6 15 110 round polycarbonate 1 610-3332-120 yellow 6 15 90 round polycarbonate 1 610-4132-120 red 6 15 60 square polycarbonate 2 610-4232-120 green 6 15 110 square polycarbonate 2 610-4332-120 yellow 6 15 90 square polycarbonate 2 fig. 1 fig. 2 dimensions in inches [mm] all measurements are typical s long life - typically 100k hours s low power consumption - uses up to 90% less energy than an incandescent indicator s no heat generated s colors include red, green and yellow s front panel mounting s round or square lens shape s voltage requirements: 6 vdc (no limiting resistor required) s electrical connection through solder terminals s mounting hole size: 0.406 inches (10.3 mm) s maximum panel thickness: 0.236 inches (6 mm) s mounts with lock washer and nut (0.217 lbs/ft or 3 kg/cm torque recommended) s operating temperature : -25oc to +85oc s storage temperature: -25oc to +100oc s housing material: polycarbonate s lens material: polycarbonate to match emitting color solder terminals dialight reserves the right to make changes at any time in order to supply the best product possible.


▲Up To Search▲   

 
Price & Availability of 610-3132-120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X