Part Number Hot Search : 
N3906 1N5401 1N5820 473ML C1938R BU90T82 MA3Z080E 85EPS08
Product Description
Full Text Search
 

To Download 607-3232-120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features / benefits 607 series led panel mount indicators for 7mm mounting hole dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com mdel607x001_a a roxboro group company applications dialight's 600 series of metric indicators are designed for a variety of applications such as: ? main and remote power indication ? status indication ? maintenance and warning indication ? instrumentation ...and many more! specifications fig. 1 fig. 2 fig. 3 fig. 4 fig. 5 dimensions in inches [mm] all measurements are typical s long life - typically 100k hours s low power consumption - uses up to 90% less energy than an incandescent indicator s no heat generated s colors include red, green and yellow s front panel mounting s chrome or plastic housing s voltage requirements: 2 vdc (current limiting resistor required) 6 and 12 vdc (no resistor required) s electrical connection through solder terminals s mounting hole size: 0.287 inches (7.3 mm) s maximum panel thickness: see reverse side s mounts with lock washer and nut 0.362 lbs/ft or 5 kg/cm torque recommended 0.217 lbs/ft or 3 kg/cm torque recommended (figure 5 only) s operating temperature : -25oc to +85oc s storage temperature: -25oc to +85oc s housing material: chrome plated brass polycarbonate to match emitting color - (figure 5) dialight reserves the right to make changes at any time in order to supply the best product possible.
dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com a roxboro group company mdel607x001_a 607 series led panel mount indicators for 7mm mounting hole part number color voltage current intensity led positions finish figure panel (vdc) (ma) typ. (mcd) thickness 607-1112-110 red 2 15 22 protruding chrome 1 607-1212-110 green 2 15 50 protruding chrome 1 607-1312-110 yellow 2 15 66 protruding chrome 1 607-1112-120 red 6 15 22 protruding chrome 2 607-1212-120 green 6 15 50 protruding chrome 2 607-1312-120 yellow 6 15 66 protruding chrome 2 607-1112-130 red 12 15 22 protruding chrome 2 607-1212-130 green 12 15 50 protruding chrome 2 607-1312-130 yellow 12 15 66 protruding chrome 2 607-2112-110 red 2 15 22 recess chrome 3 607-2212-110 green 2 15 50 recess chrome 3 607-2312-110 yellow 2 15 66 recess chrome 3 607-2112-120 red 6 15 22 recess chrome 4 607-2212-120 green 6 15 50 recess chrome 4 607-2312-120 yellow 6 15 66 recess chrome 4 607-2112-130 red 12 15 22 recess chrome 4 607-2212-130 green 12 15 50 recess chrome 4 607-2312-130 yellow 12 15 66 recess chrome 4 607-3132-120 red 6 15 20 internal polycarbonate* 5 607-3232-120 green 6 15 45 internal polycarbonate* 5 607-3332-120 yellow 6 15 60 internal polycarbonate* 5 607-3132-130 red 12 15 20 internal polycarbonate* 5 607-3232-130 green 12 15 45 internal polycarbonate* 5 607-3332-130 yellow 12 15 60 internal polycarbonate* 5 * match emitting color 0.138 inches (3.5mm) 0.138 inches (3.5mm) 0.236 inches (6mm) 0.236 inches (6mm) 0.236 inches (6mm) dialight reserves the right to make changes at any time in order to supply the best product possible. specifications


▲Up To Search▲   

 
Price & Availability of 607-3232-120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X