Part Number Hot Search : 
T1206 AWS5502 2N6648 IRF840 80N03 1N4731A AD4006 SMAJ58A
Product Description
Full Text Search
 

To Download 53517-1310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/16/2010 please check www.molex.com for latest part information part number: 0535171310 status: active description: 2.50mm (.098") pitch mini-lock? wire-to-board pcb header, vertical, 13 circuits documents: 3d model product specification ps-51103-024 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-51103-006 (pdf) agency certification ul e29179 general product family pcb headers series 53517 application wire-to-board product name mini-lock? physical breakaway no circuits (loaded) 13 glow-wire compliant no keying to mating part yes lock to mating part yes material - metal phosphor bronze material - plating mating tin material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm polarized to mating part yes polarized to pcb yes shrouded fully stackable no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 3a voltage - maximum 250v material info reference - drawing numbers product specification ps-51103-006, ps-51103-024, rps-51103-001, rps-51103-003, rps-51103-020, rps-51103-035, rps-51103-043, rps-51103-049, rps-51103-057, rps-51163-001, rps-51163-003 sales drawing sd-53517-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 53517 series mates with 51103 crimp housing. 50351 crimp terminal
this document was generated on 04/16/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 53517-1310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X