Part Number Hot Search : 
MBRA140 STF70111 C8051F0 LM182 SAA73 LTC2309 HER306 1N4687
Product Description
Full Text Search
 

To Download 52418-1310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/16/2010 please check www.molex.com for latest part information part number: 0524181310 status: active description: 2.00mm (.079") pitch board-to-board receptacle, right angle, single row, friction lock, 13 circuits documents: 3d model product specification ps-52418-003 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-52418-002 (pdf) general product family pcb receptacles series 52418 application board-to-board product name n/a physical circuits (loaded) 13 color - resin natural durability (mating cycles max) 30 glow-wire compliant no material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin polyester number of rows 1 orientation right angle pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm plating min: mating (in) 36 plating min: mating (m) 0.90 plating min: termination (in) 36 plating min: termination (m) 0.90 polarized to pcb no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole - kinked pin electrical current - maximum per contact 1.5a voltage - maximum 125v material info reference - drawing numbers product specification ps-52418-002, ps-52418-003, rps-52418-001, rps-52418-004 sales drawing sd-52418-**10 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 52418 series mates with 53290 this document was generated on 04/16/2010
please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 52418-1310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X