Part Number Hot Search : 
JANSR TA1190A PEB24902 NTE4007 CPH3104 ESDA6V1 MSP430F 30620
Product Description
Full Text Search
 

To Download 0561178328 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/05/2010 please check www.molex.com for latest part information part number: 0561178328 status: active description: crc? shielded rectangular i/o male terminal, signal, sequential type, bag, lead- free documents: drawing (pdf) product specification ps-51238-018 (pdf) product specification ps-51238-017 (pdf) rohs certificate of compliance (pdf) general product family i/o connectors series 56117 application n/a component type terminal product name crc? type n/a physical boot color n/a circuits (loaded) n/a durability (mating cycles max) 100 gender male lock to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination tin orientation vertical pcb locator no packaging type bag panel mount n/a pitch - mating interface (in) 0.000 in pitch - mating interface (mm) 0.00 mm plating min: mating (in) 10 plating min: mating (m) 0.25 plating min: termination (in) 40 plating min: termination (m) 1 polarized to mating part n/a polarized to pcb n/a surface mount compatible (smc) n/a temperature range - operating -40c to +105c termination interface: style crimp or compression waterproof / dustproof no wire insulation diameter 2.20mm (.087") max. wire size awg 18, 22 electrical current - maximum per contact 7a shielded no voltage - maximum 250v ac (rms)/dc material info reference - drawing numbers product specification ps-51238-017, ps-51238-018, rps-51238-001 sales drawing sd-56117-004 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 56117 series mates with 56120 24-28 awg terminal, 56121 18-22 awg terminal use with 51233 pin housing assembly, 51234 socket housing assembly application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # extraction tool for crc? compact robot connector crimp male terminal 0638133300
hand tool for crc? shielded rectangular i/o male terminals, 18-22 awg 0638192100 japan description product # crimp hand tool (straight action) 0574075400 hand extraction tool 0574076000 this document was generated on 04/05/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0561178328

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X