Part Number Hot Search : 
DA101 S74H76W UPD030A NCP5392 T281N INT100 08KTTD AD708BH
Product Description
Full Text Search
 

To Download VTXO-29SM-3-T-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  49 ecs, inc. international 1105 s. ridgeview, olathe, ks 66062 ? 913-782-7787 ? 800-237-1041 ? fax 913-782-6991 ? www.ecsxtal.com smd oscillators smd oscillators 3.8 max. 2.6 +0.2 -0.3 2.6 +0.2 -0.3 63.2 0.3 4 ? 0.3 0.15 1.3 ?3.6 #6 #1 #2 #5 #4 #3 11.4 0.3 7.6 0.2 9.6 0.3 1.15 1.7 ?2.8 #6 #1 #2 #5 #4 #3 11.4 0.3 9.6 0.3 0.9 tcxo vc-tcxo 3.8 max. 2.6 +0.2 -0.3 2.6 +0.2 -0.3 63.2 0.3 4 ? 0.3 0.15 1.3 ?3.6 #4 #1 #2 #3 11.4 0.3 7.6 0.2 9.6 0.3 1.15 1.7 ?2.8 #4 #1 #2 #3 11.4 0.3 9.6 0.3 0.9 tcxo vc-tcxo 4.6 4.6 4.2 4.2 7.62 3.81 1.2 1.2 the txo-29sm/59sm are surface mount tcxos (temperature compensated crystal oscillator) that features very tight stability over a wide temperature range. an internal trimmer is a standard feature used to tune the tcxo to nominal frequency. with a total volume of 0.40cc this component is ideal for miniature wireless communication applica- tions. 3 volt operation and a voltage control function are available. features ? highly stable output over wide temperature range ? 3.8 mm maximum height ? industry standard foot print layout ? voltage control function (optional) ? withstands reflow soldering ? tape and reel (1,000 pcs) txo-29sm/59sm series smd temperature compensated oscillator part numbering guide example standard frequencies part number * waveform control option voltage txo-29sm or 59sm clipped sine wave no voltage control 5 v vtxo-29sm " clipped sine wave voltage control 5 v txo-29sm-3 " clipped sine wave no voltage control 3 v vtxo-29sm-3 " clipped sine wave voltage control 3 v txo-29sm-3-t " 2ttl/15pf cmos no voltage control 3 v vtxo-29sm-3-t " 2ttl/15pf cmos voltage control 3 v operating conditions/electrical characteristics package dimensions (mm) parameters conditions minimum typical maximum units frequency range f o 9.600 26.000 mhz frequency tolerance @ +25? c -0.5 +0.5 ppm frequency stability -30~+75?c -2.5 +2.5 ppm storage temperature t stg -40 +85 ?c 5.00.5 v dc supply voltage 3.00.15 v dc input voltage stability 5% of voltage fluctuation 3 ppm output voltage peak to peak 1.0 volts logic 1 square wave vdd-0.5 vdc min. logic 0 square wave 0.5 vdc max. rise/fall time square wave 5 nsec max. 20-80% waveform duty cycle square wave 50% 10% @50% of waveform load stability square wave 3 ppm from no load to 15 pf max. aging per year @ +25?c -1.0 +1.0 ppm internal trim range -3.0 +3.0 ppm external trim range -25.0 +25.0 ppm external control voltage 2.5 vdc 2.0 vdc input current clipped sine wave 2.0 ma input current square wave 25 ma output load clipped sine wave 10k ohm/15pf output load square wave 15pf hcmos load 5v operation 2.52 v dc control voltage 3v operation 1.51 v dc * complete part number to include frequency. - i.e. txo-29sm-100 or txo-59sm-100 (100 = 10 mhz) 10.00, 12.80, 13.00, 14.40, 15.36, 16.00 18.54, 19.20, 19.68 and 20.00 mhz 4.6 4.6 4.2 4.2 2.54 2.54 (3.81) 1.27 1 1.2 txo-29sm outline drawing and terminal land area txo-59sm outline drawing and terminal land area connections terminals tcx0 vc-tcxo #1 gnd gnd #2 gnd gnd #3 output output #4 gnd gnd #5 nc vcont. #6 vcc vcc connections terminals tcx0 vc-tcxo #1 nc vcont. #2 gnd gnd #3 output output #4 vcc vcc


▲Up To Search▲   

 
Price & Availability of VTXO-29SM-3-T-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X