Part Number Hot Search : 
KN4401S HSP148 2SC5378 A1215 H7611 EP6101 10035 EM6352
Product Description
Full Text Search
 

To Download SUD50N024-09P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  trenchfet  power mosfet  175  c junction temperature  pwm optimized for high efficiency applications  high-side synchronous buck dc/dc conversion ? desktop ? server SUD50N024-09P vishay siliconix document number: 72290 s-41168?rev. b, 14-jun-04 www.vishay.com 1 n-channel 22-v (d-s) 175  c mosfet product summary v ds (v) r ds(on) (  ) i d (a) d 24 c 0.0095 @ v gs = 10 v 49 24 c 0.017 @ v gs = 4.5 v 36 d g s n-channel mosfet to-252 s gd top view drain connected to tab ordering information: SUD50N024-09P SUD50N024-09P?e3 (lead free) absolute maximum ratings (t a = 25  c unless otherwise noted) parameter symbol limit unit drain-source pulse v oltage v ds(pulse) 24 c drain-source voltage v ds 22 v gate-source voltage v gs  20 continuous drain current a t c = 25  c i d 49d continuous drain current a t c = 100  c i d 34 d pulsed drain current i dm 100 a continuous source current (diode conduction) a i s 4.3 avalanche current, single pulse l = 0.1 mh i as 29 avalanche energy , single pulse e as 42 mj maximum power dissipation t a = 25  c p d 6.5 a w maximum power dissipation t c = 25  c p d 39.5 w operating junction and storage temperature range t j , t stg ? 55 to 175  c thermal resistance ratings parameter symbol typical maximum unit maximum junction to ambient a t  10 sec r 19 23 maximum junction-to-ambient a steady state r thja 40 50  c/w maximum junction-to-case r thjc 3.1 3.8 c/w notes a. surface mounted on fr4 board, t  10 sec. b. limited by package c. pulse condition: t a = 105  c, 50 ns, 300 khz operation d. calculation based on maximum allowable junction temperature. package limitation current is 25 a.
SUD50N024-09P vishay siliconix www.vishay.com 2 document number: 72290 s-41168?rev. b, 14-jun-04 specifications (t j = 25  c unless otherwise noted) parameter symbol test condition min typ a max unit static drain-source breakdown voltage v (br)dss v gs = 0 v, i d = 250  a 22 v gate threshold voltage v gs(th) v ds = v gs , i d = 250  a 0.8 3.0 v gate-body leakage i gss v ds = 0 v, v gs =  20 v  100 na zero gate voltage drain current i dss v ds = 20 v, v gs = 0 v 1  a zero gate voltage drain current i dss v ds = 20 v, v gs = 0 v, t j = 125  c 50  a on-state drain current b i d(on) v ds = 5 v, v gs = 10 v 50 a v gs = 10 v, i d = 20 a 0.008 0.0095 drain-source on-state resistance b r ds(on) v gs = 10 v, i d = 20 a, t j = 125  c 0.014  drain source on state resistance r ds(on) v gs = 4.5 v, i d = 20 a 0.0135 0.017  forward transconductance b g fs v ds = 15 v, i d = 20 a 15 s dynamic a input capacitance c iss 1300 output capacitance c oss v gs = 0 v, v ds = 10 v, f = 1 mhz 470 pf reverse transfer capacitance c rss 275 p gate resistance r g 1.6 4.0 6  total gate charge c q g 10.5 16 gate-source charge c q gs v ds = 10 v, v gs = 4.5 v, i d = 50 a 4.2 nc gate-drain charge c q gd v ds 10 v, v gs 4.5 v, i d 50 a 4.0 nc turn-on delay time c t d(on) 8 12 rise time c t r v dd = 10 v, r l = 0.2  10 15 ns turn-off delay time c t d(off) v dd = 10 v , r l = 0 . 2  i d  50 a, v gen = 10 v, r g = 2.5  25 40 ns fall time c t f g 12 20 source-drain diode ratings and characteristic (t c = 25  c) pulsed current i sm 100 a diode forward voltage b v sd i f = 50 a, v gs = 0 v 1.2 1.5 v source-drain reverse recovery time t rr i f = 50 a, di/dt = 100 a/  s 35 70 ns notes a. guaranteed by design, not subject to production testing. b. pulse test; pulse width  300  s, duty cycle  2%. c. independent of operating temperature. typical characteristics (25  c unless noted) 0 20 40 60 80 100 0246810 0 20 40 60 80 100 0123456 output characteristics transfer characteristics v ds ? drain-to-source voltage (v) ? drain current (a) i d v gs ? gate-to-source voltage (v) ? drain current (a) i d 25  c 125  c t c = ? 55  c v gs = 10 thru 6 v 3 v 4 v 5 v
SUD50N024-09P vishay siliconix document number: 72290 s-41168?rev. b, 14-jun-04 www.vishay.com 3 typical characteristics (25  c unless noted) 0.000 0.005 0.010 0.015 0.020 0.025 0.030 0 20406080100 0 2 4 6 8 10 048121620 0 10 20 30 40 50 60 0 1020304050 0 400 800 1200 1600 2000 048121620 capacitance gate charge transconductance on-resistance vs. drain current ? gate-to-source voltage (v) ? on-resistance ( q g ? total gate charge (nc) i d ? drain current (a) v ds ? drain-to-source voltage (v) c ? capacitance (pf) r ds(on)  ) v gs ? transconductance (s) g fs v ds = 10 v i d = 50 a v gs = 10 v v gs = 4.5 v c rss t c = ? 55  c 25  c 125  c c iss i d ? drain current (a) c oss 0.6 0.8 1.0 1.2 1.4 1.6 1.8 ? 50 ? 25 0 25 50 75 100 125 150 175 on-resistance vs. junction t emperature source-drain diode forward voltage t j ? junction temperature (  c) v sd ? source-to-drain voltage (v) ? source current (a) i s 100 1 0.3 0.6 0.9 1.2 1.5 v gs = 10 v i d = 30 a t j = 25  c t j = 150  c 0 10 r ds(on) ? on-resiistance (normalized)
SUD50N024-09P vishay siliconix www.vishay.com 4 document number: 72290 s-41168?rev. b, 14-jun-04 thermal ratings 0 5 10 15 20 25 0 25 50 75 100 125 150 175 safe operating area v ds ? drain-to-source voltage (v) ? drain current (a) i d 1000 10 0.01 0.1 1 10 100 1 100 t a = 25  c single pulse normalized thermal transient impedance, junction-to-ambient square wave pulse duration (sec) 2 1 0.1 0.01 10 ? 4 10 ? 3 10 ? 2 10 ? 1 110 normalized effective transient thermal impedance maximum drain current vs. ambiemt t emperature t a ? ambient t emperature (  c) ? drain current (a) i d 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 1 ms 10 ms 100 ms dc 10, 100  s 1 s 1000 100 0.1 10 s 100 s limited by r ds(on)
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of SUD50N024-09P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X