Part Number Hot Search : 
ZMY18G DF02S 04FV8 KTLP350 2G16Q 1N5265B PE4301 2SJ681
Product Description
Full Text Search
 

To Download SL13-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SL13-M features plastic package has underwrit ers laboratory flammability classification 94v -o ut iliz ing flame retardant epox y m olding compound. for surfac e mounted applications. ex ceeds environmental standards of m il-s- 19500 / 228 low leakage current . mechanical dat a case : mol ded plastic, jed ec sod 123 / mi ni sma termi nals : solder plated, solderable per mi l-std-750, method 2026 pol arity : indicated by c athode band mounting p osition : any weight : 0.04 gram (v) (v) (v) (v) ( o c) SL13-M l3 30 21 30 0.40 -55 to +125 symbols marking code operating temperature v rrm *1 v rms *2 v r *3 v f *4 maximum ratings (at t a =25 o c unless otherwise noted) parameter conditions symbol min. typ. max. unit on alumina substrate 1.29 a t l = 129 o c on glass-epoxy substrate 1.1 a forward surge current 8.3ms single half sine-wave superimposed on rate load (jedec methode) i fsm 30 a v r = v rrm t a = 25 o c 0.5 ma v r = v rrm t a = 100 o c 10 ma thermal resistance junction to ambient r q ja 42 o c / w diode junction capacitance f=1mhz and applied 10vdc reverse voltage c j 90 pf storage temperature t stg -55 +150 o c reverse current i r forward rectified current 50 hz sine wave , r-load i o *1 repetitive peak reverse voltage *2 rms voltage *3 continuous reverse voltage *4 maximum forward voltage low vf chip schottky barrier diodes silicon epitaxial planer type f o r m o s a m s 0.161(4.1) 0.146(3.7) 0.012(0.3) typ. 0.071(1.8) 0.055(1.4) 0.126(3.2) 0.110(2.8) 0.063(1.6) 0.055(1.4) 0.035(0.9) typ. 0.035(0.9) typ. dimensions in inches and (millimeters) sod-123
0.1 1.0 .01 10 50 rating and characteristic curves (SL13-M) fig.1-typical forward characteristics fig.2-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.4-maximum non-repetitive forward surge current p e a k f o r w a a r d s u r g e c u r r e n t , ( a ) fig.5-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle 0.2 0.4 0.6 0.8 1.0 1.2 0 350 300 250 200 150 100 50 0 20 10 30 50 40 .01 .05 .1 .5 1 5 10 50 100 .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 single phase half wave 60hz resistive or inductive load ambient temperature ( c) .1 1.0 10 100 fig.3 - typical reverse characteristics r e v e r s e l e a k a g e c u r r e n t , ( m a ) percentage rated peak reverse vol tage 0 20 40 60 80 100 120 140 .01 tj=75 c tj=25 c tj=25 c number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method 0 0 20 40 60 80 100 120 140 160 180 200


▲Up To Search▲   

 
Price & Availability of SL13-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X