Part Number Hot Search : 
GT8G121 R3000 20N15 MJL1302A 79L09AC MJL1302A TFS433Z 79L09AC
Product Description
Full Text Search
 

To Download LSD215-65F-XX-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb lead-free parts lsd215/65f-xx-pf-08 doc. no : qw0905- rev. : a date : 02 - apr. - 2008 single digit led display (0.28 inch) lsd215/65f-xx-pf data sheet ligitek electronics co.,ltd. property of ligitek only
0.45 typ 7.62 (0.3") 6.0 (0.236") 6 8 2 4 7 9 10 5 3 1 9.85 (0.388") 5.08(0.2") 8.15(0.321") 7.0 (0.28") 0.8(0.032") 3.5 0.5 lsd215/65f-xx-pf ligitek note : 1.all dimension are in millimeters and (lnch) tolerance is 0.25(0.01") unless otherwise noted. 2.specifications are subject to change without notice. lsd215/65f-xx-pf package dimensions part no. ligitek electronics co.,ltd. property of ligitek only page1/8 pin no.1
page ligitek electronics co.,ltd. property of ligitek only internal circuit diagram 2/8 a a 7 7 lsd2165f-xx-pf 3,8 2 64110 b c e d f 95 g dp f b c e d 2 6 4 1 10 lsd2155f-xx-pf 3,8 gdp 95 lsd215/65f-xx-pf part no.
cathode b common anode cathode e common anode anode b common cathode anode e common cathode ligitek electronics co.,ltd. property of ligitek only pin no. 9 10 8 6 7 5 9 10 8 6 7 5 lsd2155f-xx-pf 3 4 2 pin no. 1 3 4 2 1 electrical connection lsd2165f-xx-pf 3/8 page anode dp anode d anode c anode a anode g anode f cathode d cathode c cathode dp cathode a cathode g cathode f lsd215/65f-xx-pf part no.
min. typ. min. typ. max. emitted common cathode or anode material algainp note : 1.the forward voltage data did not including 0.1v testing tolerance. 2. the luminous intensity data did not including 15% testing tolerance. lsd2165f-xx-pf lsd2155f-xx-pf 630 common anode red common cathode 1.5 201.82.412.8 7.22:1 static electricity or power surge will damage the led. use of a conductive wrist band or anti-electrosatic glove is recommended when handing these led. all devices, equipment and machinery must be properly grounded. parameter absolute maximum ratings at ta=25 electrostatic discharge( * ) reverse current per any chip storage temperature operating temperature power dissipation per chip forward current per chip peak forward current per chip (duty 1/10,0.1ms pulse width) part selection and application information(ratings at 25) part no * electrical d ( nm) chip (nm) vf(v) t opr tstg esd ir -25 ~ +85 -25 ~ +85 2000 10 iv-m iv(mcd) a a ligitek electronics co.,ltd. property of ligitek only ratings pd i fp i f symbol 65 75 red 25 mw ma unit ma page4/8 lsd215/65f-xx-pf part no.
luminous intensity matching ratio reverse current any chip iv-m ir vr=5v a ligitek electronics co.,ltd. property of ligitek only forward voltage per chip luminous intensity per chip parameter dominant wavelength spectral line half-width iv d vf symbol test condition for each parameter test condition if=20ma if=20ma if=10ma if=20ma mcd nm nm volt unit page5/8 lsd215/65f-xx-pf part no.
fig.3 forward voltage vs. temperature ambient temperature( ) f o r w a r d v o l t a g e @ 2 0 m a n o r m a l i z e @ 2 5 -20 0.8 40 020 1.1 1.0 0.9 1.2 ambient temperature( ) fig.4 relative intensity vs. temperature r e l a t i v e i n t e n s i t y @ 2 0 m a n o r m a l i z e @ 2 5 0.5 80 60 0.0 0 -20 4060 20 1.5 1.0 2.0 2.5 80 forward voltage(v) fig.1 forward current vs. forward voltage typical electro-optical characteristics curve f o r w a r d c u r r e n t ( m a ) 30 2.0 1.0 0 3.0 10 20 srf chip 40 fig.2 relative intensity vs. forward current r e l a t i v e i n t e n s i t y n o r m a l i z e @ 2 0 m a 1.0 0.0 1.0 2.0 forward current(ma) 101001000 ligitek electronics co.,ltd. property of ligitek only page 6/8 fig.5 relative intensity vs. wavelength r e l a t i v e i n t e n s i t y @ 2 0 m a wavelength (nm) 600 550 0.0 0.5 650 1.0 700 0.5 01.52.5 50 60 lsd215/65f-xx-pf part no.
60 seconds max note:1.wave solder should not be made more than one time. 2.you can just only select one of the soldering conditions as above. 0 preheat 25 0 120 2 /sec max 260 150 100 50 time(sec) 260 c3sec max 5 /sec max page 7/8 ligitek electronics co.,ltd. property of ligitek only dip soldering preheat: 120 c max preheat time: 60seconds max ramp-up 2 c/sec(max) ramp-down:-5 c/sec(max) solder bath:260 c max dipping time:3 seconds max distance:solder temperature 1/16 inch below seating plane for 3 seconds at 260 c temp( c) 2.wave soldering profile soldering condition(pb-free) 1.iron: soldering iron:30w max temperature 350 c max soldering time:3 seconds max(one time only) distance:solder temperature 1/16 inch below seating plane for 3 seconds at 260 c lsd215/65f-xx-pf part no.
ligitek electronics co.,ltd. property of ligitek only mil-std-750: 1026 mil-std-883: 1005 jis c 7021: b-1 jis c 7021: b-12 mil-std-883:1008 jis c 7021: b-10 mil-std-202: 107d mil-std-750: 1051 mil-std-883: 1011 mil-std-202:103b jis c 7021: b-11 mil-std-202: 208d mil-std-750: 2026 mil-std-883: 2003 jis c 7021: a-2 mil-std-202: 210a mil-std-750: 2031 jis c 7021: a-1 the purpose of this is the resistance of the device which is laid under condition of high temperature for hours. 1.ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs) 1.ta=65 5 2.rh=90%~95% 3.t=240hrs 2hrs 1.ta=105 5 &-40 5 (10min) (10min) 2.total 10 cycles 1.t.sol=230 5 2.dwell time=5 1sec 1.t.sol=260 5 2.dwell time= 10 1sec. thermal shock test solderability test solder resistance test high temperature high humidity test low temperature storage test the purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. this test intended to see soldering well performed or not. this test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. the purpose of this test is the resistance of the device under tropical for hours. the purpose of this is the resistance of the device which is laid under condition of low temperature for hours. 1.under room temperature 2.if=10ma 3.t=1000 hrs (-24hrs, +72hrs) 1.ta=105 5 2.t=1000 hrs (-24hrs, +72hrs) operating life test high temperature storage test test item reliability test: this test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. test condition description reference standard 8/8 page lsd215/65f-xx-pf part no.


▲Up To Search▲   

 
Price & Availability of LSD215-65F-XX-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X