Part Number Hot Search : 
CJ64IW DT74AL BD3985FV GB4056 UPA1818 1H220 M62417SP TN0604
Product Description
Full Text Search
 

To Download LM4050AEM3-30-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the lm4050/lm4051 are precision two-terminal, shunt- mode, bandgap voltage references available in fixed reverse breakdown voltages of 1.225v, 2.048v, 2.500v, 3.000v, 3.3v, 4.096v, and 5.000v. ideal for space-criti- cal applications, the lm4050/lm4051 are offered in the subminiature 3-pin sc70 surface-mount packages (1.8mm x 1.8mm), 50% smaller than comparable devices in sot23 surface-mount package (sot23 ver- sions are also available). laser-trimmed resistors ensure excellent initial accuracy. with a 50ppm/? temperature coefficient, these devices are offered in three grades of initial accu- racy ranging from 0.1% to 0.5%. the lm4050/lm4051 have a 60? to 15ma shunt-current capability with low dynamic impedance, ensuring stable reverse break- down voltage accuracy over a wide range of operating temperatures and currents. the lm4050/lm4051 do not require an external stabilizing capacitor while ensuring stability with any capacitive loads. the lm4050/lm4051 specifications are guaranteed over the temperature range of -40? to +125?. ________________________applications portable, battery-powered equipment notebook computers cell phones industrial process controls features ? 50ppm/? (max) temperature coefficient guaranteed over the -40? to +125? temperature range ? ultra-small 3-pin sc70 package ? 0.1% (max) initial accuracy ? wide operating current range: 60? to 15ma ? low 28? rms output noise (10hz to 10khz) ? 1.225v, 2.048v, 2.500v, 3.000v, 3.3v, 4.096v, and 5.000v fixed reverse breakdown voltages ? no output capacitors required ? tolerates capacitive loads lm4050/lm4051 50ppm/? precision micropower shunt voltage references with multiple reverse breakdown voltages ________________________________________________________________ maxim integrated products 1 - 1 3 n.c.* + lm4050/ lm4051 sc70-3/sot23-3 top view 2 *pin 3 must be left floating or connected to pin 2. part pin- package output voltage (v) package code lm4050_em3-2.1 3 sot 23-3 2.048 u3-1 lm4050_ex3-2.1 3 sc70-3 2.048 x3-2 lm4050_em3-2.5 3 sot 23-3 2.500 u3-1 lm4050_ex3-2.5 3 sc70-3 2.500 x3-2 lm4050_ em3-3.0 3 sot 23-3 3.000 u3-1 lm4050_ex3-3.0 3 sc70-3 3.000 x3-2 lm4050_ex3-3.3 3 sc70-3 3.300 x3-2 lm4050_em3-4.1 3 sot 23-3 4.096 u3-1 lm4050_ex3-4.1 3 sc70-3 4.096 x3-2 lm4050_em3-5.0 3 sot 23-3 5.000 u3-1 lm4050_ex3-5.0 3 sc70-3 5.000 x3-2 lm4051_em3-1.2 3 sot 23-3 1.225 u3-1 lm4051_ex3-1.2 3 sc70-3 1.225 x3-2 pin configuration typical operating circuit selector guide 19-2563; rev 3; 3/06 note: all devices are specified over the -40? to +125? oper- ating temperature range. ordering information appears at end of data sheet. for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. lm4050/lm4051 i load i shunt r s v s v r i shunt + i load
lm4050/lm4051 50ppm/? precision micropower shunt voltage references with multiple reverse breakdown voltages 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics?.225v (i r = 100?, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) (note 1) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. reverse current (cathode to anode) ..................................20ma forward current (anode to cathode) ..................................10ma continuous power dissipation (t a = +70?) 3-pin sc70 (derate 2.17mw/? above +70?) ............174mw 3-pin sot23 (derate 4.01mw/? above +70?)..........320mw operating temperature range lm4050/lm4051_e_ _ _ ................................-40? to +125? storage temperature range .............................-65? to +150? junction temperature ......................................................+150? lead temperature (soldering, 10s)..................................+300? parameter symbol conditions min typ max units lm4051a (0.1%) 1.2238 1.2250 1.2262 lm4051b (0.2%) 1.2226 1.2250 1.2275 reverse breakdown voltage v r t a = +25 c lm4051c (0.5%) 1.2189 1.2250 1.2311 v lm4051a 1.2 7 lm4051b 2.4 9 reverse breakdown voltage tolerance (note 2) v rtol lm4051c 6.0 12 mv minimum operating current i rmin 45 60 ? i r = 10ma 20 i r = 1ma 15 50 average reverse voltage temperature coefficient (notes 2, 3) ? v r / ? t i r = 100? 15 ppm/ c i rmin i r 1ma 0.7 1.5 reverse breakdown voltage change with operating current change 1ma i r 12ma 2.5 8.0 mv reverse dynamic impedance (note 3) z r i r = 1ma, f = 120hz, i ac = 0.1i r 0.5 1.5 ? wideband noise e n i r = 100?, 10hz f 10khz 20 ? rms reverse breakdown voltage long-term stability ? v r t = 1000h 120 ppm
lm4050/lm4051 50ppm/? precision micropower shunt voltage references with multiple reverse breakdown voltages _______________________________________________________________________________________ 3 electrical characteristics?.048v (i r = 100?, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) (note 1) parameter symbol conditions min typ max units lm4050a (0.1%) 2.0460 2.0480 2.0500 lm4050b (0.2%) 2.0439 2.0480 2.0521 reverse breakdown voltage v r t a = +25 c lm4050c (0.5%) 2.0378 2.0480 2.0582 v lm4050a 2.0 12 lm4050b 4.0 14 reverse breakdown voltage tolerance (note 2) v rtol lm4050c 10 20 mv minimum operating current i rmin 45 65 ? i r = 10ma 20 i r = 1ma 15 50 average reverse voltage temperature coefficient (notes 2, 3) ? v r / ? t i r = 100? 15 ppm/ c i rmin i r 1ma 0.3 1.0 reverse breakdown voltage change with operating current change 1ma i r 15ma 2.5 8.0 mv lm4050a/b 0.3 0.8 reverse dynamic impedance (note 3) z r i r = 1ma, f = 120hz, i ac = 0.1i r lm4050c 0.3 0.9 ? wideband noise e n i r = 100?, 10hz f 10khz 28 ? rms reverse breakdown voltage long-term stability ? v r t = 1000h 120 ppm
lm4050/lm4051 50ppm/? precision micropower shunt voltage references with multiple reverse breakdown voltages 4 _______________________________________________________________________________________ electrical characteristics?.500v (i r = 100?, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) (note 1) parameter symbol conditions min typ max units lm4050a (0.1%) 2.4975 2.5000 2.5025 lm4050b (0.2%) 2.4950 2.5000 2.5050 reverse breakdown voltage v r t a = +25 c lm4050c (0.5%) 2.4875 2.5000 2.5125 v lm4050a 2.5 15 lm4050b 5.0 18 reverse breakdown voltage tolerance (note 2) v rtol lm4050c 13 25 mv minimum operating current i rmin 45 65 ? i r = 10ma 20 i r = 1ma 15 50 average reverse voltage temperature coefficient (notes 2, 3) ? v r / ? t i r = 100? 15 ppm/ c i rmin i r 1ma 0.3 1.0 reverse breakdown voltage change with operating current change 1ma i r 15ma 2.5 8.0 mv lm4050a/b 0.3 0.8 reverse dynamic impedance (note 3) z r i r = 1ma, f = 120hz, i ac = 0.1i r lm4050c 0.3 0.9 ? wideband noise e n i r = 100?, 10hz f 10khz 35 ? rms reverse breakdown voltage long-term stability ? v r t = 1000h 120 ppm
lm4050/lm4051 50ppm/? precision micropower shunt voltage references with multiple reverse breakdown voltages _______________________________________________________________________________________ 5 electrical characteristics?.000v (i r = 100?, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) (note 1) parameter symbol conditions min typ max units lm4050a (0.1%) 2.9970 3.0000 3.0030 lm4050b (0.2%) 2.9940 3.0000 3.0060 reverse breakdown voltage v r t a = +25 c lm4050c (0.5%) 2.9850 3.0000 3.0150 v lm4050a 3.0 18 lm4050b 6.0 21 reverse breakdown voltage tolerance (note 2) v rtol lm4050c 15 30 mv minimum operating current i rmin 45 67 ? i r = 10ma 20 i r = 1ma 15 50 average reverse voltage temperature coefficient (notes 2, 3) ? v r / ? t i r = 100? 15 ppm/ c i rmin i r 1ma 0.3 1.0 reverse breakdown voltage change with operating current change 1ma i r 15ma 2.5 8.0 mv lm4050a/b 0.3 0.8 reverse dynamic impedance (note 3) z r i r = 1ma, f = 120hz, i ac = 0.1i r lm4050c 0.3 0.9 ? wideband noise e n i r = 100?, 10hz f 10khz 45 ? rms reverse breakdown voltage long-term stability ? v r t = 1000h 120 ppm electrical characteristics?.300v (i r = 100?, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) (note 1) parameter symbol conditions min typ max units lm4050a (0.1%) 3.2967 3.3000 3.3033 lm4050b (0.2%) 3.2934 3.3000 3.3066 reverse breakdown voltage v r t a = +25 c lm4050c (0.5%) 3.2835 3.3000 3.3165 v lm4050a 3.0 18 lm4050b 6.0 21 reverse breakdown voltage tolerance (note 2) v rtol lm4050c 15 30 mv minimum operating current i rmin 45 67 ? i r = 10ma 20 i r = 1ma 15 50 average reverse voltage temperature coefficient (notes 2, 3) ? v r / ? t i r = 100? 15 ppm/ c i rmin i r 1ma 0.3 1.0 reverse breakdown voltage change with operating current change 1ma i r 15ma 2.5 8.0 mv lm4050a/b 0.3 0.8 reverse dynamic impedance (note 3) z r i r = 1ma, f = 120hz, i ac = 0.1i r lm4050c 0.3 0.9 ? wideband noise e n i r = 100?, 10hz f 10khz 50 ? rms reverse breakdown voltage long-term stability ? v r t = 1000h 120 ppm
lm4050/lm4051 50ppm/? precision micropower shunt voltage references with multiple reverse breakdown voltages 6 _______________________________________________________________________________________ electrical characteristics?.096v (i r = 100?, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) (note 1) parameter symbol conditions min typ max units lm4050a (0.1%) 4.0919 4.0960 4.1001 lm4050b (0.2%) 4.0878 4.0960 4.1042 reverse breakdown voltage v r t a = +25 c lm4050c (0.5%) 4.0755 4.0960 4.1165 v lm4050a 4.1 25 lm4050b 8.2 29 reverse breakdown voltage tolerance (note 2) v rtol lm4050c 20 41 mv minimum operating current i rmin 50 73 ? i r = 10ma 30 i r = 1ma 20 50 average reverse voltage temperature coefficient (notes 2, 3) ? v r / ? t i r = 100? 15 ppm/ c i rmin i r 1ma 0.5 1.2 reverse breakdown voltage change with operating current change 1ma i r 15ma 3.0 10.0 mv reverse dynamic impedance (note 3) z r i r = 1ma, f = 120hz, i ac = 0.1i r 0.5 1.0 ? wideband noise e n i r = 100?, 10hz f 10khz 64 ? rms reverse breakdown voltage long-term stability ? v r t = 1000h 120 ppm
lm4050/lm4051 50ppm/? precision micropower shunt voltage references with multiple reverse breakdown voltages _______________________________________________________________________________________ 7 note 1: all devices are 100% production tested at +25? and are guaranteed by design for t a = t min to t max , as specified. note 2: the limit over the full temperature range for the reverse breakdown voltage tolerance is defined as: [v rtol ] ?( ? v r / ? t) x (max ? t) x (v r )] where ? v r / ? t is the v r temperature coefficient, max ? t is the difference from the +25? reference point to t min or t max , and v r is the reverse breakdown voltage. the total tolerance over the full temperature range for the different grades where max ? t = +100? is shown below: a grade: ?.6% = ?.1% ?0ppm/? ? 100? b grade: ?.7% = ?.2% ?0ppm/? ? 100? c grade: ?.0% = ?.5% ?0ppm/? ? 100? note 3: guaranteed by design. electrical characteristics?.000v (i r = 100?, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) (note 1) parameter symbol conditions min typ max units lm4050a (0.1%) 4.9950 5.0000 5.0050 lm4050b (0.2%) 4.9900 5.0000 5.0100 reverse breakdown voltage v r t a = +25 c lm4050c (0.5%) 4.9750 5.0000 5.0250 v lm4050a 5.0 30 lm4050b 10 35 reverse breakdown voltage tolerance (note 2) v rtol lm4050c 25 50 mv minimum operating current i rmin 54 80 ? i r = 10ma 30 i r = 1ma 20 50 average reverse voltage temperature coefficient (notes 2, 3) ? v r / ? t i r = 100? 15 ppm/ c i rmin i r 1ma 0.5 1.4 reverse breakdown voltage change with operating current change 1ma i r 15ma 3.5 12.0 mv reverse dynamic impedance (note 3) z r i r = 1ma, f = 120hz, i ac = 0.1i r 0.5 1.1 ? wideband noise e n i r = 100?, 10hz f 10khz 80 ? rms reverse breakdown voltage long-term stability ? v r t = 1000h 120 ppm
lm4050/lm4051 50ppm/? precision micropower shunt voltage references with multiple reverse breakdown voltages 8 _______________________________________________________________________________________ output voltage vs. temperature (v out = 2.500v) max4050 toc02 temperature ( c) output voltage (v) 110 85 60 35 10 -15 2.492 2.494 2.496 2.498 2.490 -40 135 output voltage vs. temperature (v out = 5.000v) max4050 toc03 temperature ( c) output voltage (v) 110 85 -15103560 4.989 4.991 4.993 4.995 4.997 4.999 5.001 5.003 4.987 -40 135 typical operating characteristics (i r = 100?, sc70-3 package, t a = +25?, unless otherwise noted.) 0 1 2 3 4 5 6 050100 reverse characteristics and minimum operating current lm4050 toc01 reverse current ( a) reverse voltage (v) lm4050_i_3-5.0 lm4050_i_3-4.1 lm4050_i_3-3.0 lm4050_i_3-2.5 lm4050_i_3-2.1 lm4050-5.0v reverse voltage vs. i shunt lm4050 toc05 i shunt (ma) reverse voltage change (mv) 15 10 5 1 2 3 4 5 6 0 020 t a = -40 c t a = +125 c t a = +85 c t a = +25 c lm4050-2.5v reverse voltage vs. i shunt lm4050 toc04 i shunt (ma) reverse voltage change (mv) 15 10 5 1 2 3 4 5 0 020 t a = +125 c t a = -40 c t a = +25 c t a = +85 c
lm4050/lm4051 50ppm/? precision micropower shunt voltage references with multiple reverse breakdown voltages _______________________________________________________________________________________ 9 v gen v r ac-coupled +25 a -25 a 10mv/div lm4050-5.0v load-transient response lm4050 toc07 40 s/div i shunt = 100 a 25 a r l = 100k ?, see figure 1. v gen v r ac-coupled +250 a -250 a 10mv/div lm4050-2.5v load-transient response lm4050 toc08 10 s/div i shunt = 1ma 250 a r l = 10k ?, see figure 1. typical operating characteristics (continued) (i r = 100?, sc70-3 package, t a = +25?, unless otherwise noted.) v gen v r ac-coupled +25 a -25 a 2mv/div lm4050-2.5v load-transient response lm4050 toc06 10 s/div ch1: v gen 2v/div ch2: v r ac-coupled 2mv/div i shunt = 100 a 25 a, r l = 100k ?, see figure 1. v gen v r ac-coupled +2.5ma -2.5ma 20mv/div lm4050-2.5v load-transient response lm4050 toc10 10 s/div i shunt = 10ma 2.5ma r l = 1k ?, see figure 1. v gen v r ac-coupled +2.5ma -2.5ma 20mv/div lm4050-5.0v load-transient response lm4050 toc11 10 s/div i shunt = 10ma 2.5ma r l = 1k ?, see figure 1. v gen v r ac-coupled +250 a -250 a 10mv/div lm4050-5.0v load-transient response lm4050 toc09 10 s/div i shunt = 1ma 250 a r l = 10k ?, see figure 1. 1k ? v b + - i shunt v r r l v gen figure 1. load-transient test circuit
lm4050/lm4051 50ppm/? precision micropower shunt voltage references with multiple reverse breakdown voltages 10 ______________________________________________________________________________________ v in v out lm4050-5.0v startup characteristics lm4050 toc13 04050 20 30 10 60 70 80 90 response time ( s) 5v 0 0 4v 2v r s = 16k ? see figure 2. 0.1k 10k 1k 100k 1m lm4050-2.5v output impedance vs. frequency lm4050 toc14 frequency (hz) impedance ( ? ) 1000 0.1 1 10 100 i r = 150 a i r = 1ma c 1 = 1 f c 1 = 0 typical operating characteristics (continued) (i r = 100?, sc70-3 package, t a = +25?, unless otherwise noted.) v in v out lm4050-2.5v startup characteristics lm4050 toc12 01620 812 424283236 response time ( s) 5v 0 0 2v 1v r s = 30k ? see figure 2. 1 100 10 1k 10k lm4050-2.5v noise vs. frequency lm4050 toc16 frequency (hz) 10,000 100 1000 noise (nv/ hz) 1 100 10 1k 10k lm4050-5.0v noise vs. frequency lm4050 toc17 frequency (hz) 10,000 100 1000 noise (nv/ hz) 0.1k 10k 1k 100k 1m lm4050-5.0v output impedance vs. frequency lm4050 toc15 frequency (hz) impedance ( ? ) 100 0.1 1 10 i r = 150 a i r = 1ma c 1 = 0 c 1 = 1 f r s v in 1hz rate 50% duty cycle v r figure 2. startup characteristics test circuit
lm4050/lm4051 50ppm/? precision micropower shunt voltage references with multiple reverse breakdown voltages ______________________________________________________________________________________ 11 detailed description the lm4050/lm4051 shunt references use the bandgap principle to produce a stable, accurate volt- age. the device behaves similarly to an ideal zener diode; a fixed voltage is maintained across its output terminals when biased with 60? to 15ma of reverse current. the lm4050/lm4051 clamps to a voltage of one diode drop below ground when biased with for- ward currents up 10ma. figure 3 shows a typical operating circuit. the lm4050/lm4051 are ideal for providing stable refer- ences from a high-voltage power supply. applications information the lm4050/lm4051s?internal pass transistors are used to maintain a constant output voltage (v shunt ) by sinking the necessary amount of current across a source resistor. the source resistance (r s ) is determined from the load current (i load ) range, supply voltage (v s ) variations, v shunt , and desired quiescent current. choose the value of r s when v s is at a minimum and i load is at a maximum. maintain a minimum i shunt of 60? at all times. the r s value should be large enough to keep i shunt less than 15ma for proper regulation when v s is maximum and i load is at a minimum. to prevent damage to the device, i shunt should never exceed 20ma. therefore, the value of r s is bounded by the following equation: [v s(min) - v r ] / [60? + i load(max) ] > r s > [v s(max) - v r ] / [20ma + i load(min) ] choosing a larger resistance minimizes the total power dis- sipation in the circuit by reducing the shunt current (p d(total) = v s ? i shunt ). provide a safety margin to incorporate the worst-case tolerance of the resistor used. ensure that the resistor? power rating is adequate, using the following general power equation: pd r = i shunt ? (v s(max) - v shunt ) output capacitance the lm4050/lm4051 do not require external capacitors for frequency stability and are stable for any output capacitance. temperature performance the lm4050/lm4051 typically exhibit output voltage temperature coefficients within ?5ppm/?. the polari- ty of the temperature coefficients may be different from one device to another; some may have positive coeffi- cients, and others may have negative coefficients. high temperature operation the maximum junction temperature of the lm4050/ lm4051 is +150?. the maximum operating temperature for the lm4050/lm4051_e_ is +125?. at a maximum load current of 15ma and a maximum output voltage of 5v, the parts dissipate 75mw of power. the power dissi- pation limits of the 3-pin sc70 call for a derating value of 2.17mw/? above +70? and thus for 75mw of power dissipation, the parts self-heat to 35.56? above ambient temperature. if the ambient temperature is +125?, the parts operate at 159.56?, thereby exceeding the maxi- mum junction temperature value of +150?. for high- temperature operation, care must be taken to ensure the combination of ambient temperature, output power dissi- pation, and package thermal resistance does not con- spire to raise the device temperature beyond that listed in the absolute maximum ratings . either reduce the out- put load current or the ambient temperature to keep the part within the limits. figure 3. typical operating circuit lm4050/lm4051 i load i shunt r s v s v r i shunt + i load pin description pin name function 1 + positive terminal of the shunt reference 2 ? negative terminal of the shunt reference 3 n.c. no connection. leave this pin unconnected or connected to pin 2. chip information transistor count: 60 process: bicmos
lm4050/lm4051 50ppm/? precision micropower shunt voltage references with multiple reverse breakdown voltages 12 ______________________________________________________________________________________ part output voltage (v) initial accuracy (%) tempco (ppm/c) temp range pin-package top mark lm4050 aem3-2.1-t 2.048 0.1 50 -40c to +125c 3 sot23-3 fzln lm4050aex3-2.1-t 2.048 0.1 50 -40c to +125c 3 sc70-3 ajx lm4050bem3-2.1-t 2.048 0.2 50 -40c to +125c 3 sot23-3 fzlo lm4050bex3-2.1-t 2.048 0.2 50 -40c to +125c 3 sc70-3 ajy lm4050cem3-2.1-t 2.048 0.5 50 -40c to +125c 3 sot23-3 fzlp lm4050cex3-2.1-t 2.048 0.5 50 -40c to +125c 3 sc70-3 ajz lm4050aem3-2.5-t 2.500 0.1 50 -40c to +125c 3 sot23-3 fzlr lm4050aex3-2.5-t 2.500 0.1 50 -40c to +125c 3 sc70-3 akb lm4050bem3-2.5-t 2.500 0.2 50 -40c to +125c 3 sot23-3 fzls lm4050bex3-2.5-t 2.500 0.2 50 -40c to +125c 3 sc70-3 akc lm4050cem3-2.5-t 2.500 0.5 50 -40c to +125c 3 sot23-3 fzlj lm4050cex3-2.5-t 2.500 0.5 50 -40c to +125c 3 sc70-3 akd lm4050aem3-3.0-t 3.000 0.1 50 -40c to +125c 3 sot23-3 fzlv lm4050aex3-3.0-t 3.000 0.1 50 -40c to +125c 3 sc70-3 akf lm4050bem3-3.0-t 3.000 0.2 50 -40c to +125c 3 sot23-3 fzlw lm4050bex3-3.0-t 3.000 0.2 50 -40c to +125c 3 sc70-3 akg lm4050cem3-3.0-t 3.000 0.5 50 -40c to +125c 3 sot23-3 fzlx lm4050cex3-3.0-t 3.000 0.5 50 -40c to +125c 3 sc70-3 akh lm4050aex3-3.3-t 3.300 0.1 50 -40c to +125c 3 sc70-3 aoc lm4050bex3-3.3-t 3.300 0.2 50 -40c to +125c 3 sc70-3 aod lm4050cex3-3.3-t 3.300 0.5 50 -40c to +125c 3 sc70-3 aoe lm4050aem3-4.1-t 4.096 0.1 50 -40c to +125c 3 sot23-3 fzlz lm4050aex3-4.1-t 4.096 0.1 50 -40c to +125c 3 sc70-3 akj lm4050bem3-4.1-t 4.096 0.2 50 -40c to +125c 3 sot23-3 fzma lm4050bex3-4.1-t 4.096 0.2 50 -40c to +125c 3 sc70-3 akk lm4050cem3-4.1-t 4.096 0.5 50 -40c to +125c 3 sot23-3 fzmb lm4050cex3-4.1-t 4.096 0.5 50 -40c to +125c 3 sc70-3 akl lm4050aem3-5.0-t 5.000 0.1 50 -40c to +125c 3 sot23-3 fzmd lm4050aex3-5.0-t 5.000 0.1 50 -40c to +125c 3 sc70-3 akn lm4050bem3-5.0-t 5.000 0.2 50 -40c to +125c 3 sot23-3 fzme lm4050bex3-5.0-t 5.000 0.2 50 -40c to +125c 3 sc70-3 ako lm4050cem3-5.0-t 5.000 0.5 50 -40c to +125c 3 sot23-3 fzoa lm4050cex3-5.0-t 5.000 0.5 50 -40c to +125c 3 sc70-3 akp lm4051 aem3-1.2-t 1.225 0.1 50 -40c to +125c 3 sot23-3 fzlj lm4051aex3-1.2-t 1.225 0.1 50 -40c to +125c 3 sc70-3 ajt lm4051bem3-1.2-t 1.225 0.2 50 -40c to +125c 3 sot23-3 fzlk lm4051bex3-1.2-t 1.225 0.2 50 -40c to +125c 3 sc70-3 aju lm4051cem3-1.2-t 1.225 0.5 50 -40c to +125c 3 sot23-3 fzll lm4051cex3-1.2-t 1.225 0.5 50 -40c to +125c 3 sc70-3 ajv ordering information
lm4050/lm4051 50ppm/? precision micropower shunt voltage references with multiple reverse breakdown voltages ______________________________________________________________________________________ 13 sotpo3l.eps package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation, go to www.maxim-ic.com/packages .)
lm4050/lm4051 50ppm/? precision micropower shunt voltage references with multiple reverse breakdown voltages maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 14 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2006 maxim integrated products printed usa is a registered trademark of maxim integrated products, inc. package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation, go to www.maxim-ic.com/packages .) sc70, 3l.eps package outline, 3l sc70 21-0075 1 1 c


▲Up To Search▲   

 
Price & Availability of LM4050AEM3-30-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X