Part Number Hot Search : 
GSMBTA92 MA2S376 TEA63 18CV8ZP 16244 AAT250 SI4112 MT48LC3
Product Description
Full Text Search
 

To Download JQX-14FC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  heavy load, suitable for heavy power reverse.  small size, suitable for high-density mounting.  up to 5000vac dielectric strength. between open contacts of JQX-14FC 3 3000vac dielectric strength.  contact gap of JQX-14FC 3 :2  1.5mm=3mm.  suitable for remote control tv set, copy machine, sales machine and air conditioner etc. ordering information JQX-14FC 1 c s 10 dc12v 0.8 3.5 1 2 3 4 5 6 7 1 part number JQX-14FC 1 JQX-14FC 2 JQX-14FC 3 2 contact arrangement a:1a 2a:2a c:1c 2c:2c 3 enclosure s: sealed type z: dust cover 4 contact current 3a,5a,6a,8a,10a,16a,20a 5 coil rated voltage(v) dc:3,5,6,9,12,15,24 6 coil power cunsumption nil:0.53w 0.8:0.8w 1.2:1.2w 7 pole-distance 3.5:3.5mm 5:5.0mm contact data contact arrangement 1a  spstno   2a  dpstno   1c  spdt(b-m)   2c  dpdt(b-m)  contact material ag  cdo ag  sno 2 contact rating (resistive) 1a:16a/220vac,30vdc; 1c:10a,16a,20a/220vac,30vdc; 10a/250vac,14vdc(20a application for 5mmpole-distance) 2a,2c:5a,8a/220vac, 30vdc; JQX-14FC3  2a  8a/220vac  2c  6a/220vac motor load : 1hp 250vac ; 1/2hp 125vac lamp load : tv-5 max. switching power 300w 2200va max. switching voltage 110vdc 380vac max. switching current:20a contact resistance or voltage drop  50m  item 3.12 of iec255-7 electrical 10 5 item 3.30 of iec255-7 operation life mechanical 10 7 5  10 6 (JQX-14FC 3  item 3.31 of iec255-7 contact gap 2  1.5mm=3mm( for JQX-14FC 3  coil parameter coil voltage vdc coil resistance  10% coil power consumption w operate time ms release time ms dash numbers rated max. c 1 c 2 pickup voltage vdc(max) (75%of rated voltage ) release voltage vdc(min) (10% of rated voltage) c 1 c 2 c 1 c 2 c 1 c 2 003-530 3 3.9 17 2.25 0.3 005-530 5 6.5 47 3.75 0.5 006-530 6 7.8 68 4.50 0.6 009-530 9 11.7 153 6.75 0.9 012-530 12 15.6 275 9.00 1.2 024-530 24 31.2 1100 18.0 2.4 0.53  15  10 caution : 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. JQX-14FC 1 & JQX-14FC 2 29 12.8 26 e160644 r2033977.01 ch0050405 2000 e9930952e01 JQX-14FC 3 JQX-14FC 1 & JQX-14FC 2 JQX-14FC 3
coil parameter coil voltage vdc coil resistance   10% coil power consumption w operate time ms release time ms dash numbers rated max. c 3 pickup voltage vdc(max) (75%of rated voltage ) release voltage vdc(min) (10% of rated voltage) c 3 c 3 c 3 2a 006-670 6 7.8 54 4.50 0.6 009-810 9 11.7 100 6.75 0.9 012-800 12 15.6 180 9.00 1.2 015-830 15 19.5 270 11.3 1.5 024-780 24 31.2 740 18.0 2.4 0.8w  10  5 2c 006-900 6 7.8 40 4.50 0.6 009-1160 9 11.7 70 6.75 0.9 012-1200 12 15.6 120 9.00 1.2 015-1250 15 19.5 180 11.3 1.5 024-1230 24 31.2 470 18.0 2.4 1.25w  10  5 caution : 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. operation condition insulation resistance 1000m     min (at 500vdc) item 7 of iec255-5 dielectric strength between contacts between contact and coil 50hz 1000v 50hz 5000v JQX-14FC 3 3000v 4000v surge voltage 12kv item 6 of iec255-5 item 6 of iec255-5 creepage distance 8mm (only for JQX-14FC 3  addenda b of iec255-5 shock resistance 100m/s 2 11ms iec68-2-27 test ea vibration resistance 10~50hz amplitude 1.5mm iec68-2-6 test fc terminals strength 10n iec68-2-21 test ua1 solderability 235  2  3  0.5s iec68-2-20 test ta method 1 ambient temperature -40~70  -25~75  (JQX-14FC 3  relative humidity 85% (at 40  ) iec68-2-3test ca mass 20g qualification inspection: perform the qualification test as specified in the table  of iec255-19-1 and minimum sample size 24. safety approvals safety approval ul t v ccee load 1c 16a/250vac 2c 5a/220vac 1hp 250vac 1/2hp 125vac tv-5 1c 10a/250vac 14vdc 2c 5a/250vac 30vdc 10a/250vac 65
dimensions (unit: mm) reference data 26 12.8 2-1x0.4 2-0.4x1 2-0.16x1 29 2-0.5x1 2 1c 7,5 1a 20 20 7,5 l l 2c 2a 1c 1a pole-distance l: 3.5mm or 5mm 7,5 7,5 20 20 7,5 l l l l l l 20 20 7,5 l l mounting (bottom views) (10a) (16a) notes 1).dimensions are in millimeter. 2).inch equivalents are given for general information only. wiring diagram (bottom views) mm >?? 0.16 0.006 0.3 0.012 0.4 0.016 0.5 0.020 1 0.039 1.3 0.051 2.0 0.079 3.5 0.138 4.0 0.157 5.0 0.197 7.5 0.295 12.8 0.504 20 0.787 26 1.024 29 1.142 dimensions JQX-14FC 1 & JQX-14FC 2 JQX-14FC 3 JQX-14FC 1 JQX-14FC 2 JQX-14FC 3 JQX-14FC 3 ! 5mm


▲Up To Search▲   

 
Price & Availability of JQX-14FC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X