Part Number Hot Search : 
CTB04VY 4CK1750 109387 VQRT624C M52342 SAA7326 HCPL062N SAA7348
Product Description
Full Text Search
 

To Download HRW36F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HRW36F silicon schottky barrier diode for high frequency rectifying ade-208-160b (z) rev. 2 nov. 1994 features low forward voltage drop. (v f = 0.80v max) high reverse voltage. (v r = 90v max) full molded fin enables easy insulation from heat sink. ordering information type no. laser mark package code HRW36F HRW36F to-220fm pin arrangement 1 23 1 anode 2 cathode 3 anode 1 2 3
HRW36F 2 absolute maximum ratings (ta = 25c) * 1 item symbol value unit repetitive peak reverse voltage v rrm 90 v average forward current i o * 2 10 a non-repetitive peak forward surge current i fsm * 3 70 a junction temperature tj 125 c storage temperature tstg C40 to +125 c notes: 1. per one device 2. square wave, duty (1/2), tc = 95c, sum of two devices 3. half sine wave 10msec electrical characteristics (ta = 25c) * item symbol min typ max unit test condition forward voltage v f1 0.6 v i f = 2.0a v f2 0.8 i f = 4.0a reverse current i r 4.0 ma v r = 90v note: per one device 0 0.4 1.0 10 10 1.0 0.2 10 10 0.6 0.8 ? ? ? forward current i (a) f forward voltage v (v) f 1.2 1.4 pulse test fig.1 forward current vs. forward voltage
HRW36F 3 reverse voltage v (v) r 0 40 10 10 10 reverse current i (a) r 100 20 10 10 60 80 ? ? ? ? ? pulse test fig.2 reverse current vs. reverse voltage package dimensions 10.0 0.3 7.0 0.3 3.2 0.2 12.0 0.3 0.6 2.8 0.2 2.5 0.2 17.0 0.3 14.0 1.0 0.5 0.1 2.7 4.45 0.3 5.0 0.3 2.0 0.3 0.7 0.1 1.2 0.2 1.4 0.2 2.54 0.5 2.54 0.5 f 1 23 HRW36F lot no. hitachi code jedec code eiaj code weight (g) to-220fm 1.8 1 2 3 anode cathode anode unit: mm


▲Up To Search▲   

 
Price & Availability of HRW36F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X