Part Number Hot Search : 
MSJ200 SMK0825 154J63 OZ9965 TP0202 5924B M1000 SI9183
Product Description
Full Text Search
 

To Download GL34K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gl34a thru gl34m features plastic package has underwrit ers laboratory flammability classification 94v -o ut iliz ing flame retardant epox y m olding compound. for surfac e mounted applications. ex ceeds environmental standards of m il-s- 19500 / 228 low leakage current . mechanical dat a case : mol ded plastic, jed ec do-213aa termi nals : solder plated, solderable per mi l-std-750, method 2026 pol arity : indicated by c athode band mounting p osition : any weight : 0.036 gram (v) (v) (v) (v) ( o c) gl34a - 50 35 50 gl34b - 100 70 100 gl34d - 200 140 200 gl34g - 400 280 400 gl34j - 600 420 600 GL34K - 800 560 800 gl34m - 1000 700 1000 1.1 -55 to +125 symbols marking code operating temperature v rrm *1 v rms *2 v r *3 v f *4 maximum ratings (at t a =25 o c unless otherwise noted) parameter conditions symbol min. typ. max. unit forward rectified current see fig.1 i o 0.5 a forward surge current 8.3ms single half sine-wave superimposed on rate load (jedec methode) i fsm 10 a v r = v rrm t a = 25 o c 5.0 ua v r = v rrm t a = 125 o c 250 ua thermal resistance junction to ambient r q ja 125 o c / w diode junction capacitance f=1mhz and applied 4vdc reverse voltage c j 4.0 pf storage temperature t stg -55 +125 o c reverse current i r *1 repetitive peak reverse voltage *2 rms voltage *3 continuous reverse voltage *4 maximum forward voltage mini-melf glass passivated junction diodes silicon passivated type dimensions in inches and (millimeters) do-213aa (gl34) .063(1.6) .055(1.4) .140(3.6) .130(3.3) .015(.40) .012(.30) solderable ends f o r m o s a m s
0.01 1.0 10 rating and characteristic curves (gl34a thru gl34m) fig.2-typical forward characteristics fig.1-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.3-maximum non-repetitive forward surge current p e a k f o r w a a r d s u r g e c u r r e n t , ( a ) fig.4-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) pulse width 300us 1% duty cycle 0.1 0.2 0.3 0.4 0.5 0.6 0 20 40 60 80 100 120 140 160 180 200 0 14 12 10 8 6 4 2 0 4 2 6 10 8 .01 .05 .1 .5 1 5 10 50 100 .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 terminal tempera ture ( c) .1 1.0 10 100 fig.5 - typical reverse characteristics r e v e r s e l e a k a g e c u r r e n t , ( u a ) percentage rated peak reverse vol tage 0 20 40 60 80 100 120 140 tj=100 c tj=25 c tj=25 c number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method forward volt age,(v) 0.001 0.1 1000


▲Up To Search▲   

 
Price & Availability of GL34K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X