Part Number Hot Search : 
UAC3552A MS5F5 SPL540PT 31401 100HS 45A10501 IRKD270 ELECTRON
Product Description
Full Text Search
 

To Download EK29 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  apex microtechnology corporation ? telephone (520) 690-8600 ? fax (520) 888-3329 ? orders (520) 690-8601 ? email prodlit@apexmicrotech.com 1 introduction this easy-to-use kit provides a platform for the evaluation of the pb51 high voltage power boosters. the pb51 is designed most commonly in combination with a small signal, general purpose op amp. however, they can also be used without a driver ampli?er. this kit can be used to analyze a multitude of standard or proprietary circuit con?gurations. ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ???????????????????????????? ???? caution use the supplied thermal washers or thermal grease between the power ampli?er and the heat sink. assembly 1. on the silk screen side of the evaluation board, insert and solder the ms06 mating socket in dut holes 1-12. be sure each one is fully seated. 2. solder components for your circuit. be sure to incude proper bypassing, required compensaton components and current limit resistors. see the op amp data sheet for help in select - ing these components. 3. place the tw07 thermal washer on the heat sink over the mounting hole for the dut. place a #6 screw through the mounting hole and thread a #6 nut onto the screw at the back of the heat sink. do not tighten. note that there are two sets of mounting holes on the hs20. holes on one edge allow room between the dut and evaluation board for the ms06 socket. the holes on the other edge are for direct through hole mounting of the dut to the evaluation board. it is rec - ommended that you use the ms06. 4. mount the dut to the hs20 by sliding under the head of the #6 screw and on top of the thermal washer. tighten the nut to the speci?ed 8 to 10 in-lbs. (.9 to .13 n*m) do not over torque. 5. install leads of the dut into the the ms06 on the evaluation board. use #6 self-tapping screws to secure the evalua - tion board to the hs20 heatsink as shown in the assembly diagram (figure1). parts list part # description quantity hs20 heatsink 1 eval30 pc board 1 ms06 mating socket 1 tw07 thermal washer 1 package before you get started ? all apex ampli?ers should be handled using proper esd precautions. ? always use the heat sink and thermal washers included in this kit. ? always use adequate power supply bypassing. ? do not change connections while the circuit is powered. ? initially set all power supplies to the minimum operating levels allowed in the device data sheet. ? check for oscillations. equivalent schematic
apex microtechnology corporation ? 5980 north shannon road ? tucson, arizona 85741 ? usa ? applications hotline: 1 (800) 546-2739 2 EK29 evaluation kit for pb51/pb51a figure 1.
apex microtechnology corporation ? telephone (520) 690-8600 ? fax (520) 888-3329 ? orders (520) 690-8601 ? email prodlit@apexmicrotech.com 3 this data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. all speci?cations are subject to change without notice. EK29u rev b october 2004 ? 2004 apex microtechnology corp. ?????? ????????? ???????????? ??? ? ? ?????????????? ??????????? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ???? ???? ??? ??? ??? ?? ?? ??? ??? ??? ?????? ?? ??? ?? ???? ??? ???? ??? ??? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ? ??? ?? ??? ? ? ? ? ? ? ? ? ? ? ? ? ?? ?? ?? ?? ??? ???? ???? ?? ?? ?? ?? ?? ??? ??? ?? ?? ?? ?? ?? ? ? ???????? ??????????? ???? ???? EK29 evaluation kit for pb51/pb51a figure 3. pcb


▲Up To Search▲   

 
Price & Availability of EK29

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X