ds30346 rev. 7 - 2 1 of 6 dda (xxxx) u www.diodes.com diodes incorporated epitaxial planar die construction built-in biasing resistors lead free/rohs compliant (note 3) characteristic symbol value unit supply voltage, (1) to (6) and (4) to (3) v cc 50 v input voltage, (1) to (2) and (4) to (5) dda124eu dda144eu dda114yu dda123ju dda114eu dda113tu dda143tu dda114tu v in +10 to -40 +10 to -40 +6 to -40 +5 to -12 +10 to -40 +5 vmax +5 vmax +5 vmax v output current dda124eu dda144eu dda114yu dda123ju dda114eu dda113tu dda143tu dda114tu i o -30 -30 -70 -100 -50 -100 -100 -100 ma output current all i c (max) -100 ma power dissipation (total) p d 200 mw thermal resistance, junction to ambient air (note 1) r ja 625 c/w features maximum ratings @ t a = 25 c unless otherwise specified a m j l d b c h k g f pxx ym pxx ym mechanical data case: sot-363 case material: molded plastic. ul flammability classification rating 94v-0 moisture sensitivity: level 1 per j-std-020c terminals: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). terminal connections: see diagram marking: date code and marking code (see diagrams & page 3) ordering information (see page 3) weight: 0.006 grams (approx.) new product p/n r1 r2 marking dda124eu dda144eu dda114yu dda123ju dda114eu dda113tu dda143tu dda114tu 22k 47k 10k 2.2k 10k 1k 4.7k 10k 22k 47k 47k 47k 10k p17 p20 p14 p06 p13 p01 p07 p12 r 1 r 1 r 2 6 5 4 1 2 3 r 2 r 1 6 5 4 3 2 1 r 1 r 1 , r 2 r 1 only schematic diagram dda (xxxx) u pnp pre-biased small signal sot-363 dual surface mount transistor sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25 0 8 all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. 150mw per element must not be exceeded. 3. no purposefully added lead.
ds30346 rev. 7 - 2 2 of 6 dda (xxxx) u www.diodes.com characteristic symbol min typ max unit test condition input voltage dda124eu dda144eu dda114yu dda123ju dda114eu v l(off) -0.5 -0.5 -0.3 -0.5 -0.5 -1.1 -1.1 -1.1 v v cc = -5v, i o = -100 a dda124eu dda144eu dda114yu dda123ju dda114eu v l(on) -1.9 -1.9 1.9 -3.0 -3.0 -1.4 -1.1 -3.0 v o = -0.3, i o = -5ma v o = -0.3, i o = -2ma v o = -0.3, i o = -1ma v o = -0.3, i o = -5ma v o = -0.3, i o = -10ma output voltage dda124eu dda144eu dda114yu dda123ju dda114eu v o(on) -0.1 -0.3 v i o /i l = -10ma / -0.5ma i o /i l = -10ma / -0.5ma i o /i l = -5ma / -0.25ma i o /i l = -5ma / -0.25ma i o /i l = -10ma / -0.5ma input current dda124eu dda144eu dda114yu dda123ju dda114eu i l -0.36 -0.18 -0.88 -3.6 -0.88 ma v i = -5v output current i o(off) -0.5 a v cc = -50v, v i = -0v dc current gain dda124eu dda144eu dda114yu dda123ju dda114eu g l 56 68 68 80 30 v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -10ma v o = -5v, i o = -10ma v o = -5v, i o = -5ma input resistor (r 1 ) tolerance r 1 -30 +30 % resistance ratio tolerance r 2 /r 1 -20 +20 gain-bandwidth product* f t 250 mhz v ce = -10v, i e = -5ma, f = 100mhz electrical characteristics @ t a = 25 c unless otherwise specified new product * transistor - for reference only characteristic (dda113tu & dda143tu & dda114tu only) symbol min typ max unit test condition collector-base breakdown voltage bv cbo -50 v i c = -50 a collector-emitter breakdown voltage bv ceo -50 v i c = -1ma emitter-base breakdown voltage bv ebo -5 v i e = -50 a collector cutoff current i cbo -0.5 a v cb = -50v emitter cutoff current i ebo -0.5 a v eb = -4v collector-emitter saturation voltage v ce(sat) -0.3 v i c /i b = -2.5ma / -0.25ma dda143tu i c /i b = -1ma / -0.1ma dda114tu i c /i b = -10ma / -1ma dda113tu dc current transfer ratio h fe 100 250 600 i c = -1ma, v ce = -5v input resistor (r 1 ) tolerance r 1 -30 +30 % gain-bandwidth product* f t 250 mhz v ce = -10v, i e = 5ma, f = 100mhz
ds30346 rev. 7 - 2 3 of 6 dda (xxxx) u www.diodes.com new product notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. device packaging shipping dda124eu-7-f sot-363 3000/tape & reel dda144eu-7-f sot-363 3000/tape & reel dda114yu-7-f sot-363 3000/tape & reel dda123ju-7-f sot-363 3000/tape & reel dda114eu-7-f sot-363 3000/tape & reel DDA113TU-7-F sot-363 3000/tape & reel dda143tu-7-f sot-363 3000/tape & reel dda114tu-7-f sot-363 3000/tape & reel ordering information (note 4) month jan feb mar apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2004 2005 2006 2007 2008 2009 2010 2011 code rs t uvw x y date code key pxx = product type marking code see sheet 1 diagrams ym = date code marking y = year ex: t = 2006 m = month ex: 9 = september pxx ym pxx ym marking information
ds30346 rev. 7 - 2 4 of 6 dda (xxxx) u www.diodes.com new product 0.1 1 10 01020304050 i , collector current (ma) fi g . 6 input volta g e vs. collector current c v = 0.2v o v , input voltage (v) in -25c 25c 75 c 0.001 0.01 1 10 100 0 1 234 89 10 i , collector current (ma) c v , input voltage (v) fi g . 5 collector current vs. input volta g e in -25c 5 67 25c 0.1 v=5v o 75c 0 2 4 6 12 0 20 30 c , c apa c itance (pf) ob v , reverse bias voltage (v) fig. 4 output capacitance r 10 5 15 25 8 10 f = 1mhz 10 1000 100 1 10 100 h , dc current gain fe i , collector current (ma) c fi g . 3 dc current gain v=10v ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , collector emitter voltage (v) ce(sat) fig. 2 i , collector current (ma) v vs. i c ce ( sat ) c i/i =10 cb -25 c 75 c 25 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) fi g . 1 deratin g curve a p , power dissipation (mw) d typical curves - dda123ju one section
ds30346 rev. 7 - 2 5 of 6 dda (xxxx) u www.diodes.com new product 1 1 10 01020304050 i , collector current (ma) fi g . 6 input volta g e vs. collector current c v = 0.2v o v , input voltage (v) in -25c 25c 75 c 0.01 0.1 1 10 100 01234 89 10 i , collector current (ma) c v , input voltage (v) fi g . 5 collector current vs. input volta g e in -25c 5 67 75c 25c 0.001 0 6 12 0 20 30 c , c apa c itance (pf) ob v , reverse bias voltage (v) fig. 4 output capacitance r 10 5 15 25 10 8 4 2 f=1mhz 10 1000 100 1 1 10 100 h , dc current gain fe i , collector current (ma) c fi g . 3 dc current gain v=10v ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , collector emitter voltage (v) ce(sat) fig. 2 i , collector current (ma) v vs. i c ce ( sat ) c i/i =10 cb -25 c 25 c 75 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) fi g . 1 deratin g curve a p , power dissipation (mw) d typical curves - dda114tu one section
ds30346 rev. 7 - 2 6 of 6 dda (xxxx) u www.diodes.com important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated.
|