Part Number Hot Search : 
74004 M32186 BYX90G SILICON 2SD24 1SMA5935 190MS8E ISL97692
Product Description
Full Text Search
 

To Download CRA2512FZR060ELF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features special alloy resistor power rating at 70 c: cra2010 - 1 w, cra2512 - 3 w inductance less than 5 nh rohs compliant* applications power supplies stepper motor drives cra2010/cra2512 - high power current sense chip resistor *rohs directive 2002/95/ec jan 27 2003 including annex. speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications performance characteristics *rohs compliant dimensions: mm (inches) electrical characteristics characteristic cra2010 cra2512 power rating @ 70 c 1 w 3 w operating temperature range -55 c to +170 c derated to zero load at +170 c maximum working voltage (p x r) 1/2 insulation resistance > 100 megohms resistance range 0.005 - 0.020 0.010 - 0.100 resistance tolerance 1 %, 5 % temperature coef? cient 75 ppm/c product dimensions model a b c t cra2010 5.0 0.20 2.5 0.20 0.65 0.20 0.6 0.20 (0.1962 0.008) (0.0984 0.008) (0.0256 0.008) (0.0236 0.008) cra2512 6.40 0.20 3.20 0.20 0.95 0.10 0.6 0.20 (0.252 0.008) (0.126 0.008) (0.037 0.004) (0.0236 0.008) recommended solder pad layout test conditions speci cation thermal shock -55 ?c to + 150 ?c, r (0.5 % + 0.0005 ) 1000 cycles, 15 minutes short time overload 5 x rated power for 5 seconds r (0.5 % + 0.0005 ) low temperature -65 ?c for 24 hours r (0.5 % + 0.0005 ) storage high temperature exposure 10000 hours @ + 170 ?c r (1.0 % + 0.0005 ) bias humidity + 85 ?c, 85 % rh, 10 % bias, r (0.5 % + 0.0005 ) 1000 hours mechanical shock 100 g?s for 6 milliseconds, 5 pulses r (0.5 % + 0.0005 ) vibration frequency varied 10 to 2000 khz r (0.5% + 0.0005 ) in one minute, 3 directions, 12 hours load life 1000 hours at rated power at r (1.0% + 0.0005 ) +70 ?c, 1.5 hours on, 0.5 hours off resistance to solder +260 ?c solder, 10-12 second dwell, r (0.5 % + 0.0005 ) heat 25 mm/second emergence moisture resistance mil-std-202 method 106, 0 % power r (0.5% + 0.0005 ) (7a and 7b not required) a b sensing trace cu trace l model a b l cra2010 3.1 2.7 3.1 (0.122) (0.106) (0.122) cra2512 4.0 2.1 4.1 (0.157) (0.083) (0.161) a b c c t cc construction overcoat metal alloy plate ni / sn plating derating curve ambient temperature (c) 70 170 100 -55 power ratio (%)
how to order cra 2512 - f z - r020 e lf model (cra = precision chip resistor size 2010 = 2010 size 2512 = 2512 size resistance tolerance  f = 1 %  j = 5 % tcr (ppm/c)  z = 75 ppm/c resistance value ?r? (decimal point) followed by three signi? cant digits (example: r025 = 0.025 ohm) packaging  e = 4000 pieces on 180 mm (7 inch) reel termination  lf = tin-plated (rohs compliant) speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications cra2010/cra2512 - high power current sense chip resistor packaging dimensions (conforms to eia rs-481a) cra2010 resistance values available rev. 06/09 3.60 0.20 (0.142 0.008) 2.0 0.05 (0.079 0.002) 4.0 0.05 (0.157 0.002) 4.0 0.1 (0.157 0.004) 1.5 +0.1/-0 (0.059 +0.004/-0) dia. 1.5 (0.059) dia. min. 0.85 0.15 (0.033 0.006) 6.9 0.2 (0.272 0.008) 5.5 0.05 (0.217 0.002) 1.75 0.1 (0.069 0.004) 12.0 0.2 (0.472 0.008) top tape embossed tape resistor user direction of feed 60.0 (2.362) min. dia. dia. 180 +0/-3 (7.09 +0/-0.118) 13.0 1.0 (0.512 0.039) dia. 15.4 2.0 (0.606 0.079) 13.0 1.0 (0.512 0.039) code r value code r value r005 0.005 r015 0.015 r010 0.010 r020 0.020 cra2512 resistance values available code r value code r value r010 0.010 r055 0.055 r015 0.015 r060 0.060 r017 0.017 r065 0.065 r020 0.020 r070 0.070 r025 0.025 r075 0.075 r030 0.030 r080 0.080 r034 0.034 r085 0.085 r035 0.035 r090 0.090 r040 0.040 r095 0.095 r045 0.045 r100 0.100 r050 0.050 consult factory for other resistance values. dimensions: mm (inches) 25 75 125 175 225 275 0 50 100 150 200 250 300 time (seconds) temperature (c) 60 - 120 seconds 90 - 150 seconds 260 c peak 190 c 150 c 220 c ramp down 6 c/second 255 c maximum of 20 seconds between +255 c and +260 c ramp up 3 c/second maximum 10 seconds minimum <1> <1> soldering pro le


▲Up To Search▲   

 
Price & Availability of CRA2512FZR060ELF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X