Part Number Hot Search : 
HM628512 XVT9009 DVG62 MX014 D103B MFW2815D DS1231S MSD3P
Product Description
Full Text Search
 

To Download CDSOT236-T15C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cdsot236-t05~t24c series ?tvs diode arrays features lead free device (rohs compliant*) unidirectional & bidirectional configurations protects 4 or 5 lines esd, eft & surge protection applications cell phones pdas and notebooks digital cameras mp3 players and gps general information the markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. bourns offers transient voltage suppressor array diodes for esd, eft and surge protection applications, in sot23-6 package size format. the transient voltage suppressor array series offers a choice of voltage types ranging from 5 v to 24 v in a bidirectional configuration. bourns chip diodes conform to jedec standards, are easy to handle on standard pick and place equipment and their flat configuration minimizes roll away. the bourns device will meet iec 61000-4-2 (esd), iec 61000-4-4 (eft) and iec 61000-4-5 (surge) requirements. 1 2 3 6 unidirectional bidirectional 5 4 1 2 3 6 5 4 *rohs compliant *rohs directive 2002/95/ec jan 27 2003 including annex. specifications are subject to change without notice. customers should verify actual device performance in their specific applications. electrical & thermal characteristics (@ t a = 25 ? unless otherwise noted) parameter symbol value unit peak pulse power (t p = 8/20 ?) 1 p pp 200 w operating temperature t j -55 ?c to 150 ?c ?c storage temperature t stg -55 ?c to 150 ?c ?c cdsot236- parameter symbol uni- bi- uni- bi- uni- bi- uni- bi- t05 t05c t08c t12c t15c t24c t36c t24c unit min. breakdown voltage @ 1 ma v br 6.0 6.0 13.3 13.3 16.7 16.7 26.7 26.7 v working peak voltage v wm 5.0 5.0 12.0 12.0 15.0 15.0 24.0 24.0 v maximum clamping voltage @ i p = 1a v c 9.8 9.8 19.0 19.0 24.0 24.0 43.0 43.0 v maximum clamping voltage v c 11.8 v 11.8 v 28.3 v 28.3 v 45.0 v 45.0 v 65.0 v 65.0 v v @ 8/20 ? @ i pp @ 17 a @ 17 a @ 7 a @ 7 a @ 5 a @ 5 a @ 3 a @ 3 a maximum leakage current @ v wm i d 20 20 1 1 1 1 1 1 a typical capacitance @ 0 v, 1 mhz c j 70 70 50 50 30 30 25 25 pf reliable electronic solutions asia-pacific: tel: +886-2 2562-4117 ?fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 ?fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 ?fax: +1-951 781-5700 www.bourns.com
cdsot236-t05~t24c series ?tvs diode arrays mechanical characteristics 64 5 13 2 millimeters (inches) dimensions = 1.70 - 2.10 (0.067 - 0.083) 2.80 - 3.05 (0.110 - 0.120) 2.60 - 3.00 (0.102 - 0.118) 0.90 - 1.30 (0.035 - 0.051) 0.90 - 1.45 (0.036 - 0.057) 1.50 - 1.75 (0.059 - 0.070) 0.35 - 0.55 (0.014 - 0.022) 0.09 - 0.20 (0.004 - 0.008) 0.20 (0.007) 0 - 10 0.85 - 1.05 (0.033 - 0.040) 0.35 - 0.50 (0.014 - 0.020) 2.40 (0.094) 1.90 (0.074) 0.95 (0.037) 0.70 (0.028) 1.00 (0.039) millimeters (inches) dimensions = this is a molded jedec sot23-6 package with lead free 100 % tin (sn) on the lead frame. it weighs approximately 15 mg and has a flammability rating of ul 94v-0. specifications are subject to change without notice. customers should verify actual device performance in their specific applications. recommended footprint product dimensions packaging information the surface mount product will be dispensed in an 8 mm x 4 mm tape and reel format per eia-481 standard. 2.0 ?0.05 (.08 ?.002) 0.3 ?0.05 (.01 ?.002) 3.9 ?0.1 (.154 ?.004) 3.9 ?0.1 (.154 ?.004) 1.75 ?0.1 (.07 ?.004) 5.5 ?0.3 (.22 ?.01) 12.0 ?0.3 (.47 ?.01) 0.9 ?0.1 (.035 ?.004) orientation of component in pocket backside facing up top side view (into component pocket) 0.3 (0.01) 4.0 ?0.1 (.16 ?.004) 8.0 ?0.3 (.31 ?.01) 0.25 (0.010) typ. r 1.5 ?0.1/-0 (.06 ?.004/-0) dia. max. r millimeters (inches) dimensions = devices are packed in accordance with eia standard rs-481-a and specifications shown here.
cdsot236-t05~t24c series ?tvs diode arrays specifications are subject to change without notice. customers should verify actual device performance in their specific applications. performance graphs peak pulse power vs pulse time 10,000 1,000 100 10 1 0.01 10 100 10,000 1,000 p pp ? peak pulse current (w) t d ? pulse duration (s) 200 w, 8/20 s waveform pulse wave form 20 40 60 80 100 120 0 030 25 20 15 10 5 i pp ? peak pulse current (% of i pp ) t ? time (s) test waveform parameters t t = 8 s t d = 20 s t t e t t d = t | i pp /2 overshoot & clamping voltage 0 10 20 30 40 -250.000 ns 250.000 ns 0.000 ns realtime 50.0 ns/div 5 volts per division esd test pulse - 25 kilovolt, 1/30 ns (waveshape) power derating curve how to order cd sot236 - t 05 c common code cd = chip diode package sot236 = sot23-6 package model t = transient voltage suppressor working peak reverse voltage 05 = 5 v rwm (volts) suffix c = bidirectional diode 0 20 40 60 80 100 0 25 50 75 100 125 150 % of rated power t l ? lead temperature (c) average power peak pulse power 8/20 s copyright? 2005, bourns, inc. litho in u.s.a., ipa0524 10/05 cdsot236-t05..........................................................................qrh cdsot236-t05c ......................................................................qrl cdsot236-t12..........................................................................qri cdsot236-t12c ......................................................................qrm cdsot236-t15..........................................................................qrj CDSOT236-T15C ......................................................................qrn cdsot236-t24..........................................................................qrk cdsot236-t24c ......................................................................qro typical part marking block diagram 1 2 3 6 unidirectional bidirectional 5 4 1 2 3 6 5 4


▲Up To Search▲   

 
Price & Availability of CDSOT236-T15C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X