Part Number Hot Search : 
73S12 ORP12 00506 00A12 EP2600TS SSL13 167BZXI SK545P
Product Description
Full Text Search
 

To Download 87433-0620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  990 i-35 i micro connectors circuits order no. dimension a b c d 9 87433-05*0 9.30 (.366) 4.00 (.157) 3.00 (.118) 5.05 (.199) 11 87433-06*0 10.30 (.406) 5.00 (.197) 4.00 (.157) 6.05 (.238) 15 87433-08*0 12.30 (.484) 7.00 (.276) 6.00 (.236) 8.05 (.317) 21 87433-11*0 15.30 (.602) 10.00 (.394) 9.00 (.354) 11.05 (.435) 25 87433-13*0 17.30 (.681) 12.00 (.472) 13.00 (.511) 13.05 (.514) 31 87433-16*0 20.30 (.799) 15.00 (.591) 14.00 (.551) 16.05 (.632) 41 87433-21*0 25.30 (.996) 20.00 (.787) 19.00 (.748) 21.05 (.829) 51 87433-26*0 30.30 (1.193) 25.00 (.984) 24.00 (.944) 26.05 (1.026) 69 87433-35*0 39.30 (1.547) 34.00 (1.339) 33.00 (1.299) 35.05 (1.380) replace ( * ) with options desired 1.00mm (.039") pitch zyton ? stacking system board-to-board receptacle 87433 smt, dual row vertical stacking features and specifications features and bene?ts n contact design prevents damage to contacts during mating and unmating n highly reliable contact interface n trapezoidal-shaped housing provides polarization n lead-in chamfers ensure easy mating alignment n fitting nails increase retention to board n options include polarizing pegs and pick-and-place cover reference information product speci?cation: ps-87433-0001 packaging: tube or embossed tape and reel mates with: 87436 plug designed in: millimeters electrical voltage: 125v current: 1.0a contact resistance: 30m w max. dielectric withstanding voltage: 500v insulation resistance: 1000 m w min. physical housing: high-temperature thermoplastic, ul 94v-0 contact: phosphor bronze plating: 30 m " (0.76 m m min.) select gold temperature: -30 to +85?c ordering information and dimensions note: * for polarizing pegs, cover and packaging options * pegs cover packaging 2 no no tube 3 2 no tube 4 no yes tube 5 2 yes tube 6 no no reel 7 2 no reel 8 no yes reel 9 2 yes reel


▲Up To Search▲   

 
Price & Availability of 87433-0620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X