Part Number Hot Search : 
OXU931SF 256160 RCR60C BTN7973B C74LCX5 MSS12 LTC1264 2SC3800
Product Description
Full Text Search
 

To Download 6N135M-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  single-channel: 6n135, 6n136 , hcpl2503, hcpl4502 dual-channel: hcpl2530, hcpl2531 ?high speed transistor optocouplers ?2005 fairchild semiconductor corporation www.fairchildsemi.com 6n135, 6n136, hcpl2503, hcpl4502, hcpl2530, hcpl2531 rev. 1.0.7 a ugust 2008 single-channel: 6n135, 6n136, hcpl2503, hcpl4502 dual-channel: hcpl2530, hcpl2531 high speed transistor optocouplers features high speed ? mbit/s superior cmr ?10kv/? dual-channel hcpl2530/hcpl2531 double working voltage ?480v rms ctr guaranteed 0?0? u .l. recognized (file # e90700) applications line receivers pulse transformer replacement output interface to cmos-lsttl-ttl wide bandwidth analog coupling description the hcpl4502, hcpl2503, 6n135, 6n136, hcpl2530 and hcpl2531 optocouplers consist of an algaas led optically coupled to a high speed photodetector transistor. a separate connection for the bias of the photodiode improves the speed by several orders of magnitude over conventional phototransistor optocouplers by reducing the base-collector capacitance of the input transistor. an internal noise shield provides superior common mode rejection of 10kv/?. an improved package allows superior insulation permitting a 480v working voltage compared to industry standard of 220v. schematics package outlines 8 1 8 1 8 1 1 2 3 4 5 6 7 8 + _ v f1 v cc v 01 v 02 gnd v f2 _ + hcpl2530/hcpl2531 1 2 3 4 5 6 7 8 + _ v f v cc v b v o gnd n/c n/c 6n135, 6n136, hcpl2503, hcpl4502 pin 7 is not connected in pa rt number hcpl4502
?2005 fairchild semiconductor corporation www.fairchildsemi.com 6n135, 6n136, hcpl2503, hcpl4502, hcpl2530, hcpl2531 rev. 1.0.7 2 single-channel: 6n135, 6n136 , hcpl2503, hcpl4502 dual-channel: hcpl2530, hcpl2531 ?high speed transistor optocouplers absolute maximum ratings (t a = 25? unless otherwise speci?d) stresses exceeding the absolute maximum ratings may damage the device. the device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. in addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. notes: 1. derate linearly above 70? free-air temperature at a rate of 0.8ma/?. 2. derate linearly above 70? free-air temperature at a rate of 1.6ma/?. 3. derate linearly above 70? free-air temperature at a rate of 0.9 mw/?. 4. derate linearly above 70? free-air temperature at a rate of 2.0 mw/?. symbol parameter condition value units t stg storage temperature -55 to +125 ? t opr operating temperature -55 to +100 ? t sol lead solder temperature 260 for 10 sec ? emitter i f (avg) dc/average forward input current each channel (1) 25 ma i f (pk) peak forward input current each channel (2) 50% duty cycle, 1ms p.w. 50 ma i f (trans) peak transient input current each channel 1? p.w., 300pps 1.0 a v r reverse input voltage each channel 5v p d input power dissipation each channel 6n135/6n136 and hcpl2503/4502 100 mw hcpl-2530/253 (3) 45 detector i o (avg) average output current each channel 8 ma i o (pk) peak output current each channel 16 ma v ebr emitter-base reverse voltage 6n135, 6n136 and hcpl2503 only 5 v v cc supply voltage -0.5 to 30 v v o output voltage -0.5 to 20 v i b base current 6n135, 6n136 and hcpl2503 only 5 ma pd output power dissipation each channel 6n135, 6n136, hcpl2503, hcpl4502 (4) 100 mw hcpl2530, hcpl2531 35 mw
?2005 fairchild semiconductor corporation www.fairchildsemi.com 6n135, 6n136, hcpl2503, hcpl4502, hcpl2530, hcpl2531 rev. 1.0.7 3 single-channel: 6n135, 6n136 , hcpl2503, hcpl4502 dual-channel: hcpl2530, hcpl2531 ?high speed transistor optocouplers electrical characteristics (t a = 0 to 70? unless otherwise speci?d) individual component characteristics *all typicals at t a = 25? symbol parameter test conditions device min. typ.* max. unit emitter v f input forward voltage i f = 16ma, t a =25? 1.45 1.7 v i f = 16ma 1.8 b vr input reverse breakdown v oltage i r = 10 ? 5.0 v ? v f / ? t a t emperature coef?ient of f orward voltage i f = 16ma -1.6 mv/? detector i oh logic high output current i f = 0ma, v o = v cc = 5.5v, t a =25? all 0.001 0.5 ? i f = 0ma, v o = v cc = 15v, t a =25? 6n135 6n136 hcpl4502 hcpl2503 0.005 1 i f = 0ma, v o = v cc = 15v all 50 i ccl logic low supply current i f = 16ma, v o = open, v cc = 15v 6n135 6n136 hcpl4502 hcpl2503 120 200 ? i f1 = i f2 = 16ma, v o = open, v cc = 15v hcpl2530 hcpl2531 200 400 i cch logic high supply current i f = 0ma, v o = open, v cc = 15v, t a =25? 6n135 6n136 hcpl4502 hcpl2503 1a i f = 0ma, v o = open, v cc = 15v 6n135 6n136 hcpl4502 hcpl2503 2 i f = 0ma, v o = open, v cc = 15v hcpl2530 hcpl2531 0.02 4
?2005 fairchild semiconductor corporation www.fairchildsemi.com 6n135, 6n136, hcpl2503, hcpl4502, hcpl2530, hcpl2531 rev. 1.0.7 4 single-channel: 6n135, 6n136 , hcpl2503, hcpl4502 dual-channel: hcpl2530, hcpl2531 ?high speed transistor optocouplers electrical characteristics (continued) (t a = 0 to 70? unless otherwise speci?d) t ransfer characteristics *all typicals at t a = 25? note: 5. current transfer ratio is defined as a ratio of output collector current, i o , to the forward led input current, i f , times 100%. symbol parameter test conditions device min. typ.* max. unit coupled ctr current transfer ratio (5) i f = 16ma, v o = 0.4 v, v cc = 4.5v, t a =25? 6n135 hcpl2530 71850% 6n136 hcpl4502 hcpl2531 19 27 50 % hcpl2503 12 27 % i f = 16ma, v cc = 4.5v v ol = 0.4v 6n135 5 21 % v ol = 0.5v hcpl2530 v ol = 0.4v 6n136 hcpl4502 15 30 % v ol = 0.5v hcpl2531 v ol = 0.4v hcpl2503 9 30 % v ol logic low output v oltage i f = 16ma, i o = 1.1ma, v cc = 4.5v, t a =25? 6n135 0.18 0.4 v hcpl2530 0.18 0.5 i f = 16ma, i o = 3ma, v cc = 4.5v, t a =25? 6n136 hcpl2503 0.25 0.4 hcpl2531 0.25 0.5 i f = 16ma, i o = 0.8ma, v cc = 4.5v 6n135 hcpl2530 0.5 i f = 16ma, i o = 2.4ma, v cc = 4.5v hcpl4502 hcpl2531 0.5
?2005 fairchild semiconductor corporation www.fairchildsemi.com 6n135, 6n136, hcpl2503, hcpl4502, hcpl2530, hcpl2531 rev. 1.0.7 5 single-channel: 6n135, 6n136 , hcpl2503, hcpl4502 dual-channel: hcpl2530, hcpl2531 ?high speed transistor optocouplers electrical characteristics (continued) (t a = 0 to 70? unless otherwise speci?d) switching characteristics (v cc = 5v) ** all typicals at t a = 25? notes: 6. the 4.1k ? load represents 1 lsttl unit load of 0.36ma and 6.1k ? pull-up resistor. 7. the 1.9k ? load represents 1 ttl unit load of 1.6ma and 5.6k ? pull-up resistor. 8. common mode transient immunity in logic high level is the maximum tolerable (positive) dv cm /dt on the leading edge of the common mode pulse signal v cm , to assure that the output will remain in a logic high state (i.e., v o > 2.0v). common mode transient immunity in logic low level is the maximum tolerable (negative) dv cm /dt on the trailing edge of the common mode pulse signal, v cm , to assure that the output will remain in a logic low state (i.e., v o < 0.8v). symbol parameter test conditions device min. typ.* max. unit t phl propagation delay time to logic low t a = 25?, r l = 4.1k ? , i f = 16ma (6) (fig. 7) 6n135 hcpl2530 0.45 1.5 ? r l = 1.9k ? , i f = 16ma, t a = 25? (7) (fig. 7) 6n136 hcpl4502 hcpl2503 hcpl2531 0.45 0.8 ? r l = 4.1k ? , i f = 16ma (6) (fig. 7) 6n135 hcpl2530 2.0 ? r l = 1.9k ? , i f = 16ma (7) (fig. 7) 6n136 hcpl4502 hcpl2503 hcpl2531 1.0 ? t plh propagation delay time to logic high t a = 25?, (r l = 4.1k ? , i f = 16ma (6) (fig. 7) 6n135 hcpl2530 0.5 1.5 ? r l = 1.9k ? , i f = 16ma (7) (fig. 7) t a = 25? 6n136 hcpl4502 hcpl2503 hcpl2531 0.3 0.8 ? r l = 4.1k ? , i f = 16ma (6) (fig. 7) 6n135 hcpl2530 2.0 ? r l = 1.9k ? , i f = 16ma (7) (fig. 7) 6n136 hcpl4502 hcpl2503 hcpl2531 1.0 ? |cm h | common mode tr ansient immunity at logic high i f = 0ma, v cm = 10v p-p , r l = 4.1k ? , t a = 25? (8) (fig. 8) 6n135 hcpl2530 10,000 v/? i f = 0ma, v cm = 10v p-p , r l = 1.9k ? , t a = 25? (8) (fig. 8) 6n136 hcpl4502 hcpl2503 hcpl2531 10,000 v/? |cm l | common mode tr ansient immunity at logic low i f = 16ma, v cm = 10 v p-p , r l = 4.1k ? , t a = 25? (8) (fig. 8) 6n135 hcpl2530 10,000 v/? i f = 16ma, v cm = 10 v p-p , r l = 1.9k ? (8) (fig. 8) 6n136 hcpl4502 hcpl2503 hcpl2531 10,000 v/?
?2005 fairchild semiconductor corporation www.fairchildsemi.com 6n135, 6n136, hcpl2503, hcpl4502, hcpl2530, hcpl2531 rev. 1.0.7 6 single-channel: 6n135, 6n136 , hcpl2503, hcpl4502 dual-channel: hcpl2530, hcpl2531 ?high speed transistor optocouplers electrical characteristics (continued) (t a = 0 to 70? unless otherwise speci?d) isolation characteristics (t a = 0 to 70? unless otherwise speci?d) notes: 9. device is considered a two terminal device: pins 1, 2, 3 and 4 are shorted together and pins 5, 6, 7 and 8 are shorted together. 10. measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together. symbol characteristics test conditions min typ** max unit i i-o input-output insulation leakage current relative humidity = 45%, t a = 25?, t = 5s, v i-o = 3000 vdc (9) 1.0 ? v iso withstand insulation test v oltage rh 50%, t a = 25?, i i-o 2?, t = 1 min. (9) 2500 v rms r i-o resistance (input to output) v i-o = 500vdc (9) 10 12 ? c i-o capacitance (input to output) f = 1mhz (9) 0.6 pf hfe dc current gain i o = 3ma, v o = 5v (9) 150 i i-i input-input insulation leakage current rh 45%, v i-i = 500vdc (10) t = 5 s, (hcpl2530/2531 only) 0.005 ? r i-i input-input resistance v i-i = 500 vdc (10) (hcpl2530/2531 only) 10 11 ? c i-i input-input capacitance f = 1mhz) (10) (hcpl2530/2531 only) 0.03 pf
?2005 fairchild semiconductor corporation www.fairchildsemi.com 6n135, 6n136, hcpl2503, hcpl4502, hcpl2530, hcpl2531 rev. 1.0.7 7 single-channel: 6n135, 6n136 , hcpl2503, hcpl4502 dual-channel: hcpl2530, hcpl2531 ?high speed transistor optocouplers t ypical performance curves fig. 1 normalized ctr vs. forward current i f - forward current (ma) 0.1 1 10 100 normalized ctr 0.0 0.2 0.4 0.6 0.8 1.0 1.2 fig. 2 normalized ctr vs. temperature t a - temperature ( c) -60 -40 -20 0 20 40 60 80 100 normalized ctr 0.0 0.2 0.4 0.6 0.8 1.0 1.2 fig. 3 output current vs. output voltage v o ?output voltage (v) 0246810121 4161820 i o ?output cu rrent (ma) 0 2 4 6 8 10 12 14 16 i f = 5ma i f = 10ma i f = 15ma i f = 20ma i f = 25ma i f = 30ma i f = 35ma i f = 40ma normalized to: i f = 16 ma v o = 0.4 v v cc = 5 v t a = 25 c normalized to: t a = 25 c i f = 16ma v cc = 5 v v o = 0.4 v fig. 4 logic high output current vs. temperature t a ?temperature ( c) -60 -40 -20 0 20 40 60 80 100 i oh ?logic high outp ut current (na) 0.1 1 10 100 1000 fig. 5 propagation delay vs. temperature t a ?temperature ( c) -60 -40 -20 0 20 40 60 80 100 t p ?propagation dela y (ns) 0 100 200 300 400 500 600 700 800 r l = 1.9k ? (tphl) r = 4.1k ? (tplh) l r l = 1.9k ? (tplh) r l = 4.1k ? (tplh) fig. 6 propagation delay vs. load resistance r l ?load resistance (k ? ) 1 10 t p - propaga tion dela y (ns) 100 1000 10000 i f - 16ma (tphl) i f - 10ma (tphl) i f - 10ma (tplh) i f - 16ma (tplh) t a = 25 c v cc = 5 v i f = 0 ma v cc = 5 v v o = 5 v i f = 16ma v cc = 5 v v cc = 5 v t a = 25 c
?2005 fairchild semiconductor corporation www.fairchildsemi.com 6n135, 6n136, hcpl2503, hcpl4502, hcpl2530, hcpl2531 rev. 1.0.7 8 single-channel: 6n135, 6n136 , hcpl2503, hcpl4502 dual-channel: hcpl2530, hcpl2531 ?high speed transistor optocouplers t est circuits pulse gen cm v v ff b a +- +5 v o v - i f 3 4 + f v - 2 1 shie ld noise 6 o 5 gnd 7 8 v b v cc v l r plh ol v v o 0 5 v 1.5 v f i 1.5 v t phl t sw itch at a : i = 0 ma f sw itch at a : i = 16 ma f t r v o o v ol v 5 v 0 v 10% 10% 90% cm v 10 v 4 5 noise 1 2 3 shie ld 8 7 6 +5 v o v v cc v 01 v 02 gnd v f1 - + f2 v - f i + 10% duty cycle i/f < 100 s f i monitor l r c = 1.5 f l pulse generator tr = 5ns z = 50 o ? gnd + 4 5 1 3 2 - f2 v v f1 - shie ld noise +5 v cc 8 v l v 6 02 v 7 r 01 v o v cm a b pulse gen f i +- + 3 i monitor f 4 i/f < 100 s 10% d.c. tr = 5ns generator pulse z = 50 o + v f i ? f - 2 1 shie ld noise v o o 6 5 gnd 7 8 v b v l r cc v +5 v 0.1 f l c = 1.5 f test circuit for 6n135, 6n136, hcpl-2503 and hcpl- 4502 0.1 f test circuit for hcpl-2530 and hcpl-2531 test circuit for 6n135, 6n136, hcpl-2503 and hcpl-4502 test circuit for hcpl-2530 and hcpl-2531 f t 0.1 f 0.1 f ff v m r m r 90% fig. 7 switching time test circuit fig. 8 common mode immunity test circuit
?2005 fairchild semiconductor corporation www.fairchildsemi.com 6n135, 6n136, hcpl2503, hcpl4502, hcpl2530, hcpl2531 rev. 1.0.7 9 single-channel: 6n135, 6n136 , hcpl2503, hcpl4502 dual-channel: hcpl2530, hcpl2531 ?high speed transistor optocouplers package dimensions through hole surface mount note: all dimensions are in inches (millimeters) 0.4" lead spacing 8-pin dip ?land pattern 0.200 (5.08) 0.140 (3.55) 0.100 (2.54) typ 0.022 (0.56) 0.016 (0.41) 0.020 (0.51) min 0.390 (9.91) 0.370 (9.40) 0.270 (6.86) 0.250 (6.35) 3 0.070 (1.78) 0.045 (1.14) 2 41 56 7 8 0.300 (7.62) typ 0.154 (3.90) 0.120 (3.05) 0.016 (0.40) 0.008 (0.20) 15 max pin 1 id. seating p lane lead coplanarity : 0.004 (0.10) max 0.270 (6.86) 0.250 (6.35) 0.390 (9.91) 0.370 (9.40) 0.022 (0.56) 0.016 (0.41) 0.100 (2.54) typ 0.020 (0.51) min 0.070 (1.78) 0.045 (1.14) 0.300 (7.62) typ 0.405 (10.30) max. 0.315 (8.00) min 0.045 (1.14) 32 1 4 567 8 0.016 (0.41) 0.008 (0.20) pin 1 id. 0.200 (5.08) 0.140 (3.55) 0.100 (2.54) typ 0.022 (0.56) 0.016 (0.41) 0.004 (0.10) min 0.390 (9.91) 0.370 (9.40) 0.270 (6.86) 0.250 (6.35) 3 0.070 (1.78) 0.045 (1.14) 2 41 56 7 8 0.400 (10.16) typ 0.154 (3.90) 0.120 (3.05) 0.016 (0.40) 0.008 (0.20) 0 to 15 pin 1 id. seating plane 0.070 (1.78) 0.060 (1.52) 0.030 (0.76) 0.100 (2.54) 0.295 (7.49) 0.415 (10.54)
?2005 fairchild semiconductor corporation www.fairchildsemi.com 6n135, 6n136, hcpl2503, hcpl4502, hcpl2530, hcpl2531 rev. 1.0.7 10 single-channel: 6n135, 6n136 , hcpl2503, hcpl4502 dual-channel: hcpl2530, hcpl2531 ?high speed transistor optocouplers ordering information marking information option example part number description s 6n135s surface mount lead bend sd 6n135sd surface mount; tape and reel w 6n135w 0.4" lead spacing v 6n135v vde0884 wv 6n135wv vde0884; 0.4 lead spacing sv 6n135sv vde0884; surface mount sdv 6n135sdv vde0884; surface mount; tape and reel 1 2 6 4 3 5 de?itions 1f airchild logo 2d e vice number 3 vde mark (note: only appears on parts ordered with vde option ? see order entry table) 4t wo digit year code, e.g., ?3 5t wo digit work week ranging from ?1 to ?3 6 assembly package code 2503 t1 yy xx v
?2005 fairchild semiconductor corporation www.fairchildsemi.com 6n135, 6n136, hcpl2503, hcpl4502, hcpl2530, hcpl2531 rev. 1.0.7 11 single-channel: 6n135, 6n136 , hcpl2503, hcpl4502 dual-channel: hcpl2530, hcpl2531 ?high speed transistor optocouplers t ape speci?ations re?w pro?e 4.0 0.1 1.55 0.05 user direction of feed 4.0 0.1 1.75 0.10 7.5 0.1 16.0 0.3 12.0 0.1 0.30 0.05 13.2 0.2 4.90 0.20 0.1 ma x 10.30 0.20 10.30 0.20 1.6 0.1 ? peak reflow temperature: 225 c (package surface temperature) ? time of temperature higher than 183 c for 60?50 seconds ? one time soldering reflow is recommended 215 c, 10?0 s 225 c peak ti me (minute) 0 300 250 200 150 100 50 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 temperature (?) time above 183 c, 60?50 sec ramp up = 3 c/sec
?2005 fairchild semiconductor corporation www.fairchildsemi.com 6n135, 6n136, hcpl2503, hcpl4502, hcpl2530, hcpl2531 rev. 1.0.7 12 tradem arks th e following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its global subsidiaries ,and is not in tended to be an exhaustive list of all such trademarks. build it now coreplus corepower crossvolt ctl current transfer logic ecospark e fficentmax ezswitch * fair child fairchild semiconductor fa ct quiet series fact f ast fa stvcore flashwriter ? fps f-pfs frfet global power resource sm green fps green fpse-series gto in tellimax isoplanar m egabuck mi crocoupler microf et mi cropak m illerdrive moti onmax mo tion-spm optologic op toplanar pdp spm power-spm po we rtrench pr ogrammable active droop qfet qs quiet series r apidconfigure saving our world, 1mw at a time sm artmax smart start spm stealth s uperfet supe rsot -3 s upersot-6 s upersot-8 s upremos syncfet th ep ower franchise ti nyboost tinybu ck ti nylogic tinyopto tinypower tinypwm tinywire serdes uhc ultra fr fet unifet vcx vi sualmax *e zswitch and flashwriter are trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fa i rchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild? worldwide terms and conditions, specifically the warranty therein, wh ic hc ov ers these products. li fe support policy fa i rchild? products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are in tended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance wi th instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. an ti -counterfeiting policy fairchild semiconductor corporation's anti-counterfeiting policy. fairchild's anti-counterfeiting policy is also stated on our external websi te, www.fairchildsemi.com, under sales support. c ounterfeiting of semiconductor parts is a growing problem in the industry. all manufacturers of semiconductor products are experiencing counterf eiting of their parts. cu stomers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, faile d applications, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselves and our customers from the proli feration of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fairchild or from authorized fairchi ld distribut ors who are li sted by country on our web page cited above. products customers buy either from fairchild directly or from authorized fairchild distributors are ge nuine parts, have full traceability, meet fairchild's quality standards for handling and storage and provide access to fairchild's full range of up-to-date technica la nd product information. fairchild and our authorized distributors will stand behind all warranties and will appropriately address any warranty issues that may arise. fairc hild will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. fairchild is committed to combat this global problem and encou rage our customers to do their part in stopping this practice by buying direct or from authorized distributors. product status definitions defi nition of terms da tasheet identification prod uct status definition ad vance information formative / in design datasheet contains the design specifi cations for product development. s pecifications may change in any manner without notice. pr eliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild se mi conductor reserves the right to make changes at any time without notice to improve design. no i dentification needed full production datasheet contains final specifications. fair child semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is di scontinued by fairchild semiconductor. the datasheet is for reference information only. rev. i35 single-channel: 6n135, 6n136 , hcpl2503, hcpl4502 dual-channel: hcpl2530, hcpl2531 ?high speed transistor optocouplers


▲Up To Search▲   

 
Price & Availability of 6N135M-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X