Part Number Hot Search : 
198000 AHCT1 BYD33K LB341 P4KE22 1029G TSL262 55V162
Product Description
Full Text Search
 

To Download 1N4007SG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 470 - 1n4001sg thru 1N4007SG 1.0 amp. glass passivated rectifiers voltage range 50 to 1000 volts current 1.0 ampere features low forward voltage drop high current capability high reliability high surge current capability 0.6mm leads mechanical data cases: molded plastic epoxy: ul 94v-0 rate flame retardant lead: axial leads, solderable per mil-std- 202, method 208 guaranteed polarity: color band denotes cathode end high temperature soldering guaranteed: 260 / 10 seconds/.375?,(9.5mm) lead len g ths at 5 lbs.,(2.3kg) tension weight: 0.22 gram a-405 dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol 1n 4001sg 1n 4002sg 1n 4003sg 1n 4004sg 1n 4005sg 1n 4006sg 1n 4007sg units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current .375? (9.5mm) lead length @t a = 50 i (av) 1.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 30 a maximum instantaneous forward voltage @1.0a v f 1.0 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =125 i r 5.0 100 ua ua typical thermal resistance (note 2) r ja 80 o c/w typical junction capacitance ( note 1 ) cj 10 pf operating and storage temperature range t j ,t stg - 65 to + 150 note: 1.measured at 1 mhz and applied reverse voltage of 4.0 volts d.c. 2. mount on cu-pad size 5mm x 5mm on p.c.b.
- 471 - ratings and characteristic curves (1n4001sg thru 1N4007SG) fig.2- maximum forward current derating curve average for ward rectified current amperes 25 50 75 100 125 150 175 0 .25 .50 .75 1.00 1.25 1.50 ambient temperature. ( c) o fig.1- maximum non-repetitive forward surge current peak for ward surge current . (a) 1 2 4 6 8 10 20 80 40 100 60 0 20 10 40 30 50 number of cycles at 60hz fig.4- typical forward characteristics instantaneous for ward current . (a) .4 .6 .8 1.0 1.2 1.4 1.6 .01 0.1 1.0 10 forward voltage. (v) fig.3- typical junction capacitance junction cap acitance.(pf) .1 .5 1 5 210 1 100 10 reverse voltage. (v)


▲Up To Search▲   

 
Price & Availability of 1N4007SG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X