Part Number Hot Search : 
12VDC 8HC11 1N5233B 20K15 A3189LLT 12VDC AD7548SE T960026
Product Description
Full Text Search
 

To Download XZMR65WA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www .sunled.com part number: XZMR65WA 2.1x0.7mm right angle smd chip led lamp published date : oct 16,2004 drawing no :xdsa1443 v4 checked : b.l.liu p.1/3 notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.15(0.006") unless otherwise noted. part number emitting color emitting material lens-color luminous intensity (if=20ma) mcd wavelength nm p viewing angle 2 1/2 min. typ. XZMR65WA red gaalas water clear 50 95 660 120 features b 2.1mmx0.7mm right angle smt led, 1.3mm thickness. b low power consumption. b wide viewing angle. b ideal for backlight and indicator. b various colors and lens types available. b package : 2000pcs / reel. b rohs compliant. absolute maximum ratings (t a =25c ) ) ) ) mr (gaalas) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10duty cycle 0.1ms pulse width i fs 155 ma power dissipation p t 100 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 mr (gaalas) unit forward voltage (typ.) (i f =20ma) v f 1.85 v forward voltage (max.) (i f =20ma) v f 2.5 v reverse current (v r =5v) i r 10 ua wavelength at peak emission (i f =20ma) peak 660 nm wavelength at dominate emission (i f =20ma) d 640 nm spectral line half-width (i f =20ma) ? 20 nm capacitance (v f =0v, f=1mhz) c 45 pf operating characteristics (t a =25c ) ) ) )
www .sunled.com part number: XZMR65WA 2.1x0.7mm right angle smd chip led lamp published date : oct 16,2004 drawing no :xdsa1443 v4 checked : b.l.liu p.2/3    mr
www .sunled.com part number: XZMR65WA 2.1x0.7mm right angle smd chip led lamp published date : oct 16,2004 drawing no :xdsa1443 v4 checked : b.l.liu p.3/3  smt reflow soldering instructions  tape specification (units : mm)  recommended soldering pattern (units : mm;tolerance: 0.1)


▲Up To Search▲   

 
Price & Availability of XZMR65WA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X