Part Number Hot Search : 
12DRW MAX1484 N2809A M62220L 2SD2599 12DRW 95100 74ALS102
Product Description
Full Text Search
 

To Download SPX1117T-2-5TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation 800ma low dropout voltage regulator spx1117 description features guaranteed 0.8a output current guaranteed 1a peak current three terminal adjustable or fixed 1.5v, 1.8v, 2.5v, 2.85v, 3.0v, 3.3v and 5v low quiescent current low dropout voltage of 1.1v at 0.8a 0.1% line and 0.2% load regulation stable with 2.2uf ceramic capacitor overcurrent and thermal protection lead free, rohs compliant packages: sot-223,to-252 , to-220 , and to-263 the spx1117 is a low power positive-voltage regulator designed to satisfy moderate power requirements with a cost effective, small footprint solution. this device is an excellent choice for use in battery-powered applications and portable computers. the spx1117 features very low quiescent current and a low dropout voltage of 1.1v at a full load. as output current decreases, quiescent current flows into the load, increasing efficiency. spx1117 is available in adjustable or fixed 1.5v, 1.8v, 2.5v,2.5v, 2.85v, 3.0v, 3.3v and 5v output voltages. the spx1117 is offered in several 3-pin surface mount packages: sot-223, to-252, to-220 and to-263. an output capacitor of 10 f provides unconditional stability while a smaller 2.2 f capacitor is sufficient for most applications. applications desktop pc's servers scsi-ii active terminator portable/ palm top / notebook computers cordless phones battery chargers disk drives portable consumer equipment portable instrumentation smps post-regulator functional diagram current limit i cl i tl thermal limit v ref amp v out v in adj/gnd + i adj ~ 50 a 1.25v + - + -
2 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation power dissipation.......................................internally limited lead temperature (soldering, 5 seconds) ...............260 c storage temperature range.......................-65 c to +150 c operating junction temperature range.....-40 c to +125 c input supply voltage .................................................... +20v input to output voltage ................................................ 18.8v esd rating.................................................................2kv min these are sterss ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the specifications below is not implied. exposure to absolute maximum rating conditions for extended periods of time may affect reliability. absolute maximum ratings electrical characteristics t a = 25 c, c in = c out = 10 f, unless otherwise specified. the boldface applies over the full operating temperature range. parameter conditions min typ max units 1.5v version output voltage i out = 5ma, v in =3.0v, t j = 25? 1.485 1.500 1.515 v 5ma i out 800ma, 2.9v v in 10v 1.470 1.530 1.8v version output voltage i out = 5ma, v in =3.3v, t j = 25? 1.782 1.800 1.818 v 5ma i out 800ma, 3.2v v in 10v 1.764 1.836 2.5v version output voltage i out = 5ma, v in =4.0v, t j = 25? 2.475 2.500 2.525 v 5ma i out 800ma, 3.9v v in 10v 2.450 2.550 2.85v version output voltage i out = 5ma, v in =4.35v, t j = 25? 2.821 2.850 2.878 v 5ma i out 800ma, 4.25v v in 10v 2.793 2.907 3.00v version output voltage i out = 5ma, v in =4.5v, t j = 25? 2.970 3.000 3.030 v 5ma i out 800ma, 4.4v v in 10v 2.940 3.060 3.30v version output voltage i out = 5ma, v in =4.8v, t j = 25? 3.267 3.300 3.333 v 5ma i out 800ma, 4.7v v in 10v 3.234 3.366 5v version output voltage i out = 5ma, v in =6.5v 4.950 5 5.050 v 5ma i out 800ma, 6.4v v in 12v 4.90 5.10 all voltage options reference voltage i out =5ma, (v in - v out )= 2v, t j = 25? 1.238 1.250 1.262 v 5ma i out 800ma, 1.4v (v in -v out ) 10v 1.225 1.270 output voltage 0.3 % temperature stability line regulation v i n m i n v in 12v,v out =fixed/adj, (note 1) i out =5ma 3 7 mv load regulation 5ma i out 800ma,v out =fixed/adj 6 12 mv (note 1) dropout voltage i out =100ma 1.00 1.20 v (note 2) i out =500ma 1.05 1.25 i out =800ma 1.10 1.30 quiescent current 4.25v v in 6.5v 5 10 ma
3 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation *note 1 - for fixed option, v inmi n = v out + 1.5v - for adjustable option, v inmi n = v in - v out = 1.4v *note 2 - dropout voltage is the input voltage minus output voltage that produces a 1% decrease in output voltage with respect to the nominal output voltage at v in = v out + 1.5v electrical characteristics t a = 25 c, c in = c out = 10 f, unless otherwise specified. the boldface applies over the full operating temperature range. parameter conditions min typ max units adjust pin current 50 120 a current limit (v in -v out )=5v 1.0 1.5 2.0 a thermal regulation 25 c, 30ms pulse 0.01 0.1 %/w ripple rejection f r i p p l e =120hz, (v in -v out )=2v, 60 75 db v r i p p l e =1v pp long term stability 125 c, 1000hrs 0.03 % rms output noise % of v out , 10hz f 10khz 0.003 %
4 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation typical performance characteristics figure 1. load regulation for spx1117m3-3.3; figure 2. line regulation for spx1117m3-3.3; v in =4.8v i out =10ma figure 3. dropout voltage vs output current for spx1117m3-3.3; v in =4.8v, c out =2.2 f figure 5. current limit for spx1117m3-3.3, output voltage deviation with i out =10ma to 1a step 3.280 3.285 3.290 3.295 3.300 3.305 3.310 3.315 3.320 10 100 1000 output current (ma) output voltage 3.300 3.305 3.310 3.315 3.320 3.325 4.5 6.5 8.5 10.5 12.5 14.5 vin (v) vout (v) 0.9 1.0 1.1 1.2 1.3 100 200 300 400 500 600 700 800 900 1000 io (ma) dropout vol tage (v) 1.225 1.23 1.235 1.24 1.245 1.25 1.255 1.26 1.265 1.27 1.275 -50 -30 -10 10 30 50 70 90 110 130 temp (c) vout (v) 1.25v adj 125 c 22 f indicating current limit starts v in = 4.0v v in =3.3v fixed 1 o =10ma c in =1 f tan cap c out =2.2 f tan cap 100 0 -100 1.5 1.0 0.5 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 time (ms) output current (a) output deviation (mv) 0.00 0.50 1.00 1.50 2.00 -50 -25 0 25 50 75 100 125 temp ( o c) current limit (a) figure 6. v out vs temperature, v in =2.5v, i out =10ma figure 4. current limit for sp1117m3-3.3; v in =4.8v, c in =c out =1 f, i out pulsed from 10ma to current limit
5 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation figure 7. v in =3.0v, i out =10ma figure 9. v in =4.0v, i out =10ma figure 12. v in =5.0v, i out =10ma typical performance characteristics: continued 1.47 1.48 1.49 1.5 1.51 1.52 1.53 -50 -30 -10 10 30 50 70 90 110 130 temp (c) vout (v) 1.5v adj 1.5v fixed 1.76 1.77 1.78 1.79 1.8 1.81 1.82 1.83 1.84 -50 -30 -10 10 30 50 70 90 110 130 temp (c) vout (v) 1.8v adj 1.8v fixed 2.45 2.46 2.47 2.48 2.49 2.5 2.51 2.52 2.53 2.54 2.55 -50 -30 -10 10 30 50 70 90 110 130 temp (c) vout (v) 2.5v adj 2.5v fixed 2.8 2.82 2.84 2.86 2.88 2.9 2.92 -50 -30 -10 10 30 50 70 90 110 130 temp (c) vout (v) 2.85v adj 2.85v fixed 2.94 2.96 2.98 3 3.02 3.04 3.06 -50 -30 -10 10 30 50 70 90 110 130 temp (c) vout (v) 3v adj 3v fixed 3.26 3.28 3.3 3.32 3.34 3.36 3.38 -50 -30 -10 10 30 50 70 90 110 130 temp (c) vout (v) 3.3v adj 3.3v fixed figure 8. v in =3.3v, i out =10ma figure 10. v in =4.85v, i out =10ma figure 11. v in =4.85v, i out =10ma figure 14. output voltage vs temperature at different current loads, v in =3.3v, v out = 1.8v adjustable figure 13. line regulation vs temperature. v out =1.8v (adjustable), v in = 3.3v -8 -6 -4 -2 0 2 4 6 -40 -20 0 20 40 60 80 100 ambient temperature,*c output voltage cha nge, mv 1.806 1.807 1.808 1.809 1.81 1.811 1.812 1.813 1.814 1.815 1.816 -40 -20 0 20 40 60 80 100 ambient temperature, *c v out, v 800ma 400ma 10ma figure 15. line regulation at i load =800ma over temperature, v out =1.8v adjustable -0.3 -0.2 -0.1 0 0.1 0.2 0.3 0.4 3 4 5 6 vin, v vout tolerance,% -40 c +25 c +85 c
6 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation output capacitor to ensure the stability of the spx1117, an output capacitor of at least 2.2 f (tantalum or ceramic) or 10 f (aluminum) is required. the value may change based on the application requirements of the output load or temperature range. the value of esr can vary based on the type of capacitor used in the applications to guarantee stability. the recommended value for esr is 0.5 ? or less. a larger value of output capacitance (up to 100 f) can improve the load transient response. soldering methods the spx1117 sot-223 package is designed to be compatible with infrared reflow or vapor-phase reflow soldering techniques. during soldering, the non-active or mildly active fluxes may be used. the spx1117 die is attached to the heatsink lead which exits opposite the input, output, and ground pins. hand soldering and wave soldering should be avoided since these methods can cause damage to the device with excessive thermal gradients on the package. the sot-223 recommended soldering method are as follows: vapor phase reflow and infrared reflow with the component preheated to within 65 c of the soldering temperature range. figure 16. load step response (0 to 800ma), vin=3.3v, vout=1.8v, cin=10 f, cout=2.2 f, ceramic; 1 = vout, 4= iload figure 17. load step response (0 to 800ma), vin=3.3v, vout=1.8v, cin=10 f, cout=2.2 f, oscon; 1 = vout, 4= iload application information
7 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation thermal characteristics the thermal resistance of spx1117 (sot-223 package) is 15 c/w from junction to tab and 31 c/w from tab to ambient for a total of 46 c/w from junction to ambient (table 1). the spx1117 features the internal thermal limiting to protect the device during overload conditions. special care needs to be taken during continuous load conditions such that the maximum junction tem - perature does not exceed 125 c. thermal pro - tection is activated at >155 c and deactiviated at <140 c. taking the fr-4 printed circuit board and 1/16 thick with 1 ounce copper foil as an experiment (fig.13), the pcb material is effective at trans - mitting heat with the tab attached to the pad area and a ground plane layer on the backside of the substrate. refer to table 1 for the results of the experiment. the thermal interaction from other components in the application can effect the thermal resis - tance of the spx1117. the actual thermal resistance can be determined with experimenta - tion. spx1117 power dissipation is calculated as follows: p d = (v in - v out )(i out ) maximum junction temperature range: t j = t a (max) + p d * thermal resistance (junction-to-ambient) maximum junction temperature must not ex - ceed the 125 c. ripple rejection ripple rejection can be improved by adding a capacitor between the adj pin and ground as shown in figure 23. when adj pin bypassing is used, the value of the output capacitor re - quired increases to its maximum. if the adj pin is not bypassed, the value of the output capacitor can be lowered to 10 f for an electrolytic alu - minum capacitor or 2.2 f for a ceramic or solid tantalum capacitor (fig 22). however the value of the adj-bypass capacitor should be chosen with respect to the following equation: c = 1 / ( 6.28 * f r * r 1 ) where c = value of the capacitor in farads (select an equal or larger standard value), f r = ripple frequency in hz, r 1 = value of resistor r1 in ohms. if an adj-bypass capacitor is used, the ampli - tude of the output ripple will be independent of the output voltage. if an adj-bypass capacitor is not used, the output ripple will be proportional to the ratio of the output voltage to the reference voltage: m = v out / v ref where m = multiplier for the ripple seen when the adj pin is optimally bypassed. v ref =1.25v ripple rejection for the adjustable version is shown in figure 20. figure 19. substrate layout for sot-223 50 x 50mm 35 x 17mm 16 x 10mm -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 100 1000 10000 100000 1000000 frequency, hz ripple rejection, db figure 20. ripple rejection; vin=3.3v, vout=1.8v (adj.), iload=200ma application information: continued
8 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation output voltage the output of the adjustable regulator can be set to any voltage between 1.25v and 15v. the value of v out can be quickly approximated using the formula v out =1.25 *(r 1 + r 2 )/r 1 . a small correction to this formula is required depending on the values of resistors r 1 and r 2 , since the adjustable pin current (approx 50 a) flows through r 2 . when i adj is taken into ac - count, the formula becomes v out = v ref (1+ (r 2 /r 1 )) + i adj * r 2 , where v ref =1.25v. layout considerations parasitic line resistance can degrade load regu - lation. in order to avoid this, connect r 1 directly to v out as illustrated in figure 25. for the same reason, r 2 should be connected to the negative side of the load. figure 21. current source figure 22. typical adjustable regulator load adj spx1117 v in c 1 out in 4.7 f c 2 i out r 1 v ref r 1 i out = + v out in out i a d j spx1117 c 1 r 1 r 2 v out v in c 2 v out =v ref (1+r 2 /r 1 ) +i adj r 2 v ref 50 a adj 4.7 f + application information: continued pc board topside copper backside copper thermal resistance junc. to amb. mm 2 mm 2 mm 2 c/w 2500 2500 2500 46 2500 1250 2500 47 2500 950 2500 49 2500 2500 0 51 2500 1800 0 53 1600 600 1600 55 2500 1250 0 58 2500 915 0 59 1600 600 0 67 900 240 900 72 900 240 0 85 table 1
9 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation figure 24. 5v regulator with shutdown spx1117 v in r 1 r 2 10 f 10 f* 1k ? , 330 ? 1% + + 4.7 f c 1 *c 1 improves ripple rejection. z c should be ~ r1 at ripple frequency 5v adj in out (note a) v out note a: v i n ( m i n ) = (intended v out ) + (v d r o p o u t ( m a x ) ) 1% 1k ? spx1117 10 f 1% 330w 1% + + 4.7 f 5v adj in out (note a) 1k 1k ttl input 2n3904 dropout (max) note a: v i n ( m i n ) = (intended v out ) + (v ) v in figure 25. recommended connections for best results figure 23. improving ripple rejection spx1117 r 2 r 1 connect r 2 to load r l connect r to case of regulator r p parasitic line resistance adj v out v in application information: continued pinouts 1 32 sot-223 (m3) to p vi e w to-263-3 (t) 1 2 3 front view to-220-3 (u) 1 2 3 front view to-252 (r) adj/gnd v out 1 2 3 v in adj/gnd v out v in adj/gnd v out v in adj/gnd v out v in to p vi e w note: for all pinouts, tab is connected to pin2 v out .
10 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation package: 3 pin sot-223
11 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation package: 3 pin to-252
12 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation package: 3 pin to-220
13 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation package: 3 pin to-263
14 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation ordering information part number status rohs package pack type q u a n t i t y spx1117hm3/tr active no sot-223-3 tape & reel 2500 spx1117hm3-l/tr active yes sot-223-3 tape & reel 2500 spx1117hm3-l-1-8/tr active yes sot-223-3 tape & reel 2500 spx1117m3 active no sot-223-3 tube 78 spx1117m3/tr active no sot-223-3 tape & reel 2500 spx1117m3-1-5/tr active no sot-223-3 tape & reel 2500 spx1117m3-1-8/tr active no sot-223-3 tape & reel 2500 spx1117m3-2-5/tr active no sot-223-3 tape & reel 2500 spx1117m3-2-85 active no sot-223-3 tube 78 spx1117m3-3-0/tr active no sot-223-3 tape & reel 2500 spx1117m3-3-3/tr active no sot-223-3 tape & reel 2500 spx1117m3-5-0/tr active no sot-223-3 tape & reel 2500 spx1117m3-l active yes sot-223-3 tube 78 spx1117m3-l/tr active yes sot-223-3 tape & reel 2500 spx1117m3-l-1-5 active yes sot-223-3 tube 78 spx1117m3-l-1-5/tr active no sot-223-3 tape & reel 2500 spx1117m3-l-1-8/tr active yes sot-223-3 tape & reel 2500 spx1117m3-l-2-5/tr active yes sot-223-3 tape & reel 2500 spx1117m3-l-2-85/tr active yes sot-223-3 tape & reel 2500 spx1117m3-l-3-0 active yes sot-223-3 tube 78 spx1117m3-l-3-0/tr active yes sot-223-3 tape & reel 2500 spx1117m3-l-3-3/tr active yes sot-223-3 tape & reel 2500 spx1117m3-l-5-0/tr active yes sot-223-3 tape & reel 2500 spx1117r active no to-252-3 tube 77 spx1117r/tr active no to-252-3 tape & reel 2000 spx1117r-1-5 active no to-252-3 tube 77 spx1117r-1-5/tr active no to-252-3 tape & reel 2000 spx1117r-1-8 active no to-252-3 tube 77 spx1117r-1-8/tr active no to-252-3 tape & reel 2000 spx1117r-2-5 active no to-252-3 tube 77 spx1117r-2-5/tr active no to-252-3 tape & reel 2000 spx1117r-2-85 active no to-252-3 tube 77 spx1117r-2-85/tr active no to-252-3 tape & reel 2000 spx1117r-3-0 active no to-252-3 tube 77 spx1117r-3-0/tr active no to-252-3 tape & reel 2000 spx1117r-3-3 active no to-252-3 tube 77 spx1117r-3-3/tr active no to-252-3 tape & reel 2000 spx1117r-l active yes to-252-3 tube 77 spx1117r-l/tr active yes to-252-3 tape & reel 2000 spx1117r-l-1-5 active yes to-252-3 tube 77 spx1117r-l-1-5/tr active yes to-252-3 tape & reel 2000 spx1117r-l-1-8 active yes to-252-3 tube 77 spx1117r-l-1-8/tr active yes to-252-3 tape & reel 2000 spx1117r-l-2-5 active yes to-252-3 tube 77 spx1117r-l-2-5/tr active yes to-252-3 tape & reel 2000 spx1117r-l-2-85 active yes to-252-3 tube 77 spx1117r-l-2-85/tr active yes to-252-3 tape & reel 2000 spx1117r-l-3-0 active yes to-252-3 tube 77 spx1117r-l-3-0/tr active yes to-252-3 tape & reel 2000 spx1117r-l-3-3 active yes to-252-3 tube 77 spx1117r-l-3-3/tr active yes to-252-3 tape & reel 2000
15 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation ordering information part number status rohs package pack type q u a n t i t y spx1117t active no to-263-3 tube 50 spx1117t/tr active no to-263-3 tape & reel 500 spx1117t-1-5 active no to-263-3 tube 50 spx1117t-1-5/tr active no to-263-3 tape & reel 500 spx1117t-1-8 active no to-263-3 tube 50 spx1117t-1-8/tr active no to-263-3 tape & reel 500 spx1117t-2-5 active no to-263-3 tube 50 spx1117t-2-5/tr active no to-263-3 tape & reel 500 spx1117t-2-85 active no to-263-3 tube 50 spx1117t-3-0 active no to-263-3 tube 50 spx1117t-3-0/tr active no to-263-3 tape & reel 500 spx1117t-3-3 active no to-263-3 tube 50 spx1117t-3-3/tr active no to-263-3 tape & reel 500 spx1117t-l active yes to-263-3 tube 50 spx1117t-l/tr active yes to-263-3 tape & reel 500 spx1117t-l-1-5 active yes to-263-3 tube 50 spx1117t-l-1-5/tr active yes to-263-3 tape & reel 500 spx1117t-l-1-8 active yes to-263-3 tube 50 spx1117t-l-1-8/tr active yes to-263-3 tape & reel 500 spx1117t-l-2-5 active yes to-263-3 tube 50 spx1117t-l-2-5/tr active yes to-263-3 tape & reel 500 spx1117t-l-2-85 active yes to-263-3 tube 50 spx1117t-l-2-85/tr active yes to-263-3 tape & reel 50 spx1117t-l-3-0 active yes to-263-3 tube 50 spx1117t-l-3-0/tr active yes to-263-3 tape & reel 500 spx1117t-l-3-3 active yes to-263-3 tube 50 spx1117t-l-3-3/tr active yes to-263-3 tape & reel 500 spx1117u active no to-220-3 tube 50 spx1117u-1-5 active no to-220-3 tube 50 spx1117u-1-8 active no to-220-3 tube 50 spx1117u-2-5 active no to-220-3 tube 50 spx1117u-2-85 active no to-220-3 tube 50 spx1117u-3-0 active no to-220-3 tube 50 spx1117u-3-3 active no to-220-3 tube 50 spx1117u-l active yes to-220-3 tube 50 spx1117u-l-1-5 active yes to-220-3 tube 50 spx1117u-l-1-8 active yes to-220-3 tube 50 spx1117u-l-2-5 active yes to-220-3 tube 50 spx1117u-l-2-8-5 active yes to-220-3 tube 50 spx1117u-l-3-0 active yes to-220-3 tube 50 spx1117u-l-3-3 active yes to-220-3 tube 50 spx1117hm3 cf no sot-223-3 tube 78
ordering information part number status rohs package pack type q u a n t i t y spx1117hm3-1-5 cf no sot-223-3 tube 78 spx1117hm3-2-5 cf no sot-223-3 tube 78 spx1117hm3-3-3 cf no sot-223-3 tube 78 spx1117hm3-5-0 cf no sot-223-3 tube 78 spx1117hm3-l cf yes sot-223-3 tube 78 spx1117hm3-l-1-5 cf yes sot-223-3 tube 78 spx1117hm3-l-1-5/tr cf yes sot-223-3 tape & reel 2500 spx1117hm3-l-1-8 cf yes sot-223-3 tube 78 spx1117hm3-l-2-5 cf yes sot-223-3 tube 78 spx1117hm3-l-2-5/tr cf yes sot-223-3 tape & reel 2500 spx1117hm3-l-2-85 cf yes sot-223-3 tube 78 spx1117hm3-l-2-85/tr cf yes sot-223-3 tape & reel 2500 spx1117hm3-l-3-0 cf yes sot-223-3 tube 78 spx1117hm3-l-3-0/tr cf yes sot-223-3 tape & reel 2500 spx1117hm3-l-3-3 cf yes sot-223-3 tube 78 spx1117hm3-l-3-3/tr cf yes sot-223-3 tape & reel 2500 spx1117hm3-l-5-0 cf yes sot-223-3 tube 78 spx1117hm3-l-5-0/tr cf yes sot-223-3 tape & reel 2500 spx1117m3-1-5 cf_ no sot-223-3 tube 78 spx1117m3-1-8 cf_ no sot-223-3 tube 78 spx1117m3-2-5 cf_ no sot-223-3 tube 78 spx1117m3-3-0 cf_ no sot-223-3 tube 78 spx1117m3-3-3 cf_ no sot-223-3 tube 78 spx1117m3-5-0 cf_ no sot-223-3 tube 78 spx1117m3-l-1-8 cf_ yes sot-223-3 tube 78 spx1117m3-l-2-5 cf_ yes sot-223-3 tube 78 spx1117m3-l-2-85 cf_ yes sot-223-3 tube 78 spx1117m3-l-3-3 cf_ yes sot-223-3 tube 78 spx1117m3-l-5-0 cf_ yes sot-223-3 tube 78 spx1117hm3-1-5/tr obs no sot-223-3 tape & reel 2500 spx1117hm3-1-8 obs no sot-223-3 tube 78 spx1117hm3-1-8/tr obs no sot-223-3 tape & reel 2500 spx1117hm3-2-5/tr obs no sot-223-3 tape & reel 2500 spx1117hm3-2-85 obs no sot-223-3 tube 78 spx1117hm3-2-85/tr obs no sot-223-3 tape & reel 2500 spx1117hm3-3-0 obs no sot-223-3 tube 78 spx1117hm3-3-0/tr obs no sot-223-3 tape & reel 2500 spx1117hm3-3-3/tr obs no sot-223-3 tape & reel 2500 spx1117hm3-5-0/tr obs no sot-223-3 tape & reel 2500 solved by tm for further assistance: email : sipexsupport@sipex.com www support page : http://www.sipex.com/content.aspx?p=support sipex application notes : http://www.sipex.com/applicationnotes.aspx sipex corporation headquarters and sales office 233 south hillview drive milpitas, ca 95035 tel: (408) 934-7500 fax: (408) 935-7600 sipex corporation reserves the right to make changes to any products described herein. sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. 16 apr 20-07 rev b spx1117 800ma low dropout voltage regulator ? 2007 sipex corporation


▲Up To Search▲   

 
Price & Availability of SPX1117T-2-5TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X