Part Number Hot Search : 
50P100 ESDL05R EW730 SD1411 MBR850DC E205G2BA MAXQ61 2PB1424
Product Description
Full Text Search
 

To Download RGP20D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rgp20a - rgp20j fast recovery rectifiers prv : 50 - 600 volts io : 2.0 amperes features : * high current capability * high reliability * low reverse current * low forward voltage drop * fast switching for high efficiency mechanical data : * case : d2a molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight : 0.645 gram maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol rgp 20a rgp 20b rgp 20d rgp 20g rgp 20j unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 v maximum rms voltage v rms 35 70 140 280 420 v maximum dc blocking voltage v dc 50 100 200 400 600 v maximum average forward current 0.375"(9.5mm) lead length ta = 55 c peak forward surge current, 8.3ms single half sine wave superimposed on rated load (jedec method) maximum peak forward voltage at i f = 2.0 a v f 1.3 v maximum dc reverse current ta = 25 c i r 5.0 m a at rated dc blocking voltage ta = 150 c i r(h) 100 m a maximum reverse recovery time ( note 1 ) trr 150 250 ns typical junction capacitance ( note 2 ) c j 35 pf typical thermal resistance ( note 3 ) r q ja 22 c/w junction temperature range t j - 65 to + 175 c storage temperature range t stg - 65 to + 175 c notes : ( 1 ) reverse recovery test conditions : i f = 0.5 a, i r = 1.0 a, irr = 0.25 a. ( 2 ) measured at 1.0 mhz and applied reverse voltage of 4.0 v dc ( 3 ) thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, p.c. board mounted. page 1 of 2 rev. 02 : march 25, 2005 a 80 i fsm rating i f(av) 2.0 a d2a 0.040 (1.02) 0.0385 (0.98) 1.00 (25.4) min. 0.161 (4.1) 0.154 (3.9) 0.284 (7.2) 0.268 (6.8) 1.00 (25.4) min. dimensions in inches and ( millimeters ) * pb / rohs free
rating and characteristic curves ( rgp20a - rgp20j ) fig.1 - reverse recovery time characteristic and test circuit diagram + notes : 1. rise time = 7 ns max., input impedance = 1 megaohm, 22 pf. 2. rise time = 10 ns max., source impedance = 50 ohms. 3. all resistors = non-inductive types. fig.2 - derating curve for output fig.3 - maximum non-repetitive peak rectified current forward surge current 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 ambient temperature, ( c) number of cycles at 60hz fig.4 - typical forward characteristics fig.5 - typical reverse characteristics 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 forward voltage, volts page 2 of 2 rev. 02 : march 25, 2005 60hz resistive or inductive load 0.375" (9.5mm) lead lengths 1.6 1.2 0.8 0.4 2.0 10 1.0 80 0 100 0 60 40 20 0.1 10 80 0.01 0.01 1.0 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) peak forward surge current, amperes average forward output current, amperes forward current, amperes reverse current, microamperes t j = 25 c t j = 100 c t j = 25 c pulse width = 300 m s 2% duty cycle 8.3 ms single half sine-wave (jedec) method t j = 50 c set time base for 50/100 ns/cm trr + 0.5 0 - 0.25 - 1.0 a 1 oscilloscope ( note 1 ) 1 w 50 w 10 w d.u.t. 50 vdc (approx .) pulse generator ( note 2 )


▲Up To Search▲   

 
Price & Availability of RGP20D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X