Part Number Hot Search : 
05250 T100N1T D1703 YS64D640 SM5THV3 N2003AN CXD3068Q 2SK795H
Product Description
Full Text Search
 

To Download PTB4543-2010APB103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ptb45 and ptb60 2 - m 3 x 0.5 16.0 (.629) 13 88.0 (3.46) 80.0 (3.14) travel 87.5 (3.44) 45.0 or 60.0 (1.77 or 2.36) l 8.0 (.314) 4.0 (.157) 3 1 2 11.25 (.442) 51.7 (2.03) 87.5 (3.44) 3.75 (.147) dia. holes 2 plcs. 2.0 +0.2 / -0.0 (.078 +0.007 / -0.0) 3.1 +0.2 / -0.0 (.122 +0.007 / -0.0) dia. holes 6 plcs. numbers 1 , 2 and 3 for dual gang versions 1 2 3 10.0 (.393) 8.0 (.314) lever style bp metal lever 10.0 (.393) 8.0 (.314) 1.0 (.039) 4.0 (.157) 2-(ro .75) (ro .5) 2-co .5 thickness = 1.2 mm thickness = 1.2 mm ap metal lever features carbon element metal housing 45-100 mm travel single and dual gang dust cover option rohs compliant* ptb series - low pro le slide potentiometer *rohs directive 2002/95/ec jan 27 2003 including annex speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications. electrical characteristics taper .................................... linear, audio standard resistance range ....................... 1 k ohms to 1 m ohms standard resistance tolerance .....20 % residual resistance ....................... 500 ohms or 1 % max. insulation resistance ........ min. 100 megohms at 250 v dc environmental characteristics operating temperature ...................................-10 c to +60 c power rating, linear 45 mm ....0.125 w (0.06 w dual gang) 60 mm ...................... 0.25 w (0.125 w) 100 mm .......................... 0.5 w (0.5 w) power rating, audio 45 mm ..0.025 w (0.015 w dual gang) 60 mm ...................... 0.25 w (0.125 w) 100 mm ...................... 0.25 w (0.25 w) maximum operating voltage - linear 45 mm ................................... 350 vdc 60-100 mm ............................ 500 vdc maximum operating voltage - audio 45 mm ................................... 250 vdc 60-100 mm travel ................. 350 vdc withstand voltage, audio ............................... 1 min. at 500 v ac tracking error ......... 3 db at 50 % of travel mechanical characteristics operating force ............. 10 to 100 g-cm stop strength ..................... 5 kg-cm min. sliding life ......................... 15,000 cycles soldering condition ............ 300c max. within 3 seconds travel ............................... 45, 60, 100mm product dimensions dimensions: mm (inches) derating curve ambient temperature (c) 20 40 50 60 70 80 90 100 30 10 0 20 33 40 60 80 100 0 rating power ratio (%) *rohs compliant
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. ptb series - low pro le slide potentiometer product dimensions dimensions: mm (inches) rev. 03/10 3 1 2 ptb01 11.25 (.442) 82.5 (3.24) 2 - m 3 x 0.5 16.0 (.629) 13 128.0 (5.03) 120.0 (4.72) 3.75 (.147) dia. holes 2 plcs. 2.0 +0.2 -0.0 (.078 ) +0.007 -0.0 dia. holes 6 plcs. 3.1 +0.2 -0.0 (.122 ) +0.007 -0.0 numbers 1 , 2 and 3 for dual gang versions 1 2 3 travel 127.5 (5.01) l 8.0 (.314) 4.0 (.157) 100.0 (3.93) 127.5 (5.01) how to order ptb 01 4 3 - 2 0 10 bp a 102 model stroke length  45 = 45 mm  60 = 60 mm  01 = 100 mm dust cover option  4 = no dust cover  5 = rubber dust cover no. of gangs  3 = single gang  4 = dual gang pin style  2 = pc pins down facing no detent standard lever length  10 = 10 mm lever style  bp = metal lever (refer to drawing)  ap = metal lever (refer to drawing) resistance taper  a = audio taper  b = linear taper resistance code (see table) other styles available standard resistance table resistance resistance (ohms) code 1,000 102 2,000 202 5,000 502 10,000 103 20,000 203 50,000 503 100,000 104 200,000 204 500,000 504 1,000,000 105 applications audio/tv sets car radio ampli ers/mixers/drum machines/synthesizers pcs/monitors appliances


▲Up To Search▲   

 
Price & Availability of PTB4543-2010APB103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X