Part Number Hot Search : 
RK7002BM AN7015S E800T AK412 30100 LP207120 S20L60 BD546
Product Description
Full Text Search
 

To Download OSV5YL7331A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com ver a.0 1 1 . . 8 8 m m m m t t o o w w e e r r v v i i o o l l e e t t l l e e d d OSV5YL7331A features outline dimension high luminous leds 1 1 . . 8 8 m m m m t t o o w w e e r r standard directivity long lifetime operation superior weather-resistance uv resistant epoxy water clear type applications counterfeit detection ndt crack detection fluid leak detection forensic science/infection control other lighting 3     .*/ .*/   6ojunn 5pmfsbodf?nn ."9   "opef $buipef    absolute maximum rating (ta=25 

directivity item symbol value unit dc forward current i f 30 ma pulse forward current* i fp 100 ma reverse voltage v r 5 v power dissipation p d 108 mw operating temperature topr -30 ~ +85 
storage temperature tstg -40 ~ +100 
lead soldering temperature tsol 260 
/5sec  *pulse width max.10ms duty ratio max 1/10             electrical -optical charac teristics (ta=25 

item symbol condition min. typ. max. 6oju dc forward voltage v f i f =20ma 2.9 3.1 3.6 v dc reverse current i r v r =5v - - 10 a peak wavelength* p i f =20ma 400 405 410 nm radiant flux*  f i f =20ma 2.0 5.0 6.0 mw luminous intensity* iv i f =20ma 90 120 - mcd 50% power angle 2 1/2 i f =20ma - 30 - deg * 1 tolerance of peak wavelength is + 1nm * 2 tolerance of luminous intensity is + 15% led & application technologies


▲Up To Search▲   

 
Price & Availability of OSV5YL7331A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X