Part Number Hot Search : 
106AS R1080 CFC3852 20000 C1003 106AS 09B12 90020
Product Description
Full Text Search
 

To Download MXT6A-12SA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MXT6A-12SA smt non-isolated power module features industry standard smt package output voltage programmable from 0.75 vdc to 5.5 vdc via external resistor 6 a output current up to 92 % efficiency small size, low profile cost-efficient low output ripple and noise high reliability remote on/off output overcurrent protection (non-latching) sequencing function description bourns MXT6A-12SA is a non-isolated dc-dc converter offering designers a cost and space-efficient solution with standard features such as sequencing, remote on/off, precisely regulated programmable output voltage and overcurrent protection. parameter min. nom. max. units notes input voltage 8.3 12 14 v dc current 4.5 a dc remote on/off: standar d -p option low or open = on off 0.4 v dc 10 a max. high = off on 2.4 v in v dc 1 ma max. output voltage adjustment range 0.75 5.5 v dc current 0.0 6.0 a dc voltage setpoint accuracy -2.0 2.0 % v o,set line regulation 0.3 % v o,set load regulation 0.4 % v o,set temperature regulation 0.4 % v o,set 0 to +85 ? ripple (pk-pk) (20 mhz bandwidth) 50 75 mvpk-pk 1 f ceramic//10 f tantalum capacitors ripple (rms) 15 30 mvrms 1 f ceramic//10 f tantalum capacitors dynamic load response: 50 % to 100 % load or 100 % to 50 % load; 200 mv 1 f ceramic//10 f tantalum capacitors ( ? i/ ? t = 2.5 a/ s; 25 ?) 25 s 50 % to 100 % load or 100 % to 50 % load; 50 mv 2 x 150 f polymer capacitors ( ? i/ ? t = 2.5 a/ s; 25 ?) 50 s general mtbf 10,000 khrs operating temperature -40 +85 ? storage temperature -55 +125 ? switching frequency 300 khz efficiency 81.0 % v o,set = 1.2 v dc (vin = 12 vdc, t a = 25 ?, full load) 84.0 % v o,set = 1.5 v dc 86.0 % v o,set = 1.8 v dc 88.0 % v o,set = 2.5 v dc 90.0 % v o,set = 3.3 v dc 92.0 % v o,set = 5.0 v dc specifications intermediate bus architecture distributed power applications workstations and servers telecom equipment enterprise networks including lans/wans latest generation ics (dsp, fpga, asic) and microprocessor powered applications applications *rohs directive 2002/95/ec jan 27 2003 including annex. specifications are subject to change without notice. customers should verify device performance in their specific applications. *rohs compliant
specifications are subject to change without notice. customers should verify device performance in their specific applications. MXT6A-12SA smt non-isolated power module vin on/off vout trim seq gnd 27.9 (1.100) 4.83 (0.190) 2.29 (0.090) 3.8 (0.150) 1.5 (0.06) 1.57 (0.062) 8.64 (0.340) 11.43 (0.450) 8.89 (0.350) 4.06 (0.160) 4.57 (0.180) 4.06 (0.160) product dimensions derating output current vs. local ambient temp & airflow recommended pad layout dimensions: mm (inches) 6.84 (0.270) max. 6.56 (0.258) ref. 1.57 (0.062) l1 (ref.) bottom view side view vin vout gnd seq trim on/off 0.25 (0.010) 17.53 (0.690) 4.57 (0.180) 1.5 (0.06) recommended pad size: min. x 3.05 (0.120) 2.41 (0.095) max. x 3.43 (0.135) 2.79 (0.110) 1.5 (0.06) 8.89 (0.350) 8.64 (0.340) 4.06 (0.160) 27.9 (1.100) 4.83 (0.190) 4.06 (0.160) pick and place location 12.2 (0.480) 27.9 (1.100) 6.22 (0.235) 11.43 (0.450) 7 5 6 4 3 2 1 0 30 25 40 35 50 45 55 ambient temperature (?) (vin = 12 vdc, vo = 3.3 vdc) output current (a) 60 70 75 65 80 85 nc (0 lfm) 2.0 m/s (400 lfm) 1.0 m/s (200 lfm) 1.5 m/s (300 lfm) 0.5 m/s (100 lfm) tolerances: decimal .x 0.5 (0.02) decimal .xx 0.25 (0.010) output voltage programming via external trim resistor between trim and gnd: rtrim = 10.5 - 1.0 k ? v o - 0.7525 [] via application of external voltage between trim and gnd: vtrim = (0.7 - 0.0667 x {vo - 0.7525}) asia-pacific: tel: +886-2 2562-4117 ?fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 ?fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 ?fax: +1-951 781-5700 www.bourns.com how to order m x t 6a - 12 s a (-p) configuration ?m = surface mount device internal identifier identifies sequencing pin function output current (amps) input voltage (v) outputs ?s = single output voltage (v)* ?a = adjustable optional positive on/off logic *fixed output voltage parts and optional features available; contact factory. pinout detail pin function 1 on/off 2 vin 3 seq 4 gnd 5 trim 6vout rev. b 08/06


▲Up To Search▲   

 
Price & Availability of MXT6A-12SA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X