Part Number Hot Search : 
2N2325 1N629 B350HD K0307001 354406 ZSM530 SMBJ18A IRPT5051
Product Description
Full Text Search
 

To Download KM68512A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  KM68512A family cmos sram revision 4.0 january 1997 1 document title 64kx8 bit low power cmos static ram revision history revision no. 0.0 0.1 1.0 2.0 3.0 4.0 remark design target preliminary final final final final history initial draft revision finalize revision - add 45ns part with 30pf test load. revision - change data sheet format : one data sheets for industrial and commercial product revision - change data sheet format - remove 45ns part from commercial product and 100ns part from industrial product - remove low power part form tsop package draft data novemer 28, 1993 may 13, 1994 december 1, 1994 august 12, 1995 april 15, 1996 january 9, 1998 the attached data, sheets are provided by samsung electronics. samsung electronics co., ltd. reserve the right to change the spe cifications and products. samsung electronics will answer to your questions about device. if you have any questions, please contact the samsung branch offices.
KM68512A family cmos sram revision 4.0 january 1997 2 64kx8 bit low power cmos static ram general description the KM68512A families are fabricated by samsung s advanced cmos process technology. the families support various operating temperature ranges and have various package types for user flexibility of system design. the fami- lies also support low data retention voltage for battery back- up operation with low data retention current. features process technology : poly load organization : 64kx8 power supply voltage : 4.5~5.5v low data retention voltage : 2v(min) three state output and ttl compatible package type : 32-sop-525, 32-tsop1-0820f pin description name function cs 1 , cs 2 chip select inputs oe output enable input we write enable input a 0 ~a 15 address inputs i/o 1 ~i/o 8 data inputs/outputs vcc power vss ground n.c no connection product family product family operating temperature v cc range(v) speed(ns) power dissipation pkg type standby (i sb1 , max) operating (i cc2 , max) KM68512Al commercial (0~70 c) 4.5 to 5.5v 55/70ns 100 m a 70ma 32-sop 32-tsop1-f KM68512Al-l 20 m a KM68512Ali industrial (-40~85 c) 4.5 to 5.5v 70ns 100 m a KM68512Ali-l 50 m a functional block diagram samsung electronics co., ltd. reserves the right to change products and specifications without notice. a11 a9 a8 a13 we cs2 a15 nc nc a14 a12 a7 a6 a5 a4 oe a10 cs 1 i/o8 i/o7 i/o6 i/o5 i/o4 vss i/o3 i/o2 i/o1 a0 a1 a2 a3 32-tsop type1 - forward 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 n.c a14 a12 a7 a6 a5 a4 a3 a2 a1 a0 i/o1 i/o2 i/o3 vss vcc a15 cs2 we a13 a8 a9 a11 oe a10 cs 1 i/o8 i/o7 i/o6 i/o5 i/o4 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32-sop n.c vcc precharge circuit. memory array 512 rows 128 8 columns i/o circuit column select clk gen. row select a0 a1 a2 a8 a9 a11 a10 a3 a4 a5 a6 a7 a12 a14 cs 1 cs2 we i/o1 data cont data cont oe i/o8 a13 a15 control logic
KM68512A family cmos sram revision 4.0 january 1997 3 product list commercial temperature products(0~70 c) industrial temperature products(-40~85 c) part name function part name function KM68512Alg-5 KM68512Alg-5l KM68512Alg-7 KM68512Alg-7l KM68512Alt-5l KM68512Alt-7l 32-sop, 55ns, l-pwr 32-sop, 55ns, ll-pwr 32-sop, 70ns, l-pwr 32-sop, 70ns, ll-pwr 32-tsop1-f, 55ns, ll-pwr 32-tsop1-f, 70ns, ll-pwr KM68512Algi-7 KM68512Algi-7l KM68512Alti-7l 32-sop, 70ns, l-pwr 32-sop, 70ns, ll-pwr 32-tsop1-f, 70ns, ll-pwr functional description 1. x means don t care.(must be low or high state) cs 1 cs 2 oe we i/o pin mode power h x 1) x 1) x 1) high-z deselected standby x 1) l x 1) x 1) high-z deselected standby l h h h high-z output disabled active l h l h dout read active l h x 1) l din write active absolute maximum ratings 1) 1. stresses greater than those listed under "absolute maximum ratings" may cause permanent damage to the device. functional oper ation should be restricted to recommended operating condition. exposure to absolute maximum rating conditions for extended periods may affect r eliability. item symbol ratings unit remark voltage on any pin relative to vss v in ,v out -0.5 to 7.0 v - voltage on vcc supply relative to vss v cc -0.5 to 7.0 v - power dissipation p d 1.0 w - storage temperature t stg -65 to 150 c - operating temperature t a 0 to 70 c KM68512A -40 to 85 c KM68512Ai soldering temperature and time t solder 260 c, 10sec(lead only) - -
KM68512A family cmos sram revision 4.0 january 1997 4 recommended dc operating conditions 1) note 1. commercial product : t a =0 to 70 c, unless otherwise specified industrial product : t a =-40 to 85 c, unless otherwise specified 2. overshoot : v cc +3.0v in case of pulse width 30ns 3. undershoot : -3.0v in case of pulse width 30ns 4. overshoot and undershoot are sampled, not 100% tested item symbol min typ max unit supply voltage vcc 4.5 5.0 5.5 v ground vss 0 0 0 v input high voltage v ih 2.2 - vcc+0.5v 2) v input low voltage v il -0.5 3) - 0.8 v capacitance 1) (f=1mhz, t a =25 c) 1. capacitance is sampled, not 100% tested item symbol test condition min max unit input capacitance c in v in =0v - 6 pf input/output capacitance c io v io =0v - 8 pf dc and operating characteristics item symbol test conditions min typ max unit input leakage current i li v in =vss to vcc -1 - 1 m a output leakage current i lo cs 1 =v ih or cs 2 =v il or oe =v ih or we =v il , v io =vss to vcc -1 - 1 m a operating power supply current i cc i io =0ma, cs 1 =v il , cs 2 =v ih , v in =v ih or v il - 7 15 ma average operating current i cc1 cycle time=1 m s, 100% duty, i io =0ma cs 1 0.2v, cs 2 3 v cc -0.2v, v in 0.2v or v in 3 vcc -0.2v - - 10 ma i cc2 cycle time=min, 100% duty, i io =0ma, cs 1 =v il , cs 2 =v ih , v in =v ih or v il - - 70 ma output low voltage v ol i ol =2.1ma - - 0.4 v output high voltage v oh i oh =-1.0ma 2.4 - - v standby current(ttl) i sb cs 1 =v ih , cs 2 =v il , other inputs =v ih or v il - - 3 ma standby current (cmos) KM68512Al/l-l i sb1 cs 1 3 vcc-0.2v, cs 2 3 vcc-0.2v or cs 2 0.2v other inputs =0 ~ vcc low power low low power - - 2 1 100 20 m a KM68512Ali/li-l low power low low power - - 2 1 100 50 m a
KM68512A family cmos sram revision 4.0 january 1997 5 ac characteristics (vcc=4.5~5.5v, KM68512A family:t a =0 to 70 c, KM68512Ai family:t a =-40 to 85 c) parameter list symbol speed bins units 55ns 70ns min max min max read read cycle time t rc 55 - 70 - ns address access time t aa - 55 - 70 ns chip select to output t co1 , t co2 - 55 - 70 ns output enable to valid output t oe - 25 - 35 ns chip select to low-z output t lz 10 - 10 - ns output enable to low-z output t olz 5 - 5 - ns chip disable to high-z output t hz 0 20 0 25 ns output disable to high-z output t ohz 0 20 0 25 ns output hold from address change t oh 10 - 10 - ns write write cycle time t wc 55 - 70 - ns chip select to end of write t cw 45 - 60 - ns address set-up time t as 0 - 0 - ns address valid to end of write t aw 45 - 60 - ns write pulse width t wp 40 - 50 - ns write recovery time t wr 0 - 0 - ns write to output high-z t whz 0 20 0 25 ns data to write time overlap t dw 25 - 30 - ns data hold from write time t dh 0 - 0 - ns end write to output low-z t ow 5 - 5 - ns c l 1) 1. including scope and jig capacitance ac operating conditions test conditions ( test load and input/output reference) input pulse level : 0.8 to 2.4v input rising and falling time : 5ns input and output reference voltage :1.5v output load(see right) : c l =100pf+1ttl data retention characteristics 1. cs 1 3 vcc-0.2v, cs 2 3 vcc-0.2v( cs 1 controlled) or cs 2 0.2v(cs 2 controlled). item symbol test condition min typ max unit vcc for data retention v dr cs 1 1) 3 vcc-0.2v 2.0 - 5.5 v data retention current i dr KM68512Al/l-l vcc=3.0v cs 1 3 vcc-0.2v cs 2 3 vcc-0.2v or cs 2 0.2v l-ver ll-ver - - 1 0.5 50 10 m a KM68512Ali/li-l l-ver ll-ver - - - - 50 25 data retention set-up time t sdr see data retention waveform 0 - - ms recovery time t rdr 5 - -
KM68512A family cmos sram revision 4.0 january 1997 6 address data out previous data valid data valid timming diagrams timing waveform of read cycle(1) (address controlled , cs 1= oe =v il , we =v ih ) t aa t rc t oh timing waveform of read cycle(2) ( we =v ih ) data valid high-z cs 1 address oe data ou t notes ( read cycle) 1. t hz and t ohz are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage levels. 2. at any given temperature and voltage condition, t hz (max.) is less than t lz (min.) both for a given device and from device to device interconnection. cs 2 t oh t aa t olz t lz t ohz t hz(1,2) t rc t co2 t oe t co1
KM68512A family cmos sram revision 4.0 january 1997 7 timing waveform of write cycle(1) ( we controlled) address cs 1 t cw(2) t wr(4) timing waveform of write cycle(2) ( cs 1 controlled) address cs 1 t wc t wr(4) t as(3) cs 2 t cw(2) t wp(1) t dw t dh t ow t whz data undefined data valid we data in data out t dw t dh data valid we data in data out high-z high-z cs 2 t wc t aw t as(3) t cw(2) t wp(1) t aw
KM68512A family cmos sram revision 4.0 january 1997 8 data retention wave form cs 1 controlled v cc 4.5v 2.2v v dr cs 1 gnd data retention mode cs 1 3 v cc - 0.2v t sdr t rdr timing waveform of write cycle(3) (cs 2 controlled) address cs 1 t aw notes (write cycle) 1. a write occurs during the overlap of a low cs 1 , a high cs 2 and a low we . a write begins at the latest transition among cs 1 goes low, cs 2 going high and we going low : a write end at the earliest transition among cs 1 going high, cs 2 going low and we going high, t wp is measured from the begining of write to the end of write. 2. t cw is measured from the cs 1 going low or cs 2 going high to the end of write. 3. t as is measured from the address valid to the beginning of write. 4. t wr is measured from the end of write to the address change. t wr(1) applied in case a write ends as cs 1 or we going high t wr(2) applied in case a write ends as cs 2 going to low. cs 2 t cw(2) we data in data valid data out high-z high-z t cw(2) t wr(4) t wp(1) t dw t dh t as(3) t wc cs 2 controlled v cc 4.5v 0.4v v dr cs 2 gnd data retention mode t sdr t rdr cs 2 0.2v
KM68512A family cmos sram revision 4.0 january 1997 9 package dimensions 32 pin small outline package (525mil) units : millimeter(inch) 0~8 #32 20.47 0.20 0.806 0.008 max 20.87 0.822 max 2.74 0.20 0.108 0.008 3.00 0.118 min 0.002 0.05 0.004 max 0.10 max #1 0.71 ( ) 0.028 1 3 . 3 4 0 . 5 2 5 11.43 0.20 0.450 0.008 0.80 0.20 0.031 0.008 + 0.10 0.20 - 0.05 + 0.004 0.008 - 0.002 14.12 0.30 0.556 0.012 #17 #16 1.27 0.050 + 0.100 0.41 - 0.050 + 0.004 0.016 - 0.002 32-thin small outline package type i (0820f) #32 1.00 0.10 0.039 0.004 max 8.40 0.331 0 . 1 0 m a x 0 . 0 0 4 m a x #1 0.50 ( ) 0.020 18.40 0.10 0.724 0.004 0.45 ~0.75 0.018 ~0.030 20.00 0.20 0.787 0.008 #17 + 0.10 0.15 - 0.05 + 0.004 0.006 - 0.002 0~8 + 0.10 0.20 - 0.05 + 0.004 0.008 - 0.002 0.50 0.0197 0.25 ( ) 0.010 min 0.05 0.002 max 1.20 0.047 8 . 0 0 0 . 3 1 5 typ 0.25 0.010 #16


▲Up To Search▲   

 
Price & Availability of KM68512A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X