Part Number Hot Search : 
31ATR TM1130P EE08028 UD4015 QM30TB2H B105M SK372 FBR610
Product Description
Full Text Search
 

To Download DS3654 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tl/f/5817 DS3654 printer solenoid driver august 1992 DS3654 printer solenoid driver general description the DS3654 is a serial-to-parallel 10-bit shift register with a clock and data input, a data output from the tenth bit, and 10 open-collector clamped relay driver outputs suitable for driving printer solenoids. timing for the circuit is shown in figure 1 . data input is sampled on the positive clock edge. data output changes on the negative clock edge, and is always active. enable transfers data from the shift register to the open-collector outputs. internal circuitry inhibits output enable for power supply voltage less than 6v. each output sinks 250 ma and is internally clamped to ground at 50v to dissipate energy stored in inductive loads. connection diagram dual-in-line package tl/f/5817 1 top view order number DS3654n see ns package number n16e pin descriptions pin no. function 1 output enable 2 output 6 3 output 7 4 output 8 5 output 9 6 output 10 7 data output 8 ground 9 clock input 10 data input 11 output 1 12 output 2 13 output 3 14 output 4 15 output 5 16 v cc logic diagram tl/f/5817 2 c 1995 national semiconductor corporation rrd-b30m105/printed in u. s. a.
absolute maximum ratings (note 1) if military/aerospace specified devices are required, please contact the national semiconductor sales office/distributors for availability and specifications. supply voltage, v cc 9.5v max input voltage b 0.5v min. 9.5v max output supply, vp-p 45v max storage temperature range b 65 cto a 150 c output current (single output) 0.4a ground current 4.0a peak power dissipation t k 10 ms, duty cycle k 5% 4.5w max maximum power dissipation * at 25 c molded package 1687 mw lead temperature (soldering, 4 seconds) 260 c * derate molded package 13.5 mw/ c above 25 c. operating conditions min max units supply voltage (v cc ) 7.5 9.5 v temperature (t a )0 a 70 c output supply (vp-p) 40 v electrical characteristics (notes 2, 3 and 4) vp-p e 30v unless otherwise noted parameter conditions min typ max units logical ``1'' input voltage 2.6 v logical ``0'' input voltage 0.8 v logical ``1'' output voltage clamp i clamp e 0.1a, v en e 0v 45 50 65 v logical ``1'' output current v oh e 40v, v en e 0v 1.0 ma logical ``0'' output voltage i ol e 250 ma, v en e 2.6v 1.6 v logical ``1'' input current clock t a e 70 c, v cl e 2.6v 0.2 0.33 ma enable t a e 70 c, v en e 2.6v 0.2 0.33 ma data t a e 70 c, v d e 2.6v 0.3 0.57 ma clock t a e 0 c, v cl e 2.6v 0.33 0.5 ma enable t a e 0 c, v en e 2.6v 0.33 0.5 ma data t a e 0 c, v d e 2.6v 0.57 0.75 ma logical ``0'' input current clock t a e 70 c, v cl e 1v 125 m a enable t a e 70 c, v en e 1v 125 m a data t a e 70 c, v d e 1v 220 m a input pull-down resistance clock t a e 25 c, v cl k v cc 8k x enable t a e 25 c, v en k v cc 8k x data t a e 25 c, v d k v cc 4.5 k x supply current (i cc ) outputs disabled t a t 25 c, v en e 0v, v do e 0v, 27 40 ma v cc e 9.5v outputs enabled t a t 25 c, v en e 2.6v, i ol e 250 ma 55 70 ma each bit data output low (v dol )v d e 0v, i ol e 0v 0.01 0.5 v data output high (v doh )v d e 2.6v, i oh eb 0.75 ma 2.6 3.4 v data output pull-down resistance v d e 0v, v d0 e 1v 14 k x note 1: ``absolute maximum ratings'' are those values beyond which the safety of the device cannot be guaranteed. they are not meant to imply that the devices should be operated at these limits. the tables of ``electrical characteristics'' provide conditions for actual device operation. note 2: unless otherwise specified, min/max limits apply across the 0 cto a 70 c temperature range and the 7.5v to 9.5v power supply range. all typical values given are for v cc e 8.5v and t a e 25 c. note 3: all currents into device pins are positive; all currents out of device pins are negative. all voltages are referenced to ground unless otherwise specified. note 4: only one output at a time should be shorted. 2
switching characteristics 0 cto a 70 c, t a e 25 c, nominal power supplies unless otherwise noted parameter conditions min typ max units clk, data and enable inputs (figure 1) t fc 2.0 m s t rc t bit t 10 m s 2.0 m s t clk 2 m s t clk 3.5 m s t hold 1.0 m s t set-up 1.0 m s t re ,t rd in 1.0 m s t fe ,t fd in 5.0 m s output 1 10 vp-p e 20v t ro r l e 100 x ,c l k 100 pf 1.2 m s t fo r l e 100 x ,c l k 100 pf 1.2 m s t pdeh 3.5 m s t pdel 3.0 m s data output t pdh ,t pdl r l e 5k x ,c l s 10 pf 0.8 2.5 m s t rd 0.4 m s t fd 0.4 m s clock to enable delay t ce 2t bit m s enable to clock delay t bit m s switching time waveforms tl/f/5817 3 figure 1. shift timing 3
DS3654 printer solenoid driver definition of terms vp-p: output power supply voltage. the return for open-col- lector relay driver outputs. t bit : period of the incoming clock. v clk : the voltage at the clock input. t clk : the portion of t bit when v clk t 2.6v t clk : the portion of t bit when v clk s 0.8v t set-up : the time prior to the end of t clk required to insure valid data at the shift register input for subsequent clock transitions. t hold : the time following the start of t clk required to trans- fer data within the shift register. physical dimensions inches (millimeters) molded dual-in-line package (n) order number DS3654n ns package number n16e life support policy national's products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of national semiconductor corporation. as used herein: 1. life support devices or systems are devices or 2. a critical component is any component of a life systems which, (a) are intended for surgical implant support device or system whose failure to perform can into the body, or (b) support or sustain life, and whose be reasonably expected to cause the failure of the life failure to perform, when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can effectiveness. be reasonably expected to result in a significant injury to the user. national semiconductor national semiconductor national semiconductor national semiconductor corporation europe hong kong ltd. japan ltd. 1111 west bardin road fax: ( a 49) 0-180-530 85 86 13th floor, straight block, tel: 81-043-299-2309 arlington, tx 76017 email: cnjwge @ tevm2.nsc.com ocean centre, 5 canton rd. fax: 81-043-299-2408 tel: 1(800) 272-9959 deutsch tel: ( a 49) 0-180-530 85 85 tsimshatsui, kowloon fax: 1(800) 737-7018 english tel: ( a 49) 0-180-532 78 32 hong kong fran 3 ais tel: ( a 49) 0-180-532 93 58 tel: (852) 2737-1600 italiano tel: ( a 49) 0-180-534 16 80 fax: (852) 2736-9960 national does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and national reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of DS3654

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X