Part Number Hot Search : 
VSYTSF FA221 VJ1210Y8 FIN1025 T8502 FIN1025 12030 61005
Product Description
Full Text Search
 

To Download CY23020LFI-3T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10-output, 400-mhz lvpecl zero delay buff er cy23020 -3 cypress semiconductor corporation ? 3901 north first street  san jose , ca 95134  408-943-2600 document #: 38-07473 rev. *a revised june 5, 2003 features ? 400-ps max total timing budget ? (ttb ? ) window  10 lvpecl outputs  1 lvpecl differential input  selectable output frequency range from 100 to 400 mhz  multiply by 2 option  15-ps rms cycle-cycle jitter  power-down mode  lock indicator  3.3v power supply  available in 48-pin qfn package overview thecy23020-3 is a high-performance 400-mhz lvpecl output phase-locked loop (pll)-based zero delay buffer (zdb) designed for high- speed clock distribution applications. the device features a guaranteed ttb window specifying all occurrences of output clocks with respect to the input reference clock across variations in voltage, temperature, process, frequency, and ramp rate. additionally, the cy23020-3 can be used as a fan-out buffer via the s[1:2] control pins. in this mode, the pll is bypassed and the reference clock is routed to the output buffers. block diagram pin configurations cy23020-3 48 47 46 45 44 43 42 41 40 39 38 37 13 14 15 16 17 18 19 20 21 22 23 24 1 2 3 4 5 6 7 8 9 10 11 12 36 35 34 33 32 31 30 29 28 27 26 25 f b o u t + v d d f b i n + f b i n - n c l o c k v d d c g n d c r e f - r e f + v d d q 9 + q 4 - g n d s 2 s 1 m u l r a n g e g n d c v d d c v d d c g n d c g n d q 5 - fbout- gnd q1- q1+ vdd q2+ q2- gnd q3- q3+ vdd q4+ q9- gnd q8- q8+ vdd q7+ q7- gnd q6- q6+ vdd q5+ q1+ q1- q3+ q3- q2+ q2- q4+ q4- q5+ q4- q6+ q6- q7+ q7- q8+ q8- q9+ q9- fbout+ fbout- pll control logic fbin- fbin+ s1:2 range mul ref- ref+ 1/ lock
cy23020- 3 document #: 38-07473 rev. *a page 2 of 9 pin definitions [1] pin name pin no. pin type pin description ref+ ref- 39 40 i reference inputs . output signals are synchronized to the crossing point of ref+ and ref? signals. in dc mode, the ref+/ref- inputs must be held at opposite logical states. for optimal performance, the impedances seen by these two inputs must be equal. fbin+ fbin- 46 45 i feedback inputs . input fbin+/fbin- must be fed by on e of the outputs to ensure proper functionality. if the trace between fbin+/fbin- and fbout+/fbout- is equal in length to the traces between the outputs and the signal destinations, then the signals received at the destinations will be synchronized to the clock signal at ref+/ref- inputs. in dc mode, fbin+/fbin- inputs must be held at opposite logical states. for best performance, the impedances seen by these two inputs must be equal. fbout+ fbout- 48 1 o feedback output . in order to complete the phase locked loop, similar polarity outputs must be connected back to the fbin+ and fbin- pins. any of the outputs may actually be used as the feedback source. q1+, q1- 4, 3 o differential q1 outputs . refer to tables 1,2, and 3 for configuration. q2+, q2- 6, 7 o differential q2 outputs . refer to tables 1,2, and 3 for configuration. q3+, q3- 10, 9 o differential q3 outputs . refer to tables 1,2, and 3 for configuration. q4 +, q4- 12, 13 o differential q4 outputs . refer to tables 1,2, and 3 for configuration. q5+, q5- 25, 24 o differential q5 outputs . refer to tables 1,2, and 3 for configuration. q6+, q6- 27, 28 o differential q6 outputs . refer to tables 1,2, and 3 for configuration. q7+, q7- 31, 30 o differential q7 outputs . refer to tables 1,2, and 3 for configuration. q8+, q8- 33, 34 o differential q8 outputs . refer to tables 1,2, and 3 for configuration. q9+, q9- 37, 36 o differential q9 outputs . refer to tables 1,2, and 3 for configuration. range 1 18 i frequency range selection input . to determine the correct connection for this pin, refer to table 2 . this should be a static input lock 43 o pll locked output . when this output is high, the pll in the cy23020-3 is in steady state operation mode (locked). when this signal is low, the pll is in the process of locking onto the reference signal. s1:2 16, 15 i output/pll enable selection bits . refer to table 1 . vddc 20, 21, 42 p analog power connection . connect to 3.3v. gndc 19, 22, 41 g analog ground connection . connect to common system ground plane. vdd 5, 11, 26, 32, 38, 47 p output buffer power connections . connect 3.3v gnd 2, 8, 14, 23, 29, 35 g ground connections . connect to common system ground plane. mul [2] 17 i multiplication factor select . when set high, the outputs will run at twice the speed of the reference signal. this should be a static input. nc 44 nc do not connect . this pin must be left floating. this pin is used by the factory for testing purposes. table 1. output configuration s1 s2 outputs pll 0 0 three-state shutdown 01reserved 1 0 reference input shutdown 1 1 pll output enabled notes: 1. there are no power-up sequence requirements on the power supply pins of the cy23020-3. 2. range and mul have a ~100k pull-down.
cy23020- 3 document #: 38-07473 rev. *a page 3 of 9 how to implement zero delay typically, zdbs multiply (fan-out) single-clock signals quantity while simultaneously reducing or mitigating the time delay associated with passing the clock through a buffering device. in many cases the output clock is adjusted, in phase, to occur later or more often before the device?s input clock to compensate for a design?s physical delay inadequacies. most commonly this is done using a simple pcb trace as a time delay element. the longer the trace the earlier the output clock edges occur with respect to the reference input clock edges. in this way such effects as undesired transit time of a clock signal across a pcb can be compensated for. inserting other devices in feedback path due to the fact that the device has an external feedback path the user has a wide range of control over its output to input skewing effect. one of these is to be able to synchronize the outputs of an external clock that is resultant from any of the output clocks. this implementation can be applied to any device (asic, multiple output clock buffer/driver, etc.) which is put into the feedback path. referring to figure 1 , if the traces between the asic/buffer and the destination of the clock signal(s) (a) are equal in length to the trace between the buffer and the fbin pin (b), the signals at the destination(s) device (c) will be driven high at the same time the reference clock provided to the zdb goes high. synchronizing the other outputs of the zdb to the outputs from the asic/buffer is more complex however, as any propa- gation delay in the asic/buffer must be accounted for. there are constraints when inserting other devices. if the devices contain plls or excessively long delay times they can easily cause the overall clocking system to become unstable as the components interact. for these designs it is advisable to contact cypress for applications support. table 2. frequency range setting range output frequency range 0 100?200 mhz 1 200?400 mhz table 3. frequency multiplication table mul output frequency 0= ref 1= 2 * ref reference signal feedback input asic/ buffer zero delay buffer a b c figure 1. output buffer in feedback path table 4. absolute maximum ratings [3] parameter description rating unit v dd voltage on any v dd pin with respect to gnd ?0.5 to +5.0 v v in voltage on any input pin with respect to gnd ?0.5 to v dd + 0.5 v t stg storage temperature ?65 to +150 c t a operation temperature (qfn) ?40 to 85 c t j junction temperature 135 c table 5. pecl dc output specification [4] parameter description conditions v cc = 3.135 v cc = 3.3 v cc = 3.465 min. max. min. max. min. max. v oh 1.835 2.435 2 2.6 2.165 2.765 v ol 1.135 1.735 1.3 1.9 1.465 2.065 v oh (rel to v cc ) ?1.3 ?0.7 ?1.3 ?0.7 ?1.3 ?0.7 v ol (rel to v cc ) ?2 ?1.4 ?2 ?1.4 ?2 ?1.4 these result in the following mid point values: [4] v mid ((v oh + v ol )/2) 1.485 2.085 1.65 2.25 1.815 2.415 v mid relative to v cc ?1.65 ?1.05 ?1.65 ?1.05 ?1.65 ?1.05 notes: 3. stresses greater than those listed in this table may cause permanent damage to the device. these represent a stress rating on ly. operation of the device at these or any other conditions above those specified in the operating sections of this specification is not implied. maximum con ditions for extended periods may affect reliability. 4. the midpoint voltage is average value of a waveform. for differential signals the midpoint is assumed to be the same for both the true and complement since the v oh and v ol of both the true and complement signals in general should be the same. v mid is not necessarily equal to the differential crossover voltage, which may be skewed if there is differential time delays between the signals.
cy23020- 3 document #: 38-07473 rev. *a page 4 of 9 min. max. unit i pd power-down current 70c, v dd max 100 a i il v in = 0 10 a i ih v in = v dd 100 a table 5. pecl dc output specification (continued) [4] parameter description conditions v cc = 3.135 v cc = 3.3 v cc = 3.465 min. max. min. max. min. max. table 6. v ddc = 3.3v 5%, v dd = 3.3v 5% (see test set-ups, c l = 5 pf) parameter description condition min. typ. max. unit i dd loaded, v dd max, cold, 400 mhz, all outputs switching 300 ma c in ref or fbin pin capacitance 4 5 6 pf c l [5] load cap 5pf v isw single ended input swing 0.5 1.25 v v ix [6] input crossover voltage (expressed relative to v dd ) v dd ? 1.79 v dd ? 0.96 s i input slew rate measured from v ix meas + 0.15 to v ix meas ?0.15. (20? 80% of a min input swing sig.) 0.9 4 v/ns v osw single ended output swing 0.6 1.1 v v ox [7] output crossing point vo mid = (vh_ meas vl_ meas )/2 vo mid ? 0.20 vo mid ? 0.20 v ox [8] output crossing point (relative to v dd ) vo mid = (vh_ meas vl_ meas )/2 v dd ? 1.79 v dd ? 0.96 table 7. v ddc = 3.3v 5%, v dd = 3.3v 5% (see test set-ups, c l = 5 pf) parameter description condition min. typ. max. unit s o output rise/fall slew rate measured from v ix meas + 0.15 to v ix meas ?0.15. (20?80% of a min input swing sig.) 0.9 2 v/ns d i input duty cycle input duty cycle 40 60 % d o output duty cycle differential crossing point 45 55 % t pdio refin-fbin prop delay external feedback ref, fb same frequency ?50 200 ps t pdiod refin-fbin prop delay external feedback ref, fb same frequency x2 ?50 150 ps t pdo fbout to any output prop delay ?325 ?100 ps t pdob output-output skew within a bank 150 ps t pdob133 output-output skew @133 mhz 75 ps t tb total timing budget 400 ps t jccpp cycle-cycle jitter (1000 cycles) p-p ref and outputs, same frequency 100 ps t jccrms rms cycle-cycle jitter ref and outputs, same frequency 15 ps tjccop ref = x2 125 ps tjrms ref = x2 30 ps notes: 5. same as input. pecl is assumed to drive single point loads. 6. this is the output dc mid-voltage range the crossover voltage tolerance. refer input voltage is assumed to be derived from same supply as part. this is why it is spec?d relative to v dd . 7. crossover is within 20% of the center of the minimum swing. 8. crossover is within 20% of the center of the minimum swing.
cy23020- 3 document #: 38-07473 rev. *a page 5 of 9 all board transmission lines 50 ? and 0.57 ns propagation delay fbout+ 2.3ns fbout - q1 + q5 + q5 - c selected to produce 1 - 2.5v/ns at pin 0.57 ns q1 - c l q 4+ q 4 - c l 100 100 100 pulse gen fbin - + ref - = ref+ fbin+ 100 fbin+ out 50 refin+ out 50 refin - out fbin+ out figure 2. test set-up 1 example
cy23020- 3 document #: 38-07473 rev. *a page 6 of 9 note: 9. the above configuration may provide better termination at the fbin input. all board transmission lines 50 ? and 0.57ns propagation delay . fbout+ 2.3ns fbout- q1+ q5+ q5- c selected to produce 1-2.5v/ns at pin 0.57ns q1- c l q4+ q4- c l 100 100 100 pulse gen fbin- + ref- = ref+ fbin+ fbin+ out 50 refin+ out 50 refin- out fbin+ out 450 450 100 50 50 figure 3. test set-up 2 example [9]
cy23020- 3 document #: 38-07473 rev. *a page 7 of 9 ordering information ordering code package type temperature range cy23020lfi-3 48-pin qfn industrial, ?40c to +85c CY23020LFI-3T 48-pin qfn?tape and reel industrial, ?40c to +85c note: 10. if accurate pin-pin skew is not obtainable with the load capacitors, a third configuration can be made with no load c. in th is case only pin-pin skew is characterized. part must be in pll bypass mode. pulse gen all board transmission lines 50 ? and 0.57ns propagation delay. fbout+ fbout - q1 + q 5+ q 5 - 0.57ns q1 - q 4+ q 4 - c l 1 00 c l 1 00 100 100 fbin - + ref - = ref+ fbin+ 100 fbin+ out 50 refin+ out 50 refin - out fbin+ out c selected to produce 1-2.5v/ns at pin figure 4. test set-up 3 example [10]
cy23020- 3 document #: 38-07473 rev. *a page 8 of 9 ? cypress semiconductor corporation, 2003. the information contained herein is subject to change without notice. cypress semico nductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress semi conductor product. nor does it convey or imply any license unde r patent or other rights. cypress semiconductor does not authorize its products for use as critical components in life-support syst ems where a malfunction or failure may reasonably be expected t o result in significant injury to the user. the inclusion of cypress semiconductor products in life-support systems application implies th at the manufacturer assumes all risk of such use and in do ing so indemnifies cypress semiconductor against all charges. package drawing and dimension total timing budget and ttb are trademarks of cypress semiconductor. all product and company names listed in this document are the trademarks of their respective holders. 48-lead qfn (7 7 mm) lf48 51-85152-*a
cy23020- 3 document #: 38-07473 rev. *a page 9 of 9 document history page document title: cy23020-3 10-output, 400-mhz lvpecl zero delay buffer document number: 38-07473 rev. ecn no. issue date orig. of change description of change ** 118965 11/05/02 hwt new data sheet *a 126939 06/10/03 rgl fixed the block diagram (removed the c1 input)


▲Up To Search▲   

 
Price & Availability of CY23020LFI-3T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X