Part Number Hot Search : 
DA101 PD78044F 80C32 0M100 0M100 MCR100 MCR100 MCR100
Product Description
Full Text Search
 

To Download CBT3126DS118 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the cbt3126 is a quad fet bus switch with independent line switches. each switch is disabled when the associated output enable (oe) input is low. the cbt3126 is characterized for operation from - 40 cto+85 c. 2. features n standard 126-type pinout n multiple package options n 5 w switch connection between two ports n ttl-compatible input levels n minimal propagation delay through the switch n latch-up protection exceeds 500 ma per jedec standard jesd78 class ii level a n esd protection: u hbm jesd22-a114e exceeds 2000 v u mm jesd22-a115-a exceeds 200 v u cdm jesd22-c101c exceeds 1000 v n speci?ed from - 40 cto+85 c 3. ordering information [1] also known as qsop16. cbt3126 quad fet bus switch rev. 04 12 october 2009 product data sheet table 1. ordering information type number temperature range package name description version cbt3126d - 40 cto+85 c so14 plastic small outline package; 14 leads; body width 3.9 mm sot108-1 cbt3126db - 40 cto+85 c ssop14 plastic shrink small outline package; 14 leads; body width 5.3 mm sot337-1 cbt3126pw - 40 cto+85 c tssop14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 cbt3126ds - 40 cto+85 c ssop16 [1] plastic shrink small outline package; 16 leads; body width 3.9 mm; lead pitch 0.635 mm sot519-1
cbt3126_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 12 october 2009 2 of 13 nxp semiconductors cbt3126 quad fet bus switch 4. functional diagram 5. pinning information 5.1 pinning 5.2 pin description pin numbers are for the 14 pin packages. fig 1. logic symbol fig 2. logic diagram 001aaj023 4oe 4a 4b 3oe 3a 3b 2oe 2a 2b 1oe 1a 1b 001aaj024 23 1 1oe 1b 2b 3b 4b 1a 56 4 2oe 2a 98 10 3oe 3a 12 11 13 4oe 4a fig 3. pin con?guration sot108-1 (so14) fig 4. pin con?guration sot337-1 (ssop14) and sot402-1 (tssop14) fig 5. pin con?guration sot519-1 (ssop16) cbt3126 1oe v cc 1a 4oe 1b 4a 2oe 4b 2a 3oe 2b 3a gnd 3b 001aaj111 1 2 3 4 5 6 7 8 10 9 12 11 14 13 cbt3126 1oe v cc 1a 4oe 1b 4a 2oe 4b 2a 3oe 2b 3a gnd 3b 001aaj025 1 2 3 4 5 6 7 8 10 9 12 11 14 13 cbt3126 n.c. v cc 1oe 4oe 1a 4a 1b 4b 2oe 3oe 2a 3a 2b 3b gnd n.c. 001aaj026 1 2 3 4 5 6 7 8 10 9 12 11 14 13 16 15 table 2. pin description symbol pin description sot108-1 sot337-1 and sot402-1 sot519-1 1oe to 4oe 1, 4, 10, 13 2, 5, 12, 15 output enable input 1a to 4a, 2, 5, 9, 12 3, 6, 11, 14 a input/output 1b to 4b 3, 6, 8, 11 4, 7, 10, 13 b output/input
cbt3126_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 12 october 2009 3 of 13 nxp semiconductors cbt3126 quad fet bus switch 6. functional description 7. limiting values [1] the input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed. [2] the package thermal impedance is calculated from jesd51-7. [3] for so14 package; p tot derates linearly with 8 mw/k above 70 c. [4] for ssop14, ssop16 and tssop14 packages; p tot derates linearly with 5.5 mw/k above 70 c. 8. recommended operating conditions gnd 7 8 ground (0 v) v cc 14 16 positive supply voltage n.c. - 1, 9 not connected table 2. pin description continued symbol pin description sot108-1 sot337-1 and sot402-1 sot519-1 table 3. function selection h = high voltage level; l = low voltage level. inputs switch noe l na to nb disconnected h na to nb connected table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v cc supply voltage - 0.5 +7.0 v v i input voltage [1] - 0.5 +7.0 v i sw switch current continuous current through each switch - 128 ma i ik input clamping current v i <0v - 50 - ma t stg storage temperature - 65 +150 c p tot total power dissipation t amb = - 40 c to +125 c [2] so14 package [3] - 500 mw ssop14 and ssop16 package [4] - 500 mw tssop14 package [4] - 500 mw table 5. operating conditions all unused control inputs of the device must be held at v cc or gnd to ensure proper device operation. symbol parameter conditions min max unit v cc supply voltage 4.5 5.5 v v ih high-level input voltage 2.0 - v v il low-level input voltage - 0.8 v t amb ambient temperature operating in free-air - 40 +85 c
cbt3126_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 12 october 2009 4 of 13 nxp semiconductors cbt3126 quad fet bus switch 9. static characteristics [1] all typical values are measured at v cc =5v; t amb =25 c. [2] this is the increase in supply current for each input that is at the speci?ed ttl voltage level rather than v cc or gnd. [3] measured by the voltage drop between the a and the b terminals at the indicated current through the switch. on resistance is determined by the lowest voltage of the two (a or b) terminals. 10. dynamic characteristics [1] this parameter is warranted but not production tested. the propagation delay is based on the rc time constant of the typical on resistance of the switch and a load capacitance, when driven by an ideal voltage source (zero output impedance). [2] t plh and t phl are the same as t pd ; t pzl and t pzh are the same as t en ; t plz and t phz are the same as t dis . table 6. static characteristics t amb = - 40 c to +85 c. symbol parameter conditions min typ [1] max unit v ik input clamping voltage v cc = 4.5 v; i i = - 18 ma - - - 1.2 v v pass pass voltage v i =v cc = 5.0 v; i sw = - 100 m a - 3.8 - v i i input leakage current v cc = 5.5 v; v i = gnd or 5.5 v - - 1 m a i cc supply current v cc = 5.5 v; i sw = 0 ma; v i =v cc or gnd --3 m a d i cc additional supply current control pins; per input; v cc = 5.5 v; one input at 3.4 v, other inputs at v cc or gnd [2] - - 2.5 ma c i input capacitance control pins; v i = 3 v or 0 v - 1.7 - pf c io(off) off-state input/output capacitance v o = 3 v or 0 v; noe = v cc - 3.4 - pf r on on resistance v cc = 4.0 v [3] v i = 2.4 v; i i = 15 ma - 16 22 w v cc = 4.5 v v i =0v; i i =64ma - 5 7 w v i =0v; i i =30ma - 5 7 w v i = 2.4 v; i i = 15 ma - 10 15 w table 7. dynamic characteristics t amb = - 40 c to +85 c; v cc = 4.5 v to 5.5 v; for test circuit see figure 8 . symbol parameter conditions min max unit t pd propagation delay na to nb or nb to na; see figure 6 [1] [2] - 0.25 ns t en enable time noe to na or nb; see figure 7 [2] 1.6 4.5 ns t dis disable time noe to na or nb; see figure 7 [2] 1.0 5.4 ns
cbt3126_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 12 october 2009 5 of 13 nxp semiconductors cbt3126 quad fet bus switch 11. ac waveforms measurement points are given in t ab le 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 6. the input (na, nb) to output (nb, na) propagation delay times 001aai367 v m v m v m v m v i input 0 v v oh output v ol t phl t plh measurement points are given in t ab le 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 7. enable and disable times 001aaj027 t plz t phz switch disabled switch enabled v y v x switch enabled output low-to-off off-to-low output high-to-off off-to-high noe input v i v ol v oh v cc v m gnd gnd t pzl t pzh v m v m table 8. measurement points input output v m v m v x v y 1.5 v 1.5 v v ol + 0.3 v v oh - 0.3 v
cbt3126_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 12 october 2009 6 of 13 nxp semiconductors cbt3126 quad fet bus switch 12. test information test data is given in t ab le 9 . de?nitions for test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to the output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. fig 8. test circuit for measuring switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aae331 v ext v cc v i v o dut c l r t r l r l g table 9. test data supply voltage input load v ext v cc v i t r , t f c l r l t plh , t phl t plz , t pzl t phz , t pzh 4.5 v to 5.5 v gnd to 3.0 v 2.5 ns 50 pf 500 w open 7.0 v open
cbt3126_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 12 october 2009 7 of 13 nxp semiconductors cbt3126 quad fet bus switch 13. package outline fig 9. package outline sot108-1 (so14) unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 8.75 8.55 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot108-1 x w m q a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 7 8 1 14 y 076e06 ms-012 pin 1 index 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.35 0.34 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.024 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 99-12-27 03-02-19 0 2.5 5 mm scale so14: plastic small outline package; 14 leads; body width 3.9 mm sot108-1
cbt3126_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 12 october 2009 8 of 13 nxp semiconductors cbt3126 quad fet bus switch fig 10. package outline sot337-1 (ssop14) unit a 1 a 2 a 3 b p cd (1) e (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.21 0.05 1.80 1.65 0.25 0.38 0.25 0.20 0.09 6.4 6.0 5.4 5.2 0.65 1.25 0.2 7.9 7.6 1.03 0.63 0.9 0.7 1.4 0.9 8 0 o o 0.13 0.1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. sot337-1 99-12-27 03-02-19 (1) w m b p d h e e z e c v m a x a y 1 7 14 8 q a a 1 a 2 l p q detail x l (a ) 3 mo-150 pin 1 index 0 2.5 5 mm scale ssop14: plastic shrink small outline package; 14 leads; body width 5.3 mm sot337-1 a max. 2
cbt3126_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 12 october 2009 9 of 13 nxp semiconductors cbt3126 quad fet bus switch fig 11. package outline sot402-1 (tssop14) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.72 0.38 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot402-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 17 14 8 q a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 a max. 1.1 pin 1 index
cbt3126_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 12 october 2009 10 of 13 nxp semiconductors cbt3126 quad fet bus switch fig 12. package outline sot519-1 (ssop16) unit a 1 a 2 a 3 b p cd (1) e (1) eh e ll p z y w v q references outline version european projection issue date iec jedec jeita mm 0.25 0.10 1.55 1.40 0.25 0.31 0.20 0.25 0.18 5.0 4.8 4.0 3.8 0.635 1 6.2 5.8 0.89 0.41 0.18 0.05 8 0 o o 0.18 0.2 0.09 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.2 mm maximum per side are not included. sot519-1 99-05-04 03-02-18 (1) w m b p d h e e z e c v m a x a y 1 8 16 9 q a a 1 a 2 l p detail x l (a ) 3 0 2.5 5 mm scale ssop16: plastic shrink small outline package; 16 leads; body width 3.9 mm; lead pitch 0.635 mm sot519-1 a max. 1.73
cbt3126_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 12 october 2009 11 of 13 nxp semiconductors cbt3126 quad fet bus switch 14. abbreviations 15. revision history table 10. abbreviations acronym description cdm charged device model dut device under test esd electrostatic discharge hbm human body model mm machine model ttl transistor-transistor logic table 11. revision history document id release date data sheet status change notice supersedes cbt3126_4 20091012 product data sheet - cbt3126_3 modi?cations: ? section 7 limiting v alues changed i cc to i sw . cbt3126_3 20081209 product data sheet - cbt3126_2 cbt3126_2 20081023 product data sheet - cbt3126_1 cbt3126_1 20011212 product data sheet - -
cbt3126_4 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 04 12 october 2009 12 of 13 nxp semiconductors cbt3126 quad fet bus switch 16. legal information 16.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 16.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 16.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. export control this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. 16.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 17. contact information for more information, please visit: http://www .nxp.com for sales of?ce addresses, please send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
nxp semiconductors cbt3126 quad fet bus switch ? nxp b.v. 2009. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 12 october 2009 document identifier: cbt3126_4 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 1 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 2 6 functional description . . . . . . . . . . . . . . . . . . . 3 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 8 recommended operating conditions. . . . . . . . 3 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 4 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 4 11 ac waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . 5 12 test information . . . . . . . . . . . . . . . . . . . . . . . . . 6 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 7 14 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 11 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 16 legal information. . . . . . . . . . . . . . . . . . . . . . . 12 16.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 12 16.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 16.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 16.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 17 contact information. . . . . . . . . . . . . . . . . . . . . 12 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13


▲Up To Search▲   

 
Price & Availability of CBT3126DS118

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X