Part Number Hot Search : 
AKD8181D SM330 BTS41 TDA3681 2SK2191 BXXXXXXB F1640 50N10
Product Description
Full Text Search
 

To Download BAS20-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free ds12004 rev. 18 - 2 1 of 3 bas19 / bas2 0 / bas21 www.diodes.co m ? diodes incorporated bas19 / bas2 0 / bas21 surface mo unt fast swi tching diode features case: sot-23 case material: molded pl astic. ul flamm ability classification rating 94v-0 moisture sensitivity: level 1 per j-std-020c terminals: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). polarity: see diagram bas19 marking: ka8, kt3, kt2 (see page 3) bas20 marking: kt2, kt3 (see page 3) bas21 marking: kt3 (see page 3) weight: 0.008 grams (approximate) mechanical data a e j l t o p v i e w m b c h g d k characteristic symbol bas19 bas20 bas21 unit repetitive peak revers e voltage v rrm 120 200 250 v working peak revers e voltage dc blocking voltage v rwm v r 100 150 200 v rms reverse voltage v r (rms) 71 106 141 v forward continuous cur rent (note 1) i fm 400 ma average rectified output curr ent (note 1) i o 200 ma non-repetitive peak forwar d surge current @ t = 1.0 m s @ t = 1.0s i fsm 2.5 0.5 a repetitive peak forward surge cur rent (note 1) i frm 625 ma power dissipation (note 1) p d 250 mw thermal resistance j unction to ambient air (note 1) r q ja 500 c/w operating and storage temperature range t j , t stg -65 to +150 c maximum ratings @ t a = 25 c unless otherwise s pecified note: 1. part mounted on fr-4 board with recommended pad layout, which can be found on our website at http :// www .diodes.com/ datasheets /ap02001. pdf . 2. short durat ion pulse test used to minimize self-heating effect. 3. no purposefully added lead. characteristic symbol min max unit test condition reverse break down voltage (note 2) bas19 bas20 bas21 v (br)r 120 200 250 ? v i r = 100 m a forward voltage v f ? 1.0 1.25 v i f = 100ma i f = 200ma reverse cur rent @ rated dc blocking voltage (note 2) i r ? 100 15 na m a t j = 25 c t j = 100 c total capacitance c t ? 5.0 pf v r = 0, f = 1.0mhz reverse rec overy t ime t rr ? 50 ns i f = i r = 30ma, i rr = 0.1 x i r , r l = 100 w electri cal character isti cs @ t a = 25 c unless otherwise s pecified fast switching speed surface mount package ideally suited for automatic inser tion for general purpos e switching applications high conductance lead free /rohs co mpliant (note 3 ) qualified t o aec-q101 standards f or high reliability sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180 a 0 8 all dimensions in m m
ds12004 rev. 18 - 2 2 of 3 bas19 / bas2 0 / bas21 www.diodes.co m 0 .0 0 1 0 .0 1 0 .1 1 0 0 .4 0 .2 0 . 6 i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f v , in s t a n t a n e o u s f o rw a r d v o l t a g e ( v ) f f ig . 1 t y p ic a l f o r w a r d c h a r a c te r is ti c s 0 .8 1 .2 1 .0 1 .4 t = 0 oc a t = 1 5 0 oc a t = - 4 0 oc a t = 2 5 oc a t = 7 5 oc a t = 1 2 5 oc a 0 .0 0 0 1 0 .0 1 0 .0 0 1 0 .1 1 1 0 1 0 0 0 5 0 1 0 0 2 0 0 1 5 0 2 5 0 v , in s t a n t a n e o u s r e v e r s e v o l t a g e ( v ) r f ig . 2 t y p ic a l r e v e rs e c h a ra c te ri s ti c s t = - 4 0 oc a t = 2 5 oc a t = 7 5 oc a t = 1 2 5 oc a t = 1 5 0 oc a t = 0 oc a 0 . 0 0 . 5 1 . 0 1 . 5 3 . 5 3 . 0 2 . 5 2 . 0 4 . 0 0 1 0 2 0 4 0 3 0 c , t o t a l c a p a c i t a n c e ( p f ) t v , r e v e r s e v o l t a g e ( v ) r f i g . 3 t y p i c a l c a p a c i ta n c e v s . r e v e r s e vo l ta g e f = 1 . 0 m h z 0 1 2 0 1 6 0 2 0 0 2 5 0 2 0 0 1 5 0 5 0 4 0 8 0 1 0 0 0 t , a m b i e n t t e m p e r at u r e ( c ) a f i g . 4 p o w e r d e r a t i n g c u r v e , t o t a l p a c k a g e p , p o w e r d i s s i p a t i o n ( m w ) d n o t e 1
ds12004 rev. 18 - 2 3 of 3 bas19 / bas2 0 / bas21 www.diodes.co m orderi ng inform ation (note 4) notes: 4. for packaging details, go to our website at http :// www .diodes.com/ datasheets /ap02007. pdf . device packaging shipping bas19-7- f sot-23 3000/tape & reel bas20-7- f sot-23 3000/tape & reel bas21-7- f sot-23 3000/tape & reel marking i nformat ion k x x y m kxx = product type marking code (see page 1) ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september date code key month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d . year 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code l m n p r s t u v w x y z


▲Up To Search▲   

 
Price & Availability of BAS20-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X