Part Number Hot Search : 
SMC1602A 55C56 TDA8442 00000 2N6487 170M6497 BU2872AK IRF510
Product Description
Full Text Search
 

To Download AT27C520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 512k (64k x 8) multiplexed addresses/ outputs otp eprom AT27C520 features ? 8-bit multiplexed addresses/outputs ? fast read access time - 70 ns ? low power cmos operation C 20 ma max. active at 5 mhz ? 20-lead tssop package ? 20-lead soic package ? 5v 10% supply ? high reliability cmos technology C 2,000v esd protection C 200 ma latchup immunity ? rapid? programming algorithm - 50 s/byte (typical) ? cmos and ttl compatible inputs and outputs ? integrated product identification code ? commercial and industrial temperature range description the AT27C520 is a low-power, high performance 524,288 bit one-time programmable read only memory (otp eprom) organized 64k by 8 bits. it incorporates latches for the 8 lower order address bits to multiplex with the 8 data bits. this minimizes system chip count, reduces cost, and simplifies the design of multiplexed bus systems. it requires only one 5v power supply in normal read mode operation. any byte can be accessed in less than 70 ns, eliminating the need for speed reducing wait states on high performance microprocessor systems. atmels scaled cmos technology provides high speed, lower active power consump- tion, and significantly faster programming. power consumption is typically only 8 ma in active mode. rev. 0752dC10/98 pin configurations pin name function a8 - a15 addresses ad0 - ad7 addresses/outputs oe /vpp output enable/program supply ale address latch enable soic top view 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 oe/vpp a15 a13 a11 a9 ad0 ad2 ad4 ad6 gnd vcc ale a14 a12 a10 a8 ad1 ad3 ad5 ad7 (continued) tssop top view 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 a10 a12 a14 ale vcc oe/vpp a15 a13 a11 a9 a8 ad1 ad3 ad5 ad7 gnd ad6 ad4 ad2 ad0
AT27C520 2 the AT27C520 is available in 173 mil, 20-pin tssop; 300 mil and, 20-pin soic; one-time programmable (otp) plas- tic packages. with 64k byte storage capability, the AT27C520 allows firmware to be stored reliably and to be accessed by the system without the delays of mass storage media. atmel's 27c520 has additional features to ensure high quality and efficient production use. the rapid? program- ming algorithm reduces the time required to program the part and guarantees reliable programming. programming time is typically only 50 m s/byte. the integrated product identification code electronically identifies the device and manufacturer. this feature is used by industry standard programming equipment to select the proper programming algorithms and voltages. system considerations switching under active conditions may produce transient voltage excursions. unless accommodated by the system design, these transients may exceed data sheet limits, resulting in device non-conformance. at a minimum, a 0.1 f high frequency, low inherent inductance, ceramic capacitor should be utilized for each device. this capacitor should be connected between the v cc and ground termi- nals of the device, as close to the device as possible. addi- tionally, to stabilize the supply voltage level on printed circuit boards with large eprom arrays, a 4.7 m f bulk elec- trolytic capacitor should be utilized, again connected between the v cc and ground terminals. this capacitor should be positioned as close as possible to the point where the power supply is connected to the array. block diagram oe, ale, and program logic y decoder x decoder y-gating cell matrix identification output buffers vcc gnd oe/vpp latches ale ad7 - ad0 a15 - a8 8 8
AT27C520 3 note: 1. minimum voltage is -0.6v dc which may undershoot to -2.0v for pulses of less than 20 ns. maximum output pin voltage is v cc + 0.75v dc which may overshoot to +7.0v for pulses of less than 20 ns. notes: 1. x can be v il or v ih. 2. refer to programming characteristics. 3. v h = 12.0 0.5v. 4. two identifier bytes may be selected. all a8 - a15 inputs are held low (v il ), except a9 which is set to v h and a8 which is toggled low (v il ) to select the manufacturers identification byte and high (v ih ) to select the device code byte. absolute maximum ratings* temperature under bias................................ -55c to +125c *notice: stresses beyond those listed under absolute maximum ratings may cause permanent dam- age to the device. this is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. storage temperature ..................................... -65c to +150c voltage on any pin with respect to ground .........................................-2.0v to +7.0v (1) voltage on a9 with respect to ground ......................................-2.0v to +14.0v (1) v pp supply voltage with respect to ground .......................................-2.0v to +14.0v (1) operating modes mode/pin ale oe /v pp a8 - a15 ad0 - ad7 read v il v il ai d out output disable v il /v ih v ih x (1) high z/a0 - a7 address latch enable v ih v ih xa0 - a7 rapid program (2) v ih v pp ai d in product identification (3) v il v il a9 = v h (4) a8 = v ih or v il a10 - a15 = v il identification code
AT27C520 4 note: 1. for address input a13 only. dc and ac operating conditions for read operation AT27C520-70 AT27C520-90 operating temperature (case) com. 0c - 70c 0c - 70c ind. -40c - 85c -40c - 85c v cc supply 5v 10% 5v 10% dc and operating characteristics for read operation symbol parameter condition min max units i li input load current v in = 0v to v cc 1 m a i li2 (1) input load current a13 v in = 0v to v cc 100 a i lo output leakage current v out = 0v to v cc 5 m a i cc v cc active current f = 5 mhz, i out = 0 ma 20 ma v il input low voltage -0.6 0.8 v v ih input high voltage 2.0 v cc + 0.5 v v ol output low voltage i ol = 2.1 ma 0.4 v v oh output high voltage i oh = -400 m a2.4v
AT27C520 5 note: 2, 3, 4 see ac waveforms for read operation ac waveforms for read operation (1) notes: 1. timing measurement reference levels for all speed grades are v ol = 0.8v and v oh = 2.0v. input ac drive levels are v il = 0.45v and v ih = 2.4v. 2. oe /v pp may be delayed up to t acc - t oe after the address is valid without impact on t acc . 3. this parameter is only sampled and is not 100% tested. 4. output float is defined as the point when data is no longer driven. input test waveforms and measurement levels for -70 and -90 devices: t r , t f < 20 ns (10% to 90%) output test load note: c l = 100 pf including jig capacitance. note: 1. typical values for nominal supply voltage. this parameter is only sampled and is not 100% tested. ac characteristics for read operation symbol parameter condition AT27C520-70 AT27C520-90 units min max min max t acc (2) address to output delay ale = oe /v pp = v il 70 90 ns t as address setup time oe /v pp = v ih 12 15 ns t ah address hold time oe /v pp = v ih 12 15 ns t ale address latch enable width oe /v pp = v ih 40 45 ns t oe (2) oe /v pp to output delay ale = v il 30 35 ns t df (3)(4) oe /v pp high to output float ale = v il 25 25 ns t oh output hold from address or oe /v pp , whichever occurred first ale = v il 70ns ale oe/v pp ad7 - ad0 a15 - a8 tale address in tas tah data out toe tacc tdf toh pin capacitance f = 1 mhz, t = 25 c (1) symbol typ max units conditions c in 46pfv in = 0v c out 812pfv out = 0v
AT27C520 6 programming waveforms notes: 1. the input timing reference is 0.8v for v il and 2.0v for v ih . 2. t oe and t dfp are characteristics of the device but must be accommodated by the programmer. note: 1. for address input a13 only. v cc oe/v pp ale ad7 - ad0 a15 - a8 6.5v 5.0v 13v v ih v il v ih v il v ih v il v ih v il tvcs toes tprt tlp tale addr tlas tlah tas data in tpw toeh tvr tdh tds addr tale tlah tlas data out toe tdfp tah address stable program read (verify) dc programming characteristics t a = 25 5 c, v cc = 6.5 0.25v, oe /v pp = 13.0 0.25v symbol parameter test conditions limits units min max i li input load current v in = v il , v ih 10 a i li2 (1) input load current a13 v in = v il , v ih 100 a v il input low level -0.6 0.8 v v ih input high level 2.0 v cc + 1.0 v v ol output low voltage i ol = 2.1 ma 0.4 v v oh output high voltage i oh = -400 a 2.4 v i cc2 v cc supply current (program and verify) 25 ma i pp2 oe /v pp current ale = v ih 25 ma
AT27C520 7 notes: 1. v cc must be applied simultaneously or before oe /v pp and removed simultaneously or after oe /v pp . 2. program pulse width tolerance is 50 m sec 5%. 3. this parameter is only sampled and is not 100% tested. output float is defined as the point where data is no longer driven see timing diagram. ac programming characteristics t a = 25 5 c, v cc = 6.5 0.25v, oe /v pp = 13.0 0.25v symbol parameter (1) test conditions limits units min max t ale address latch enable width input rise and fall times (10% to 90%) 20 ns input pulse levels 0.45v to 2.4v input timing reference level 0.8v to 2.0v output timing reference level 0.8v to 2.0v 500 ns t las latched address setup time 100 ns t lah latched address hold time 100 ns t lp ale low to oe /v pp high voltage delay 2s t oes oe /v pp setup time 2 s t oeh oe /v pp hold time 2 s t ds data setup time 2 s t dh data hold time 2 s t pw ale program pulse width (2) 47.5 52.5 s t vr oe /v pp recovery time 2 s t vcs v cc setup time 2 s t oe data valid from oe /v pp 150 ns t dfp oe /v pp high to output float delay (3) 0 130 ns t as address setup time 2 s t ah address hold time 0 s t prt oe /v pp pulse rise time during programming 50 ns atmels 27c520 integrated product identification code codes pins hex data a8 ad7 ad6 ad5 ad4 ad3 ad2 ad1 ad0 manufacturer 0000111101e device type 1100111019d
AT27C520 8 rapid ? programming algorithm a 50 s ale pulse width is used to program. the address is set to the first location. v cc is raised to 6.5v and oe /v pp is raised to 13.0v. each address is first programmed with one 50 m s ale pulse without verification. then a verifica- tion/reprogramming loop is executed for each address. in the event a byte fails to pass verification, up to 10 succes- sive 50 m s pulses are applied with a verification after each pulse. if the byte fails to verify after 10 pulses have been applied, the part is considered failed. after the byte verifies properly, the next address is selected until all have been checked. oe /v pp is then lowered to v ih and v cc to 5.0v. all bytes are read again and compared with the original data to determine if the device passes or fails. start addr = first location addr = first location vcc = 6.5v vpp = 13.0v vcc = 5.0v vpp = 5.0v program one 50 s pulse program one 50 s pulse last addr.? last addr.? no no no x = 0 x = 10? increment x verify byte device failed device passed compare all bytes to original data yes yes yes increment address increment address pass pass fail fail
AT27C520 9 ordering information t acc (ns) i cc (ma) active ordering code package operation range 70 20 AT27C520-70sc AT27C520-70xc 20s 20x commercial (0 c to 70 c) AT27C520-70si AT27C520-70xi 20s 20x industrial (-40c to 85c) 90 20 AT27C520-90sc AT27C520-90xc 20s 20x commercial (0 c to 70 c) AT27C520-90si AT27C520-90xi 20s 20x industrial (-40c to 85c) package type 20s 20-lead, 0.300" wide, plastic gull-wing small outline (soic) 20x 20-lead, 0.173" wide, thin shrink small outline (tssop)
AT27C520 10 packaging information 0.299 (7.60) 0.291 (7.39) 0.020 (0.508) 0.013 (0.330) 0.420 (10.7) 0.393 (9.98) pin 1 .050 (1.27) bsc 0.513 (13.0) 0.497 (12.6) 0.012 (0.305) 0.003 (0.076) 0.105 (2.67) 0.092 (2.34) 0 8 ref 0.035 (0.889) 0.015 (0.381) 0.013 (0.330) 0.009 (0.229) 4.48(.176) 4.30(.169) 6.50(.256) 6.25(.246) 0.65(.0256) bsc 0.30(0.012) 0.18(0.007) pin 1 id 6.60(.260) 6.40(.252) 0.15(.006) 0.05(.002) 1.10(0.043) max 0.18(.007) 0.09(.003) 0 8 ref 0.70(.028) 0.50(.020) 20s , 20-lead, 0.300" wide, plastic gull wing small outline dimensions in inches and (millimeters) 20x , 20-lead, 0.173" wide, thin super small outline package (tssop) dimensions in (millimeters) and inches
AT27C520 11
? atmel corporation 1998. atmel corporation makes no warranty for the use of its products, other than those expressly contained in the companys standard war- ranty which is detailed in atmels terms and conditions located on the companys website. the company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any tim e without notice, and does not make any commitment to update the information contained herein. no licenses to patents or other intellectu al prop- erty of atmel are granted by the company in connection with the sale of atmel products, expressly or by implication. atmels pr oducts are not authorized for use as critical components in life support devices or systems. marks bearing ? and/or ? are registered trademarks and trademarks of atmel corporation. terms and product names in this document may be trademarks of others. atmel headquarters atmel operations corporate headquarters 2325 orchard parkway san jose, ca 95131 tel (408) 441-0311 fax (408) 487-2600 europe atmel u.k., ltd. coliseum business centre riverside way camberley, surrey gu15 3yl england tel (44) 1276-686677 fax (44) 1276-686697 asia atmel asia, ltd. room 1219 chinachem golden plaza 77 mody road tsimshatsui east kowloon, hong kong tel (852) 27219778 fax (852) 27221369 japan atmel japan k.k. tonetsu shinkawa bldg., 9f 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel (81) 3-3523-3551 fax (81) 3-3523-7581 atmel colorado springs 1150 e. cheyenne mtn. blvd. colorado springs, co 80906 tel (719) 576-3300 fax (719) 540-1759 atmel rousset zone industrielle 13106 rousset cedex, france tel (33) 4 42 53 60 00 fax (33) 4 42 53 60 01 fax-on-demand north america: 1-(800) 292-8635 international: 1-(408) 441-0732 e-mail literature@atmel.com web site http://www.atmel.com bbs 1-(408) 436-4309 printed on recycled paper. 0752dC10/98/xm


▲Up To Search▲   

 
Price & Availability of AT27C520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X