Part Number Hot Search : 
EL4584C MIC5335 KBPC1510 VN050 2N338 MA45445 HCT57 NTE2088
Product Description
Full Text Search
 

To Download ADM2914-2ARQZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  quad uv/ov positive/negative voltage supervisor adm2914 rev. 0 information furnished by analog devices is believed to be accurate and reliable. however, no respons ibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. specifications subject to change without notice. no license is granted by implication or otherwise under a ny patent or patent rights of analog devices. trademarks and registered trademarks are the property of their respective owners. one technology way, p.o. box 9106, norwood, ma 02062 - 9106, u.s.a. tel: 781.329.4700 www.analog.com fax: 781.461.3113 ? 2009 analog devices, inc. all rights reserved. features quad uv/ov p ositive/ n egative s upervisor supervises up to 2 negative rails adjustable uv and ov input thresholds high threshold accuracy over temperature : 1.5% 1 v buffered r eference output open - drain uv and a pplications ov reset o utputs adjustable reset timeout with disable option outputs guaranteed down to v cc of 1 v glitch immunity 62 a supply current 16- l ead q sop p ackage server supply monitoring fpga/dsp core and i/o voltage m onitoring telecom munic ations equipment medical e quipment f unctional b lock d iagram timer timer v cc logic output logic ref 500mv 500mv 500mv 500mv mux sel gnd adm2914 vh1 uv ov ref la tch/dis vl1 vh2 vl2 vh3 vl3 vh4 vl4 08170-001 figure 1. g eneral d escription the adm2914 is a quad voltage supervisory ic ideally suited for monitoring multiple rails in a wide range of applications. each monitor ed rail has two de dicated input pins, vhx and vlx, which al lows each rai l to be monitored for both overvoltage (ov) and under voltage (uv) conditions. a common active low undervoltage ( uv ) and overvoltage ( the device incorporates an internal shunt regulator that enables the device to be used in higher voltage systems. this feature requires a resistor to be placed between the main supply r ail and the v cc pin to limit the current flow into the v cc pin to no greater than 10 ma. the adm2914 uses the internal shunt regulator to regulate v cc if the supply line exceed s the absolute maximum ratings. the adm2914 is available in two models . the adm2 914- 1 offers a latching overvoltage output that can be cleared by toggling the ov ) p in is shared by each of the monitored voltage rails. the adm2914 includes a 1 v buffered ref erence output, ref, that acts as an offset when monitoring a negative voltage. the t hree - s tate sel pin determines the polarity of the third and fourth inputs , that is, it configures the device to monitor positive or negative supplies. latch input pin. the adm2914 - 2 has a disable pin that can override and disable both the ov and uv the adm 2914 is available in a 1 6 - lead q sop package . the device operates over the extended temperature range of ? 40 c to + 125 c. output sig nals.
adm2914 rev. 0 | page 2 of 16 table of contents features .............................................................................................. 1 applications ....................................................................................... 1 functional block diagram .............................................................. 1 general description ......................................................................... 1 revision history ............................................................................... 2 specifications ..................................................................................... 3 absolute maximum ratings ............................................................ 4 esd caution .................................................................................. 4 pin configurations and function descriptions ........................... 5 typical performance characteristics ............................................. 6 theory of operation ........................................................................ 8 voltage supervision ...................................................................... 8 polarity configuration ................................................................. 8 monitoring pin connections ...................................................... 9 threshold accuracy ................................................................... 10 voltage monitoring example .................................................... 10 power - up and power - down ..................................................... 11 uv / ov timing characteristics ............................................... 11 timer capacitor selection ........................................................ 11 uv and ov rise and fall times .............................................. 12 uv / ov output characteristics ............................................... 12 glitch immunity ......................................................................... 12 undervoltage lockout (uvlo) ............................................... 12 shunt regulator .......................................................................... 12 ov disable (adm2914 - 2) ............................................................... 12 latch (adm2914 - 1) ........................................................... 12 typical applications ....................................................................... 13 outline dimensions ....................................................................... 15 ordering guide .......................................................................... 15 revision history 5 /09 revision 0: initial version
adm2914 rev. 0 | page 3 of 16 specifications t a = ?40c to + 8 5c. t ypical values at t a = 25c , unless otherwise noted. v cc = 3.3 v, vlx = 0.45 v, vhx = 0.55 v, latch table 1 . = v cc , sel = v cc , dis = open , unless otherwise noted . parameter min typ max unit test conditions /comments shunt regulator v cc shunt regulator voltage , v shunt 6.2 6.6 6.9 v i cc = 5 ma 6.2 6.6 7.0 v t a = ? 40 c to +125c v cc shunt regulator load regulation , v shunt 200 300 mv i cc = 2 ma to 10 ma supply supply voltage , v cc 1 2.3 v shunt v minimum v cc output valid , v ccr(min) 1 v dis = 0 v supply under v oltage lockout , v cc(uvlo) 1.9 2 2.1 v dis = 0 v , v cc r ising supply under v oltage lockout hysteresis , v cc(hyst) 5 25 50 mv dis = 0 v supply current , i cc 62 100 a v cc = 2.3 v to 6 v reference output reference output voltage , v ref 0.985 1 1.015 v i vref = 1 ma 0.985 1 1.020 v t a = ? 40c to +125c undervoltage/overvoltage characteristics undervoltage/overvoltage threshold , v uot 492.5 500 50 7.5 mv undervoltage/overvoltage threshold to output d elay , t uod 50 125 500 s vhx = v uot ? 5 mv or vlx = v uot + 5 mv vhx, vlx input current , i vh l 15 na 30 na t a = ?40 c to +125c uv / 6 ov timeo ut perio d , t uoto 8.5 12.5 ms c timer = 1 nf 6 8.5 14 ms t a = ?40c to +125c ov latch clear input (adm2914 - 1) ov latch clear threshold input high , v 1.2 latch (ih) v ov latch clear threshold input low , v latch (il) 0.8 v latch input current , i latch 1 a v latch > 0.5 v disable input (adm2914 - 2 ) dis input high , v dis(ih) 1.2 v dis input low , v dis(il) 0.8 v dis input current , i dis 1 2 3 a v dis > 0.5 v timer characteristics timer pull - up current , i timer (up) ? 1.3 ? 2. 1 ? 2.8 a v timer = 0 v ? 1.2 ? 2.1 ? 2.8 a t a = ?40c to +125c timer pull - down current , i timer (down) 1.3 2.1 2.8 a v timer = 1.6 v 1.2 2.1 2.8 a t a = ? 40c to +125c timer disable voltage , v timer (dis) ? 180 ? 270 mv referenced to v cc output voltage output voltage high , uv / 1 ov , v oh v v cc = 2.3 v; i uv / ov = ? 1 a output voltage low , uv / ov , v ol 0.1 0.3 v v cc = 2.3 v; i uv / ov = 2.5 ma 0.01 0.15 v v cc = 1 v; i uv = 100 a three - state input sel low level input voltage , v il 0.4 v high level input voltage , v ih 1.4 v pin voltage wh en left in hi gh - z state , v z 0.7 0.9 1.1 v i sel = 10 a 0.6 0.9 1.2 v t a = ?40 c to +125c sel high, low input current , i sel 25 a maximum sel input current , i sel(max) 30 a sel tied to v cc or gnd 1 the maximum voltage on the v cc pin is limited by the inp ut current. the v cc pin has an internal 6.5 v shunt regulator and , therefore , a low impedance supply greater than 6 v may exceed the maximum allowed input current. when operating from a higher supply than 6 v, always use a dropping resistor.
adm2914 rev. 0 | page 4 of 16 absolute maximum r atings table 2 . parameter rating v cc ? 0.3 v to + 6 v uv , ? 0.3 v to + 16 v ov timer ? 0.3 v to (v cc + 0.3 v) vlx, vhx, latch ? 0.3 v to + 7.5 v , dis, sel i cc 10 ma reference l oad current (i ref ) 1 ma i uv , i 10 ma ov storage temperature range ? 65c to +1 50c operating temperature range ?40c to + 125c lead temperature (soldering, 10 sec) 300c stresses above those listed under absolute maxi mum ratings may cause permanent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. exposure to absol ute maximum rating conditions for extended periods may affect device reliability. table 3 . thermal resistance package type ja unit 16- lead qsop 104 c/w esd caution
adm2914 rev. 0 | page 5 of 16 pin configuration s and function descrip tions vh1 1 vl1 2 vh2 3 vl2 4 v cc 16 timer 15 sel 14 la tch 13 vh3 5 vl3 6 vh4 7 uv 12 ov 1 1 ref 10 vl4 8 gnd 9 adm2914-1 t op view (not to scale) 08170-002 vh1 1 vl1 2 vh2 3 vl2 4 v cc 16 timer 15 sel 14 dis 13 vh3 5 vl3 6 vh4 7 uv 12 ov 1 1 ref 10 vl4 8 gnd 9 adm2914-2 t op view (not to scale) 08170-0 1 1 figure 2 . adm2914- 1 pin configuration figure 3 . adm2914- 2 pin configuration table 4 . pin function descriptions mnemonic pin no. adm2914 - 1 adm2914 - 2 description 1 vh1 vh1 voltage high input 1 and voltage high input 2. if the voltage monitored by vh1 or vh2 drops below 0.5 v , an undervoltage condition is detected. connect to v cc when not i n use. 3 vh2 vh2 2 vl1 vl1 voltage low input 1 and voltage low input 2. if the voltage monitored by vl1 or vl2 rises above 0.5 v , an overvoltage condition is detected. tie to gnd when not in use. 4 vl2 vl2 5 vh3 vh3 voltage high input 3 and voltage high input 4. the polarity of the se input s is determined by the state of the sel pin ( see table 5 ) . when the monitored input is configured as a positive voltage and the voltage monitored by vh3 or vh4 drop s below 0.5 v , an undervoltage condition is detected. conversely, when the input is configured as a negative voltage and the input drops below 0.5 v , an overvoltage condition is detected. connect to v cc when not in use. 7 vh4 vh4 6 vl3 vl3 voltage low i nput 3 and voltage low input 4. the polarity of the se input s is determined by the state of the sel pin (see table 5 ) . when the monitored input is configured as a positive voltage and the voltage monitored by vl3 or vl4 rises above 0.5 v , an over voltage condition is detected. conversely, when the input is configured as a negative voltage and th e input rises above 0.5 v , an under voltage condition is detected. tie to gnd when not in use. 8 vl4 vl4 9 gnd gnd device g round. 10 ref ref buffered reference output. this pin is a 1 v reference that is used as an offset when monitoring negative voltages. this pin can source or sink 1 ma , and drive loads up to 1 nf . larger capacitive loads may lead to instability. leave unco nnected when not in use. 11 ov ov ov ervoltage reset output. ov is assert ed low if a negative polarity inpu t voltage drops below it s associated threshold or if a positive polarity input v oltage exceeds it s threshold . the adm2914 - 1 allows ov to be latched low. the adm2914 - 2 holds ov low for a n adjustable timeout period determined by the timer capacitor. this pin has a weak pull - up to vcc and can be pulled up to 16 v externally. leave this pin unconnected when not in use. 12 uv uv und ervoltage reset output. uv is assert ed low if a negative polarity input voltage exceeds it s asso ciated threshold or if a po sitive polarity input voltage drops below it s threshold. uv is held low for a n adjustable timeout period set by the external capacitor tied to the timer pin. th e uv pin has a weak pul l - up to v cc and can be pulled up to 16 v externally via an external pull - up resistor . leave this pin unconnected when not in use. 13 latch ov latch bypass input /clear pin . when pulled high, the ov latch is cleared. when held high , the ov output has the same delay and output characteristics as the uv output . when pulled low, the ov output is latched when asserted . (applie s only to the adm2914 - 1 . ) dis ov and uv disable input. when pulled high, the ov and uv outputs are held high irrespective of the state of the vhx and vlx input p ins. however , if a uvlo condition occurs , the ov and uv outputs are assert ed . this pin has a weak internal pull - down (2 a) to gnd. leave this pin unconnected when not in use. (applies only to the adm2914 - 2 . ) 14 sel sel input polarity select. this three - state input pin allows the polarity of vh3, vl3, vh4, and vl4 to be configured . connect to v cc or gnd , or leave open to select one of three pos sible input polarity configurations ( see table 5 ). 15 timer timer adjustable reset delay timer. connect a n external capacitor to the timer pin to program the reset timeout delay. refer to figure 15 in the typical performance characteristics section. connect this pin to v cc to bypass the timer. 16 v cc v cc supply voltage. v cc operates as a direct supply for voltages up to 6 v. for voltages greater than 6 v , it operates as a shunt regulator . a d roppi ng r esistor must be used in this configuration to limit the current to less than 10 ma. when used without the resistor , the voltage at this pin must not exceed 6 v. a 0.1 f bypass capacitor or greater should be used.
adm2914 rev. 0 | page 6 of 16 typical performance characteristics 0.505 0.503 0.504 0.501 0.502 0.499 0.500 0.497 0.498 0.495 0.496 ?40 ?30 ?20 ?10 0 10 20 30 40 50 60 70 80 temperature (c) 08170-012 threshold voltage, v uot (v) figure 4. input threshold voltage vs. temperature 100 50 ?40 ?15 10 35 60 85 temperature (c) i cc (a) 08170-013 v cc = 6v v cc = 2.3v v cc = 3.3v 95 90 85 80 75 70 65 60 55 figure 5. supply current vs. temperature 6.80 6.40 ?40 ?15 10 35 60 85 temperature (c) v cc (v) 08170-014 6.75 6.70 6.65 6.60 6.55 6.50 6.45 200a 1ma 2ma 5ma 10ma figure 6. v cc shunt voltage vs. temperature 6.80 6.40 0246810 i cc (ma) v cc (v) 08170-014 6.75 6.70 6.65 6.60 6.55 6.50 6.45 +25c ?40c +85c figure 7. v cc shunt voltage vs. i cc 1.005 1.004 1.003 1.002 1.001 1.000 0.999 0.998 0.997 0.996 0.995 ?40 ?20 0 20 40 60 80 temperature (c) reference voltage, v ref (v) 08170-016 figure 8. buffered reference voltage vs. temperature 1000 900 800 700 600 500 400 300 200 100 0 0.1 1 10 100 comparator overdrive (% of v th ) transient duration (s) 08170-017 v cc = 2.3v v cc = 6v reset asserted above the line figure 9. transient duration vs. comparator overdrive
adm2914 rev. 0 | page 7 of 16 12 11 10 9 8 7 6 ?40 ?15 10 35 60 85 temperature (c) 08170-018 uv/ov timeout period, t uoto (ms) figure 10 . uv / 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 ?0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 supply voltage, v cc (v) uv voltage (v) 08170-019 with 10k ? pull-up without pull-up ov timeout period vs. temperature figure 11 . uv 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 1 2 3 4 5 supply voltage, v cc (v) 08170-020 uv voltage (v) vhx = 0.55v sel = v cc output voltage vs. v cc figure 12 . uv 3.0 2.5 2.0 1.5 1.0 0.5 0 ?0.5 0 1 2 3 4 5 6 supply voltage, v cc (v) 08170-021 pull-down current i uv (ma) vhx = 0.45v sel = v cc uv = 150mv uv = 50mv output voltage vs . v cc figure 13 . i sink , i uv 1000 900 800 700 600 500 400 300 200 100 0 0 5 10 15 i sink (ma) 08170-022 +85c +25c ? 40c uv/ov, v ol (mv) vs. v cc figure 14 . uv / 10k 1k 100 10 1 0.1 1 10 100 1000 timer pin capacitance c timer (nf) 08170-023 uv/ov timeout period, t uoto (ms) ov voltage output low vs . output sink current figure 15 . uv / ov timeout period vs . capacitance
adm2914 rev. 0 | page 8 of 16 theory of operation voltage supervision the adm2914 supervises up to four voltage rails for o ver v ol - tage and undervoltage conditions. two pins , v h x and v l x , are assigned to monitor each rail, one for overvol tage detection and the other for undervoltage de tection. each pin is connected to the input of an internal voltage comparator, and its voltage level is internally compared with a 0.5 v volta ge reference with accuracy of 1. 5 %. the output of each of the in ternal undervoltage comparators is tied to a common uv output pin. likewise, t he outputs of the internal overvoltage c omparators are tied to a common vh1 1.8v vl1 vh2 vl2 vh3 vl3 vh4 vl4 sel timer uv ov la tch/dis ref gnd v cc adm2914 2.5v 3.3v 5v system psu 08170-003 ov output pin. figure 16 . typical applicat ions diagram polarity configurati on the adm2914 is capable of monitoring supply voltages of both positive and negative polarities. the sel pin is a three - state pin that determines the polarity of input 3 and input 4 . as summa - rized in table 5 , the sel pin is either connected to gnd, v cc , or left unconnected. when an input is configured to monitor a positive voltage, using the three - resistor scheme shown in figure 17 , vhx is connected to the high - side tap of the resistor divider and vlx is connected to the low - sid e tap of the resistor divider. conversely, when an input is configured to monitor a negative voltage, uvx and ovx are swapped internally. the negative voltage for m onitoring is then connected as shown in figure 18. vhx is still connected to the high - side tap and vlx is still connected to the low - side tap. within this configuration, an undervoltage condition occurs when the mo nitored voltage is less negative than the programmed threshold , and an overvoltage condition occurs when the monitored voltage is more negative than the configured threshold. table 5 . polarity configuration input 3 input 4 sel pi n polarity uv condition ov condition polarity uv condition ov condition connected to v cc positive vh3 < 0.5 v vl3 > 0.5 v positive vh4 < 0.5 v vl4 > 0.5 v left unconnected positive vh3 < 0.5 v vl3 > 0.5 v negative vl4 > 0.5 v vh4 < 0.5 v connected to gn d negative vl3 > 0.5 v vh3 < 0.5 v negative vl4 > 0.5 v vh4 < 0.5 v
adm2914 rev. 0 | page 9 of 16 monitoring p in c onnections positive voltage monitoring scheme when monitoring a positive supply, the desired nominal operating voltage for monitoring is denoted by v m , i m is the nomi nal current through the resistor divider, v ov is the overvoltage trip point , and v uv is the undervoltage trip point. 0.5v uvx vhx v m vlx ovx adm2914 r x v ph v pl r z r y 08170-004 figure 17 . positive undervoltage / overvoltage monitoring configuratio n figure 17 illustrates the positive voltage monitoring input connec - tion. three external resistors , r x , r y , and r z , divide the positive voltage for monitoring, v m , into high - side voltage , v ph , and low - side voltage , v pl . the high - side voltage is connected t o the corresponding vhx pin , and the low - side voltage is connected to the corresponding vlx pin. to trigger an overvoltage condition, the low - side voltage (in this case, v pl ) must exceed the 0.5 v threshold on the vlx pin. the low - side voltage, v pl , is gi ven by the following equation: v 5 . 0 = ? ? ? ? ? ? ? ? + + = z y x z ov pl r r r r v v also, m m z y x i v r r r = + + therefore, r z , which sets the desired trip point for the overvoltage monitor , is calculated using the following equation: ( ) ( ) ( ) m ov m z i v v r ) 5 . 0 ( = (1) to trigger the under voltage condition, the high - side voltage, v ph , must exceed the 0.5 v threshold on the vhx pin. the high - side voltage, v ph , is given by the following equation: v 5 . 0 = ? ? ? ? ? ? ? ? + + + = z y x z y uv ph r r r r r v v because r z is already known, r y can be expressed as follows: ( ) ( ) ( ) z m uv m y r i v v r ? = ) 5 . 0 ( (2) when r y and r z are known, r x is calculated using the following equation : ( ) ( ) y z m m x r r i v r ? ? = (3) if v m , i m , v ov , or v uv change s, each step must be recalculated. negative voltage monitoring scheme figure 18 shows the circuit configuration for negative supply voltage monitoring. t o monitor the negative voltage, a 1 v reference voltage is required to connect to the end node of the voltage divider circuit. this reference voltage is generated interna lly and is output through the ref pin. 0.5v ovx vhx v m vlx uvx ref adm2914 r z v nh v nl r x r y 08170-005 figure 18 . negative undervoltage/overvoltage monitoring configuration the equations d escribed in the positive voltage monitoring scheme section need some minor modifications for use with negative voltage monitoring. the 1 v reference voltage is added to the overall voltage drop; it must therefore be subtracted from v m , v uv , and v ov before using each in the previous equations. to monitor a negati ve vol tage level, the resistor divider circuit divides the voltage differential level between the 1 v reference voltage and the negative supply voltage into high - side voltage , v nh , and low - side voltage , v nl . similar to the positive voltage monitoring scheme, the high - side voltage , v nh , is connected to the corresponding vh x pin , and the low - side voltage , v nl , is connected to the corresponding vl x pin. refer to the voltage monitoring example section for more information.
adm2914 rev. 0 | page 10 of 16 threshold accuracy the reset threshold accuracy is fundamental, especially at lower voltage levels. consider an fpga application that requires a 1 v core voltage input with tolerance of 5%, where the supply has a specified regulation, for example, 1.5%. as shown in figure 19, to ensure that the supply is within the fpga input voltage require- ment range, its voltage level must be monitored for uv and ov conditions. the voltage swing on the supply itself causes the voltage band available for setting the monitoring threshold to be quite narrow. in this example, the threshold voltages, including the tolerances, must fit within a monitor region of only 0.035 v. the adm2914 device with 0.1% resistors can achieve this level of accuracy. 08170-006 1.05v time v oltage 1.015v 1v core voltage 0.985v 0.95v uv +5% tolerance 3.5% range for ov monitoring 3.5% range for uv monitoring +1.5% supply regulation ?1.5% supply regulation ?5% tolerance t uoto figure 19. monitoring threshold accuracy example voltage monitoring example to illustrate how the adm2914 device works in a real application, consider the 1 v input example shown in figure 19, with the addition of a ?12 v rail. the first step is to choose the nominal current flow through both voltage divider circuits, for example, 5 a. for the 1 v 5% input, due to the specified 1.5% regulation of the supply, the uv and ov thresholds should be set in the middle of the voltage monitoring band. in this case, on the 3.25% points of the supply, the uv threshold is 0.9675 v and the ov threshold is 1.0325 v. input these values into equation 1. ? ? ?? ?? k 5.96 1050325.1 1)5.0( 6 ? ? ? ? z r insert the value of r z into equation 2. ? ? ?? ?? k 42.6 k 5.96 1059675.0 1)5.0( 6 ?? ? ? ? y r then substitute the calculated values for r z and r y into equation 3. k 5.96 k 42.6 k 5.96 105 1 6 ??? ? ? ? x r this design approach meets the application specifications. as described previously, the 1 v rail is specified with an input requirement of 5% and a supply tolerance of 1.5%. this effectively means that the ov threshold of the monitoring device, including all the tolerance factors, must fit within the 1.015 v to 1.05 v range. similarly, the uv threshold range must be between 0.95 v and 0.985 v. the four worst-case scenarios of minimum and maximum undervoltage and overvoltage thresholds are calculated as follows: minimum overvoltage threshold ?? v015.1v016.1 )001.1)(500,96( )999.0)(6420500,96( 14925.0 %1.0 %)1.0(%)1.0( 1%)5.1v5.0( _ ?? ? ? ? ? ? ? ? ? ? ?? ? ? ? ? ? ? ? ? ? ??? ??? z y x minov r r r v maximum overvoltage threshold ?? v05.1v049.1 %1.0 %)1.0(%)1.0( 1%)5.1v5.0( _ ?? ? ? ? ? ? ? ? ? ? ??? ??? z y x max ov r r r v the maximum and minimum overvoltage threshold values lie within the 1.015 v to 1.05 v range specified. the minimum and maximum undervoltage thresholds are calculated as follows: minimum undervoltage threshold ???? v95.0v953.0 %1.0%1.0 %)1.0( 1%)5.1v5.0( _ ?? ? ? ? ? ? ? ? ? ??? ? ??? z y x min uv r r r v maximum undervoltage threshold ?? ?? v985.0v984.0 %1.0%1.0 %)1.0( 1%)5.1v5.0( _ ?? ? ? ? ? ? ? ? ? ??? ? ??? z y x maxuv r r r v again, these values fit within the specified undervoltage monitoring range. all four worst-case scenarios satisfy the tolerance requirement; therefore, the design approach is valid. adm2914 vh1 v cc 5v 1v rail gnd vl1 vl3 vh3 ref uv sel ov ? 12v rail 2.49m ? 23.4k ? 89.8k ? 96.5k ? 6.42 ? 96.5k ? 08170-007 figure 20. positive and negative supply monitor example
adm2914 rev. 0 | page 11 of 16 n ext , c onsider a ? 12 v input, which is specified with a 20 % input . t he threshold accuracy required by the supply is chosen to be within 5% of the ? 12 v rail . therefore , t he overvoltage threshold is set to ? 13. 5 v , and the undervoltage threshold is ? 10. 5 v. the negative voltage scheme configuration requires that the 1 v reference voltage be accounted for in equation 1 to equation 3. the 1 v reference voltage is subtracted from v m , v uv , and v ov , and the absolute value of the result is taken. equati on 1 becomes ( ) ( ) ( ) k 8 . 89 10 5 1 5 . 13 1 12 ) 5 . 0 ( 6 ? ? ? ? = ? z r insert the value of r z into equation 2. ( ) ( ) ( ) k 4 . 23 k 8 . 89 10 5 1 5 . 10 1 12 ) 5 . 0 ( 6 ? ? ? ? ? = ? y r to calculate r x , insert the value of r z and r y into equation 3. ( ) ( ) ( ) m 49 . 2 k 4 . 23 k 8 . 89 10 5 1 12 6 ? ? ? ? = ? x r power - u p and power - down on power - up , when v cc reaches 1 v, the acti ve low uv output is assert ed , and the ov output pulls up to v cc . when the vol - tage on the v cc pin reaches 1 v, the adm2914 is guaranteed to assert uv low and ov high . when v cc exceeds 1.9 v (min imum ) , the vh x and vl x inputs take control. when v cc and each of the vh x inputs are valid , an internal timer begins . subsequent to an adjustable time delay, uv weakly pulls high. uv / ov timing characteristics uv is an active low output . it is assert ed when any of the four moni tored v oltage s is below its associated threshold. when the voltage on the v cc pin is above 2 v, an internal timer holds uv low for an adjustable period , t uoto , after the voltage on all the monitoring rails rise s above their thresholds. this allows time for all monitored power supplies to stabilize after power - up. similarly , any monitored voltage that falls below its threshold initiate s a timer reset, and the timer start s again when all the monitoring rails rise above their thresholds. the uv and timer capacitor sele ction ov outputs are held asserted after all faults have cleared for an adjustable timeout period, dete rmined by the value of the external capacitor attached to the timer pin. the uv and f/sec ) 10 )( 115 )( ( 9 ? = uoto timer t c ov timeout period on the adm2914 is programma - ble via the external timer capacitor, c timer , placed between the timer pin and ground. the timeout period, t uoto , is calculated using the following equation: refer to figure 15 in the typical performance characteristics section, which illustrates the delay time as a function of the timer capacitor value. a minimum capacitor value of 10 pf is required. the chosen timer capaci tor must have a leakage current that is less than the 1.3 a timer pin charging current. to bypass the timeout period, connect the timer pin to v cc . t uod t uod t uod t uoto vhx uv v uot v uot 1v 1v vhx vhx moni t or timing (timer pin tied t o v cc ) vhx moni t or timing uv when an input is configured t o moni t or a neg a tive vo lt age, vhx wil l trigger an ove r volt age condition. 08170-024 figure 21 . vhx positive vo ltage monitoring timing diagram t uod t uod t uod t uoto vlx ov v uot v uot 1v 1v vlx vlx moni t or timing (timer pin tied t o v cc ) vlx moni t or timing ov when an input is configured t o moni t or a neg a tive vo lt age, vlx wil l trigger an unde r volt age condition. 08170-025 figure 22 . vlx positive voltage monitoring timing diagram
adm2914 rev. 0 | page 12 of 16 uv and the ov r ise and f all t ime s uv and ) )( ( 2 . 2 load up pull r c r t ? ov output rise time s (from 10% to 90%) can be approximated using the following formula: w here : r pull - up is the internal weak pull - up resistanc e with an approx - imate value of 400 k ? at room temperature with v cc > 1 v . c load is the external load capacitance on the output pin. when a fault occurs, the uv or ) )( ( 2 . 2 load down pull f c r t ? ov outpu t fall time can be expressed as w here r pull - down is the int ernal pull - down resistance, which is approximately 50 ?. assuming a load capacitance of 150 p f, t h e fall time is 16.5 ns. uv / both the ov o utput characteristics ov and uv outputs have a strong pull - down to ground and a weak internal pull - up to v cc . this permits the pins to behave as open - drain outputs. when the rise time on the pin is not critical, the weak pull - up removes the requirement for an external pull - up resis tor. the open - drain configuration allows for wire - oring of outputs, which is particularly useful when more than one signal needs to pull down on the output. at v cc = 1 v, a maximum v ol = 0.15 v at uv is guaran teed. at v cc = 1 v, t h e weak pull - up current on ov is almost turned on. consequently, if the state and pull - up strength of the ov pin are important at very low v cc , an external pull - up resistor of no more than 100 k ? is advised. by adding an external pull - up resistor, the pull - up strength on the glitch i mmunity ov pin is greater. therefore, if it is connected in a wire - ored configuration, the pull - down strength of any single device must account for this additional pull - up str ength. the adm2914 is immune to short transients that may occur on the monitored voltage rails. the device contains internal filtering circuitry that provides immunity to fast transient glitches . figure 9 illustrates glitch immunity performance by showing the maximum transient duration without causing a reset pulse. glitch immunity makes the adm2914 suitable for use in noisy environments. u ndervoltage l ockout (uvlo) the adm2914 has an undervolt age lockout circuit that monitors the voltage on the v cc pin. when the voltage on v cc drops below 1.9 v (minimum), the circuit is activate d . the uv output is asserted and the ov output is cleared and not allowed to asser t. when v cc recovers , uv s hunt r egulator exhibits the same timing characteristics as if an undervoltage condition had occurred on the inputs. the adm2914 is powered via the v cc pin. the v cc pin can be directly connected to a voltage rail of up to 6 v. in this mode , the supply current of the device does not exceed 100 a. an internal shunt regulator allows the adm2914 to operate at higher input voltage levels by placing a shunt resistor in series between the supply rail and the v cc pin to l imit the input current to less than 10 ma. use figure 7 in the typical performance characteristics section to assist in determining the value of this resistance. choose an appropriate location on the curve to accommodate variations in v cc due to changes in current through the dropper resistor. ov if an overvoltage condition occurs w hen the latch (adm2914 - 1) latch pin is pulled low, t he ov pin latches low . pulling latch high clears the latch. i f an ov condition clears while latch is high, the latch is bypassed and the ov pin behaves in the same way as the uv pin, with an identical timeout period. if the latch pin is pulled low while the timeout period is active, the ov d isabl e (adm2914 - 2) pin latch e s low , as in normal operation . pulling the dis pin high disables both the uv and ov outputs, and forces both outputs to remain weakly pulled high, regard - less of any faults that are detected at the inputs. if a uvlo condition i s detected , the uv output is asserted and pulls low ; however, the timeout function is bypassed. as soon as the uvlo condition clears, the uv output pulls high . t o guarantee normal operation when the pin is left unconnected, di s has a weak 2 a internal pull - down current .
adm2914 rev. 0 | page 13 of 16 typical applications vh1 1.8v 1 vl1 vh2 vl2 vh3 vl3 vh4 vl4 sel timer uv ov la tch/dis ref gnd v cc adm2914 2.5v 1 3.3v 1 5v 1 system psu 08170-008 51.7k ? 3.48k ? 137k? 27.1k ? 1.82k ? 11 1k? 174k? 1 1.7k ? 1m ? 162k? 10.7k ? 1.5m ? notes 1 1.5% supp l y t olerance and 5% input t olerance requiremen t . figure 23 . typical application diagram for monitoring 5 v, 3.3 v, 2.5 v , and 1.8 v vh1 ?5v 2 vl1 vh2 vl2 vh3 vl3 vh4 vl4 sel timer uv ov la tch/dis ref gnd v cc adm2914 +12v 1 system psu 08170-009 27.1k ? 167k? 1.96m ? 1k? 83.5k ? 5.62k ? 1.98m ? notes 1 1.5% supp l y t olerance and 5% input t olerance requiremen t . 2 3% supp l y t olerance and 15% input t olerance requiremen t . figure 24 . typical applic ation diagram for monitoring + 12 v and ? 5 v
adm2914 rev. 0 | page 14 of 16 vh1 ?48v 3 vl1 vh2 vl2 vh3 vl3 vh4 vl4 sel timer uv ov la tch/dis ref gnd v cc adm2914 ?3.3v 2 +16v 1 +48v 1 system psu 08170-010 27.1k ? 5.56k ? 2.87m ? 187k? 26.1k ? 1.5m ? 21.3k ? 1.43k ? 681k? 1 17k? 8.45k ? 1 1.5m ? notes 1 1.5% supp l y t olerance and 10% input t olerance requiremen t . 2 2% supp l y t olerance and 15% input t olerance requiremen t . 3 4% supp l y t olerance and 15% input t olerance requiremen t . figure 25 . typical application diagram for monitoring + 48 v , + 16 v , ? 3.3 v , and ? 48 v
adm2914 rev. 0 | page 15 of 16 outline dimensions compliant t o jedec s t andards mo-137-ab 012808- a controlling dimensions are in inches; millimeters dimensions (in p arentheses) are rounded-off inch equi v alents for reference on l y and are not appropri a te for use in design. 16 9 8 1 se a ting plane 0.010 (0.25) 0.004 (0.10) 0.012 (0.30) 0.008 (0.20) 0.025 (0.64) bsc 0.041 (1.04) ref 0.010 (0.25) 0.006 (0.15) 0.050 (1.27) 0.016 (0.41) 0.020 (0.51) 0.010 (0.25) 8 0 coplanarit y 0.004 (0.10) 0.065 (1.65) 0.049 (1.25) 0.069 (1.75) 0.053 (1.35) 0.197 (5.00) 0.193 (4.90) 0.189 (4.80) 0.158 (4.01) 0.154 (3.91) 0.150 (3.81) 0.244 (6.20) 0.236 (5.99) 0.228 (5.79) figure 26 . 16 - lead shrink small outline package [ qsop ] (r q - 16) dimensions shown in inc hes and ( millimeters ) ordering guide model temperature range package description package option adm2914 - 1arqz 1 ? 40 c to +125 c 16- lea d shrink small outline package [ qsop ] r q -16 adm2914 - 1arqz - rl7 1 ?40 c to +1 25 c 16- lead shrink small outline package [ qsop ] r q -16 adm2914 - 2arqz 1 ?40 c to +125 c 16- lead shrink small outline package [ qsop ] r q -16 adm2914 - 2arqz - rl7 1 ?40 c t o +125 c 16- lead shrink small outline package [ qsop ] r q -16 1 z = rohs com pliant part.
adm2914 rev. 0 | page 16 of 16 notes ?2009 analog devices, inc. all rights reserved. trademarks and registered trademarks are the prop erty of their respective owners. d08170-5/09(0)


▲Up To Search▲   

 
Price & Availability of ADM2914-2ARQZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X