Part Number Hot Search : 
BP2U1 AP1011 F1002 SAF7115 LL340PT LTC38 AD7537TQ 74ALS
Product Description
Full Text Search
 

To Download 90814-3814 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/23/2010 please check www.molex.com for latest part information part number: 0908143814 status: active overview: picoflex? description: 1.27mm (.050") pitch picoflex? pf-50 smt header, vertical, low profile, surface mount, gold, 14 circuits, glow wire compatible documents: 3d model product specification ps-99020-0011 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family pcb headers series 90814 application wire-to-board application tooling part link 690081070 comments low profile smt overview picoflex? product name picoflex? physical breakaway no circuits (loaded) 14 color - resin natural durability (mating cycles max) 100 first mate / last break no flammability 94v-0 glow-wire compliant yes guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating gold material - resin high temperature thermoplastic number of rows 1 orientation vertical pcb locator yes pcb retention yes pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 30.4 plating min: mating (m) 0.76 plating min: termination (in) 4 plating min: termination (m) 0.1 polarized to mating part yes polarized to pcb yes shrouded open ends stackable no surface mount compatible (smc) yes series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90814 series mates with 90327 idt connector application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # extraction tool (plastic) for 90327 connector, 4-26 circuit 0690081070
temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 2.4a voltage - maximum 250v ac/dc material info reference - drawing numbers product specification ps-99020-0011 sales drawing sda-90814 this document was generated on 04/23/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 90814-3814

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X