Part Number Hot Search : 
GA101 APT15 IRF73 2SD343 560MA 2SD343 D203I N5819
Product Description
Full Text Search
 

To Download 2SD2052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 power transistors 2SD2052 silicon npn triple diffusion planar type for high power amplification complementary to 2sb1361 n features l satisfactory foward current transfer ratio h fe vs. collector cur- rent i c characteristics l wide area of safe operation (aso) l high transition frequency f t l optimum for the output stage of a hifi audio amplifier l full-pack package which can be installed to the heat sink with one screw n absolute maximum ratings (t c =25?c) parameter collector to base voltage collector to emitter voltage emitter to base voltage peak collector current collector current collector power dissipation junction temperature storage temperature symbol v cbo v ceo v ebo i cp i c p c t j t stg ratings 150 150 5 15 9 100 3 150 C55 to +155 unit v v v a a w ?c ?c n electrical characteristics (t c =25?c) parameter collector cutoff current emitter cutoff current forward current transfer ratio base to emitter voltage collector to emitter saturation voltage transition frequency collector output capacitance symbol i cbo i ebo h fe1 h fe2 * h fe3 v be v ce(sat) f t c ob conditions v cb = 150v, i e = 0 v eb = 3v, i c = 0 v ce = 5v, i c = 20ma v ce = 5v, i c = 1a v ce = 5v, i c = 7a v ce = 5v, i c = 7a i c = 7a, i b = 0.7a v ce = 5v, i c = 0.5a, f = 1mhz v cb = 10v, i e = 0, f = 1mhz min 20 60 20 typ 20 150 max 50 50 200 1.8 2.0 unit m a m a v v mhz pf * h fe2 rank classification rank q s p h fe2 60 to 120 80 to 160 100 to 200 t c =25 c ta=25 c unit: mm 1:base 2:collector 3:emitter topC3 full pack package(a) 15.0 0.3 21.0 0.5 16.2 0.5 12.5 solder dip 3.5 0.7 15.0 0.2 5.0 0.2 11.0 0.2 10.9 0.5 5.45 0.3 3 2 1 1.1 0.1 2.0 0.2 0.6 0.2 2.0 0.1 f 3.2 0.1 3.2
2 power transistors 2SD2052 p c ta i c v ce i c v be v ce(sat) i c h fe i c f t i c c ob v cb area of safe operation (aso) 0 160 40 120 80 140 20 100 60 0 120 100 80 60 40 20 (1) t c =ta (2) with a 100 100 2mm al heat sink (3) without heat sink (p c =3w) (1) (2) (3) ambient temperature ta ( ?c ) collector power dissipation p c ( w ) 012 10 8 26 4 0 20 16 12 8 4 t c =25?c i b =1000ma 700ma 600ma 500ma 800ma 900ma 400ma 300ma 200ma 100ma 50ma collector to emitter voltage v ce ( v ) collector current i c ( a ) 02.4 2.0 1.6 0.4 1.2 0.8 0 20 16 12 8 4 t c =?5?c 25?c 100?c v ce =5v base to emitter voltage v be ( v ) collector current i c ( a ) 0.1 1 10 100 0.3 3 30 0.001 0.003 0.01 0.03 0.1 0.3 1 3 10 i c /i b =10 t c =100?c ?5?c 25?c collector current i c ( a ) collector to emitter saturation voltage v ce(sat) ( v ) 0.1 1 10 100 0.3 3 30 1 3 10 30 100 300 1000 3000 10000 v ce =5v t c =100?c 25?c ?5?c collector current i c ( a ) forward current transfer ratio h fe 0.01 0.1 1 10 0.03 0.3 3 0.1 0.3 1 3 10 30 100 300 1000 v ce =5v f=1mhz t c =25?c collector current i c ( a ) transition frequency f t ( mhz ) 1 3 10 30 100 10 10000 1000 100 30 300 3000 i e =0 f=1mhz t c =25?c collector to base voltage v cb ( v ) collector output capacitance c ob ( pf ) 1 10 100 1000 3 30 300 0.01 0.03 0.1 0.3 1 3 10 30 100 i cp i c t=10ms 100ms dc non repetitive pulse t c =25?c collector to emitter voltage v ce ( v ) collector current i c ( a )
3 power transistors 2SD2052 r th(t) t 10 ? 10 10 ? 10 ? 10 ? 110 3 10 2 10 4 0.1 1 10 100 10000 1000 note: r th was measured at ta=25?c and under natural convection. (1) p t =10v 0.3a (3w) and without heat sink (2) p t =10v 1.0a (10w) and with a 100 100 2mm al heat sink (1) (2) time t ( s ) thermal resistance r th (t) ( ?c/w )


▲Up To Search▲   

 
Price & Availability of 2SD2052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X