Part Number Hot Search : 
1N4007G PN6544 MA2SV02 OSG5DA MSC0305W 12VDC EA1791 BZX84J
Product Description
Full Text Search
 

To Download 1612-H-ABC0-D-EJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   cord connectors (rewireable)  6  2 www.schurter.com/pg07 b connectors iec plug i, cord connector (rewireable), straight description screwing cable terminal, plug, pin temperature 70 c, protection class i, screw clamp - note: please order pvc strain relief seperately, mating strain reliefs please find under accessories. approvals - csa license number: 1435558 references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , e-stor e , distributor-stock-chec k , accessorie s technical data ratings iec 16 a / 250 vac; 50 hz ratings ul/csa 21 a / 250 vac; 60 hz dielectric strength > 4 kvac between l-n > 2 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 40 acc. to iec 60529 protection class suitable for appliances with protection class 1 acc. to iec 61140 terminal screw terminals material: housing ul 94v-0 plug i acc. to iec/en 60320-1 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 16 a, protection class 1 dimensions 33.3 mm 25.70 23.70 58.50 33.70 28.10 19.50 27.50
2 cord connectors (rewireable)  6  2 www.schurter.com/pg07 b connectors config. code product configurato r 1612 | - | h | - | a | b | c | 0- | d | - | e | j | the characters are placeholders for the correspondingly keys of selections from the key tables. 1612 | - | h | - | a | b | c | 0- | d | - | e | j | = type type configuration key protection class 1 x 1612 | - | h | - | a | b | c | 0- | d | - | e | j | = terminals terminal l configuration key screw terminal a 1612 | - | h | - | a | b | c | 0- | d | - | e | j | = terminals terminal n configuration key screw terminal a symbols similar as in table a 1612 | - | h | - | a | b | c | 0- | d | - | e | j | = terminals terminal ground configuration key screw terminal a symbols similar as in table a 1612 | - | h | - | a | b | c | 0- | d | - | e | j | = color color configuration key jet black; ral9005 a silver grey; ral7001 b pure white; ral9010 d standard color: black 1612 | - | h | - | a | b | c | 0- | d | - | e | j | = style style configuration key for cord assembly 8 1612 | - | h | - | a | b | c | 0- | d | - | e | j | = condition condition configuration key assembled 1 disassembled 2 packaging unit 50 pcs accessorie s description hn 14.11 0 pvc strain relief hn 14.4 5 pvc strain relief hn 14.4 6 pvc strain relief
 cord connectors (rewireable)  6  2 www.schurter.com/pg07 b connectors mating outlets/connector s category / description appliance outlet overview complet e iec appliance outlet j, screw-on mounting, front side, solder or quick-connect terminal 072 3 iec appliance outlet j, snap-in/screw-on mounting, front side, solder or quick-connect terminal 479 7 iec appliance outlet j, snap-in mounting, front side, quick-connect terminal 501 3 iec appliance outlet j, screw-on mounting, front side, quick-connect terminal 501 6 iec appliance outlet j, screw-on mounting, front side, quick-connect terminal 501 7 appliance outlet further types to 161 2 ... connector overview complet e iec connector c19, rewireable, straight 010 4 iec connector c19, rewireable, angled 165 1 iec connector c19, rewireable, straight 165 2 iec connector c19, rewireable, angled 479 0 iec connector c19, rewireable, straight 479 5 connector further types to 161 2 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 1612-H-ABC0-D-EJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X