Part Number Hot Search : 
SDL1108 P6KE16 2SC5344S 00209 FN3334 AU9381 BR4010 P6KE200
Product Description
Full Text Search
 

To Download 0705510003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/27/2010 please check www.molex.com for latest part information part number: 0705510003 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch sl? header, single row, right angle, .120" pocket, shrouded, with beveled plastic peg, 4 circuits, tin (sn) plating documents: 3d model product specification ps-70400 (pdf) drawing (pdf) product specification ps-70541 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 70551 application wire-to-board overview cgrid__sl_products product name sl? physical breakaway no circuits (loaded) 4 circuits (maximum) 4 color - resin black durability (mating cycles max) 25 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass, phosphor bronze material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 1 orientation right angle pc tail length (in) 0.130 in pc tail length (mm) 3.30 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 150 plating min: mating (m) 3.75 plating min: termination (in) 150 plating min: termination (m) 3.75 polarized to mating part yes shrouded fully stackable no series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70551 series mates with sl? crimp housing 70066 , 70430 , 70400
temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 3a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 3 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 245 material info reference - drawing numbers packaging specification pk-70873-0015 product specification ps-70400, ps-70541 sales drawing sda-70551-**** this document was generated on 05/27/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0705510003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X