Part Number Hot Search : 
4082013 MAX7490 42S16 12D05 P0438T LA6544H 2PG352 MTPH8
Product Description
Full Text Search
 

To Download XX1003-QC-EV1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  14.0-17.0/28.0-34.0 ghz active doubler qfn, 5x5mm page 1 of 5 mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 22-jan-07 x1003-qc mimix broadband's 14.0-17.0/28.0-34.0 ghz smd active doubler delivers +21dbm of output power. the device integrates a gain stage, passive doubler and driver amplifier into a single device. the device provides better than +21dbm of saturated output power and has over 20db of doubled gain with excellent harmonic rejection. the part is designed with a self-biased architecture which requires a single 5v supply. the device comes in a 5x5 mm qfn surface mount package offering excellent rf and thermal properties and is rohs compliant. this device is well suited for millimeter-wave point-to-point, lmds, satcom and vsat applications. integrated gain, doubler and driver stages self-biased architecture +21.0 dbm output power 35.0 dbc fundamental suppression rohs compliant 100% on-wafer rf, dc and output power testing features general description electrical characteristics (ambient temperature t = 25 o c) parameter input frequency range (fin) output frequency range (fout) input return loss (s11) output return loss (s22) fundamental leakage (fin) third harmonic leakage (3 x fin) rf input power (rf pin) output power at +4.0 dbm pin (pout) drain bias voltage (vd) supply current (id) (vd=5.0v typical) units ghz ghz db db dbc dbc dbm dbm vdc ma min. 14.0 28.0 - - - - - - - - typ. - - tbd tbd -35.0 -30.0 +4.0 +21.0 +5.0 200 max. 17.0 34.0 - - - - - - +5.5 240 absolute maximum ratings supply voltage (vd) supply current (id) gate bias voltage (vg) input power (rf pin) storage temperature (tstg) operating temperature (ta) channel temperature (tch) +6.0 vdc 300 ma +0.3 vdc tbd -65 to +165 o c -55 to mttf table mttf table 1 (1) channel temperature affects a device's mttf. it is recommended to keep channel temperature as low as possible for maximum life. 1
page 2 of 5 14.0-17.0/28.0-34.0 ghz active doubler qfn, 5x5mm mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 22-jan-07 x1003-qc doubler measurements 2xfin output power (dbm), pin = 4 dbm 0 5 10 15 20 25 26 27 28 29 30 31 32 33 34 fout = 2xfin (ghz) 2xfin pout (dbm) fundamental leakage (dbm), pin = 4 dbm -30 -25 -20 -15 -10 -5 0 13 13.5 14 14.5 15 15.5 16 16.5 17 fout = fin (ghz) fund. pout (dbm) 3xfin output power (dbm), pin = 4 dbm -25 -20 -15 -10 -5 0 5 10 39 40 41 42 43 44 45 46 47 48 fout = 3xfin (ghz) 3xfin pout (dbm)
page 3 of 5 14.0-17.0/28.0-34.0 ghz active doubler qfn, 5x5mm mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 22-jan-07 x1003-qc package outline functional schematic pin designation pin 3,5,20,22 4 21 28 all other pins value -3.0 to +3.0 +21.0 +5.0 units dbm dbm v description gnd rf in rf out vd no connection 26 25 27 28 29 30 31 32 23 24 22 21 20 19 18 17 rf out 16 12 15 14 13 11 10 9 vd rf in 1 5 2 3 4 6 7 8 x2 xx1003-qc gnd gnd gnd gnd nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc nc c n c n c n c n nc nc nc
page 4 of 5 app note [1] biasing - this device is operated by biasing vd with +5.0 v and id=200ma. mttf tables (tbd) bias conditions: vd=5.0v, id=200ma these numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricati ng foundry. backplate temperature 55 deg celsius 75 deg celsius 95 deg celsius channel temperature deg celsius deg celsius deg celsius fits e+ e+ e+ mttf hours e+ e+ e+ rth c/w c/w c/w 14.0-17.0/28.0-34.0 ghz active doubler qfn, 5x5mm mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 22-jan-07 x1003-qc
page 5 of 5 14.0-17.0/28.0-34.0 ghz active doubler qfn, 5x5mm handling and assembly information ordering information caution! - mimix broadband mmic products contain gallium arsenide (gaas) which can be hazardous to the human body and the environment. for safety, observe the following procedures: do not ingest. do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed. observe government laws and company regulations when discarding this product. this product must be discarded in accordance with methods specified by applicable hazardous waste procedures. life support policy - mimix broadband's products are not authorized for use as critical components in life support devices or systems without the express written approval of the president and general counsel of mimix broadband. as used herein: (1) life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. package attachment - this packaged product from mimix broadband is provided as a rugged surface mount package compatible with high volume solder installation. vacuum tools or other suitable pick and place equipment may be used to pick and place this part. care should be taken to ensure that there are no voids or gaps in the solder connection so that good rf, dc and ground connections are maintained. voids or gaps can eventually lead not only to rf performance degradation, but reduced reliability and life of the product due to thermal stress. rohs compliant parts - all mimix products are rohs compliant unless specifically ordered with tin-lead finish. part number for ordering description xx1003-qc-0n00 ni/au plated rohs compliant qfn 5x5 32l surface mount package in bulk quantity xx1003-qc-0n0t ni/au plated rohs compliant qfn 5x5 32l surface mount package in tape and reel XX1003-QC-EV1 xx1003-qc evaluation board we also offer this part with alternative plating options. please contact your regional sales manager for more information regarding different plating types. mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 22-jan-07 x1003-qc


▲Up To Search▲   

 
Price & Availability of XX1003-QC-EV1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X