Part Number Hot Search : 
HW300A 1000AM STPS2 1N4744CG 99001 04501 AX886 GL34A
Product Description
Full Text Search
 

To Download SG140-35T883B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   
     description the sg140a/140 series of positive regulators offer self contained, fixed-voltage capability with up to 1.5a of load current and input voltage up to 50v (sg140a series only). these units feature a unique on-chip trimming system to set the output voltages to within 1.5% of nominal on the sg140a series and 2.0% on the sg140 series. the sg140a versions also offer much improved line and load regulation characteristics. utilizing an improved bandgap reference design, problems have been eliminated that are normally associated with the zener diode references, such as drift in output voltage and large changes in the line and load regulation. all protective features of thermal shutdown, current limiting, and safe-area control have been designed into these units and since these regulators require only a small output capacitor for satisfactory performance, ease of application is assured. although designed as fixed-voltage regulators, the output voltage can be increased through the use of a simple voltage divider. the low quiescent drain current of the device insures good regulation when this method is used. product is available in hermetically sealed to-257 (isolated), to-3, to-66, and to-39 power packages. features ? ? ? ? ? output voltage set internally to 1.5% on sg140a ? ? ? ? ? input voltage reange to 50v max. on sg140a ? ? ? ? ? two volt input-output differential ? ? ? ? ? bandgap reference voltage ? ? ? ? ? excellent line and load regulation ? ? ? ? ? foldback current limiting ? ? ? ? ? thermal overload protection ? ? ? ? ? voltages available - 5v, 12v, 15v ? ? ? ? ? voltages not recommended for new designs - 6v, 8v, 18v, 24v high reliability features - sg140a/140 ? ? ? ? ? available to mil-std - 883 ? ? ? ? ? radiation data available ? ? ? ? ? lmi level "s" processing available schematic diagram   2/90 rev 1.4 6/97      
 
 copyright ? 1997  

 
 1    !"#$ %&
  2/90 rev 1.4 6/97      
 
 copyright ? 1997  

 
 2    !"#$ %& absolute maximum ratings (note 1) device input voltage input voltage differential output voltage input voltage (transient) (note 3) (output shorted to ground) 5v 35v 50v 35v 6v 35v 50v 35v 8v 35v 50v 35v 12v 35v 50v 35v 15v 35v 50v 35v 18v 35v 50v 35v 24v 40v 50v 35v   operating junction temperature hermetic (k, r, ig - packages) ................................... 150 c storage temperature range ............................ lead temperature (soldering, 10 seconds) ................... -65 c to 150 c 300 c figure 1. peak output current vs. input - output differential note 3. operation at high input voltages is dependent upon load current. when load current is less than 5ma, output will rise out of regulation as input- oiutput differential icreases beyond 30v. note also from figure 1, that maximum load current is reduced at high voltages. the 50v input rating of the sg140a series refers to ability to withstnd high line or transient conditions without damage. since the regulator's maximum current capability is reduced, the output may fall out of regulation at high input voltages under nominal loading. note 1. values beyond which damage may occur. -55 c to 150 c operating junction temperature range: sg140a/140 .................................................. recommended operating conditions (note 2) note 2. range over which the device is functional. characteristic curves thermal data k package: thermal resistance- junction to case , jc ................. 3.0c/w thermal resistance- junction to ambient , ja ............... 35c/w r package: thermal resistance- junction to case , jc ................. 5.0c/w thermal resistance- junction to ambient , ja .............. 40c/w t package: thermal resistance- junction to case , jc .................. 15c/w thermal resistance- junction to ambient , ja ............ 120c/w ig package: thermal resistance- junction to case , jc ................. 3.5c/w thermal resistance- junction to ambient , ja .............. 42c/w l package: thermal resistance- junction to case , jc .................. 35c/w thermal resistance- junction to ambient , ja ............ 120c/w note a. junction temperature calculation: t j = t a + (p d x ja ). note b. the above numbers for jc are maximums for the limiting thermal resistance of the package in a standard mounting configuration. the ja numbers are meant to be guide- lines for the thermal performance of the device/pc-board system. all of the above assume no ambient airflow.
  2/90 rev 1.4 6/97      
 
 copyright ? 1997  

 
 3    !"#$ %& characteristic curves (continued)   figure 2. minimum input - output voltage vs. load current figure 3. ripple rejection vs. frequency figure 4. temperature coefficient of output voltage applications figure 5 - fixed ouitput regulator figure 6 - circuit for increasing ouitput voltage figure 8 - adjutable ouitput regulator, 7v to 30v figure 7 - high output cirrent, short circuit protected
  2/90 rev 1.4 6/97      
 
 copyright ? 1997  

 
 4    !"#$ %& v mv mv mv mv mv mv mv v ma ma ma ma ma v a a db v/v mv c electrical characteristics (note 1) sg140a - 5 (unless otherwise specified, these specifications apply over full operating ambient temperatures for sg140a-05 with -55c t a 150c, v in = 10v, i o = 1.0a, c in = 0. 33 f, c out = 0.1 f and are applicable for the k, r, and ig - power package - only. low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.) sg140 - 5 (unless otherwise specified, these specifications apply over full operating ambient temperatures for sg140-05 with -55c t a 150c, and v in = 10v, i o = 500ma, c in = 0. 33 f, c out = 0.1 f and are applicable for the k, r, and ig - power package - only. low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.) units test conditions parameter   units test conditions parameter output voltage line regulation (note 1) load regulation (note 1) total output voltage tolerance quiescent current quiescent current change dropout voltage peak output current short circuit current ripple rejection output noise voltage (rms) long term stability thermal shutdown i o = 5ma to 1.0a, t j = 25c v in = 7.5v to 20v, i o = 500ma v in = 7.5v to 20v, t j = 25c v in = 7.5v to 20v v in = 8v to 12v, t j = 25c i o = 5ma to 1.0a i o = 5ma to 1.5a, t j = 25c i o = 250ma to 750ma, t j = 25c v in = 7.5v to 20v, i o = 5ma to 1.0a, p 15w over temperature range t j = 25c with line: v in = 7.5v to 25v, i o = 500ma v in = 7.5v to 20v, i o = 1a, t j = 25c with load: i o = 5ma to 1.0a ? v o = 100mv, i o = 1a, t j = 25c t j = 25c t j = 25c ? v in = 10v, f = 120hz, t j = 25c f = 10hz to 100khz (note 2) 1000hrs. at t j = 125c i o = 5ma i o = 5ma to 1.0a, t j = 25c v in = 8v to 20v v in = 7v to 25v, t j = 25c v in = 8v to 12v, i o = 1.0a v in = 7.3v to 20v, i o = 1.0a, t j = 25c i o = 5ma to 1.0a i o = 5ma to 1.5a, t j = 25c i o = 250ma to 750ma, t j = 25c v in = 8v to 20v, i o = 5ma to 1.0a, p 15w i o = 1.0a t j = 25c with line: v in = 8v to 25v v in = 8v to 20v, i o = 1a, t j = 25c with load: i o = 5ma to 1.0a ? v o = 100mv, i o = 1a, t j = 25c t j = 25c t j = 25c ? v in = 10v, f = 120hz, t j = 25c f = 10hz to 100khz (note 2) 1000hrs. at t j = 125c i o = 5ma output voltage line regulation (note 1) load regulation (note 1) total output voltage tolerance quiescent current quiescent current change dropout voltage peak output current short circuit current ripple rejection output noise voltage (rms) long term stability thermal shutdown v mv mv mv mv mv mv mv v ma ma ma ma ma v a a db v/v mv c note 1. all regulation tests are made at constant junction temperature with low duty cycle testing. 2. this test is guaranteed but is not tested in production. min. typ. max. sg140a-5 4.9 4.8 68 5.0 3 10 5.0 2 2.4 2.1 20 175 5.1 10 10 12 4 25 25 15 5.2 6.5 6 0.8 0.8 0.5 2.5 40 min. typ. max. sg140-5 4.8 4.75 68 5.0 5.00 2 2.4 2.1 20 175 5.2 50 50 25 50 50 50 25 5.25 7 6 0.8 0.8 0.5 2.5 40
  2/90 rev 1.4 6/97      
 
 copyright ? 1997  

 
 5    !"#$ %&   electrical characteristics (note 1) sg140 - 6 (unless otherwise specified, these specifications apply over full operating ambient temperatures for sg140-06 with -55c t a 150c, and v in = 11v, i o = 500ma, c in = 0. 33 f, c out = 0.1 f and are applicable for the k, r, and ig - power package - only. low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.) units test conditions parameter i o = 5ma to 1.0a, t j = 25c v in = 9v to 21v v in = 8v to 25v, t j = 25c v in = 9v to 13v, i o = 1.0 a v in = 8.3v to 21v, i o = 1.0 a, t j = 25c i o = 5ma to 1.0a i o = 5ma to 1.5a, t j = 25c i o = 250ma to 750ma, t j = 25c v in = 9v to 21v, i o = 5ma to 1.0a, p 15w i o = 1.0 a t j = 25c with line: v in = 9v to 25v v in = 9v to 21v, i o = 1a, t j = 25c with load: i o = 5ma to 1.0a ? v o = 100mv, i o = 1a, t j = 25c t j = 25c t j = 25c ? v in = 10v, f = 120hz, t j = 25c f = 10hz to 100khz (note 2) 1000hrs. at t j = 125c i o = 5ma sg140 - 8 (unless otherwise specified, these specifications apply over full operating ambient temperatures for sg140-08 with -55c t a 150c, and v in = 14v, i o = 500ma, c in = 0. 33 f, c out = 0.1 f and are applicable for the k, r, and ig - power package - only. low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.) units test conditions parameter i o = 5ma to 1.0a, t j = 25c v in = 11v to 23v v in = 10.5v to 25v, t j = 25c v in = 11v to 17v, i o = 1.0a v in = 10.5v to 23v, i o = 1.0a, t j = 25c i o = 5ma to 1.0a i o = 5ma to 1.5a, t j = 25c i o = 250ma to 750ma, t j = 25c v in = 11.5v to 23v, i o = 5ma to 1.0a, p 15w i o = 1.0a t j = 25c with line: v in = 11.5v to 25v v in = 11.5v to 23v, i o = 1a, t j = 25c with load: i o = 5ma to 1.0a ? v o = 100mv, i o = 1a, t j = 25c t j = 25c t j = 25c ? v in = 10v, f = 120hz, t j = 25c f = 10hz to 100khz (note 2) 1000hrs. at t j = 125c i o = 5ma output voltage line regulation (note 1) load regulation (note 1) total output voltage tolerance quiescent current quiescent current change dropout voltage peak output current short circuit current ripple rejection output noise voltage (rms) long term stability thermal shutdown v mv mv mv mv mv mv mv v ma ma ma ma ma v a a db v/v mv c output voltage line regulation (note 1) load regulation (note 1) total output voltage tolerance quiescent current quiescent current change dropout voltage peak output current short circuit current ripple rejection output noise voltage (rms) long term stability thermal shutdown note 1. all regulation tests are made at constant junction temperature with low duty cycle testing. 2. this test is guaranteed but is not tested in production. min. typ. max. sg140 - 6 5.75 5.7 65 6.00 6.0 2 2.4 2.1 24 175 6.25 60 60 30 60 60 60 30 6.3 7 6 0.8 0.8 0.5 2.5 40 v mv mv mv mv mv mv mv v ma ma ma ma ma v a a db v/v mv c min. typ. max. sg140 - 8 7.7 7.6 62 8.0 8.0 2 2.4 2.1 32 175 8.3 80 80 40 80 80 80 40 8.4 7 6 0.8 0.8 0.5 2.5 40
  2/90 rev 1.4 6/97      
 
 copyright ? 1997  

 
 6    !"#$ %&   electrical characteristics (note 1) sg140 a - 12 (unless otherwise specified, these specifications apply over full operating ambient temperatures for sg140a -12 with -55c t a 150c, and v in = 19v, i o = 1.0a, c in = 0. 33 f, c out = 0.1 f and are applicable for the k, r, and ig - power package - only. low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.) units test conditions parameter i o = 5ma to 1.0a, t j = 25c v in = 14.8v to 27v, i o = 500ma v in = 14.5v to 27v, t j = 25c v in = 16v to 22v v in = 16v to 22v, t j = 25c i o = 5ma to 1.0a i o = 5ma to 1.5a, t j = 25c i o = 250ma to 750ma, t j = 25c v in = 14.8v to 27v, i o = 5ma to 1.0a, p 15w over temperature range t j = 25c with line: v in = 15v to 30v, i o = 500ma v in = 14.8v to 27v, i o = 1a, t j = 25c with load: i o = 5ma to 1.0a ? v o = 100mv, i o = 1a, t j = 25c t j = 25c t j = 25c ? v in = 10v, f = 120hz, t j = 25c f = 10hz to 100khz (note 2) 1000hrs. at t j = 125c i o = 5ma sg140 - 12 (unless otherwise specified, these specifications apply over full operating ambient temperatures for sg140-12 with -55c t a 150c, and v in = 19v, i o = 500ma, c in = 0. 33 f, c out = 0.1 f and are applicable for the k, r, and ig - power package - only. low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.) units test conditions parameter i o = 5ma to 1.0a, t j = 25c v in = 15v to 27v v in = 14.5v to 30v, t j = 25c v in = 16v to 22v, i o = 1.0a v in = 14.6v to 27v, i o = 1.0a, t j = 25c i o = 5ma to 1.0a i o = 5ma to 1.5a, t j = 25c i o = 250ma to 750ma, t j = 25c v in = 14.5v to 27v, i o = 5ma to 1.0a, p 15w i o = 1.0a t j = 25c with line: v in = 15v to 30v v in = 14.5v to 27v, i o = 1a, t j = 25c with load: i o = 5ma to 1.0a ? v o = 100mv, i o = 1a, t j = 25c t j = 25c t j = 25c ? v in = 10v, f = 120hz, t j = 25c f = 10hz to 100khz (note 2) 1000hrs. at t j = 125c i o = 5ma v mv mv mv mv mv mv mv v ma ma ma ma ma v a a db v/v mv c output voltage line regulation (note 1) load regulation (note 1) total output voltage tolerance quiescent current quiescent current change dropout voltage peak output current short circuit current ripple rejection output noise voltage (rms) long term stability thermal shutdown output voltage line regulation (note 1) load regulation (note 1) total output voltage tolerance quiescent current quiescent current change dropout voltage peak output current short circuit current ripple rejection output noise voltage (rms) long term stability thermal shutdown v mv mv mv mv mv mv mv v ma ma ma ma ma v a a db v/v mv c note 1. all regulation tests are made at constant junction temperature with low duty cycle testing. 2. this test is guaranteed but is not tested in production. min. typ. max. sg140a - 12 12.00 4 12.0 2 2.4 2.1 48 175 12.25 18 18 30 9 60 32 19 12.5 6.5 6 0.8 0.8 0.5 2.5 40 11.75 11.5 61 min. typ. max. sg140 - 12 12.5 120 120 60 120 120 120 60 12.6 7 6 0.8 0.8 0.5 2.5 40 11.5 11.4 61 12.0 12.0 2 2.4 2.1 48 175
  2/90 rev 1.4 6/97      
 
 copyright ? 1997  

 
 7    !"#$ %&   electrical characteristics (note 1) sg140 a - 15 (unless otherwise specified, these specifications apply over full operating ambient temperatures for sg140a -15 with -55c t a 150c, and v in = 23v, i o = 1.0a, c in = 0. 33 f, c out = 0.1 f and are applicable for the k, r, and ig - power package - only. low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.) units test conditions parameter i o = 5ma to 1.0a, t j = 25c v in = 17.9v to 30v, i o = 500ma v in = 7.5v to 30v, t j = 25c v in = 20v to 26v v in = 20v to 26v, t j = 25c i o = 5ma to 1.0a i o = 5ma to 1.5a, t j = 25c i o = 250ma to 750ma, t j = 25c v in = 17.9v to 30v, i o = 5ma to 1.0a, p 15w over temperature range t j = 25c with line: v in = 17.9v to 30v, i o = 500ma v in = 17.9v to 30v, i o = 1a, t j = 25c with load: i o = 5ma to 1.0a ? v o = 100mv, i o = 1a, t j = 25c t j = 25c t j = 25c ? v in = 10v, f = 120hz, t j = 25c f = 10hz to 100khz (note 2) 1000hrs. at t j = 125c i o = 5ma sg140 - 15 (unless otherwise specified, these specifications apply over full operating ambient temperatures for sg140-15 with -55c t a 150c, and v in = 23v, i o = 500ma, c in = 0. 33 f, c out = 0.1 f and are applicable for the k, r, and ig - power package - only. low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.) units test conditions parameter i o = 5ma to 1.0a, t j = 25c v in = 18.5v to 30v v in = 17.5v to 30v, t j = 25c v in = 20v to 26v, i o = 1.0a v in = 17.7v to 30v, i o = 1.0a, t j = 25c i o = 5ma to 1.0a i o = 5ma to 1.5a, t j = 25c i o = 250ma to 750ma, t j = 25c v in = 17.5v to 30v, i o = 5ma to 1.0a, p 15w i o = 1.0a t j = 25c with line: v in = 18.5v to 30v v in = 18.5v to 30v, i o = 1a, t j = 25c with load: i o = 5ma to 1.0a ? v o = 100mv, i o = 1a, t j = 25c t j = 25c t j = 25c ? v in = 10v, f = 120hz, t j = 25c f = 10hz to 100khz (note 2) 1000hrs. at t j = 125c i o = 5ma v mv mv mv mv mv mv mv v ma ma ma ma ma v a a db v/v mv c output voltage line regulation (note 1) load regulation (note 1) total output voltage tolerance quiescent current quiescent current change dropout voltage peak output current short circuit current ripple rejection output noise voltage (rms) long term stability thermal shutdown output voltage line regulation (note 1) load regulation (note 1) total output voltage tolerance quiescent current quiescent current change dropout voltage peak output current short circuit current ripple rejection output noise voltage (rms) long term stability thermal shutdown v mv mv mv mv mv mv mv v ma ma ma ma ma v a a db v/v mv c min. typ. max. sg140a - 15 15.0 15.0 2 2.4 2.1 60 175 15.3 22 22 30 10 75 35 21 15.6 6.5 6 0.8 0.8 0.5 2.5 40 14.7 14.4 60 min. typ. max. sg140 - 15 15.6 150 150 75 150 150 150 75 15.75 8.5 8 1.0 1.0 0.5 2.5 40 14.4 14.25 54 15.0 15.00 2 2.4 2.1 60 175 note 1. all regulation tests are made at constant junction temperature with low duty cycle testing. 2. this test is guaranteed but is not tested in production.
  2/90 rev 1.4 6/97      
 
 copyright ? 1997  

 
 8    !"#$ %&   electrical characteristics (note 1) note 1. all regulation tests are made at constant junction temperature with low duty cycle testing. 2. this test is guaranteed but is not tested in production. sg140 - 18 (unless otherwise specified, these specifications apply over full operating ambient temperatures for sg140-18 with -55c t a 150c, and v in = 27v, i o = 500ma, c in = 0. 33 f, c out = 0.1 f and are applicable for the k, r, and ig - power package - only. low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.) units test conditions parameter i o = 5ma to 1.0a, t j = 25c v in = 21.5v to 33v v in = 21v to 33v, t j = 25c v in = 24v to 30v, i o = 1.0a v in = 21v to 30v, i o = 1.0a, t j = 25c i o = 5ma to 1.0a i o = 5ma to 1.5a, t j = 25c i o = 250ma to 750ma, t j = 25c v in = 21v to 33v, i o = 5ma to 1.0a, p 15w i o = 1a t j = 25c with line: v in = 21v to 33v v in = 21v to 33v, i o = 1a, t j = 25c with load: i o = 5ma to 1.0a ? v o = 100mv, i o = 1a, t j = 25c t j = 25c t j = 25c ? v in = 10v, f = 120hz, t j = 25c f = 10hz to 100khz (note 2) 1000hrs. at t j = 125c i o = 5ma units test conditions parameter i o = 5ma to 1.0a, t j = 25c v in = 28v to 38v v in = 27v to 38v, t j = 25c v in = 30v to 36v, i o = 1.0a v in = 27.1v to 35v, i o = 1.0a, t j = 25c i o = 5ma to 1.0a i o = 5ma to 1.5a, t j = 25c i o = 250ma to 750ma, t j = 25c v in = 27v to 38v, i o = 5ma to 1.0a, p 15w i o = 1.0a t j = 25c with line: v in = 27v to 38v v in = 28v to 38v, i o = 1a, t j = 25c with load: i o = 5ma to 1.0a ? v o = 100mv, i o = 1a, t j = 25c t j = 25c t j = 25c ? v in = 10v, f = 120hz, t j = 25c f = 10hz to 100khz (note 2) 1000hrs. at t j = 125c i o = 5ma sg140 - 24 (unless otherwise specified, these specifications apply over full operating ambient temperatures for sg140-24 with -55c t a 150c, and v in = 33v, i o = 500ma, c in = 0. 33 f, c out = 0.1 f and are applicable for the k, r, and ig - power package - only. low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.) output voltage line regulation (note 1) load regulation (note 1) total output voltage tolerance quiescent current quiescent current change dropout voltage peak output current short circuit current ripple rejection output noise voltage (rms) long term stability thermal shutdown v mv mv mv mv mv mv mv v ma ma ma ma ma v a a db v/v mv c output voltage line regulation (note 1) load regulation (note 1) total output voltage tolerance quiescent current quiescent current change dropout voltage peak output current short circuit current ripple rejection output noise voltage (rms) long term stability thermal shutdown v mv mv mv mv mv mv mv v ma ma ma ma ma v a a db v/v mv c min. typ. max. sg140 - 18 17.3 17.1 59 18.0 18.0 2 2.4 2.1 72 175 18.7 180 180 90 180 180 180 90 18.9 7 6 0.8 0.8 0.5 2.5 40 min. typ. max. sg140 - 24 23 22.8 56 24 24.0 2 2.4 2.1 96 175 25 240 240 120 240 240 240 120 25.2 7 6 0.8 0.8 0.5 2.5 40
  2/90 rev 1.4 6/97      
 
 copyright ? 1997  

 
 9    !"#$ %& connection diagrams & ordering information (see notes below)   part no. package connection diagram 3-terminal to-3 metal can k-package sg140-xxk/883b -55c to 125c sg140-xxk -55c to 125c 2 1 case is ground 3-terminal to-66 metal can r-package sg140-xxr/883b -55c to 125c sg140-xxr -55c to 125c 1 2 case is ground ambient temperature range note 1. contact factory for jan and desc product availability. 2. all parts are viewed from the top. 3. "xx" to be replaced by output voltage of specific fixed regulator. 4. some products will be available in leadless chip carrier (lcc). consult factory for price and availability. v in v out v out v in 3-pin to-39 metal can t-package sg140-xxt/883b -55c to 125c sg140-xxt -55c to 125c 3 2 ground v out 1 v in 3-pin hermetic to-257 ig-package (isolated) sg140a-xxig/883b -55c to 125c sg140a-xxig -55c to 125c sg140-xxig/883b -55c to 125c sg140-xxig -55c to 125c ground tab is gnd v out v in sg140-xxl/883b -55 c to 125 c sg140-xxl -55 c to 125 c 20-pin ceramic (lcc) leadless chip carrier l- package 4 5 6 7 8 18 17 16 15 14 910111213 32 12019 11. n.c. 12. v out 13. n.c. 14. n.c. 15. v out sense 16. n.c. 17. v in 18. n.c. 19. n.c. 20. n.c. (note 4) 1. n.c. 2. v in 3. n.c. 4. n.c. 5. n.c. 6. n.c. 7. ground 8. n.c. 9. n.c. 10. v out


▲Up To Search▲   

 
Price & Availability of SG140-35T883B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X