Part Number Hot Search : 
10V8X1 MJ4646 BCR114 MA3100WK MCT5211 TDA8304 XL1225 SS8012G
Product Description
Full Text Search
 

To Download NRSZC123M63V125X20TBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  117 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com very low impedance(lower than nrsz) at high frequency  very low impedance  long life at 105c (2000 ~ 7000 hrs.)  high stability at low temperature  ideally for switching power supplies features characteristics miniature aluminum electrolytic ca pac i tors nrszc series radial leads, polarized alu mi num elec tro lyt ic capacitors part number system size (d ? x l) nrszc 102 m 16v 10x16 series capacitance code tolerance code rated voltage rohs compliant f tb optional tape & box* nrsz nrszc (today?s standard) (for new designs) precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 6.3 ~ 35vdc capacitance range 47 ~ 18,000 f operating temperature range -55 ~ +105c capacitance tolerance 20% (m) max. leakage current @ 20c after 2 min. 0.01cv max. tan ~ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 s.v. (vdc) 8 13 20 32 44 c < 1,000 f 0.22 0.19 0.16 0.14 0.12 c = 1,800 f 0.22 0.19 0.16 0.14 0.12 c = 2,200 f 0.24 - 0.18 0.16 0.14 c = 2,700 f 0.24 0.21 0.18 0.16 0.14 c = 3,300 f - - 0.20 0.18 0.16 c = 3,900 f 0.26 0.23 0.20 0.18 0.16 c = 4,700 f 0.28 0.26 0.22 - 0.18 c = 5,600 f 0.30 0.27 0.24 0.22 - c = 6,800 f 0.32 0.29 0.26 0.24 - c = 8,200 f 0.36 0.33 0.30 - - c = 10,000 f 0.40 0.37 0.34 - - c = 12,000 f 0.44 0.41 - - - c = 15,000 f 0.50 0.47 - - - c = 18,000 f 0.56 - - - - low temperature stability impedance ratio @ 120hz z-25c/z+20c 3 2 2 2 2 z-40c/z+20c 4 4 3 3 3 load life test at rated w.v. & 105c 7,000 hours: 16 ~ 18 5,000 hours: 12.5 4,000 hours: 10 3,000 hours: 8 2,000 hours: 5 ~ 6.3 capacitance change within 25% of initial measured value tan less than 200% of speci? ed maximum value leakage current less than speci? ed maximum value shelf life test 105c for 1,000 hours no load capacitance change within 20% of initial measured value tan less than 200% of speci? ed maximum value leakage current less than speci? ed maximum value rohs compliant includes all homogeneous materials *see part number system for details
118 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com miniature aluminum electrolytic ca pac i tors nrszc series standard products, case sizes and specifications w.v. (vdc) cap. ( f) code case size d x l(mm) lead space (mm) max. tan max. lc ( a) 2 minutes max. impedance max. ripple current at 100khz/105c (ma rms) 100khz/20c 6.3 180 181 5x11 2.0 0.22 11.3 0.340 205 330 331 6.3x11 2.5 0.22 20.8 0.170 330 390 391 6.3x11 2.5 0.22 24.6 0.170 330 680 681 8x11.5 3.5 0.22 42.8 0.110 580 1000 102 8x15 3.5 0.22 63.0 0.080 750 1200 122 8x20 3.5 0.22 75.6 0.060 1000 10x12.5 5.0 0.22 75.6 0.063 900 1500 152 8x20 3.5 0.22 94.5 0.060 1000 10x16 5.0 0.22 94.5 0.049 1200 2200 222 10x20 5.0 0.24 138.6 0.036 1450 12.5x16 5.0 0.24 138.6 0.049 1400 2700 272 10x22 5.0 0.24 170.1 0.036 1500 3900 392 12.5x20 5.0 0.26 245.7 0.035 1660 4700 472 12.5x25 5.0 0.28 296.1 0.027 2000 5600 562 12.5x25 5.0 0.30 352.8 0.027 2000 16x21 7.5 0.30 352.8 0.032 2000 6800 682 12.5x30 5.0 0.32 428.4 0.24 2450 16x25 7.5 0.32 428.4 0.022 2560 8200 822 16x25 7.5 0.36 516.6 0.022 2560 10000 103 16x25 7.5 0.40 630.0 0.17 3010 18x25 7.5 0.40 630.0 0.022 2740 12000 123 16x35.5 7.5 0.44 756.0 0.016 3150 18x30.5 7.5 0.44 756.0 0.17 3330 15000 153 18x35.5 7.5 0.50 945.0 0.016 3680 18000 183 18x41 7.5 0.56 1134 0.015 3800 10 150 151 5x11 2.0 0.19 15.0 0.340 205 270 271 6.3x11 2.5 0.19 27.0 0.170 330 470 471 8x11.5 3.5 0.19 47.0 0.110 580 560 561 8x11.5 3.5 0.19 56.0 0.110 580 680 681 8x15 3.5 0.19 68.0 0.080 750 820 821 10x12.5 5.0 0.19 82.0 0.063 900 1000 102 8x20 3.5 0.19 100.0 0.060 1000 10x16 5.0 0.19 100.0 0.049 1200 1200 122 10x16 5.0 0.19 120.0 0.049 1200 1500 12 10x20 5.0 0.19 150.0 0.036 1450 1800 182 10x22 5.0 0.19 180.0 0.036 1500 12.5x16 5.0 0.19 180.0 0.049 1400 2700 272 12.5x20 5.0 0.21 270.0 0.035 1660 3900 392 12.5x25 5.0 0.23 390.0 0.027 2000 16x21 7.5 0.23 390.0 0.032 2000 4700 472 12.5x30 5.0 0.25 470.0 0.024 2450 16x25 7.5 0.25 470.0 0.022 2560 5600 562 16x25 7.5 0.27 560.0 0.022 2560 18x21 7.5 0.27 560.0 0.030 2490 6800 682 16x31.5 7.5 0.29 680.0 0.017 3010 18x25 7.5 0.29 680.0 0.022 2740 8200 822 16x31.5 7.5 0.33 820.0 0.017 3010 10000 103 16x35.5 7.5 0.37 1000 0.016 3150 18x30.5 7.5 0.37 1000 0.017 3330 12000 123 18x35.5 7.5 0.41 1200 0.016 3680 15000 153 18x41 7.5 0.47 1500 0.015 3800
119 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com miniature aluminum electrolytic ca pac i tors nrszc series standard products, case sizes and specifications w.v. (vdc) cap. ( f) code case size d x l(mm) lead space (mm) max. tan max. lc ( a) 2 minutes max. impedance max. ripple current at 100khz/105c (ma rms) 100khz/20c 16 100 101 5x11 2.0 0.16 16.0 0.340 205 180 181 6.3x11 2.5 0.16 28.8 0.170 330 330 331 8x11.5 3.5 0.16 52.8 0.110 580 470 471 8x15 3.5 0.16 75.2 0.080 750 560 561 10x12.5 5.0 0.16 89.6 0.063 900 680 681 8x20 3.5 0.16 108.8 0.060 1000 820 821 10x16 5.0 0.16 131.2 0.049 1200 1000 102 10x20 5.0 0.16 160.0 0.036 1450 1200 122 10x22 5.0 0.16 192.0 0.036 1500 12.5x16 5.0 0.16 192.0 0.049 1400 1500 152 12.5x20 5.0 0.16 240.0 0.035 1660 1800 182 12.5x20 5.0 0.16 288.0 0.035 1660 2200 222 12.5x25 5.0 0.18 352.0 0.027 2000 2700 272 12.5x25 5.0 0.18 432.0 0.027 2000 16x21 7.5 0.18 432.0 0.032 2000 3300 332 12.5x30 5.0 0.20 528.0 0.024 2450 16x25 7.5 0.20 528.0 0.022 2560 18x21 7.5 0.20 528.0 0.030 2490 3900 392 16x25 7.5 0.20 624.0 0.022 2560 4700 472 16x31.5 7.5 0.22 752.0 0.017 3010 18x25 7.5 0.22 752.0 0.022 2740 5600 562 16x31.5 7.5 0.24 896.0 0.017 3010 6800 682 16x35.5 7.5 0.26 1088 0.016 3150 8200 822 18x35.5 7.5 0.30 1312 0.016 3680 10000 103 18x41 7.5 0.34 1600 0.015 3800 25 68 680 5x11 2.0 0.14 17.0 0.340 205 120 121 6.3x11 2.5 0.14 30.0 0.170 330 220 221 8x11.5 3.5 0.14 55.0 0.110 580 330 331 8x15 3.5 0.14 82.5 0.080 750 390 391 10x12.5 5.0 0.14 97.5 0.063 900 470 471 8x20 3.5 0.14 117.5 0.060 1000 560 561 10x16 5.0 0.14 140.0 0.049 1200 680 681 10x20 5.0 0.14 170.0 0.036 1450 820 821 10x20 5.0 0.14 205.0 0.036 1450 12.5x16 5.0 0.14 205.0 0.049 1400 1000 102 10x22 5.0 0.14 250.0 0.036 1500 1200 122 12.5x20 5.0 0.14 300.0 0.035 1660 1800 182 12.5x25 5.0 0.14 450.0 0.027 2000 16x25 7.5 0.14 450.0 0.032 2000 2200 222 12.5x30 5.0 0.16 550.0 0.024 2450 18x21 7.5 0.16 550.0 0.030 2490 2700 272 16x25 7.5 0.16 675.0 0.022 2560 3300 332 16x31.5 7.5 0.18 825.0 0.017 3010 18x25 7.5 0.18 825.0 0.022 2740 3900 392 16x35.5 7.5 0.18 975.0 0.016 3150 18x30.5 7.5 0.18 975.0 0.017 3330 5600 562 18x35.5 7.5 0.22 1400 0.016 3680 6800 682 18x41 7.5 0.24 1700 0.015 3800
120 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com miniature aluminum electrolytic ca pac i tors nrszc series standard products, case sizes and specifications w.v. (vdc) cap. ( f) code case size d x l(mm) lead space (mm) max. tan max. lc ( a) 2 minutes max. impedance max. ripple current at 100khz/105c (ma rms) 100khz/20c 35 47 470 5x11 2.0 0.12 16.5 0.340 205 100 101 6.3x11 2.5 0.12 35.0 0.170 330 150 151 8x11.5 3.5 0.12 52.5 0.110 580 220 221 8x15 3.5 0.12 77.0 0.080 750 270 271 10x12.5 5.0 0.12 94.5 0.063 900 330 331 8x20 3.5 0.12 115.5 0.060 1000 10x16 5.0 0.12 115.5 0.049 1200 390 391 10x16 5.0 0.12 136.5 0.049 1200 470 471 10x20 5.0 0.12 164.5 0.036 1450 560 561 10x20 5.0 0.12 196.0 0.036 1450 12.5x16 5.0 0.12 196.0 0.049 1400 680 681 10x22 5.0 0.12 238.0 0.036 1500 820 821 12.5x20 5.0 0.12 287.0 0.035 1660 1200 122 12.5x25 5.0 0.12 420.0 0.027 2000 16x21 7.5 0.12 420.0 0.032 2000 1500 152 12.5x30 5.0 0.12 525.0 0.024 2450 18x21 7.5 0.12 525.0 0.030 2490 1800 182 16x25 7.5 0.12 630.0 0.022 2560 2200 222 18x25 7.5 0.14 770.0 0.022 2740 2700 272 16x31.5 7.5 0.14 945.0 0.017 3010 3300 332 16x35.5 7.5 0.16 1155 0.016 3150 3900 392 18x35.5 7.5 0.16 1365 0.016 3680 4700 472 18x41 7.5 0.18 1645 0.015 3800 d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking lead spacing and diameter (mm) case dia. (d ) 5 6.3 8 10 12.5 12.5x30 16 18 lead dia. (d ) 0.5 0.5 0.6 0.6 0.6 0.8 0.8 0.8 lead spacing (f) 2.0 2.5 3.5 5.0 5.0 5.0 7.5 7.5 dim. 0.5 = l < 20mm = 1.5mm, l > 20mm = 2.0mm ripple current correction factors frequency (hz) cap. ( f) 120 1k 10k 100k multiplier 47 ~ 68 0.50 0.80 1.00 1.00 100 ~ 220 0.55 0.85 1.00 1.00 270 ~ 1000 0.65 0.90 1.00 1.00 1200 ~ 18000 0.75 0.90 1.00 1.00


▲Up To Search▲   

 
Price & Availability of NRSZC123M63V125X20TBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X