Part Number Hot Search : 
SN49A 25020 ST626 VS2AUF N4990 D100B NTE825 SF914
Product Description
Full Text Search
 

To Download MNR35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MNR35 resistors 1/4 chip resistor networks MNR35 (3216 5 size) ! ! ! ! features 1) common terminals yield area 40% smaller than that of the mnr38. 2) 8-element construction makes the MNR35 ideal for bus line pull-up / pull-down. 3) convex electrodes easy to check the fillet after soldering is finished. 4) compatible with a wide range of mounting equipment. squared corners make it excellent for mounting using image recognition devices. 5) rohm resistors have approved iso-9001 certification. design and specifications are subject to change without notice. carefully check the specification sheet supplied with the product before using or ordering it. ! ! ! ! ratings item conditions specifications 0.063w (1 / 16w) rated power rated voltage operating temperature nominal resistance power must be derated according to the power derating curve in figure 1 when ambient temperature exceeds 70 c. ? 55 c~ + 125 c at 70 c the voltage rating is calculated by the following equation. if the value obtained exceeds the limiting element voltage, the voltage rating is equal to the maximum operating voltage. e: rated voltage (v) p: rated power (w) r: nominal resistance ( ? ) e = p r limiting element voltage 50v 0 20 40 60 80 100 ? 55 0 70 100 125 ambient temperature ( c) power load (%) fig.1 see table 1. j ( 5%) 15 r 100k (e12) 200 resistance tolerance resistance range ( ? ) resistance temperature coefficient (ppm / c) table 1 ? ? ? ? before using components in circuits where they will be exposed to transients such as pulse loads (short-duration, high-level lo ads), be certain to evaluate the component in the mounted state. in addition, the reliability and performance of this component cannot be guaranteed if it is u sed with a steady state voltage that is greater than its rated voltage.
MNR35 resistors 2/4 ! ! ! ! characteristics item test conditions (jis c 5201-1) resistance variation of resistance with temperature solderability damp heat, steady state endurance at 70 c endurance rapid change of temperature bend strength of the end face plating resistance to solvent resistance to soldering heat overload jis c 5201-1 4.5 jis c 5201-1 4.8 measurement : ? 55 / + 25 / + 125 c jis c 5201-1 4.18 soldering condition : 260 5 c duration of immersion : 10 1s. jis c 5201-1 4.24 40 c, 93%rh test time : 1,000h~1,048h resistor type guaranteed value (2.0% + 0.1 ? ) (1.0% + 0.05 ? ) (3.0% + 0.1 ? ) j : 5% see table.1 no remarkable abnormality on the appearance. a new uniform coating of minimum of 95% of the surface being immersed and no soldering damage. without mechanical damage such as breaks. (3.0% + 0.1 ? ) (3.0% + 0.1 ? ) (1.0% + 0.05 ? ) (1.0% + 0.05 ? ) (1.0% + 0.05 ? ) jis c 5201-1 4.25.1 rated voltage (current), 70 c 1.5h : on ? 0.5h : off test time : 1,000h~1,048h jis c 5201-1 4.25.3 125 c test time : 1,000h~1,048h jis c 5201-1 4.29 23 5 c , immersion cleaning, 5 0.5min. solvent : 2-propanol jis c 5201-1 4.19 test temp. : ? 55 c ~ + 125 c 5cyc jis c 5201-1 4.33 jis c 5201-1 4.17 rosinethanol (25%wt) soldering condition : 235 5 c duration of immersion : 2.0 0.5s. jis c 5201-1 4.13 rated voltage (current) 2.5, 2s. limiting element voltage 2 : 100v ! ! ! ! external dimensions (units : mm) material thick dielectric glaze of ruthenium thick film of silver for primary electrode nickel-coated secondary electrode external electrode coated with sn/pb or sn alumina substrate overcoating cross section b-b' cross section a-a' 6.4 0.4 ? 1.27 0.55 0.1 0.5 0.2 0.8 0.2 1.0 0.2 3.1 0.2 0.5 0.3 max.0.5 b b' a' a r103 ? pitch of the upper electrode . 1 1 1 1 1 1 2 2 2 3 3 4 4 5 5 5 6 6 6
MNR35 resistors 3/4 ! ! ! ! equivalent circuit r8 r2 r7 r3 r6 r4 r5 r1 r1 = r2 = r3 = r4 = r5 = r6 = r7 = r8 ! ! ! ! packaging 0 2 0 4 0 6 0 8 0 2 0 4 0 6 0 8 c abd label abcd 13 0.3 13 0.2 reel taping a 0 p 1 p 0 p 2 b 0 f w k e d 0 180 0 ? 3 60 + 1 0 eiaj et-7200a compliant (units: mm) (units: mm) wf ea 0 b 0 d 0 p 0 p 1 p 2 k 12.0 0.3 5.5 0.05 1.75 0.1 3.4 0.1 6.6 0.1 4.0 0.1 4.0 0.1 2.0 0.05 1.0 0.15 1.5 + 0.1 0 ! ! ! ! product designation code j5 MNR35 taping embossed reel part no. packaging package style j 5% 3-digit iec coding system packaging / processing specifications r MNR35 circuit configuration code resistance tolerance nominal resistance part no.
MNR35 resistors 4/4 ! ! ! ! electrical characteristics ? 6.0 ? 5.0 ? 4.0 ? 3.0 ? 2.0 ? 1.0 0 2.0 1.0 4.0 3.0 6.0 5.0 resistance ( ? ) fig.2 resistance dc resistance (%) jis c 5201-1 4.5 sample size : n = 40pcs 20 c 65%rh 10 100 1k 10k 100k ? 400 ? 300 ? 200 ? 100 0 100 200 300 400 resistance ( ? ) fig.3 variation resistance with temperature temperature coefficient (ppm / c) jis c 5201-1 4.8 sample size : n = 16pcs 25 c / ? 55 c 25 c / 125 c 15 100 1k 10k 100k ? 4.0 ? 6.0 ? 2.0 0 2.0 4.0 6.0 resistance ( ? ) fig.4 overload ? r/r (%) jis c 5201-1 4.13 sample size : n = 16pcs rated voltage 2.5times 2s limiting element voltage 2 : 100v 10 100 1k 10k 100k ? 2.0 ? 3.0 ? 1.0 0 1.0 2.0 3.0 resistance ( ? ) fig.5 resistance to soldering heat ? r/r (%) jis c 5201-1 4.18 sample size : n = 16pcs soldering condition : 260 c 10s 10 100 1k 10k 100k ? 2.0 ? 3.0 ? 1.0 0 1.0 2.0 3.0 resistance ( ? ) fig.6 rapid change of temperature ? r/r (%) jis c 5201-1 4.19 sample size : n = 16pcs ? 55 c / 125 c 5cyc 10 100 1k 10k 100k ? 4.0 ? 6.0 ? 2.0 0 2.0 4.0 6.0 resistance ( ? ) fig.7 damp heat, steady state ? r/r (%) jis c 5201-1 4.24 sample size : n = 16pcs 40 c 93%rh with no load 1,000h 10 100 1k 10k 100k ? 4.0 ? 6.0 ? 2.0 0 2.0 4.0 6.0 resistance ( ? ) fig.8 endurance at 70 c ? r/r (%) jis c 5201-1 4.25.1 sample size : n = 16pcs 70 c 1,000h overload : the rated voltage 10 100 1k 10k 100k ? 4.0 ? 6.0 ? 2.0 0 2.0 4.0 6.0 resistance ( ? ) fig.9 endurance ? r/r (%) jis c 5201-1 4.25.3 sample size : n = 16pcs 125 c with no load 1,000h 10 100 1k 10k 100k ? 2.0 ? 1.5 ? 1.0 ? 0.5 0 0.5 1.0 1.5 2.0 resistance ( ? ) fig.10 resistance to solvents resistance change (%) jis c 5201-1 4.29 sample size : n = 16pcs ipa, 5min. 15 100 1 k 10k 100k


▲Up To Search▲   

 
Price & Availability of MNR35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X