Part Number Hot Search : 
NCP1652A 4VHCT1 45970 PRODUCT UM221X 8H101 1N5239 S1T8531
Product Description
Full Text Search
 

To Download LTC3832-1ES8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ltc3832/ltc3832-1 sn3832 3832fs high power step-down synchronous dc/dc controllers for low voltage operation n v out as low as 0.6v n high power switching regulator controller for 3.3v-5v to 0.6v-3.xv step-down applications n no current sense resistor required n low input supply voltage range: 3v to 8v n maximum duty cycle > 91% over temperature n all n-channel external mosfets n excellent output regulation: 1% over line, load and temperature variations n high efficiency: over 95% possible n adjustable or fixed 2.5v output (ltc3832) n programmable fixed frequency operation: 100khz to 500khz n external clock synchronization n soft-start n low shutdown current: <10 m a n overtemperature protection n available in so-8 and ssop-16 packages n cpu power supplies n multiple logic supply generator n distributed power applications n high efficiency power conversion the ltc ? 3832/ltc3832-1 are high power, high effi- ciency switching regulator controllers optimized for 3.3v-5v to 0.6v-3.xv step-down applications. a preci- sion internal reference and feedback system provide 1% output regulation over temperature, load current and line voltage variations. the ltc3832/ltc3832-1 use a synchronous switching architecture with n-channel mosfets. additionally, the chip senses output current through the drain-source resistance of the upper n-channel mosfet, providing an adjustable current limit without a current sense resistor. the ltc3832/ltc3832-1 operate with an input supply voltage as low as 3v and with a maximum duty cycle of >91% over temperature. they include a fixed frequency pwm oscillator for low output ripple operation. the 300khz free-running clock frequency can be externally adjusted or synchronized with an external signal from 100khz to 500khz. in shutdown mode, the ltc3832 supply current drops to <10 m a. the ltc3832-1 is the so-8 version without current limit, frequency adjustment and shutdown functions. , ltc and lt are registered trademarks of linear technology corporation. figure 1. high efficiency 3.3v to 1v power converter + + 0.01 f 15k ss comp gnd fb v cc /pv cc2 g1 pv cc1 g2 ltc3832-1 680pf 0.1 f 4.7 f mbr0520t1 si9426dy v out 1v 9a l1 3.2 h si9426dy l1: sumida cdep105-3r2mc-88 c out : panasonic eefueod271r c out 270 f 2v 3832 f01 0.1 f 5.1 v in 3v to 7v 6.49k 4.32k load current (a) 40 efficiency (%) 60 80 100 50 70 90 2468 3832 f01b 10 1 03579 v in = 3.3v v out = 2.5v v out = 1v efficiency descriptio u features applicatio s u typical applicatio u
2 ltc3832/ltc3832-1 sn3832 3832fs supply voltage v cc ....................................................................... 9v pv cc1,2 ................................................................ 14v input voltage i fb , i max ............................................... C 0.3v to 14v sense + , sense C , fb, shdn, freqset ....................... C 0.3v to v cc + 0.3v absolute axi u rati gs w ww u package/order i for atio uu w (note 1) junction temperature ........................................... 125 c operating temperature range (note 9) .. C 40 c to 85 c storage temperature range ................. C 65 c to 150 c lead temperature (soldering, 10 sec).................. 300 c order part number LTC3832-1ES8 gn part marking 38321 1 2 3 4 8 7 6 5 top view g2 v cc /pv cc2 comp ss g1 pv cc1 gnd fb s8 package 8-lead plastic so t jmax = 125 c, q ja = 130 c/ w order part number ltc3832egn t jmax = 125 c, q ja = 130 c/ w gn package 16-lead plastic ssop 1 2 3 4 5 6 7 8 top view 16 15 14 13 12 11 10 9 g1 pv cc1 pgnd gnd sense fb sense + shdn g2 pv cc2 v cc i fb i max freqset comp ss consult ltc marketing for parts specified with wider operating temperature ranges. symbol parameter conditions min typ max units v cc supply voltage l 358 v pv cc pv cc1 , pv cc2 voltage (note 7) l 3 13.2 v v uvlo undervoltage lockout voltage 2.4 2.9 v v fb feedback voltage v comp = 1.25v 0.595 0.6 0.605 v l 0.593 0.6 0.607 v v out output voltage v comp = 1.25v 2.462 2.5 2.538 v l 2.450 2.5 2.550 v d v out output load regulation i out = 0a to 10a (note 6) 2 mv output line regulation v cc = 4.75v to 5.25v 0.1 mv the l denotes specifications that apply over the full operating temperature range, otherwise specifications are at t a = 25 c. v cc , pv cc1 , pv cc2 = 5v, unless otherwise noted. (note 2) electrical characteristics s8 part marking 3832
3 ltc3832/ltc3832-1 sn3832 3832fs symbol parameter conditions min typ max units i vcc supply current figure 2, v shdn = v cc l 0.7 1.6 ma v shdn = 0v l 110 m a i pvcc pv cc supply current figure 2, v shdn = v cc (note 3) l 20 30 ma v shdn = 0v l 0.1 10 m a f osc internal oscillator frequency freqset floating l 230 300 360 khz v sawl v comp at minimum duty cycle 1.2 v v sawh v comp at maximum duty cycle 2.2 v v compmax maximum v comp v fb = 0v, pv cc1 = 8v 2.85 v d f osc / d i freqset frequency adjustment 10 khz/ m a a v error amplifier open-loop dc gain measured from fb to comp, l 50 65 db sense + and sense C floating, (note 4) g m error amplifier transconductance measured from fb to comp, l 1600 2000 2400 m mho sense + and sense C floating, (note 4) i comp error amplifier output sink/source current 100 m a i max i max sink current v imax = v cc 81216 m a (note 10) l 41220 m a i max sink current tempco v imax = v cc (note 6) 3300 ppm/ c v ih shdn input high voltage l 2.4 v v il shdn input low voltage l 0.8 v i in shdn input current v shdn = v cc l 0.1 1 m a i ss soft-start source current v ss = 0v, v imax = 0v, v ifb = v cc l C8 C12 C18 m a i ssil maximum soft-start sink current v imax = v cc , v ifb = 0v, 1.6 ma in current limit v ss = v cc (note 8), pv cc1 = 8v r sense sense input resistance 23.7 k w r sensefb sense to fb resistance 18 k w t r , t f driver rise/fall time figure 2, pv cc1 = pv cc2 = 5v (note 5) l 80 250 ns t nov driver nonoverlap time figure 2, pv cc1 = pv cc2 = 5v (note 5) l 25 120 250 ns dc max maximum g1 duty cycle figure 2, v fb = 0v (note 5), pv cc1 = 8v l 91 95 % the l denotes specifications that apply over the full operating temperature range, otherwise specifications are at t a = 25 c. v cc , pv cc1 , pv cc2 = 5v, unless otherwise noted. (note 2) electrical characteristics note 1: absolute maximum ratings are those values beyond which the life of a device may be impaired. note 2: all currents into device pins are positive; all currents out of device pins are negative. all voltages are referenced to ground unless otherwise specified. note 3: supply current in normal operation is dominated by the current needed to charge and discharge the external fet gates. this will vary with the ltc3832 operating frequency, operating voltage and the external fets used. note 4: the open-loop dc gain and transconductance from the sense + and sense C pins to comp pin will be (a v )(0.6/2.5) and (g m )(0.6/2.5) respectively. note 5: rise and fall times are measured using 10% and 90% levels. duty cycle and nonoverlap times are measured using 50% levels. note 6: guaranteed by design, not subject to test. note 7: pv cc1 must be higher than v cc by at least 2.5v for g1 to operate at 95% maximum duty cycle and for the current limit protection circuit to be active. note 8: the current limiting amplifier can sink but cannot source current. under normal (not current limited) operation, the output current will be zero. note 9: the ltc3832e/ltc3832-1e are guaranteed to meet performance specifications from 0 c to 70 c. specifications over the C40 c to 85 c operating temperature range are assured by design, characterization and correlation with statistical process controls. note 10: the minimum and maximum limits for i max over temperature includes the intentional temperature coefficient of 3300ppm/ c. this induced temperature coefficient counteracts the typical temperature coefficient of the external power mosfet on-resistance. this results in a relatively flat current limit over temperature for the application.
4 ltc3832/ltc3832-1 sn3832 3832fs typical perfor a ce characteristics uw load regulation line regulation output voltage temperature drift error amplifier transconductance vs temperature error amplifier sink/source current vs temperature error amplifier open-loop gain vs temperature oscillator frequency vs temperature oscillator frequency vs freqset input current oscillator (v sawh C v sawl ) vs external sync frequency temperature ( c) ?0 error amplifier sink/source current ( a) 180 25 3830 g05 120 80 ?5 0 50 60 40 200 160 140 100 75 100 125 external sync frequency (khz) 100 0.5 v sawh ?v sawl (v) 0.6 0.8 0.9 1.0 1.5 1.2 200 300 3832 g09 0.7 1.3 1.4 1.1 400 500 t a = 25 c output current (a) ?5 v out (v) 2.49 2.50 2.51 0 10 3832 g01 2.48 2.47 2.46 ?0 ? 5 2.52 2.53 2.54 15 t a = 25 c refer to figure 12 supply voltage (v) 3 v fb (v) ? v fb (mv) 0.601 0.603 0.605 7 3832 g02 0.599 0.597 0.600 0.602 0.604 0.598 0.596 0.595 1 3 5 ? ? 0 2 4 ? ? ? 4 5 6 8 t a = 25 c temperature ( c) ?0 error amplifier transconductance ( mho) 2300 25 3832 g03 2000 1800 ?5 0 50 1700 1600 2400 2200 2100 1900 75 100 125 temperature ( c) ?0 2.45 v out (v) ? v out (mv) 2.46 2.48 2.49 2.50 2.55 2.52 0 50 75 3832 g04 2.47 2.53 2.54 2.51 ?0 ?0 ?0 ?0 0 50 20 ?0 30 40 10 ?5 25 100 125 refer to figure 12 output = no load temperature ( c) ?0 50 error amplifier open-loop gian (db) 55 60 65 70 25 0 25 50 3832 g06 75 100 125 temperature ( c) ?0 oscillator frequency (khz) 280 340 350 360 0 50 75 3832 g07 260 320 300 270 330 240 250 310 290 ?5 25 100 125 freqset floating freqset input current ( a) ?0 700 600 500 400 300 200 100 0 020 3832 g08 ?0 ?0 10 30 oscillator frequency (khz) t a = 25 c
5 ltc3832/ltc3832-1 sn3832 3832fs typical perfor a ce characteristics uw maximum g1 duty cycle vs temperature i max sink current vs temperature output overcurrent protection output current limit threshold vs temperature soft-start source current vs temperature soft-start sink current vs (v ifb C v imax ) undervoltage lockout threshold voltage vs temperature v cc operating supply current vs temperature pv cc supply current vs oscillator frequency temperature ( c) ?0 91 maximum g1 duty cycle (%) 92 94 95 96 50 100 3832 g10 93 0 ?5 75 100 25 125 97 98 99 v fb = 0v refer to figure 3 temperature ( c) ?0 i max sink current ( a) 18 25 3832 g11 12 8 ?5 0 50 6 4 20 16 14 10 75 100 125 temperature ( c) ?0 soft-start source current ( a) ? 25 3830 g14 ?2 ?4 ?5 0 50 ?5 ?6 ? ?0 ?1 ?3 75 100 125 v ifb ?v imax (mv) ?50 soft-start sink current (ma) 0.75 1.00 1.25 ?5 ?5 3832 g15 0.50 0.25 0 ?25 ?00 50 1.50 1.75 2.00 0 t a = 25 c temperature ( c) ?0 2.0 undervoltage lockout threshold voltage (v) 2.1 2.3 2.4 2.5 3.0 2.7 0 50 75 3832 g16 2.2 2.8 2.9 2.6 ?5 25 100 125 temperature ( c) ?0 v cc operating supply current (ma) 0.8 1.4 1.5 1.6 0 50 75 3832 g17 0.6 1.2 1.0 0.7 1.3 0.5 0.4 1.1 0.9 ?5 25 100 125 freqset floating oscillator frequency (khz) 0 0 pv cc supply current (ma) 10 30 40 50 200 400 500 90 3832 g18 20 100 300 60 70 80 t a = 25 c g1 and g2 loaded with 6800pf, pv cc1,2 = 12v g1 and g2 loaded with 1000pf, pv cc1,2 = 5v g1 and g2 loaded with 6800pf, pv cc1,2 = 5v output current (a) 0 output voltage (v) 1.0 2.0 3.0 0.5 1.5 2.5 4 8 12 16 3832 g12 20 2 0 6 10 14 18 t a = 25 c refer to figure 12 temperature ( c) ?0 10 output current limit (a) 11 13 14 15 20 17 0 50 75 3832 g13 12 18 19 16 ?5 25 100 125 refer to figure 12 and note 10 of the electrical characteristics
6 ltc3832/ltc3832-1 sn3832 3832fs typical perfor a ce characteristics uw pv cc supply current vs gate capacitance g1 rise/fall time vs gate capacitance transient response uu u pi fu ctio s g1 (pin 1/pin 1): top gate driver output. connect this pin to the gate of the upper n-channel mosfet, q1. this output swings from pgnd to pv cc1 . it remains low if g2 is high or during shutdown mode. pv cc1 (pin 2/pin 2): power supply input for g1. connect this pin to a potential of at least v in + v gs(on)(q1) . this potential can be generated using an external supply or charge pump. pgnd (pin 3/pin 3): power ground. both drivers return to this pin. connect this pin to a low impedance ground in close proximity to the source of q2. refer to the layout consideration section for more details on pcb layout techniques. the ltc3832-1 has pgnd and gnd tied together internally at pin 3. gnd (pin 4/pin 3): signal ground. all low power internal circuitry returns to this pin. to minimize regulation errors due to ground currents, connect gnd to pgnd right at the ltc3832. sense C , fb, sense + (pins 5, 6, 7/pin 4): these three pins connect to the internal resistor divider and input of the error amplifier. to use the internal divider to set the output voltage to 2.5v, connect sense + to the positive terminal of the output capacitor and sense C to the negative termi- nal. fb should be left floating. to use an external resistor divider to set the output voltage, float sense + and sense C and connect the external resistor divider to fb. the internal resistor divider is not included in the ltc3832-1. shdn (pin 8/na): shutdown. a ttl compatible low level at shdn for longer than 100 m s puts the ltc3832 into shutdown mode. in shutdown, g1 and g2 go low, all internal circuits are disabled and the quiescent current drops to 10 m a max. a ttl compatible high level at shdn allows the part to operate normally. this pin also doubles as an external clock input to synchronize the internal oscillator with an external clock. the shutdown function is disabled in the ltc3832-1. ss (pin 9/pin 5): soft-start. connect this pin to an external capacitor, c ss , to implement a soft-start function. if the ltc3832 goes into current limit, c ss is discharged to reduce the duty cycle. c ss must be selected such that during power-up, the current through q1 will not exceed the current limit level. comp (pin 10/pin 6): external compensation. this pin internally connects to the output of the error amplifier and input of the pwm comparator. use a rc + c network at this pin to compensate the feedback loop to provide optimum transient response. (ltc3832/ltc3832-1) v out 50mv/div i load 2av/div 50 m s/div 3832 g21 gate capacitance at g1 and g2 (nf) 0 g1 rise/fall time (ns) 120 160 200 8 3832 g20 80 40 100 140 180 60 20 0 2 1 4 3 67 9 5 10 t a = 25 c t f at pv cc1,2 = 12v t r at pv cc1,2 = 12v t r at pv cc1,2 = 5v t f at pv cc1,2 = 5v gate capacitance at g1 and g2 (nf) 0 pv cc supply current (ma) 80 70 60 50 40 30 20 10 0 8 3832 g19 246 10 7 135 9 t a = 25 c pv cc1,2 = 12v pv cc1,2 = 5v
7 ltc3832/ltc3832-1 sn3832 3832fs uu u pi fu ctio s freqset (pin 11/na): frequency set. use this pin to adjust the free-running frequency of the internal oscillator. with the pin floating, the oscillator runs at about 300khz. a resistor from freqset to ground speeds up the oscil- lator; a resistor to v cc slows it down. i max (pin 12/na): current limit threshold set. i max sets the threshold for the internal current limit comparator. if i fb drops below i max with g1 on, the ltc3832 goes into current limit. i max has an internal 12 m a pull-down to gnd. connect this pin to the main v in supply at the drain of q1, through an external resistor to set the current limit thresh- old. connect a 0.1 m f decoupling capacitor across this resistor to filter switching noise. i fb (pin 13/na): current limit sense. connect this pin to the switching node at the source of q1 and the drain of q2 through a 1k resistor. the 1k resistor is required to prevent voltage transients from damaging i fb .this pin is used for sensing the voltage drop across the upper n-channel mosfet, q1. v cc (pin 14/pin 7): power supply input. all low power internal circuits draw their supply from this pin. connect this pin to a clean power supply, separate from the main v in supply at the drain of q1. this pin requires a 4.7 m f bypass capacitor. the ltc3832-1has v cc and pv cc2 tied together at pin 7 and requires a 10 m f bypass capacitor to gnd. pv cc2 (pin 15/pin 7): power supply input for g2. connect this pin to the main high power supply. g2 (pin 16/pin 8): bottom gate driver output. connect this pin to the gate of the lower n-channel mosfet, q2. this output swings from pgnd to pv cc2 . it remains low when g1 is high or during shutdown mode. to prevent output undershoot during a soft-start cycle, g2 is held low until g1 first goes high (ffbg in the block diagram). block diagra w + + r s pv cc1 g1 pv cc2 g2 pgnd fb sense + v ref v ref + 10% 18k 5.7k sense 3832 bd bg q q r por s ffbg enable g2 q + pwm qss v ref v ref + 10% max err 12 a internal oscillator 100 s delay shdn freqset comp ss power down disable gate drive logic and thermal shutdown + cc 2.2v qc 1.2v pv cc1 v cc + 2.5v 12 a disable i lim i max i fb v cc gnd + v (ltc3832)
8 ltc3832/ltc3832-1 sn3832 3832fs test circuits fb ss freqset comp i max nc nc nc nc g1 g2 shdn v cc v shdn v cc pv cc2 pv cc1 pv cc i fb 6800pf 6800pf 3832 f02 gnd pgnd sense ltc3832 sense + comp fb v comp v fb g1 g2 i fb v cc pv cc1 5v pv cc2 6800pf 0.1 f 10 f 6800pf g1 rise/fall g2 rise/fall 3832 f03 i max gnd pgnd ltc3832 + figure 2 figure 3 block diagra w (ltc3832-1) + + r s pv cc1 g1 v cc /pv cc2 g2 pgnd fb v ref v ref + 10% 3832 bd2 bg q q r por s ffg2 enable g2 q + pwm qss v ref v ref + 10% max err 12 a internal oscillator comp ss power down disable gate drive thermal shutdown 2.2v qc 1.2v pv cc1 v cc + 2.5v + v applicatio s i for atio wu uu overview the ltc3832/ltc3832-1 are voltage mode feedback, synchronous switching regulator controllers (see block diagram) designed for use in high power, low voltage step-down (buck) converters. they include an onboard pwm generator, a precision reference trimmed to 0.8%, two high power mosfet gate drivers and all necessary feedback and control circuitry to form a complete switch- ing regulator circuit. the pwm loop nominally runs at 300khz. the ltc3832 includes a current limit sensing circuit that uses the topside external n-channel power mosfet as a current sensing element, eliminating the need for an external sense resistor.
9 ltc3832/ltc3832-1 sn3832 3832fs applicatio s i for atio wu uu also included in the ltc3832 is an internal soft-start feature that requires only a single external capacitor to operate. in addition, the ltc3832 features an adjustable oscillator that can free run or synchronize to external signal with frequencies from 100khz to 500khz, allowing added flexibility in external component selection. the ltc3832-1 does not include current limit, frequency adjustability, external synchronization and the shutdown function. theory of operation primary feedback loop the ltc3832/ltc3832-1 sense the output voltage of the circuit at the output capacitor and feeds this voltage back to the internal transconductance error amplifier, err, through a resistor divider network. the error amplifier compares the resistor-divided output voltage to the inter- nal 0.6v reference and outputs an error signal to the pwm comparator. this error signal is compared with a fixed frequency ramp waveform, from the internal oscillator, to generate a pulse width modulated signal. this pwm signal drives the external mosfets through the g1 and g2 pins. the resulting chopped waveform is filtered by l o and c out which closes the loop. loop compensation is achieved with an external compensation network at the comp pin, the output node of the error amplifier. max feedback loop an additional comparator in the feedback loop provides high speed output voltage correction in situations where the error amplifier may not respond quickly enough. max compares the feedback signal to a voltage 60mv above the internal reference. if the signal is above the comparator threshold, the max comparator overrides the error ampli- fier and forces the loop to minimum duty cycle, 0%. to prevent this comparator from triggering due to noise, the max comparators response time is deliberately delayed by two to three microseconds. this comparator helps prevent extreme output perturbations with fast output load current transients, while allowing the main feedback loop to be optimally compensated for stability. thermal shutdown the ltc3832/ltc3832-1 have a thermal protection cir- cuit that disables both gate drivers if activated. if the chip junction temperature reaches 150 c, both g1 and g2 are pulled low. g1 and g2 remain low until the junction temperature drops below 125 c, after which, the chip resumes normal operation. soft-start and current limit the ltc3832 includes a soft-start circuit that is used for start-up and current limit operation. the ltc3832-1 only has the soft-start function; the current limit function is disabled. the ss pin requires an external capacitor, c ss , to gnd with the value determined by the required soft- start time. an internal 12 m a current source is included to charge c ss . during power-up, the comp pin is clamped to a diode drop (b-e junction of qss in the block diagram) above the voltage at the ss pin. this prevents the error amplifier from forcing the loop to maximum duty cycle. the ltc3832/ltc3832-1 operate at low duty cycle as the ss pin rises above 0.6v (v comp ? 1.2v). as ss continues to rise, qss turns off and the error amplifier takes over to regulate the output. the ltc3832 includes yet another feedback loop to con- trol operation in current limit. just before every falling edge of g1, the current comparator, cc, samples and holds the voltage drop measured across the external upper mosfet, q1, at the i fb pin. cc compares the voltage at i fb to the voltage at the i max pin. as the peak current rises, the measured voltage across q1 increases due to the drop across the r ds(on) of q1. when the voltage at i fb drops below i max , indicating that q1s drain current has exceeded the maximum level, cc starts to pull current out of c ss , cutting the duty cycle and controlling the output current level. the cc comparator pulls current out of the ss pin in proportion to the voltage difference between i fb and i max . under minor overload conditions, the ss pin falls gradually, creating a time delay before current limit takes effect. very short, mild overloads may not affect the output voltage at all. more significant overload conditions allow the ss pin to reach a steady state, and the output
10 ltc3832/ltc3832-1 sn3832 3832fs remains at a reduced voltage until the overload is re- moved. serious overloads generate a large overdrive at cc, allowing it to pull ss down quickly and preventing damage to the output components. by using the r ds(on) of q1 to measure the output current, the current limiting circuit eliminates an expensive discrete sense resistor that would otherwise be required. this helps minimize the number of components in the high current path. the current limit threshold can be set by connecting an external resistor r imax from the i max pin to the main v in supply at the drain of q1. the value of r imax is determined by: r imax = (i lmax )(r ds(on)q1 )/i imax where: i lmax = i load + (i ripple /2) i load = maximum load current i ripple = inductor ripple current = ()() () ()( ) vv v flv in out out osc o in f osc = ltc3832 oscillator frequency = 300khz l o = inductor value r ds(on)q1 = on-resistance of q1 at i lmax i imax = internal 12 m a sink current at i max the r ds(on) of q1 usually increases with temperature. to keep the current limit threshold constant, the internal 12 m a sink current at i max is designed with a positive temperature coefficient to provide first order correction for the temperature coefficient of r ds(on)q1 . in order for the current limit circuit to operate properly and to obtain a reasonably accurate current limit threshold, the i imax and i fb pins must be kelvin sensed at q1s drain and source pins. in addition, connect a 0.1 m f decoupling capacitor across r imax to filter switching noise. other- wise, noise spikes or ringing at q1s source can cause the actual maximum current to be greater than the desired current limit set point. due to switching noise and varia- tion of r ds(on) , the actual current limit trip point is not highly accurate. the current limiting circuitry is primarily meant to prevent damage to the power supply circuitry during fault conditions. the exact current level where the limiting circuit begins to take effect will vary from unit to unit as the r ds(on) of q1 varies. typically, r ds(on) varies as much as 40%, and with 33% variation on the ltc3832s i max current, this can give a 73% variation on the current limit threshold. the r ds(on) is high if the v gs applied to the mosfet is low. this occurs during power up when pv cc1 is ramping up. to prevent the high r ds(on) from activating the current limit, the ltc3832 will disable the current limit circuit if pv cc1 is less than 2.5v above v cc . to ensure proper operation of the current limit circuit, pv cc1 must be at least 2.5v above v cc when g1 is high. pv cc1 can go low when g1 is low, allowing the use of the external charge pump to power pv cc1 . applicatio s i for atio wu uu figure 4. current limit setting + + 12 13 ltc3832 cc 12 a 0.1 f q2 c out 3832 f04 c in v in v out g2 i max r imax i fb 1k + q1 l o g1 oscillator frequency the ltc3832 includes an onboard current controlled oscillator that typically free-runs at 300khz. the oscillator frequency can be adjusted by forcing current into or out of the freqset pin. with the pin floating, the oscillator runs at about 300khz. every additional 1 m a of current into/out of the freqset pin decreases/increases the frequency by 10khz. the pin is internally servoed to 1.265v. the frequency can be estimated as: f khz vv r khz a ext fset =+ m 300 1 265 10 1 . where r fset is a frequency programming resistor con- nected between freqset and the external voltage source v ext .
11 ltc3832/ltc3832-1 sn3832 3832fs connecting a 82k resistor from freqset to ground forces 15 m a out of the pin, causing the internal oscillator to run at approximately 450khz. forcing an external 20 m a current into freqset cuts the internal frequency to 100khz. an internal clamp prevents the oscillator from running slower than about 50khz. tying freqset to v cc forces the chip to run at this minimum speed. the ltc3832-1 does not have this frequency adjustment function. shutdown the ltc3832 includes a low power shutdown mode, controlled by the logic at the shdn pin. a high at shdn allows the part to operate normally. a low level at shdn for more than 100 m s forces the ltc3832 into shutdown mode. in this mode, all internal switching stops, the comp and ss pins pull to ground and q1 and q2 turn off. the ltc3832 supply current drops to <10 m a, although off- state leakage in the external mosfets may cause the total v in current to be some what higher, especially at elevated temperatures. if shdn returns high, the ltc3832 reruns a soft-start cycle and resumes normal operation. the ltc3832-1 does not have this shutdown function. external clock synchronization the ltc3832 shdn pin doubles as an external clock input for applications that require a synchronized clock. an internal circuit forces the ltc3832 into external synchronization mode if a negative transition at the shdn pin is detected. in this mode, every negative transition on the shdn pin resets the internal oscillator and pulls the ramp signal low, this forces the ltc3832 internal oscil- lator to lock to the external clock frequency. the ltc3832-1 does not have this external synchronization function. the ltc3832 internal oscillator can be externally synchro- nized from 100khz to 500khz. frequencies above 300khz can cause a decrease in the maximum obtainable duty cycle as rise/fall time and propagation delay take up a larger percentage of the switch cycle. circuits using these frequencies should be checked carefully in applications where operation near dropout is importantlike 3.3v to 2.5v converters. the low period of this clock signal must not be >100 m s, or else the ltc3832 enters shutdown mode. figure 5 describes the operation of the conventional synchronization function. a negative transition at the shdn pin forces the internal ramp signal low to restart a new pwm cycle. notice that the ramp amplitude is lowered as the external clock frequency goes higher. the effect of this decrease in ramp amplitude increases the open-loop gain of the controller feedback loop. as a result, the loop crossover frequency increases and it may cause the feed- back loop to be unstable if the phase margin is insufficient. to overcome this problem, the ltc3832 monitors the peak voltage of the ramp signal and adjusts the oscillator charging current to maintain a constant ramp peak. applicatio s i for atio wu uu shdn 300khz free running ramp signal traditional sync method with early ramp termination ltc3832 keeps ramp amplitude constant under sync ramp signal with ext sync ramp amplitude adjusted 3832 f05 figure 5. external synchronization operation input supply considerations/charge pump the ltc3832 requires four supply voltages to operate: v in for the main power input, pv cc1 and pv cc2 for mosfet gate drive and a clean, low ripple v cc for the ltc3832 internal circuitry (figure 6). the ltc3832-1 has the pv cc2 and v cc pins tied together inside the package (figure 7). this pin, brought out as v cc /pv cc2 , has the same low ripple requirements as the ltc3832, but must also be able to supply the gate drive current to q2.
12 ltc3832/ltc3832-1 sn3832 3832fs in many applications, v cc can be powered from v in through an rc filter. this supply can be as low as 3v. the low quiescent current (typically 800 m a) allows the use of relatively large filter resistors and correspondingly small filter capacitors. 100 w and 4.7 m f usually provide ad- equate filtering for v cc . for best performance, connect the 4.7 m f bypass capacitor as close to the ltc3832 v cc pin as possible. gate drive for the top n-channel mosfet q1 is supplied from pv cc1 . this supply must be above v in (the main power supply input) by at least one power mosfet v gs(on) for efficient operation. an internal level shifter allows pv cc1 to operate at voltages above v cc and v in , up to 14v maxi- mum. this higher voltage can be supplied with a separate supply, or it can be generated using a charge pump. gate drive for the bottom mosfet q2 is provided through pv cc2 for the ltc3832 or v cc /pv cc2 for the ltc3832-1. this supply only needs to be above the power mosfet v gs(on) for efficient operation. pv cc2 can also be driven from the same supply/charge pump for the pv cc1 , or it can be connected to a lower supply to improve efficiency. applicatio s i for atio wu uu figure 8. tripling charge pump ltc3832 3832 f08 + d z 12v 1n5242 10 f g1 g2 0.1 f q1 l o q2 c out v out 0.1 f pv cc2 1n5817 1n5817 1n5817 pv cc1 v in 3832 f6 + v cc pv cc2 pv cc1 v in g1 q1 c out v out q2 l o g2 internal circuitry ltc3832 3832 f7 + v cc /pv cc2 pv cc1 v in g1 q1 c out v out q2 l o g2 internal circuitry ltc3832-1 figure 6. ltc3832 power supplies figure 7. ltc3832-1 power supplies figure 8 shows a tripling charge pump circuit that can be used to provide 2v in and 3v in gate drive for the external top and bottom mosfets respectively. these should fully enhance mosfets with 5v logic level thresholds. this circuit provides 3v in C 3v f to pv cc1 while q1 is on and 2v in C 2v f to pv cc2 where v f is the forward voltage of the schottky diodes. the circuit requires the use of schottky diodes to minimize forward drop across the diodes at start-up. the tripling charge pump circuit can rectify any ringing at the drain of q2 and provide more than 3v in at pv cc1 ; a 12v zener diode should be included from pv cc1 to pgnd to prevent transients from damaging the circuitry at pv cc1 or the gate of q1. the charge pump capacitors for pv cc1 refresh when the g2 pin goes high and the switch node is pulled low by q2. the g2 on-time becomes narrow when ltc3832/ ltc3832-1 operates at a maximum duty cycle (95% typical), which can occur if the input supply rises more slowly than the soft-start capacitor or if the input voltage droops during load transients. if the g2 on-time gets so narrow that the switch node fails to pull completely to ground, the charge pump voltage may collapse or fail to start, causing excessive dissipation in external mosfet, q1. this condition is most likely with low v cc voltages and high switching frequencies, coupled with large external mosfets which slow the g2 and switch node slew rates. the ltc3832/ltc3832-1 overcome this problem by sens- ing the pv cc1 voltage when g1 is high. if pv cc1 is less than 2.5v above v cc , the maximum g1 duty cycle is reduced to 70% by clamping the comp pin at 1.8v (qc in the block
13 ltc3832/ltc3832-1 sn3832 3832fs diagram). this increases the g2 on-time and allows the charge pump capacitors to be refreshed. for applications using an external supply to pv cc1 , this supply must also be higher than v cc by at least 2.5v to ensure normal operation. for applications with a 5v or higher v in supply, pv cc2 can be tied to v in if a logic level mosfet is used. pv cc1 can be supplied using a doubling charge pump as shown in figure 9. this circuit provides 2v in C v f to pv cc1 while q1 is on. enhance standard power mosfets. under this condition, the effective mosfet r ds(on) may be quite high, raising the dissipation in the fets and reducing efficiency. logic level fets are the recommended choice for 5v or lower voltage systems. logic level fets can be fully enhanced with a doubler/tripling charge pump and will operate at maximum efficiency. after the mosfet threshold voltage is selected, choose the r ds(on) based on the input voltage, the output voltage, allowable power dissipation and maximum output current. in a typical ltc3832 circuit, operating in continuous mode, the average inductor current is equal to the output load current. this current flows through either q1 or q2 with the power dissipation split up according to the duty cycle: dc q v v dc q v v vv v out in out in in out in () () 1 21 = == the r ds(on) required for a given conduction loss can now be calculated by rearranging the relation p = i 2 r. r p dc q i vp vi r p dc q i vp vv i ds on q max q load in max q out load ds on q max q load in max q in out load () () () () () () ()( ) ( ) ()( ) ( )( ) 1 1 2 1 2 2 2 2 2 2 1 2 == == p max should be calculated based primarily on required efficiency or allowable thermal dissipation. a typical high efficiency circuit designed for 3.3v input and 2.5v at 10a output might allow no more than 3% efficiency loss at full load for each mosfet. assuming roughly 90% efficiency at this current level, this gives a p max value of: (2.5v)(10a/0.9)(0.03) = 0.83w per fet and a required r ds(on) of: r vw va r vw vva ds on q ds on q () () (. )(. ) ( . )( ) . (. )(. ) ( . . )( ) . 1 2 2 2 33 083 25 10 0 011 33 083 33 25 10 0 034 ==w ==w applicatio s i for atio wu uu ltc3832 3832 f09 + d z 12v 1n5242 q1 l o q2 c out v out 0.1 f pv cc2 optional use for v in 3 7v mbr0530t1 pv cc1 g1 g2 v in figure 9. doubling charge pump power mosfets two n-channel power mosfets are required for most ltc3832 circuits. these should be selected based primarily on threshold voltage and on-resistance consid- erations. thermal dissipation is often a secondary con- cern in high efficiency designs. the required mosfet threshold should be determined based on the available power supply voltages and/or the complexity of the gate drive charge pump scheme. in 3.3v input designs where an auxiliary 12v supply is available to power pv cc1 and pv cc2 , standard mosfets with r ds(on) specified at v gs = 5v or 6v can be used with good results. the current drawn from this supply varies with the mosfets used and the ltc3832s operating frequency, but is generally less than 50ma. ltc3832 applications that use 5v or lower v in voltage and a doubling/tripling charge pump to generate pv cc1 and pv cc2 , do not provide enough gate drive voltage to fully
14 ltc3832/ltc3832-1 sn3832 3832fs note that the required r ds(on) for q2 is roughly three times that of q1 in this example. note also that while the required r ds(on) values suggest large mosfets, the power dissipation numbers are only 0.83w per device or less; large to-220 packages and heat sinks are not neces- sarily required in high efficiency applications. siliconix si4410dy or international rectifier irf7413 (both in so-8) or siliconix sud50n03-10 (to-252) or on semi- conductor mtd20n03hdl (dpak) are small footprint surface mount devices with r ds(on) values below 0.03 w at 5v of v gs that work well in ltc3832 circuits. using a higher p max value in the r ds(on) calculations generally decreases the mosfet cost and the circuit efficiency and increases the mosfet heat sink requirements. table 1 highlights a variety of power mosfets for use in ltc3832 applications. inductor selection the inductor is often the largest component in an ltc3832 design and must be chosen carefully. choose the inductor value and type based on output slew rate requirements. the maximum rate of rise of inductor current is set by the inductors value, the input-to-output voltage differential and the ltc3832s maximum duty cycle. in a typical 3.3v in- put, 2.5v output application, the maximum rise time will be: dc v v ll a s max in out oo ( ) . = m 076 where l o is the inductor value in m h. with proper fre- quency compensation, the combination of the inductor and output capacitor values determine the transient recov- ery time. in general, a smaller value inductor improves transient response at the expense of ripple and inductor core saturation rating. a 1 m h inductor has a 0.76a/ m s rise time in this application, resulting in a 6.6 m s delay in responding to a 5a load current step. during this 6.6 m s, the difference between the inductor current and the output current is made up by the output capacitor. this action causes a temporary voltage droop at the output. to minimize this effect, the inductor value should usually be in the 1 m h to 5 m h range for most 3.3v input ltc3832 circuits. to optimize performance, different combinations of input and output voltages and expected loads may require different inductor values. once the required value is known, the inductor core type can be chosen based on peak current and efficiency applicatio s i for atio wu uu table 1. recommended mosfets for ltc3832 applications typical input r ds(on) capacitance parts at 25 c (m w ) rated current (a) c iss (pf) q jc ( c/w) t jmax ( c) siliconix sud50n03-10 19 15 at 25 c 3200 1.8 175 to-252 10 at 100 c siliconix si4410dy 20 10 at 25 c 2700 150 so-8 8 at 70 c on semiconductor mtd20n03hdl 35 20 at 25 c 880 1.67 150 dpak 16 at 100 c fairchild fds6670a 8 13 at 25 c 3200 25 150 s0-8 fairchild fds6680 10 11.5 at 25 c 2070 25 150 so-8 on semiconductor mtb75n03hdl 9 75 at 25 c 4025 1 150 dd pak 59 at 100 c ir irl3103s 19 64 at 25 c 1600 1.4 175 dd pak 45 at 100 c ir irlz44 28 50 at 25 c 3300 1 175 to-220 36 at 100 c fuji 2sk1388 37 35 at 25 c 1750 2.08 150 to-220 note: please refer to the manufacturers data sheet for testing conditions and detailed information.
15 ltc3832/ltc3832-1 sn3832 3832fs requirements. peak current in the inductor will be equal to the maximum output load current plus half of the peak-to- peak inductor ripple current. ripple current is set by the inductor value, the input and output voltage and the operating frequency. the ripple current is approximately equal to: i vv v flv ripple in out out osc o in = - ()() f osc = ltc3832 oscillator frequency = 300khz l o = inductor value solving this equation with our typical 3.3v to 2.5v appli- cation with a 1 m h inductor, we get: (. . ) . . 33 25 25 300 1 3 3 2 vvv khz h v a p m = -p peak inductor current at 10a load: 10a + (2a/2) = 11a the ripple current should generally be between 10% and 40% of the output current. the inductor must be able to withstand this peak current without saturating, and the copper resistance in the winding should be kept as low as possible to minimize resistive power loss. note that in circuits not employing the current limit function, the current in the inductor may rise above this maximum under short-circuit or fault conditions; the inductor should be sized accordingly to withstand this additional current. inductors with gradual saturation characteristics are often the best choice. input and output capacitors a typical ltc3832 design places significant demands on both the input and the output capacitors. during normal steady load operation, a buck converter like the ltc3832 draws square waves of current from the input supply at the switching frequency. the peak current value is equal to the output load current plus 1/2 the peak-to-peak ripple cur- rent. most of this current is supplied by the input bypass capacitor. the resulting rms current flow in the input capacitor heats it and causes premature capacitor failure in extreme cases. maximum rms current occurs with 50% pwm duty cycle, giving an rms current value equal to i out /2. a low esr input capacitor with an adequate ripple current rating must be used to ensure reliable operation. note that capacitor manufacturers ripple cur- rent ratings are often based on only 2000 hours (3 months) lifetime at rated temperature. further derating of the input capacitor ripple current beyond the manufacturers speci- fication is recommended to extend the useful life of the circuit. lower operating temperature has the largest effect on capacitor longevity. the output capacitor in a buck converter under steady- state conditions sees much less ripple current than the input capacitor. peak-to-peak current is equal to inductor ripple current, usually 10% to 40% of the total load current. output capacitor duty places a premium not on power dissipation but on esr. during an output load transient, the output capacitor must supply all of the additional load current demanded by the load until the ltc3832 adjusts the inductor current to the new value. esr in the output capacitor results in a step in the output voltage equal to the esr value multiplied by the change in load current. an 5a load step with a 0.05 w esr output capacitor results in a 250mv output voltage shift; this is 10% of the output voltage for a 2.5v supply! because of the strong relationship between output capacitor esr and output load transient response, choose the output capaci- tor for esr, not for capacitance value. a capacitor with suitable esr will usually have a larger capacitance value than is needed to control steady-state output ripple. electrolytic capacitors rated for use in switching power supplies with specified ripple current ratings and esr can be used effectively in ltc3832 applications. os-con electrolytic capacitors from sanyo and other manufactur- ers give excellent performance and have a very high performance/size ratio for electrolytic capacitors. surface mount applications can use either electrolytic or dry tantalum capacitors. tantalum capacitors must be surge tested and specified for use in switching power supplies. low cost, generic tantalums are known to have very short lives followed by explosive deaths in switching power supply applications. other capacitors that can be used include the sanyo poscap and mv-wx series. a common way to lower esr and raise ripple current capability is to parallel several capacitors. a typical applicatio s i for atio wu uu
16 ltc3832/ltc3832-1 sn3832 3832fs ltc3832 application might exhibit 5a input ripple cur- rent. sanyo os-con capacitors, part number 10sa220m (220 m f/10v), feature 2.3a allowable ripple current at 85 c; three in parallel at the input (to withstand the input ripple current) meet the above requirements. similarly, sanyo poscap 4tpb470m (470 m f/4v) capacitors have a maximum rated esr of 0.04 w ; three in parallel lower the net output capacitor esr to 0.013 w . feedback loop compensation the ltc3832 voltage feedback loop is compensated at the comp pin, which is the output node of the error amplifier. the feedback loop is generally compensated with an rc + c network from comp to gnd as shown in figure 10a. loop stability is affected by the values of the inductor, the output capacitor, the output capacitor esr, the error amplifier transconductance and the error amplifier com- pensation network. the inductor and the output capacitor create a double pole at the frequency: flc lc o out =p [] 12 / ( )( ) the esr of the output capacitor and the output capacitor value form a zero at the frequency: f esr c esr out =p [] 12 / ( )( ) the compensation network used with the error amplifier must provide enough phase margin at the 0db crossover frequency for the overall open-loop transfer function. the zero and pole from the compensation network are: f z = 1/[2 p (r c )(c c )] and f p = 1/[2 p (r c )(c1)] respectively figure 10b shows the bode plot of the overall transfer function. when low esr output capacitors (sanyo os-con) are used, the esr zero can be high enough in frequency that it provides little phase boost at the loop crossover fre- quency. as a result, the phase margin becomes inadequate and the load transient is not optimized. to resolve this problem, a small capacitor can be connected applicatio s i for atio wu uu 3832 f10a ltc3832 v ref r1 sense r2 c2 sense + + 5 v fb 6 comp 10 7 c1 c c r c err figure 10a. compensation pin hook-up loop gain loop gain 3832 f10b 3832 f10c f z f z f lc f lc f zc2 f co f p f pc2 f esr f esr f co f p frequency frequency 20db/decade 20db/decade f sw = ltc3832 switching frequency f co = closed-loop crossover frequency f sw = ltc3832 switching frequency f co = closed-loop crossover frequency figure 10b. bode plot of the ltc3832 overall transfer function figure 10c. bode plot of the ltc3832 overall transfer function using a low esr output capacitor
17 ltc3832/ltc3832-1 sn3832 3832fs applicatio s i for atio wu uu between the top of the resistor divider network and the v fb pin to create a pole-zero pair in the loop compensation. the zero location is prior to the pole location and thus, phase lead can be added to boost the phase margin at the loop crossover frequency. the pole and zero locations are located at: f zc2 = 1/[2 p (r2)(c2)] and f pc2 = 1/[2 p (r1||r2)(c2)] where r1||r2 is the parallel combination resistance of r1 and r2. for low r2/r1 ratios there is not much separa- tion between f cz2 and f pc2 . in this case, use multiple capacitors with a high esr ? capacitance product to bring f esr close to f co . choose c2 so that the zero is located at a lower frequency compared to f co and the pole location is high enough that the closed loop has enough phase margin for stability. figure 10c shows the bode plot using phase lead compensation around the ltc3832 resistor divider network. although a mathematical approach to frequency compen- sation can be used, the added complication of input and/or output filters, unknown capacitor esr, and gross operat- ing point changes with input voltage, load current varia- tions, all suggest a more practical empirical method. this can be done by injecting a transient current at the load and using an rc network box to iterate toward the final values, or by obtaining the optimum loop response using a network analyzer to find the actual loop poles and zeros. table 2 shows the suggested compensation component value for 3.3v to 2.5v applications based on sanyo os-con 4sp820m low esr output capacitors. table 2. recommended compensation network for 3.3v to 2.5v applications using multiple paralleled 820 m f sanyo os-con 4sp820m output capacitors l1 ( m h) c out ( m f) r c (k w )c c (nf) c1 (pf) c2 (pf) 1.2 1640 9.1 4.7 560 1500 1.2 2460 15 4.7 330 1500 1.2 4100 24 3.3 270 1500 2.4 1640 22 4.7 330 1500 2.4 2460 33 3.3 220 1500 2.4 4100 43 2.2 180 1500 4.7 1640 33 3.3 120 1500 4.7 2460 56 2.2 100 1500 4.7 4100 91 2.2 100 1500 table 3 shows the suggested compensation component values for 3.3v to 2.5v applications based on 470 m f sanyo poscap 4tpb470m output capacitors. table 3. recommended compensation network for 3.3v to 2.5v applications using multiple paralleled 470 m f sanyo poscap 4tpb470m output capacitors l1 ( m h) c out ( m f) r c (k w )c c ( m f) c1 (pf) 1.2 1410 13 0.0047 100 1.2 2820 27 0.0018 56 1.2 4700 51 0.0015 47 2.4 1410 33 0.0033 56 2.4 2820 62 0.0022 15 2.4 4700 82 0.001 39 4.7 1410 62 0.0022 15 4.7 2820 150 0.0015 10 4.7 4700 220 0.0015 2 table 4 shows the suggested compensation component values for 3.3v to 2.5v applications based on 1500 m f sanyo mv-wx output capacitors. table 4. recommended compensation network for 3.3v to 2.5v applications using multiple paralleled 1500 m f sanyo mv-wx output capacitors l1 ( m h) c out ( m f) r c (k w )c c ( m f) c1 (pf) 1.2 4500 39 0.0042 180 1.2 6000 56 0.0033 120 1.2 9000 82 0.0033 100 2.4 4500 82 0.0033 82 2.4 6000 100 0.0022 56 2.4 9000 150 0.0022 68 4.7 4500 120 0.0022 39 4.7 6000 220 0.0022 27 4.7 9000 220 0.0015 33 layout considerations when laying out the printed circuit board, use the follow- ing checklist to ensure proper operation of the ltc3832. these items are also illustrated graphically in the layout diagram of figure 11. the thicker lines show the high current paths. note that at 10a current levels or above, current density in the pc board itself is a serious concern. traces carrying high current should be as wide as pos- sible. for example, a pcb fabricated with 2oz copper requires a minimum trace width of 0.15" to carry 10a.
18 ltc3832/ltc3832-1 sn3832 3832fs applicatio s i for atio wu uu 1. in general, layout should begin with the location of the power devices. be sure to orient the power circuitry so that a clean power flow path is achieved. conductor widths should be maximized and lengths minimized. after you are satisfied with the power path, the control circuitry should be laid out. it is much easier to find routes for the relatively small traces in the control circuits than it is to find circuitous routes for high current paths. 2. the gnd and pgnd pins should be shorted directly at the ltc3832. this helps to minimize internal ground dis- turbances in the ltc3832 and prevent differences in ground potential from disrupting internal circuit operation. this connection should then tie into the ground plane at a single point, preferably at a fairly quiet point in the circuit such as close to the output capacitors. this is not always practical, however, due to physical constraints. another reasonably good point to make this connection is between the output capacitors and the source connection of the bottom mosfet q2. do not tie this single point ground in the trace run between the q2 source and the input capacitor ground, as this area of the ground plane will be very noisy. 3. the small-signal resistors and capacitors for frequency compensation and soft-start should be located very close to their respective pins and the ground ends connected to the signal ground pin through a separate trace. do not connect these parts to the ground plane! 4. the v cc , pv cc1 and pv cc2 decoupling capacitors should be as close to the ltc3832 as possible. the 4.7 m f and 1 m f bypass capacitors shown at v cc , pv cc1 and pv cc2 will help provide optimum regulation performance. 5. the (+) plate of c in should be connected as close as possible to the drain of the upper mosfet, q1. an additional 1 m f ceramic capacitor between v in and power ground is recommended. 6. the sense and v fb pins are very sensitive to pickup from the switching node. care should be taken to isolate sense and v fb from possible capacitive coupling to the inductor switching signal. connecting the sense + and sense C close to the load can significantly improve load regulation. 7. kelvin sense i max and i fb at q1s drain and source pins. pv cc1 g1 i max i fb sense + g2 fb sense freqset shdn comp ss v cc ltc3832 pv cc2 gnd pgnd + + 1 f gnd gnd nc 100 1k v in q1a q2 pgnd q1b c in + c out 3832 f11 v out l o c ss c1 c c 4.7 f nc r c 1 f 0.1 f pgnd pv cc figure 11. typical schematic showing layout considerations
19 ltc3832/ltc3832-1 sn3832 3832fs efficiency vs load current figure 12. typical 3.3v to 2.5v, 14a application + g1 i max i fb g2 pgnd gnd sense + fb v cc ss freqset shdn comp pv cc2 1n5817 optional 1n5817 1n5817 5.6k 1k 0.1 f 0.1 f l o 1.3 h q2 nc c in : sanyo 6tpb330m c out : sanyo 4tpb470m d1: mbrs330t3 l o : sumida cdep105-1r3-mc-s q1a, q1b, q2: fairchild fds6670a d1 c out 470 f 3 v out 2.5v 14a v in 3.3v 3832 f12a q1a, q1b 2 in parallel 0.1 f ltc3832 10 f shdn nc + 4.7 f d z 12v 1n5242 pv cc1 sense + c in 330 f 2 + 1 f c1 180pf 0.01 f 100 c c 1500pf r c 18k load current (a) 0 efficiency (%) 60 80 100 10 11 3832 f12b 40 20 50 70 90 30 10 0 123 567 4 89 12 13 14 15 t a = 25 c v in = 3.3v v out = 2.5v refer to figure 12 applicatio s i for atio wu uu
20 ltc3832/ltc3832-1 sn3832 3832fs typical applicatio s u typical 3.3v to 5v, 5a synchronous boost converter i max i fb g1 pgnd gnd g2 fb v cc ss freqset shdn comp sense + pv cc1 5.6k 5m 100 10 0.1 f mbr0520 mbr0520 0.1 f l o 1.3 h q1 q2 10 f c in , c out : sanyo poscap 6tpb330m l o : sumida cdep105-1r3-mc-s q1, q2: siliconix si4864dy c in 330 f 93.1k 1% 12.7k 1% v out 5v 5a 3832 ta03 ltc3832 10 f v in 3.3v shutdown nc nc pv cc2 sense nc + 10 f c out 330 f 2 2.2 f c1 68pf 0.47 f c c 0.01 f r c 6.8k mbr330t3 +
21 ltc3832/ltc3832-1 sn3832 3832fs typical applicatio s u typical 3.3v to C 5v, 5a positive-to-negative converter g1 i max i fb g2 fb pgnd gnd v cc ss freqset shdn comp sense + pv cc2 mbr0520 v in 3.3v 3.5k 1k 100 0.1 f 13v 0.1 f l o 1.3 h q2 c out 330 f 93.1k 1% 12.7k 1% v out ?v 5a 3832 ta04 q1 ltc3832 10 f shutdown nc nc pv cc1 sense nc + 10 f c in 330 f + 1 f 1 f d z 8.2v c1 180pf 0.01 f c c 1.5nf r c 15k c in , c out : sanyo poscap 6tpb330m l o : sumida cdep105-1r3-mc-s q1, q2: siliconix si7440dp
22 ltc3832/ltc3832-1 sn3832 3832fs gn package 16-lead plastic ssop (narrow .150 inch) (reference ltc dwg # 05-08-1641) u package descriptio gn16 (ssop) 0502 12 3 4 5 6 7 8 .229 ?.244 (5.817 ?6.198) .150 ?.157** (3.810 ?3.988) 16 15 14 13 .189 ?.196* (4.801 ?4.978) 12 11 10 9 .016 ?.050 (0.406 ?1.270) .015 .004 (0.38 0.10) 45 0 ?8 typ .007 ?.0098 (0.178 ?0.249) .053 ?.068 (1.351 ?1.727) .008 ?.012 (0.203 ?0.305) .004 ?.0098 (0.102 ?0.249) .0250 (0.635) bsc .009 (0.229) ref .254 min recommended solder pad layout .150 ?.165 .0250 typ .0165 .0015 .045 .005 *dimension does not include mold flash. mold flash shall not exceed 0.006" (0.152mm) per side **dimension does not include interlead flash. interlead flash shall not exceed 0.010" (0.254mm) per side inches (millimeters) note: 1. controlling dimension: inches 2. dimensions are in 3. drawing not to scale
23 ltc3832/ltc3832-1 sn3832 3832fs u package descriptio s8 package 8-lead plastic small outline (narrow .150 inch) (reference ltc dwg # 05-08-1610) .016 ?.050 (0.406 ?1.270) .010 ?.020 (0.254 ?0.508) 45 0 ?8 typ .008 ?.010 (0.203 ?0.254) so8 0502 .053 ?.069 (1.346 ?1.752) .014 ?.019 (0.355 ?0.483) typ .004 ?.010 (0.101 ?0.254) .050 (1.270) bsc 1 n 2 3 4 n/2 .150 ?.157 (3.810 ?3.988) note 3 8 7 6 5 .189 ?.197 (4.801 ?5.004) note 3 .228 ?.244 (5.791 ?6.197) .245 min n 1 2 3 n/2 .160 .005 recommended solder pad layout .045 .005 .050 bsc .030 .005 typ inches (millimeters) note: 1. dimensions in 2. drawing not to scale 3. these dimensions do not include mold flash or protrusions. mold flash or protrusions shall not exceed .006" (0.15mm) information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
24 ltc3832/ltc3832-1 sn3832 3832fs ? linear technology corporation 2002 lt/tp 1002 2k ? printed in usa related parts part number description comments ltc1530 high power synchronous switching regulator controller so-8 with current limit. no r sense tm required ltc1628 dual high efficiency 2-phase synchronous step-down controller constant frequency, standby 5v and 3.3v ldos, 3.5v v in 36v ltc1702 dual high efficiency 2-phase synchronous step-down controller 550khz, 25mhz gbw voltage mode, v in 7v, no r sense ltc1705 dual 550khz synchronous 2-phase switching regulator provides cpu core, i/o and clk supplies for portable systems controller with 5-bit vid plus ldo ltc1709 2-phase, 5-bit desktop vid synchronous step-down controller current mode, v in to 36v, i out up to 42a ltc1736 synchronous step-down controller with 5-bit mobile vid control fault protection, power good, 3.5v to 36v input, current m ode ltc1753 5-bit desktop vid programmable synchronous 1.3v to 3.5v programmable output using internal 5-bit dac switching regulator ltc1773 synchronous step-down controller in ms10 up to 95% efficiency, 550khz, 2.65v v in 8.5v, 0.8v v out v in , synchronizable to 750khz ltc1778 wide operating range/step-down controller, no r sense v in up to 36v, current mode, power good ltc1873 dual synchronous switching regulator with 5-bit desktop vid 1.3v to 3.5v programmable core output plus i/o output ltc1876 2-phase, dual step-down synchronous controller with step-down dc/dc conversion from 3v in , minimum c in and integrated step-up dc/dc regulator c out , uses logic-level n-channel mosfets ltc1929 2-phase, synchronous high efficiency converter current mode ensures accurate current sensing v in up to 36v, with mobile vid i out up to 40a ltc3713 low input voltage, high power, no r sense , step-down minimum v in : 1.5v, uses standard logic-level n-channel synchronous controller mosfets ltc3831 high power synchronous switching regulator controller for v out tracks 1/2 of v in or external reference ddr memory termination no r sense is a trademark of linear technology corporation. linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 l fax: (408) 434-0507 l www.linear.com + g1 i max i fb g2 pgnd gnd sense + fb v cc ss freqset shdn comp pv cc2 mbr0530t1 5v 20k 1k 100 0.1 f 0.1 f l o 1.3 h q2 c in : sanyo 6tpb330m c out : sanyo 4tpb470m l o : sumida cdep105-1r3-mc-s q1a, q1b, q2: on semiconductor mtd20n03hdl c out 470 f 3 45k 1% 10k 1% 3.3v 10a 3830 ta02 q1a, q1b 2 in parallel ltc3832 1 f shutdown nc nc + 4.7 f pv cc1 sense nc + c in 330 f 2 + 0.1 f c1 180pf 0.01 f c c 0.01 f r c 18k typical 5v to 3.3v, 10a application typical applicatio u


▲Up To Search▲   

 
Price & Availability of LTC3832-1ES8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X