Part Number Hot Search : 
LD505 33063 KF410BS 6N13508 T55M6 AN1477 MAX3735A EGA16
Product Description
Full Text Search
 

To Download LM64183P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mass-production LM64183P large size graphic t ype lcd module features n 24 cm [9.4"] vga format n thin (7.0 mm) & lightweight (340 g ) n b/w display n cost ef fective panel specifications parameter unit parameter unit display size 24 [9.4] cm [ "] brightness 70 cd/m 2 dot format (h x v) 640 x 480 dot duty ratio 1/240 - dot pitch (h x v) 0.30 x 0.30 mm backlight type 1ccft(e) - active area (h x v) 192.0 x 144.0 mm power consumption panel 380 mw panel type fstn - backlight 1 800 mw panel mode t ransmissive - outline dimensions (w x h x d) 253.0(260.0) x 174.0 x 7.0 mm color b/w color w eight 340 g contrast ratio 1 1 : 1 - operating temperature 0 to +45 c response time 550 ms storage temperature -25 to +60 c outline dimensions unit : mm 4 1 9 201.4 238 260 128 253 191.97x143.97 (viewing area) 4 4 viewing area effective 196x147.6 (viewing area) 164 153.4 0.3 132 4 4 125 128 1 15 150 160 0.27 0.27 0.3 174 114.7 aa ' 200 active area 2.3 2.1 max 3 7 0.5 640x480 dots


▲Up To Search▲   

 
Price & Availability of LM64183P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X