|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
irfp3710 hexfet ? power mosfet fifth generation hexfets from international rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. the to-247 package is preferred for commercial- industrial applications where higher power levels preclude the use of to-220 devices. the to-247 is similar but superior to the earlier to-218 package because of its isolated mounting hole. s d g v dss = 100v r ds(on) = 0.025 w i d = 57a l advanced process technology l dynamic dv/dt rating l 175c operating temperature l fast switching l fully avalanche rated description to-247ac parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v ? 57 i d @ t c = 100c continuous drain current, v gs @ 10v ? 40 a i dm pulsed drain current ?? 180 p d @t c = 25c power dissipation 200 w linear derating factor 1.3 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy ?? 530 mj i ar avalanche current ?? 28 a e ar repetitive avalanche energy ? 20 mj dv/dt peak diode recovery dv/dt ?? 5.0 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c mounting torque, 6-32 or m3 srew 10 lbf?in (1.1n?m) absolute maximum ratings parameter typ. max. units r q jc junction-to-case CCC 0.75 r q cs case-to-sink, flat, greased surface 0.24 CCC c/w r q ja junction-to-ambient CCC 40 thermal resistance www.irf.com 1 pd-91490c
irfp3710 2 www.irf.com parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 100 CCC CCC v v gs = 0v, i d = 250a d v (br)dss / d t j breakdown voltage temp. coefficient CCC 0.12 CCC v/c reference to 25c, i d = 1ma ? r ds(on) static drain-to-source on-resistance CCC CCC 0.025 w v gs = 10v, i d = 28a ? v gs(th) gate threshold voltage 2.0 CCC 4.0 v v ds = v gs , i d = 250a g fs forward transconductance 20 CCC CCC s v ds = 25v, i d = 28a ? CCC CCC 25 a v ds = 100v, v gs = 0v CCC CCC 250 v ds = 80v, v gs = 0v, t j = 150c gate-to-source forward leakage CCC CCC 100 v gs = 20v gate-to-source reverse leakage CCC CCC -100 na v gs = -20v q g total gate charge CCC CCC 190 i d = 28a q gs gate-to-source charge CCC CCC 26 nc v ds = 80v q gd gate-to-drain ("miller") charge CCC CCC 82 v gs = 1.7v, see fig. 6 and 13 ?? t d(on) turn-on delay time CCC 14 CCC v dd = 50v t r rise time CCC 59 CCC i d = 28a t d(off) turn-off delay time CCC 58 CCC r g = 2.5 w t f fall time CCC 48 CCC r d = 1.7 w , see fig. 10 ?? between lead, CCC CCC 6mm (0.25in.) from package and center of die contact c iss input capacitance CCC 3000 CCC v gs = 0v c oss output capacitance CCC 640 CCC pf v ds = 25v c rss reverse transfer capacitance CCC 330 CCC ? = 1.0mhz, see fig. 5 ? nh electrical characteristics @ t j = 25c (unless otherwise specified) l d internal drain inductance l s internal source inductance CCC CCC s d g i gss ns 5.0 i dss drain-to-source leakage current 13 ? starting t j = 25c, l = 1.4mh r g = 25 w , i as = 28a. (see figure 12) ? repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 ) notes: ? i sd 28a, di/dt 460a/s, v dd v (br)dss , t j 175c ? pulse width 300s; duty cycle 2%. ? uses irf3710 data and test conditions parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ? CCC CCC showing the i sm pulsed source current integral reverse (body diode) ?? CCC CCC p-n junction diode. v sd diode forward voltage CCC CCC 1.3 v t j = 25c, i s = 28a, v gs = 0v ? t rr reverse recovery time CCC 210 320 ns t j = 25c, i f = 28a q rr reverse recoverycharge CCC 1.7 2.6 c di/dt = 100a/s ?? source-drain ratings and characteristics s d g a 57 180 t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) irfp3710 www.irf.com 3 fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics 1 10 100 1000 0.1 1 10 100 i , d rain-to-source current (a) d v , drain-to-source volta g e (v) ds vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 20s pulse w idth t = 25c c a 4.5v 1 10 100 1000 0.1 1 10 100 i , d rain-to-source current (a) d v , drain-to-source volta g e (v) ds vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v a 4.5v 20s pulse w idth t = 175c c 1 10 100 1000 45678910 t = 25c j gs v , gate-to-source volta g e ( v ) d i , drain-to-source current (a) v = 50v 20s pulse w idth ds a t = 175c j 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 j t , junction temperature (c) r , drain-to-source o n resistance ds(on) (n orm alized) v = 10v gs a i = 46a d irfp3710 4 www.irf.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0 1000 2000 3000 4000 5000 6000 1 10 100 c, capacitance (pf) ds v , drain-to-source volta g e (v) a v = 0v, f = 1m hz c = c + c , c shorted c = c c = c + c gs iss g s g d ds rss g d oss ds g d c iss c oss c rss 0 4 8 12 16 20 0 40 80 120 160 200 q , total g ate char g e (nc) g v , g ate-to-source voltage (v) gs v = 80v v = 50v v = 20v ds ds ds a for test circuit see figure 13 i = 28a d 1 10 100 1000 0.4 0.8 1.2 1.6 2.0 t = 25c j v = 0v gs v , source-to-drain volta g e ( v ) i , reverse drain current (a) sd sd a t = 175c j 1 10 100 1000 1 10 100 1000 v , drain-to-source volta g e (v) ds i , drain current (a) operation in this area limited by r d ds(on) 10s 100s 1ms 10ms a t = 25c t = 175c single pulse c j irfp3710 www.irf.com 5 fig 9. maximum drain current vs. case temperature fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms v ds pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. 10v + - v dd fig 11. maximum effective transient thermal impedance, junction-to-case 25 50 75 100 125 150 175 0 10 20 30 40 50 60 t , case temperature ( c) i , drain current (a) c d 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectan g ular pulse duration ( sec ) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) irfp3710 6 www.irf.com q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 m f 50k w .2 m f 12v current regulator same type as d.u.t. current sampling resistors + - 10 v fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 w t p d.u.t l v ds + - v dd driver a 15v 20v 0 200 400 600 800 1000 1200 25 50 75 100 125 150 175 j e , single pulse avalanche energy (mj) as a startin g t , junction temperature (c) i top 11a 20a bottom 28a v = 25v d dd irfp3710 www.irf.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - fig 14. for n-channel hexfets * v gs = 5v for logic level devices peak diode recovery dv/dt test circuit ? ? ? r g v dd dv/dt controlled by r g driver same type as d.u.t. i sd controlled by duty factor "d" d.u.t. - device under test d.u.t circuit layout considerations low stray inductance ground plane low leakage inductance current transformer ? * irfp3710 8 www.irf.com part marking information to-247ac package outline to-247ac outline dimensions are shown in millimeters (inches) lead assignments notes: - d - 5.30 (.209) 4.70 (.185) 2.50 (.089) 1.50 (.059) 4 3x 0.80 (.031) 0.40 (.016) 2.60 (.102) 2.20 (.087) 3.40 (.133) 3.00 (.118) 3x 0.25 (.010) m c a s 4.30 (.170) 3.70 (.145) - c - 2x 5.50 (.217) 4.50 (.177) 5.50 (.217) 0.25 (.010) 1.40 (.056) 1.00 (.039) 3.65 (.143) 3.55 (.140) d m m b - a - 15.90 (.626) 15.30 (.602) - b - 1 2 3 20.30 (.800) 19.70 (.775) 14.80 (.583) 14.20 (.559) 2.40 (.094) 2.00 (.079) 2x 2x 5.45 (.215) 1 dimensioning & tolerancing per ansi y14.5m, 1982. 2 controlling dimension : inch. 3 conforms to jedec outline to-247-ac. 1 - gate 2 - drain 3 - source 4 - drain international rectifier log o assembly lot code example : this is an irfpe30 w ith a ssembly lot code 3a1q part number date code (yyw w ) yy = year ww week 3a1q 9302 irfpe30 a world headquarters: 233 kansas st., el segundo, california 90245, tel: (310) 322 3331 ir great britain: hurst green, oxted, surrey rh8 9bb, uk tel: ++ 44 1883 732020 ir canada: 15 lincoln court, brampton, ontario l6t3z2, tel: (905) 453 2200 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 11 451 0111 ir far east: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo japan 171 tel: 81 3 3983 0086 ir southeast asia: 1 kim seng promenade, great world city west tower, 13-11, singapore 237994 tel: ++ 65 838 4630 ir taiwan: 16 fl. suite d. 207, sec. 2, tun haw south road, taipei, 10673, taiwan tel: 886-2-2377-9936 http://www.irf.com/ data and specifications subject to change without notice. 10/98 |
Price & Availability of IRFP3710PBF |