Part Number Hot Search : 
225010 1V0DS00 DG613 16373CSS IT8888G FR106 2SK1700 MC14513B
Product Description
Full Text Search
 

To Download GBU8K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gbu8a ~ gbu8m 50 v ~ 1000 v 8.0 amp high current glass passivated molding single-phase bridge rectifier elektronische bauelemente 04-aug-2010 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen-free and rohs compliant features ? plastic package has underwriters laboratory flammability classification 94v-0 ? this series is ul listed under the recognized component index, file number e231047 ? single-in-line package ? high current capacity with small package ? superior thermal conductivity ? high temperature soldering guaranted 260c / 10 seconds ? high ifsm maximum ratings (t a =25 unless otherwise noted) parameters symbol part numbers units gbu 8a gbu 8b gbu 8d gbu 8g gbu 8j gbu 8k gbu 8m maximum repetitive voltage v rm 50 100 200 400 600 800 1000 v maximum dc reverse current at rated dc blocking voltage @t a =25c i r 5 ? ? a @t a =125c 500 a verage rectified forward current 60hz sine wave resistance lo ad with heatsink @t c =100c (1)(2) i o 8 a peak forward surge current, 10.0ms single half sine-wave superimposed on rated load i fsm 200 a dielectric strength terminals to case, a c 1 minute current 1ma vdia 2.5 kv typical thermal resistance per leg (3) r ja 21 c / w r jc 2.2 maximum instantaneous forward voltage at 4a v f 1 v operating and storage temperature range t j , t stg 150 , -55 ~ 150 c notes (1) unit case mounted on ai plate heat-sink (2) unites mounted on p.c.b without heat-sink (3) recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with heat-sink size 8.2 * 8.2 * 03cm a c b d g f e n p q o l h j m k gbu ref. millimete r ref. millimete r min. max. min. max. a 21.80 22.20 j 0.46 0.56 b 18.30 19.10 k 4.80 5.30 c 3.37 3.53 l 2.16 2.54 d 17.27 18.29 m 1.65 2.03 e 3.2 x 45 n 1.45 1.85 f 3.70 3.90 o 0.90 1.20 g 5.70 5.90 p 9.80 10.20 h 2.30 2.70 q 10.90 11.10
gbu8a ~ gbu8m 50 v ~ 1000 v 8.0 amp high current glass passivated molding single-phase bridge rectifier elektronische bauelemente 04-aug-2010 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of GBU8K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X