Part Number Hot Search : 
SMB36 TIP41C07 TIP41C07 2N4400 C1775 LHG35162 SI535 SE094
Product Description
Full Text Search
 

To Download AZH16VS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  az100el16vs ecl/pecl differential receiv er with variable output swing 1630 s. stapley dr., suite 127 ? mesa, arizona 85204 ? usa ? (480) 962-5881 ? fax (480) 890-2541 www.azmicrotek.com arizona microtek, inc. features ? 250ps propagation delay ? high bandwidth output transitions ? 75k internal input pulldown resistors ? functionally equivalent to on semiconductor mc100el16 ? variable output swing ? available in a 3x3mm mlp package description the az100el16vs is a differential r eceiver with variable output swing. the el16vs has functionality and output transition times similar to the el16, with an input that controls the amplitude of the q/q outputs. maximum swing is achieved by leaving the v ctrl pin open or tied to v ee . the operational range of the el16vs control input, v ctrl , is from v bb (full swing) to v cc (min. swing). simple control of the output swing can be obtained by a variable resistor between the v bb and v cc pins, with the wiper driving v ctrl . typical application circu its and results are described in this data sheet. the el16vs provides a v bb output for single-ended use or a dc bias reference for ac coupling to the device. for single-ended input applications, the v bb reference should be connected to one side of the d/d differential input pair. the input signal is then fed to the other d/d input. the v bb pin can support 1.0ma sink/source current. when used, the v bb pin should be bypassed to ground via a 0.01 f capacitor. under open input conditions (pulled to v ee ) internal input clamps will force the q output low. note: specifications in ecl/pecl tables are valid when thermal equilibrium is established. package availability package part number marking notes mlp 8 az100el16vsl azm16p 1,2 soic 8 az100el16vsd azm100 el16vs 1,3 tssop 8 az100el16vst AZH16VS 1,3 1 add r1 at end of part number for 7 inch (1k parts), r2 for 13 inch (2.5k parts) tape & reel. 2 date code ?yww? 3 date code ?yww? on underside of p art.
az100el16vs november 2006 * rev - 3 www.azmicrotek.com 2 absolute maximum ratings are those values beyond which device life may be impaired. symbol characteristic rating unit v cc pecl power supply (v ee = 0v) 0 to +8.0 vdc v i pecl input voltage (v ee = 0v) 0 to +6.0 vdc v ee ecl power supply (v cc = 0v) -8.0 to 0 vdc v i ecl input voltage (v cc = 0v) -6.0 to 0 vdc i out output current --- continuous --- surge 50 100 ma t a operating temperature range -40 to +85 c t stg storage temperature range -65 to +150 c 100k ecl dc characteristics (v ee = -4.2v to -5.5v, v cc = gnd; v ctrl = v bb ) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 2 -1085 -880 -1025 -880 -1025 -955 -880 -1025 -880 mv v ol output low voltage 2 v ctrl = v bb 1 -1890 -1620 -1870 -1680 -1870 -1775 -1680 -1870 -1680 mv v ol output low voltage 2 v ctrl = v cc -1180 -975 -1135 -990 -1135 -1065 -990 -1135 -990 mv v ih input high voltage -1165 -880 -1165 -880 -1165 -880 -1165 -880 mv v il input low voltage -1810 -1475 -1810 -1475 -1810 -1475 -1810 -1475 mv v bb reference voltage -1420 -1260 -1420 -1260 -1420 -1260 -1420 -1260 mv i ih input high current d, d v ctrl 150 40 150 40 150 40 150 40 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 18 25 18 25 18 25 21 26 ma 1. if v ctrl is open circuit, use the v oh (max & min) and v ol (v ctrl = v ref : max only) limits. 2. each output is terminated through a 50 resistor to v cc ? 2v. 8 5 6 7 4 3 2 1 v cc d v ee q q v bb d v ctrl pin description pin function d, d data inputs v ctrl output swing control q, q data outputs v bb reference voltage output v cc positive supply 8 4 5 6 3 2 1 7 v cc d v ee q q v bb d v ctrl 8 mlp (top view) logic diagram and pinout assignment 8 soic & 8 tssop
az100el16vs november 2006 * rev - 3 www.azmicrotek.com 3 100k pecl dc characteristics (v ee = gnd, v cc = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,3 3915 4120 3975 4120 3975 4045 4120 3975 4120 mv v ol output low voltage 1,3 v ctrl = v bb 2 3110 3380 3130 3320 3130 3225 3320 3130 3320 mv v ol output low voltage 1,3 v ctrl = v cc 3820 4025 3865 4010 3865 3935 4010 3865 4010 mv v ih input high voltage 1 3835 4120 3835 4120 3835 4120 3835 4120 mv v il input low voltage 1 3190 3525 3190 3525 3190 3525 3190 3525 mv v bb reference voltage 1 3580 3740 3580 3740 3580 3740 3580 3740 mv i ih input high current d, d v ctrl 150 40 150 40 150 40 150 40 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 18 25 18 25 18 25 21 26 ma 1. for supply voltages other that 5.0v, use the ec l table values and add supply voltage value. 2. if v ctrl is open circuit, use the v oh (max & min) and v ol (v ctrl = v ref : max only) limits. 3. each output is terminated through a 50 resistor to v cc ? 2v. ac characteristics (v ee = -4.2v to -5.5v; v cc =gnd or v ee =gnd; v cc = +4.2v to +5.5v) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit t plh / t phl input to output delay (diff) (se) 250 250 175 125 250 250 325 375 175 125 250 250 325 375 205 155 280 280 355 405 ps t skew duty cycle skew 1 (diff) 5 5 20 5 20 5 20 ps v pp (ac) minimum input swing 2 150 150 150 150 mv v cmr common mode range 3 v cc - 2.0 v cc - 0.4 v cc - 2.0 v cc - 0.4 v cc - 2.0 v cc - 0.4 v cc - 2.0 v cc - 0.4 v t r / t f rise/fall time 20 ? 80% 100 350 100 350 100 350 100 350 ps 1. duty cycle skew is the difference between a t plh and t phl propagation delay through a device. 2. v pp is the minimum peak-to-peak differential input swing for which ac parameters are guaranteed. 3. the v cmr range is referenced to the most positive side of the differential input signal. no rmal operation is obtained if the high leve l falls within the specified range and the peak -to-peak voltage lies between v pp (min) and 1v.
az100el16vs november 2006 * rev - 3 www.azmicrotek.com 4 typical voltage output swing at +25c, v ee nom (see figure 1 and figure 2) vbb 1.320 1.500 v (100k ecl) 0 25 50 75 100 0.0 0.4 0.8 1.2 1.6 v ctrl (v) v swing (% pk-pk differential) %out vbb 100k ecl figure 2: alternative implementation 8 5 6 7 4 3 2 1 v cc d v ee q q v bb d v ctrl v ctrl 50 -2v 50 v swing (pk-pk) figure 1: voltage source implementation 8 5 6 7 4 3 2 1 v cc d v ee q q v bb d v ctrl 240 +5 v 240 10k v swing (pk-pk)
az100el16vs november 2006 * rev - 3 www.azmicrotek.com 5 millimeters inches dim min max min max a 12.32 12.57 0.485 0.495 a 1 0.10 0.25 0.004 0.010 a 2 1.25 1.45 0.049 0.057 a 3 0.25 0.01 b p 0.36 0.49 0.014 0.019 c 0.19 0.25 0.0075 0.0100 d 4.8 5.0 0.19 0.20 e 3.8 4.0 0.15 0.16 e 1.27 0.050 h e 5.80 6.20 0.228 0.244 l 1.05 0.041 l p 0.40 1.00 0.016 0.039 q 0.60 0.70 0.024 0.028 v 0.25 0.01 w 0.25 0.01 y 0.10 0.004 z 0.30 0.70 0.012 0.028 0 o 8 o 0 o 8 o notes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm. package diagram soic 8
az100el16vs november 2006 * rev - 3 www.azmicrotek.com 6 package diagram tssop 8 millimeters dim min max a 1.10 a 1 0.05 0.15 a 2 0.80 0.95 a 3 0.25 b p 0.25 0.45 c 0.15 0.28 d 2.90 3.10 e 2.90 3.10 e 0.65 h e 4.70 5.10 l 0.94 l p 0.40 0.70 v 0.10 w 0.10 y 0.10 z 0.35 0.70 0 o 6 o notes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm.
az100el16vs november 2006 * rev - 3 www.azmicrotek.com 7 package diagram mlp 8 notes 1. dimensioning and tolerancing conform to asme t14-1994. 2. the terminal #1 and pad numbering convention shall conform to jesd 95-1 spp-012. 3. dimension b applies to metallized pad and is measured between 0.25 and 0.30mm from pad tip. 4. coplanarity applies to the exposed pad as well as the terminals. millimeters dim min max a 0.80 1.00 a1 0.00 0.05 a3 0.25 ref b 0.30 0.35 d 2.90 3.10 d2 1.65 1.95 e 2.90 3.10 e2 1.65 1.95 e 0.65 bsc l 0.35 0.45 aaa 0.25 bbb 0.10 ccc 0.10
az100el16vs november 2006 * rev - 3 www.azmicrotek.com 8 arizona microtek, inc. reserves the right to change circuitry a nd specifications at any time without prior notice. arizona mic rotek, inc. makes no warranty, representation or guarant ee regarding the suitability of its products for any particular purpose, nor does a rizona microtek, inc. assume any liability arising out of the applica tion or use of any product or ci rcuit and specifically disclaims any and all liability, including without limitation special, consequential or inci dental damages. arizona microtek, inc. does not convey a ny license rights nor the rights of others. arizona microtek, inc. products are not designed, intended or authorized for use as component s in systems intended to support or sustain life, or for any other applicati on in which the failure of the arizona microtek, inc. product co uld create a situation where personal injury or death may occur. should buye r purchase or use arizona microtek, inc. products for any such unintended or unauthorized application, buyer shall indemnify a nd hold arizona microtek, inc. a nd its officers, employees, subs idiaries, affiliates, and distributor s harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim al leges that arizona microtek, inc. was negligent regarding the design or manufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZH16VS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X