Part Number Hot Search : 
1050U 95NJ1R0 MSM6653A KD40F40 00103 VICES OP97EJ 02012
Product Description
Full Text Search
 

To Download AZF-60S051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  y operating temperature 71] (reference to derating curve) y meets iec61140 safety class ii y meets iec / en / ul 60950-1 safety standards y mtbf > 125,000 hours y emc complies with en61000 y emi complies with en55022 class b and fcc part 15, level b y i/o isolation 3000vac y pcb and chassis mounting packages y single output modules y 85~265vac universal input range y high efficiency up to 84% key features single output 60 watts universal input range ac/dc power modules azf-60 is a 60 watts series of ac-dc pow er modules. these modules have wide i nput range of 85~265vac and are available in single output voltages of 5.1v, 12v, 15v, 24v, 36v and 48v with efficiency as high as 84% . other features include continuous short ci rcuit protection, overvoltage protection, output current limitation, emc meets en61000-4(-2,-3,-4,-5,-6,-11) emi meets en55022 level b conducted noi se compliance minimize design-in time, cost and eliminate the need for external components. the azf-60 meets iec / en / ul 60950-1 safety approval qualifies th is product for worldwide markets. the series is a wide vari ety of applications in commercial and industrial elec tronic equipment, and mtbf is up to 125,000 hours. en61000 emc en55022 emi protection ovp i/o isolation 3000 vac universal voltage 85 ~ 265 vac c 95% 5000ms c 60% 100ms b 30% 10ms en61000-4-11 80% am 1khz modulation b 0.15~80mhz 10vrms (functi onal earth ports included) en61000-4-6 b 1.2/50us(8/20us) ac dif. {1kv dc {0.5kv en61000-4-5 b ac port {2kv dc, sl, tl {2kv not less than 1 min. en61000-4-4 a 80~1000mhz 10v/m 80% am1khz modulation en61000-4-3 b air {8kv cont. {4kv en61000-4-2 performance criteria specification requirement standard conducted emc en55022 class b conducted emi free-air convection cooling % 95 --- humidity ] +85 -40 storage temperature ] +71 -10 ambient operating temperature unit max. min. conditions parameter environmental specifications azf-60 serie s rev:5 2009/02/11 minmax 1
84 50 1035 680 125 1250 48 azf-60s48 84 50 1035 1000 166 1666 36 azf-60s36 84 50 1035 1500 250 2500 24 azf-60s24 83 50 1047 3300 400 4000 15 azf-60s15 82 50 1060 3900 500 5000 12 azf-60s12 79 50 936 8000 1000 10000 5.1 AZF-60S051 % (typ.) ma (typ.) ma (typ.) uf ma ma vdc @max. load @no load @max. load max. min. max. 115vac, 60hz efficiency input current capacitive load output current output voltage model number model selection guide 3a slow - blow type external fuse (recommended) 6a / 250vac built-in fuse all models input fuse a 50 --- --- 230vac a 30 --- --- 115vac inrush current (cold start at 25]) hz 63 --- 47 input frequency range vdc 370 --- 120 vac 265 --- 85 all models input voltage range unit max. typ. min. model parameter input specifications hiccup mode, indefinite (automatic recovery) short circuit protection % --- --- 105 automatic recovery (note 8) current limitation % 5 --- --- overshoot %/] --- {0.02 --- temperature coefficient % {6 {3 --- (iout=100% to iout=50%) transient response deviation us 1000 400 --- 50% load step change transient recovery time % of vo --- 120 --- zener diode clamp over voltage protection %v pp of vo 1.3 1.0 --- other output models %v pp of vo 3.0 2.0 --- 5.1vdc output models ripple & noise (20mhz) % {1.0 {0.5 --- all models iout=min. to max. load regulation % {1.0 {0.2 --- vin=min. to max. line regulation % {2.0 {1.0 --- all models output voltage accuracy unit max. typ. min. conditions parameter output specifications azf-60 serie s 2 minmax rev:5 2009/02/11
k hours --- --- 125 mil-hdbk-217f @ 25], ground benign mtbf ms --- 20 --- 115vac, 60hz hold-up time khz --- 100 --- switching frequency m[ --- --- 100 500vdc isolation resistance vdc --- --- 4700 input to output, flash tested for 1 second isolation test voltage vac --- --- 3000 input to output, 60 seconds isolation voltage unit max. typ. min. conditions parameter general specifications note: 1. specifications typical at ta=+25], resistive load, 115vac, 60hz input voltage, rated output current unless otherwise noted. 2. ripple & noise measurement bandwidth is 0 20 mhz. 3. these power modules require a minimum out put loading to maintain specified regulation. 4. operation under no-load conditions will not damage these devices; however they ma y not meet all listed specifications. 5. other input and output voltage may be available, please contact factory. 6. specifications subjec t to change without notice. 7. to order the power module with chassis mount ing style, please add a suffix c (e.g. azf-60s12c). 8. long term short circuit operat ion may cause damage to the unit. 9. part number for din-rail bracket: ac-din-03 block diagram ~ ] ambient temperature output power (%) 0 20 40 60 80 100 -101020406070 50 30 25% other 5.1vo derating curve switching device rectifier +vo -vo ovp isolation ref.amp control circuit l n fuse rectifier emi filter and inrush current limiter azf-60 serie s rev:5 2009/02/11 minmax 3
ul94v-0 : flammability 345 : weight plastic resin + fiberglass : case material 3.50*2.66*1.34 inches 89.0*67.5*34.0 mm : case size physical characteristics no pin 7 -vout 6 +vout 4 no pin 3 ac(l) - ac line 2 ac(n) - ac neutral 1 15.24 [0.60] 81.3 [3.20] 89.0 [3.50] 55.88 [2.20] 67.5 [2.66] 34.0 [1.34] 0.5 [0.02] 3.8 [0.15] 5.0 [0.20] 6.0 [0.24] 30.9 [1.22] 27.5 [1.08] 28.2 [1.11] bottom side 1 mounting m3.5 thread 2 3 4 6 7 15.24 [0.60] 1.0 [ 0.04] 25.40 [1.00] function pin pcb mounting pin connections mechanical dimensions {0.004 {0.1 pin x.xxx{0.01 x.xx{0.25 x.xx{0.02 x.x{0.5 inches millimeters tolerance ul94v-0 : flammability 357 : weight plastic resin + fiberglass : case material 4.41*2.67*1.50 inches 112.0*67.8*38.0 mm : case size physical characteristics nc: no connection nc 7 -vout 6 nc 5 +vout 4 nc 3 ac(l) - ac line 2 ac(n) - ac neutral 1 function pin 5.0 [0.20] 38.0 [1.50] 92.0 [3.62] 10.0 [0.39] 100.0 [3.94] 50.0 [1.97] 67.8 [2.67] 112.0 [4.41] 1 2 3 4 5 6 7 top view 16.8 [0.66] 4 x o 3.5 pin connections chassis mounting azf-60 serie s 4 minmax rev:5 2009/02/11
ul94v-0 : flammability 410 : weight plastic resin + fiberglass : case material 4.41*2.67*1.93 inches 112.0*67.8*49.0 mm : case size physical characteristics nc 7 -vout 6 nc 5 +vout 4 nc 3 ac(l) - ac line 2 ac(n) - ac neutral 1 100.0 [3.94] 112.0 [4.41] 50.0 [1.97] 67.8 [2.67] 92.0 [3.62] 10.0 [0.39] 5.0 [0.16] 38.0 [1.50] top view 4 x o 3.5 1 2 3 4 5 6 7 16.8 [0.79] 11.0 [0.43] 3.0 [0.12] function pin pin connections din-rail package azf-60 serie s rev:5 2009/02/11 minmax 5


▲Up To Search▲   

 
Price & Availability of AZF-60S051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X