Part Number Hot Search : 
70615 IFC125 EP3042 BR103 EA09312 MAGIC MC3425 KMOC30
Product Description
Full Text Search
 

To Download AOCJYA-40000MHZ-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | standard specifications: features: applications: pb rohs compliant ? cellular infrastructure ? radar systems ? test & measurement equipment ? gps tracking with precision hold-over accuracy ? wimax / wlan ? 25.4 x 22.1 x 12.7 mm true smt- rohs compliant reflow-able package ? sc-cut, high ?q? resonator based design ? either sinewave or cmos rf output ? available with 30 ppb over -40c to +75c operating temperature range ? tighter stabilities to 5.0 ppb over 0c to +50c also available ? exceptional long-term aging of 500 ppb over 10-year product life ? excellent close-in phase noise (-130 dbc/hz typical @100 hz offset from 10mhz carrier) 25 . 4 x 22 . 1 x 12 . 7 m m abracon p/n: aocjy series frequency range: standard available frequencies: 10.00, 12.80, 13.00, 16.384, 20.00, 26.00, 38.40, 38.88, 40.00, 100.00 mhz operating temperature: 0c to +50c (see options) frequency stability vs. temperature 0 c to +5 0 c: -2 0 c to +7 0 c: -4 0 c to +7 5 c: frequency stability vs. supply voltage voltage (5% vdd): 20ppb max. warm-up (@25oc): < 100 ppb max. (in < 3 minutes @+25c) aging: daily aging (after 30 days): 1.0ppb yearly aging: 100ppb 10-years aging: 500ppb supply voltage (vdd): 3.3vdc 5% (see options) power @ turn on: 3.60 watts max. steady state @25oc: 1.40 watt max. output load: 15pf (for lvcmos output) 50? (for sinewave output) output voltage (lvcmos): voh = 0.9 * vdd min. vol = 0.1 * vdd max. output voltage (sinewave): 2.0 dbm min. rise & fall times (lvcmos): 5ns max. duty cycle (lvcmos): 45%/55% typ. control voltage range: 0 to vdd frequency pull range: 0.70 ppm min. frequency pull slope: positive center control voltage: vdd/2 0.5 volts control voltage port impedance: 10k ? min. spurious reponse: -70dbc phase noise (10mhz carrier): -90dbc typ. (@ 1 hz) -100dbc typ. (@10 hz) -130dbc typ. (@100 hz) -140dbc typ. (@1,000 hz) -150dbc typ. (@10,000 hz) p arameters reference voltage(vref): +2.80v 0.20v (for vdd=+3.3v version) {available as an output to facilitate oscillator tuning} +4.50v 0.20v (for vdd=+5.0v version) 5.00 ppb max. standard 10.00 ppb max. option "e" 30.00 ppb max. option "f" 10.00 mhz to 100.00 mhz cmos output 10.00 mhz to 100.00 mhz sinewave output (please contact abracon for > 80.00mhz resonant frequency) aocjy series smd oven controlled crystal oscillator 30 3 3 2 e s p e r an z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 92 6 8 8 t e l 949-546-80 0 0 | f a x 949 - 546-8 0 0 1 | w w w . a b r a c o n . c o m revised: 12.01.10 visit www.abracon.com for terms & conditions of sale abracon is ce r tified abracon is iso9001:2008 ce r tified
| | | | | | | | | | | | | | | outline dimensions pb rohs compliant 25 . 4 x 22 . 1 x 12 . 7 m m r ec o mm e nd e d s old e r ing p a tt e r n options and part identification (left blank if standard) dimensions: inches (mm) pi n f u n c t i o n 1 c o n t r o l v o l t a g e 2 v r e f 3 s u p p l y v o l t ag e 4 r f - ou t p u t 5 g r ou n d . c a s e a o c j y - - m h z - - r f o u tpu t b l a n k : c m os s w : s i n e w a v e op e r a t i ng t e m p . b l a n k : 5 . 0 p p b/0 c ~ + 5 0 c e : 1 0 .0 p pb/ - 2 0 c ~ + 70 c f : 30 . 0 ppb / - 4 0 c ~ + 75 c v dd ( v ) b l a n k : 3 . 3 5 % a : 5 . 0 5 % f r e q u e n c y i n m h z e . g . 24 . 576 m h z 14 . 3 18 1 8m h z 26 . 0 00 m h z aocjy series smd oven controlled crystal oscillator 30 3 3 2 e s p e r an z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 92 6 8 8 t e l 949-546-80 0 0 | f a x 949 - 546-8 0 0 1 | w w w . a b r a c o n . c o m revised: 12.01.10 visit www.abracon.com for terms & conditions of sale abracon is ce r tified abracon is iso9001:2008 ce r tified
| | | | | | | | | | | | | | | packaging: pb rohs compliant 25 . 4 x 22 . 1 x 12 . 7 m m reflow profile: a a b - - b 2 4 7 7 2 4 7 7 b b 2 5 2 5 9 . 7 1 8 3 . 2 1 3 4 . 2 1 4 . 8 2 5 9 . 7 9 . 7 9 . 7 2 5 2 5 a - - a 1 4 . 8 1 4 . 8 2 5 1 4 . 8 t s m a x t o t l ( r a m p - u p r a t e ) 3 c / s e c o n d m a x . p r e he a t t e m pe r a t u r e m i n . ( t s m i n . ) t e m pe r a t u r e t y p i c a l ( t s t y p . ) t e m pe r a t u r e m a x . ( t s m a x . ) t i m e ( t s ) 1 5 0 c 1 7 5 c 2 0 0 c 6 0 ~ 1 80 s e c o nd s r a m p - u p r a t e ( t l t o t p ) 3 c / s e c o n d m a x . t i m e m a i n t a i n ed a b o v e : -- t e m p e r a t u r e ( t l )/ t i m e ( t l ) 2 1 7 c / 60 ~ 1 50 s e c o n d s p e a k t e m p e r a t u r e ( t p ) 2 5 0 c m a x . f o r 1 0 s e c o n d s t a r g e t p e ak t e m p e r a t u r e ( t p t a r g e t ) 2 5 0 c + 0 / - 5 c t i m e w i t h i n 5 c o f a c t ua l p e ak ( t p ) 2 0 ~ 4 0 s e c o n d s r a m p - d o w n r a t e 6 c / s e c o n d m a x . tu n e 2 5 c t o p e a k t e m p e r a t u r e ( t ) 8 m i n u t e s m a x . 15 pcs/tray aocjy series smd oven controlled crystal oscillator 30 3 3 2 e s p e r an z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 92 6 8 8 t e l 949-546-80 0 0 | f a x 949 - 546-8 0 0 1 | w w w . a b r a c o n . c o m revised: 12.01.10 visit www.abracon.com for terms & conditions of sale abracon is ce r tified abracon is iso9001:2008 ce r tified attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automotive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information.


▲Up To Search▲   

 
Price & Availability of AOCJYA-40000MHZ-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X